Part Number Hot Search : 
1MC04030 BB729S SMCJ11C R4000 EPA4017G ADUM1286 LBS70A40 AN509
Product Description
Full Text Search
 

To Download VP553 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : EN5350A
Wideband Output Module (Video Pack)
VP553
CRT Display Video Output Amplifier
Features
* Active load circuits * Wide bandwidth and high output voltage. Optimal for use in fH (horizontal deflection frequency) = 90 kHz class ultrahigh precision monitors. * Single 15-pin SIP molded package houses three channels.
Package Dimensions
unit: mm
2127A
[VP553]
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Maximum supply voltage Allowable power dissipation Maximum junction temperature Maximum case temperature Storage temperature Symbol VCC max Pd max Tj max Tc max Tstg With an ideal heat sink at Ta = 25C Conditions Ratings 90 25 150 100 -20 to +110 Unit V W C C C
Operating Conditions at Ta = 25C
Parameter Recommended supply voltage Symbol VCC Conditions Ratings 80 Unit V
Electrical Characteristics at Ta = 25C (For a single channel, with Rin = 680 , Rip = 22 , Cip = 56 pF)
Parameter Clock frequency bandwidth (-3 dB) Frequency bandwidth (-3 dB) Pulse response Voltage gain Symbol f (clock) fc tr tf VG (DC) ICC(1) Current drain ICC(2) VCC = 80 V, VIN (DC) = 2.0 V, f = 10 MHz clock, CL = 10 pF, VOUT (p-p) = 40 V VCC = 80 V, VIN (DC) = 2.0 V, f = 100 MHz clock, CL = 10 pF, VOUT (p-p) = 40 V Conditions VCC = 80 V, CL = 10 pF VIN (DC) = 2.0 V, VOUT (p-p) = 40 V VCC = 80 V, CL = 10 pF VIN (DC) = 2.0 V, VOUT (p-p) = 40 V 13 Ratings min typ 160 80 4.8 4.5 15 32 75 17 max Unit MHz MHz ns ns Double mA mA
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
13097HA (OT) No. 5350-1/5
VP553 Internal Equivalent Circuit
Test Circuit (for a single channel)
No. 5350-2/5
VP553
Thermal Design Thermal design requires that the two conditions Tj (max) 150C and Tc 100C be met. (a) Concerning Tj (max), the chip temperature Tj for each transistor is given by equation (1). Tj = (Tri) = j-c (Tri) x PC (Tri) + Tc + Ta (C) ................................................(1) j-c (Tri): The thermal resistance of each transistor chip itself PC (Tri): The collector loss for each transistor Tc: Increase in the case temperature Ta: Ambient temperature j-c (Tri) for each chip will be: j-c (Tr1) to (Tr4) = 35C/W ................................................................................(2) The loss in transistors in a video pack varies with frequency. The loss increases with the frequency. For example, if the maximum frequency will be 100 MHz (clock), then the transistors with the largest losses will be transistors 3 and 4 in the emitter-follower (EF) stage. From the Pd - f (clock) figure, we see that that loss will be 25% of the total for a single channel. That is: PC (EF stage) f = 100 MHz = Pd (1ch) f = 100 MHz x 0.25 [W]..................................(3) The thermal design must assure that Tj does not exceed 150C at this time. (b) Concerning Tc (max), the relationship between h and Tc is: Tc = Pd (total) x h .............................................................................................(4) Taking the increase due to Ta into account, the condition the thermal design must meet becomes Tc = Tc + Ta < 100C. Next we design thermal conditions for the VP553 that meet the conditions in sections (a) and (b) above.
No. 5350-3/5
VP553 Sample Thermal Design for the VP553 Conditions: For an fH = 90 kHz class monitor, fV = 100 MHz (clock). VCC = 80 V, VOUT = 40 Vp-p (CL = 10 pF) Here we consider the case where such a monitor is to be operated at ambient temperatures up to Ta = 60C and at a maximum frequency of f = 100 MHz (clock). As mentioned previously, the chips with the maximum loss will be transistors 3 and 4 in the emitter-follower stage. Equation (5) follows from deriving that value from the figure below and equation (3). PC (Tr3, 4)f = 100 MHz = 6.2 x 0.25 1.55 [W] ......................................................(5) However, the actual usage conditions include a blanking period. If we calculate the power during this period approximately at a 1-MHz power ratio, from Pd - f (clock) and PC (Tri)Ratio - f (clock) figures, we see that PC (BLK) for transistors 3 and 4 will be: PC BLK (Tr3, 4) = 2.2 x 0.08 = 0.18 [W]..............................................................(6) If the blanking period is 20% of the total, from the data of equation (5) and formula (6) we see that the loss in transistors 3 and 4 will be: PC (Tr3, 4) = PC (Tr3, 4) f = 100 MHz x 0.8 + PCBLK (Tr3, 4) x 0.2 1.28 [W] ...(7) Next, applying the value of j-c to equation (7), shows Tj to be: Tj = 1.28 x 35 45 [C] Since Tj 50C, it suffices to only consider the Tc 100C condition in the thermal design. That is, in the thermal design we design h so that Tc will be under 100C when Pd (total) = Pd (1ch) x 3 for the time when all three channels are operating at their maximum levels. Tc will be: Tc = 100 - 60 = 40C h = Tc / Pd (total) = 40 / {(6.2 x 0.8 + 2.2 x 0.2) x 3} = 2.5 Thus: h = 2.5C/W In actual use, due to the actual ambient temperature, the operating conditions, and other factors, it will be possible to use a heat sink smaller than the one required by the above design. Users should design an optimal heat sink using the data presented above and their actual conditions.
VCC (V) 80
VOUT (V) 40
VO (center) 40
No. 5350-4/5
VP553
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. s Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of January, 1997. Specifications and information herein are subject to change without notice. No. 5350-5/5


▲Up To Search▲   

 
Price & Availability of VP553

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X