Part Number Hot Search : 
44100 MTD5010N 71MP35 A103M N70A15 A8187SLT 3PMT11A TPSMA30
Product Description
Full Text Search
 

To Download VP310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VP310
Satellite Channel Decoder Preliminary Information
SHORTFORM TECHNICAL MANUAL DS5155 -1.00 21/04/99
Ordering Information VP310 - Key Features
VP310 CG GQ1R
* Conforms to EBU specification for DVB-S and DirecTV specification for DSS. * On-chip digital filtering supports 1 to 45MBaud Symbol rates. * On-chip 6-bit 60 or 90MHz dual-ADC. * High speed scanning mode for blind symbol rate and code rate acquisition. * Up to 15MHz LNB frequency tracking. * Fully digital timing and phase recovery loops. * High level software interface for minimum development time. * DiSEqCTM v1.1: control outputs for full control of LNB and dish.
Applications
* DVB 1 to 45MBaud compliant satellite receivers. * DSS 20MBaud compliant satellite receivers. * SCPC receivers. (Single Channel Per Carrier) * SMATV trans-modulators. (Single Master Antenna TV) * LMDS. (Local Multipoint Distribution Service) * Satellite PC applications.
The VP310 is a QPSK/BPSK 1 to 45MBaud demodulator and channel decoder for digital satellite television transmissions to the European Broadcast Union ETS 300 421 specification. It receives analog I and Q signals from the tuner, digitises and digitally demodulates this signal, and implements the complete DVB/DSS FEC (Forward Error Correction), and de-scrambling function. The output is in the form of MPEG2 or DSS transport stream data packets. The VP310 also provides automatic gain control to the RF front-end devices. The VP310 has a serial IC port interface to the control microprocessor. Minimal software is required to control the VP310 because of the built in automatic search and decode control functions.
VP310
PRELIMINARY DATA
Overview
The VP310 is a QPSK/BPSK 1 to 45MBaud demodulator and channel decoder for digital satellite television transmissions compliant to both DVB-S and DSS standards and other systems, such as LMDS, that use the same architecture. A Command Driven Control (CDC) system is provided making the VP310 very simple to program. After the tuner has been programmed to the required frequency, to acquire a DVB transmission, the VP310 requires a minimum of five registers to be written, see Figure 15 on page 19. Activity flow diagrams for initialisation and basic channel change are included in section 2. The VP310 provides a monitor of Bit Error Rate after the QPSK module and also after the Viterbi module. For receiver installation, a high speed scan or `blind search' mode is available. This allows all signals from a given satellite to be evaluated for frequency, symbol rate and convolutional coding scheme.
I I/P Dual ADC Q I/P De-rotator Decimation Filteriing
Timing recovery Matched filter Phase recovery
DVB DSS FEC
MPEG/ DSS Packets
Analog AGC control
Clock Generation
Acquisition Control
IC Interface
Bus I/O
Figure 1. VP310 Functional Block Diagram.
2
VP310 Additional Features * IC bus microprocessor interface. * All digital clock and carrier recovery. * On-chip PLL clock generation using low cost 10 to 15MHz crystal. * 3.3V operation. * 80 pin MQFP package. * Low external component count. * Commercial temperature range 0 to 70C.
Demodulator
PRELIMINARY DATA
* BPSK or QPSK programmable. * Optional fast acquisition mode for low symbol rates.
Viterbi
* Programmable decoder rates 1/2, 2/3, 3/4, 5/6, 6/7, 7/8. * Constraint length k=7. * Trace back depth 128. * Extensive SNR and BER monitors.
De-Interleaver
* Compliant with DVB and DSS standards.
Reed Solomon
* (204, 188) for DVB and (146,130) for DSS. * Reed Solomon Bit-error-rate monitor to indicate Viterbi performance.
De-Scrambler
* EBU specification De-scrambler for DVB mode.
Outputs
* MPEG transport parallel & serial output. * Integrated MPEG2 TEI bit processing for DVB only.
Application Support
* Channel decoder system evaluation board. * IC interface board to PC. * Windows based evaluation software. * ANSI C generic software. * Application support help desk via email/telephone. 3
VP310
PRELIMINARY DATA
PLEASE NOTE: This manual has the following convention: All numerical values are shown as decimal numbers, unless otherwise defined.
1. FUNCTIONAL DESCRIPTION
1.1 Introduction
VP310 is a single-chip variable rate digital QPSK/BPSK satellite demodulator and channel decoder. The VP310 accepts base-band in-phase and quadrature analog signals and delivers an MPEG or DSS packet data stream. Digital filtering in VP310 removes the need for any external anti-alias filtering for all symbol rates from 1 to 45Mbaud. Frequency, timing and carrier phase recovery are all digital and the only feed-back to the analog front-end is for automatic gain control. The digital phase recovery loop enables very fine bandwidth control that is needed to overcome performance degradation due to phase and thermal noise. All acquisition algorithms are built into the VP310 controller. The VP310 can be operated in a Command Driven Control (CDC) mode by specifying the Symbol rate and Viterbi code rate. There is also a provision for a search for unknown Symbol rates and Viterbi code rates.
1.2 Analog-to-Digital Converter
The VP310 contains dual 6-bit A/D converters which each sample a 1.0Vpp single-ended analog input at up to 90MHz. The fixed rate sampling clock is provided on-chip using a programmable PLL needing only a low cost 10 to 15MHz crystal. Different crystal frequencies can be combined with different PLL ratios, depending on the maximum symbol rate, allowing a flexible approach to clock generation.
1.3 QPSK Demodulator
The demodulator in the VP310 consists of signal amplitude offset compensation, frequency offset compensation, decimation filtering, carrier recovery, symbol recovery and matched filtering. The decimation filters give continuous operation from 2Mbits/s to 90Mbits/s allowing one receiver to cover the needs of the consumer market as well as the single carrier per channel (SCPC) market with the same components without compromising performance, that is, the channel reception is within 0.5dB from theory. For a given Symbol rate, control algorithms on the chip detect the number of decimation stages needed and switch them in automatically. The frequency offset compensation circuitry is capable of tracking out up to 15MHz frequency offset. This allows the system to cope with relatively large frequency uncertainties introduced by the Low Noise Block (LNB). Full control of the LNB is provided by the DiSEqC outputs from the VP310. Horizontal / Vertical polarisation and an instruction modulated 22kHz signal are available under register control. All DiSEqC v1.1 functions are implemented on the VP310.
4
VP310
PRELIMINARY DATA
An internal state machine that handles all the demodulator functions controls the signal tracking and acquisition. Various pre-set modes are available as well as blind acquisition where the receiver has no prior knowledge of the received signal. Fast acquisition algorithms have been provided for low Symbol rate applications. Full interactive control of the acquisition function is possible for debug purposes. In the event of a signal fade or a cycle slip, QPSK demodulator allows sufficient time for the FEC to re-acquire lock, for example, via a phase rotation in the Viterbi decoder. This is to minimise the loss of signal due to the signal fade. Only if the FEC fails to re-acquire lock for a long period (which is programmable) would QPSK try to re-acquire the signal. The matched filter is a root-raised-cosine filter with either 0.20 or 0.35 roll-off, compliant with DSS and DVB standards. Although not a part of the DVB standard, VP310 allows a roll-off of 0.20 to be used with other DVB parameters. An AGC signal is provided to control the signal levels in the tuner section of the receiver and ensure the signal level fed to the VP310 is set at an optimal value under all reception conditions. The VP310 provides comprehensive information on the input signal and the state of the various parts of the device. This information includes Signal to Noise Ratio (SNR), signal level, AGC lock, timing and carrier lock signals. A maskable interrupt output is available to inform the host controller when events occur.
1.4 Forward Error Correction
The VP310 contains FEC blocks to enable error correction for DVB-S and DSS transmissions. The Viterbi decoder block can decode the convolutional code with rates 1/2, 2/3, 3/4, 5/6, 6/7 or 7/8. The block features automatic synchronisation and automatic code rate detection. The trace back depth of 128 provides better performance at high code rates and the built-in synchronisation algorithm allows the Viterbi decoder to lock onto signals with very poor signal-to-noise ratios. Viterbi bit error rate monitor provides an indication of the error rate at QPSK output. The 24-bit error count register in the Viterbi decoder allows the bit error rate at the output of the QPSK demodulator to be monitored. The 24-bit bit error count register in the Reed-Solomon decoder allows the Viterbi output bit error rate to be monitored. The 16-bit uncorrectable packet counter yields information about the output packet error rate. These three monitors and the QPSK SNR register allows the performance of the device and its individual components, such as the QPSK demodulator and the Viterbi decoder, to be monitored extensively by the external microprocessor. The frame/byte align block features a sophisticated synchronisation algorithm to ensure reliable recovery of DVB and DSS framed data streams under worst case signal conditions. The deinterleaver uses on-chip RAM and is compatible with the DVB and DSS algorithms. The Reed-Solomon decoder is a truncated version of the (255, 239) code. The code block size is 204 for DVB and 146 for DSS. The decoder provides a count of the number of uncorrectable blocks as well as the number of bit errors corrected. The latter gives an indication of the bit error rate at the output of the Viterbi decoder.
5
VP310
PRELIMINARY DATA
In DVB mode, spectrum de-scrambling is performed compatible with the DVB specification. The final output is a parallel or serial transport data stream; packet sync; data clock; and a block error signal. The data clock may be inverted under software control.
1.4.1.1 Viterbi error count measurement
A method of estimating the bit error rate at the output of the QPSK block has been provided in the Viterbi decoder. The incoming data bit stream is delayed and compared with the re-encoded and punctured version of the decoded bit stream to obtain a count of errors see Figure 2 below.
DATA BIT STREAM
VITERBI DECODER
VITERBI ENCODER
DELAY
COMP ERROR COUNT
Figure 2. Viterbi block diagram.
The measurement system has a programmable register to determine the number of data bits (the error count period) over which the count is being recorded. A read register indicates the error count result and an interrupt can be generated to inform the host microprocessor that a new count is available. The VIT_ERRPER H-M-L group of three registers is programmed with required number of data bits (the error count period) (VIT_ERRPER[23:0]). The actual value is four times VIT_ERRPER[23:0]. The count of errors found during this period is loaded by the VP310 into the VIT_ERRCNT H-M-L trio of registers when the bit count VIT_ERRPER[23:0] is reached. At the same time an interrupt is generated on the IRQ line. Setting the IE_FEC[2] bit in the IE_FEC register enables the interrupt. Reading the register does not clear VIT_ERRCNT [23:0], it is only loaded with the error count.
6
VP310
ERROR COUNT VIT_ERRCNT[23:0]
PRELIMINARY DATA
0 0 VIT_ERRPER[23:0] DATA BITS
IRQ
Figure 3. Viterbi error count measurement.
Figure 3 above shows the bit errors rising until the maximum programmed value of VIT_ERRPER[23:0] is reached, when an interrupt is generated on the IRQ line to advise the host microprocessor that a new value of bit error count has been loaded into the VIT_ERRCNT[23:0] register. The IRQ line will go high when the IE_FEC register is read by the host microprocessor. VIT_ERRCNT[23:0] VIT_ERRPER[23:0] The error count may be expressed as a ratio: VIT_ERRCNT[23:0] VIT_ERRPER[23:0] * 4
1.4.1.2 Viterbi error count coarse indication
To assist in the process of aligning the receiver dish aerial, a coarse indication of the number of bit errors being received can be provided by monitoring the STATUS line with the following set up conditions. The frequency of the output waveform will be a function of the bit error count (triggering the maximum value programmed into the VIT_MAXERR[7:0] register and the dish alignment on the satellite. This VIT_MAXERR mode is enabled by setting the FEC_STAT_EN register bit B0. Figure 4 on page 8 shows the bit errors rising to the maximum value programmed and triggering a change of state on the STATUS line. The output signal will be in the audio frequency range.
7
VP310
VITERBI COURSE BIT ERROR COUNT
PRELIMINARY DATA
VIT_MAXERR[7:0]
0 0 DATA BITS
STATUS
Figure 4. Viterbi error count coarse indication.
1.4.2 The Frame Alignment block
The frame alignment algorithm detects a sequence of correctly spaced synchronising bytes in the Viterbi decoded bit-stream and arranges the input into blocks of data bytes. Each block consists of 204 bytes for DVB and 147 bytes for DSS. In the DSS mode, the synchronising byte is removed from the data stream, so only 146 bytes of a block are passed to the next stage. The frame alignment block also removes the 180 phase ambiguity not removed by Viterbi decoder.
1.4.3 The De-interleaver block 1.4.3.1 DVB
Before transmission, the data bytes are interleaved with each other in a cyclic pattern of twelve. This ensures the bytes are spaced out to avoid the possibility of a noise spike corrupting a group of consecutive message bytes. The diagram below shows conceptually how the convolutional deinterleaving system works. The synchronisation byte is always loaded into the First-In-First-Out (FIFO) memory in branch 0. The switch is operated at regular byte intervals to insert successively received bytes into successive branches. After 12 bytes have been received, byte 13 is written next to the synchronisation byte in branch 0, etc. In the VP310, this de-interleaving function is realised using on-chip Random Access Memory (RAM).
8
VP310
0 one byte per position 1 17x10 bytes 2 17x9 bytes 3 17x8 bytes 4 17x7 bytes 5 17x6 bytes 6 17x5 bytes 7 17x4 bytes 8 Sync word route 17x11 bytes
PRELIMINARY DATA
0 1 2 3 4 5 6 7 8 17x3 bytes 9 17x2 bytes 10 17x1 11 11 10 9
Figure 5. DVB Conceptual diagram of the convolutional de-interleaver block.
1.4.3.2 DSS
Before transmission, the data bytes are interleaved with each other in a cyclic pattern of thirteen. This ensures the bytes are spaced out to avoid the possibility of a noise spike corrupting a group of consecutive message bytes. The diagram below shows conceptually how the convolutional deinterleaving system works. On the VP310, this function is realised in the same Random Access Memory (RAM) as used for DVB, but utilising different addressing algorithm.
Output
145 0 2 1
Input 12D 12D 12D
Figure 6. DSS Conceptual diagram of the convolutional de-interleaver block.
9
VP310 1.4.4 The Reed Solomon Decoder block
PRELIMINARY DATA
DVB and DSS data are encoded using shortened versions of the Reed-Solomon code of block length 255, containing 239 message bytes and 16 check bytes, that is (255,239) with T = 8. Both encoders use the same generator polynomial. The code block size for DVB is 204 and that for DSS is 146. Hence DVB code is (204, 188) and DSS code is (146, 130), with both having T = 8. The block structure of the DVB and DSS Reed-Solomon codes are as shown in Figure 7 and Figure 8 on page 10. The Reed-Solomon decoder can correct up to eight byte errors per packet. If there are more than 8 bytes containing errors, the packet is flagged as uncorrectable using the pin BKERR. In the case of DVB the transport error indicator (TEI) bit of the MPEG packet is set to 1, if setting of TEI is enabled.
Sync byte
187 bytes Reed Solomon encoded block
16 check bytes
Sync byte
187 bytes MPEG transport packet
Figure 7. DVB block structure.
130 bytes Reed Solomon encoded block
16 check bytes
130 bytes DSS transport packet
Figure 8. DSS block structure.
10
VP310
PRELIMINARY DATA
1.4.5 The Energy Dispersal (de-scrambler) block, DVB only
Before Reed Solomon encoding in the DVB transmission system, the MPEG2 data stream is randomised using the configuration shown in Figure 9 below. This is a Pseudo Random Binary Sequence (PRBS) generator, with the polynomial: 1 + X14 + X15 The PRBS registers are loaded with the initialisation sequence as shown, at the start of the first transport packet in a group of eight packets. This point is indicated by the inverted sync byte B8hex. The normal DVB sync byte is 47hex. The data starting with the first byte after the sync byte is randomised by exclusive-ORing data bits with the PRBS. (The sync bytes themselves are not randomised). In the decoder, the process of de-randomising or de-scrambling the data is exactly the same as described above. The de-scrambler also inverts the sync byte B8hex so that all MPEG output packets have the same synch byte 47hex.
Initialisation sequence 1 0 1 0 0 6 7 8 9 10
1 1
0 2
0 3
1 4
0 5
0 11
0
0
0 14
0 15
12 13
XOR
Figure 9. DVB Energy dispersal conceptual diagram.
1.4.6 Output stage
Transport stream can be output in a byte-serial or bit-serial mode. The output interface consists of an 8-bit output, output clock, a packet validation level, a packet start pulse and a block error indicator. The output clock rate depends on the Symbol rate, QPSK/BPSK choice, convolutional (Viterbi) coding rate, DVB/DSS choice and byte-parallel or bit-serial output mode. This rate is computed by VP310 to be very close to the minimum required to output packet data without packet overlap. Furthermore, the packets at the output of VP310 are as evenly spaced as possible to minimise packet position movement in the transport layer. The maximum movement in the packet synchronisation byte position is limited to one output clock period.
11
VP310 1.5 Control
PRELIMINARY DATA
Automatic Symbol Rate Search, Code Rate Search, Signal Acquisition and Signal Tracking algorithms are built into the VP310 using a sophisticated on-chip controller. The software interaction with the device is via a simple Command Driven Control (CDC) interface. This CDC maps high level inputs such as symbol rates in MBaud and frequencies in MHz, to low level onchip register settings. The on-chip control state machine and the CDC significantly reduces the software overhead as well as the channel search times. There is also an option for the host processor to by-pass both the CDC as well as the on-chip controller and take direct control of the QPSK demodulator.
High level input/output (MBaud, MHz) Command Driven Control VP310 format registers Acquistion/ Track State machine QPSK
Low level register read/write
Figure 10. VP310 Control Structure.
Once the VP310 has locked up, any frequency offset can be read from the LNB_FREQ error registers 7 and 8. The frequency synthesiser under the software control can be re-tuned in frequency to optimise the received signal within the SAW bandwidth. Note that VP310 compensates for any frequency offsets before QPSK demodulation. Hence a frequency offset will not necessarily lead to a performance loss. Performance loss will occur only if part of the signal is cut off by the SAW or base-band filter, due to this frequency offset. This will happen only if the symbol rate is close to maximum supported by that filter. In such an event it is recommended that front-end be re-tuned to neutralise this error before the SAW filter. It is then necessary for the VP310 to re-acquire the signal. The VP310 can generate control signals to enable full control of the dish and LNB. The chip implements the signals needed for the full DiSEqC v1.1 specification. This includes high/low band selection, polarisation and dish position. The microprocessor interface is via the primary IC bus. The tuner control from the VP310 is via either IC bus or 3-wire bus, recreated on the General Purpose Port (GPP).
1.5.1 Known Symbol Rate and Code Rate mode
In this mode, the Symbol rate in MBaud and Viterbi code rate are the only values needed to start the VP310 searching for the signal. The CDC module maps the high level parameters into the various low level register settings needed to acquire and track the signal. The low level registers may be read and directly modified to suit very specific requirements. However, this is not recommended.
12
VP310 1.5.2 Symbol Rate and Code Rate Search mode
PRELIMINARY DATA
Where the Symbol rate and/or the Viterbi code rate are unknown, the VP310 can be programmed to search for QPSK/BPSK signals. The user should define the range(s) over which the search is required. The VP310 will then locate and track any signal detected. Failure to find a QPSK signal specified frequency and specified symbol rate ranges will be indicated by interrupts. VP310 will carry on searching these ranges after issuing these interrupts. When the VP310 has locked onto a signal, the Symbol rate in MBaud may be read from the MONITOR registers. The Viterbi code rate may be read from the FEC_STATUS register. This search facility is primarily for the initial installation of a set top box.
1.6 Applications Information 1.6.1 IF conversion
The VP310 has been designed for maximum flexibility in the satellite application and many options are available. The diagram shown below employs a single conversion system with an IF of 480MHz. The SAW filter is selected for the maximum data rate expected and a SAW resonator is used with the I/Q down converter to mix the input down to baseband I and Q channels for the VP310 to digitise. The fixed sampling frequency of the VP310 is selected to be either 90MHz or 60 MHz depending on the maximum Symbol rate the application must work with. The sample rate must be greater than or equal to twice the Symbol rate. For a table showing SAW bandwidth versus Symbol rate.
AGC control AGC control I I/P Q I/P
RF I/P A G C
AMP
I/P filter
Tuner SL2017
SAW filter
I/Q Downconverter SL1720
Tank
SAW Resonator
Channel Decoder VP310
Transport stream O/P
IC control
Synthesiser SP5769
IC bus control
Figure 11. Single Conversion System Diagram.
13
VP310 1.6.2 Direct conversion
PRELIMINARY DATA
Figure 12 below shows a direct conversion system that mixes the L-band input to the tuner directly down to I and Q baseband channels at zero intermediate frequency. The RF AGC amp and tracking filter provide the required tuner noise figure and limit the total power reaching the SL1925. These elements also give isolation between the SL1925 local oscillator and the L-band tuner input. This is an important factor since both signals are at the same frequency. The baseband filter is an anti-alias filter. This replaces the filtering normally carried out with a SAW filter in conventional single conversion tuners. It is important to note that all the channel filtering needed to isolate low Baud rate signals is contained within the VP310. The low pass filter before VP310 is designed not to filter channels, but to minimise any aliasing due to sampling. To illustrate this, let the sampling frequency be 90 MHz and the maximum symbol rate be 45 MBaud. The bandwidth of the 45 MBaud QPSK signal, with 0.35 roll-off, is about 60 MHz. If the channel has been mapped precisely to base-band, the pass-band of the low pass filter should extend up to 30 MHz. However, it is preferable to make this bandwidth larger by about 5 MHz, partly to reduce the in-band phase distortion introduced by the filter and partly to reduce the loss of signal due to LNB offset. The filter must attenuate signals beyond 60 MHz by about 30 dB, as these signal will alias to the useful frequency range with 90 MHz sampling. Although the system is designed for 45 MBaud, if the actual symbol rate is much lower, say 1 MBaud, then VP310 will automatically introduce all the digital filtering needed to isolate the 1 MBaud signal.
AGC control
RF I/P
AGC AMP SL1914
Direct Conversion Tuner SL1925
I Q
I I/P
Low pass Filter
Q I/P
Channel Decoder VP310
Transport stream O/P
Tank
IC control
Synthesiser SP5655/ SP5769
IC bus control
Figure 12. Direct Conversion System Diagram.
14
VP310
PRELIMINARY DATA
2. VP310 software control
This section describes the sequences of register operations needed to acquire DVB and DSS channels with known or unknown parameters. Communication with the VP310 is via a standard IC bus and the first byte following the chip address, in write mode, is the register address (RADD). The register map is organised to group important Read registers at the lowest addresses, then the main control Write registers in the next block of addresses. The first register to be written must be the Configuration register, which has been placed at the highest register address, because it is only written once during the initialisation sequence. The CONFIG register can only be reset by the hardware reset. The VP310 is held in a power saving mode following the hardware reset. After a hardware reset, the VP310 must be taken out of the power save mode by writing a one to the MSB of the CONFIG register. When VP310 is not being used it can be put back into the power save mode by writing a zero to the MSB of CONFIG.
2.1 Initialisation sequence
VP310 will be in the power save mode after a hardware reset. The first command to be written must be to the CONFIGURATION register at address 127. After loading this register, wait 150s before writing to the RESET register. During this wait, the tuner can programmed to the required channel frequency via the General Purpose Port (register 20). Next write 128 to the RESET register (21) to reset the VP310 state machine and all parameter registers to the default settings. The default settings of the VP310 assumes a Gain Control Amplifier with a negative gain Vs voltage slope, i.e. the gain increases with decreasing voltage. However, if this slope is positive, the polarity of the AGC control signal can be inverted by programming 1 to bit B0 of the AGC_CTRL register, i.e. by changing the default AGC_CTRL setting from 38 to 39. It is best to do this immediately after writing 128 to the RESET register. Then the AGC loop can settle whilst the other registers of VP310 are programmed. Note that the initial value, minimum value and the maximum value of the AGC control voltage can also be programmed using the corresponding VP310 registers. After this, the LNB controls are defined, in register (22) DISEQC_MODE. The signal parameters should then be written to the VP310. The symbol rate (registers 23 & 25 SYM_RATE) may be specified within 2% of the required value, absolute precision is not required to achieve successful lock and tracking. If the symbol rate is unknown, a search mode is available.
15
VP310
PRELIMINARY DATA
Selecting the correct bit of register (25) VIT_MODE, if known, programs the convolutional code rate. If the code rate is unknown, some or all of the bits of VIT_MODE may be set to force the VP310 to search for the code rate. Finally, the VP310 is given a GO command, register (27) GO = 1, to release the state machine and to start the signal acquisition sequence. This is summarised as an example in the following flow diagram.
16
VP310
Enable VP310 : Program CONFIG Reg 127 = 136 (88hex)
PRELIMINARY DATA
Program tuner via GPP in 'pass through mode' open port with Reg 20 = 64 (40hex) send TUNER DATA via I2C bus (5 bytes). close port with Reg 20 = 0
Reset VP310 to default register settings Reg 21 = 128 (80hex) Set AGC_SL (if required) Initialise registers: reg 49 = 50 (32hex); reg 86 = 20 (14hex); reg 87 = 18 (12hex); reg 88 = 2; reg 89 = 1; reg 90 = 0; reg 91 = 0; reg 92 = 0; reg 93 = 0.
DiSEqC mode eg Horizontal with 22kHz on: Reg 22 = 65 (41hex)
Signal input - Symbol rate eg 27.5 MBaud: Reg 23 = 27 (1Bhex) DEFAULT state Reg 24 = 128 (80hex) DEFAULT state
Viterbi code rate eg V_IQ swap not set, CR = 3/4: Reg 25 = 4 (4hex)
QPSK control eg DVB : roll-off = 0.35: Reg 26 = 0 DEFAULT state
GO Release reset state to start signal capture Reg 27 = 1
Figure 13. Initialisation sequence in DVB mode.
17
VP310 2.2 Spectral Inversion
PRELIMINARY DATA
Spectral inversion of the QPSK signal can be caused by the transmitter or the receiver front-end. In the latter case, this could happen due to the way I-Q conversion is carried out or because the I and Q wires are swapped between the I-Q converter and the VP310. If spectral inversion is caused by the receiver front-end, then this must be removed by swapping I and Q (within VP310) before QPSK demodulation, by setting Q_IQ_SP bit B6 of QPSK_CTRL register (26) to 1. If no spectral inversion is caused by the receiver front-end design, then bit B6 of QPSK_CTRL must always be held at zero. If the transmitted signal is known to be spectrally inverted, then V_IQ_SP bit B6 of the VIT_MODE register (25) must be set to 1. Then I and Q are swapped after QPSK demodulation. If the spectral inversion status of the transmitted signal is not known, then after QPSK has locked (i.e. QPSK_CT_LOCK = 1), the software must try to achieve FEC lock with the bit B6 of VIT_MODE register first at zero and then at one.
2.3 Simple channel change sequence
If the VP310 is running, to change channel keeping the same signal conditions, it is only necessary to change the tuner data and possibly the DiSEqC data. NO reset is necessary.
Program tuner via GPP in 'pass through mode' open port with Reg 20 = 64 (40hex) send TUNER DATA via I2C bus (5 bytes). close port with Reg 20 = 0
DiSEqC mode eg Vertical with 22kHz on: Reg 22 = 1 (01hex)
GO Re-acquire signal Reg 27 = 1
Figure 14. Simple channel change sequence.
18
VP310
PRELIMINARY DATA
2.4 Channel change sequence with a new symbol rate
If the VP310 is running, to change channel and Symbol rate but not Viterbi coding rate, change the tuner data and possibly the DiSEqC data and Symbol rate. NO reset is necessary.
Program tuner via GPP in 'pass through mode' open port with Reg 20 = 64 (40hex) send TUNER DATA via I2C bus (5 bytes). close port with Reg 20 = 0
DiSEqC mode eg Horizontal with 22kHz on: Reg 22 = 65 (41hex)
Signal input - Symbol rate eg 22.0 MBaud : Reg 23 = 22 (16hex) Reg 24 = 0
Viterbi code rate eg V_IQ swap not set, CR = 5/6: Reg 25 = 8 (8hex)
GO Re-acquire signal Reg 27 = 1
Figure 15. Channel change sequence with new Symbol rate, DVB mode.
19
VP310
PRELIMINARY DATA
2.5 Channel change sequence with Search mode
If the signal parameters are unknown, it is possible to instruct the VP310 to find a digital signal and report the parameters found. Registers 24 and 25 are programmed with the expected range(s) and the search mode bit SYM_RATE[B15] is set high. A code rate search is forced by programming more than one bit in VIT_MODE (26) register. Note: code rate 6/7 is not searched for DVB mode. If a signal with the specified symbol rate range (or ranges) is not found in the frequency range searched, a QPSK Baud End interrupt (Bit B6, QPSK_INT_L (2)) is issued.
Program tuner via GPP in 'pass through mode' open port with Reg 20 = 64 (40hex) send TUNER DATA via I2C bus (5 bytes). close port with Reg 20 = 0
DiSEqC mode eg Horizontal with 22kHz on: Reg 22 = 65 (41hex)
Signal input - Search mode eg for SYS_CLK=60MHz and 30 to 20 MBaud range: Reg 23 = 136 (88hex) Reg 24 = 0
Viterbi code rate search eg V_IQ swap not set: Reg 25 = 47 (2Fhex)
GO Re-acquire signal Reg 27 = 1
Figure 16. Channel change sequence with search mode, DVB mode.
20
VP310
PRELIMINARY DATA
When the VP310 QPSK section has locked to the signal, this is indicated in register (6) by QPSK_STAT H[B0] = 1. The symbol rate found can be read from registers (123 - 124) MONITOR, provided the register (103) MON_CTRL = 3. The tolerance of the result is 0.25%. The 14 MSBs of this result (discarding two LSBs) may be written as the 14 LSBs of the 16-bit register pair (23 and 24) SYM_RATE in the non-search mode for re-acquisition of the same channel. The FEC is locked to the signal, when the Byte Align lock in FEC_STATUS[B2] = 1. Then the code rate found can be read from FEC_STATUS[B6-4], see register 6 for details.
Program MONITOR to read Symbol rate MON_CTRL Reg 103 = 3
Read Symbol rate from MONITOR registers 123 & 124. Symbol rate = MONITOR_H/4 + MONITOR_L/1024 MBaud eg if MONITOR_H = 27 and MONITOR_L = 136 then Symbol rate = 27.53125 MBaud ie 27.5 MBaud 0.25%
Read code rate from FEC_STATUS[B6-4] register 6. eg if FEC_STATUS = 2C hex signal is locked and the code rate = 3/4
Figure 17. Results of Symbol rate and code rate search, DVB or DSS mode.
21
VP310 2.6 DSS mode of acquisition
PRELIMINARY DATA
This mode is very similar to the DVB mode, except that the Symbol rate is fixed at 20 MBaud. Two code rates are used: DSS-A uses 2/3 or DSS-B uses 6/7. These are programmed in the register (127) CONFIG. If the code rate is unknown, program both DSS-A and DSS-B to force the VP310 to do a code rate search. After changing the CONFIG register, a delay of 150s should be enforced before programming the RESET register. The Tuner may be programmed via the GPP during this delay period. Since both symbol rate and code rate are defined by programming the CONFIG register, the contents of registers (23-24) SYM_RATE and register (25) VIT_MODE are ignored in DSS mode.
Enable VP310 : Program CONFIG eg DSS-A Reg 127 = 166 (A8hex)
Program tuner via GPP in 'pass through mode' open port with Reg 20 = 64 (40hex) send TUNER DATA via I2C bus (5 bytes). close port with Reg 20 = 0 Reset VP310 to default register settings Reg 21 = 128 (80hex) Set AGC_SL (if required) Initialise registers: reg 25 = 16 (10hex); reg 49 = 50 (32 hex) ; reg 50 = 20 (14hex); reg 86 = 20 (14hex); reg 87 = 18 (12hex); reg 88 = 2; reg 89 = 1; reg 90 = 0; reg 91 = 0; reg 92 = 0; reg 93 = 0. DiSEqC mode eg Horizontal with 22kHz on: Reg 22 = 65 (41hex)
GO Re-acquire signal Reg 27 = 1
Figure 18. Initialisation sequence in DSS mode.
22
VP310 2.7 Signal and Performance Monitors
PRELIMINARY DATA
The LNB error frequency can be obtained from LNB_FREQ registers (7 - 8). Any LNB error may be removed by offsetting the LNB frequency and re-tuning the tuner by the indicated amount. However, note that VP310 compensates for this frequency error before QPSK demodulation. Hence it is not necessary to re-tune the front-end unless this LNB error causes a significant amount of signal energy to be lost due to anti-alias filtering. The tuner RF signal level indication can be obtained from AGC H and AGC M registers (108 - 109). VP310 input signal level indication can be obtained from SIG_LEV register (19). An indication of Signal to Noise Ratio (SNR) can be obtained from M_SNR registers (9 - 10) where a formula is given. This measurement is only intended as a guide to the SNR of the channel being received. It should not be taken as the absolute value of SNR. QPSK output Bit Error Rate is available by dividing the reading from VIT_ERRCNT registers (11 - 13) by the reading from VIT_ERRPER registers (83 - 85). Viterbi output Bit Error Rate is available by reading RS_BERCNT registers (14 - 16). Two readings are taken with a known time interval separating them. The first reading resets the counter at the start of the time period, so it is ignored. The Reed Solomon uncorrected block error count can be found from RS_UBC registers (17 - 18). This reading is related to the cycle slip performance of the tuner. The measurement technique is similar to that for the Viterbi Bit Error Rate above, two readings being taken over a defined time period. In this case the period will usually be very long, say 24 hours, to accumulate a reasonable count.
23
VP310
PRELIMINARY DATA
3. VP310 register map
RADD is a virtual register with no address containing the address of the register to be accessed. It is written immediately after the IC write address.
NAME RADD ADR N/A B7 IAI B6 AD6 B5 AD5 B4 AD4 B3 AD3 B2 AD2 B1 AD1 B0 AD0 DEF hex -
3.1 Write / Read register map
NAME GPP_CTRL RESET DISEQC_MODE SYM_RATE H SYM_RATE L VIT_MODE QPSK_CTRL GO IE_QPSK H IE_QPSK M IE_QPSK L IE_FEC QPSK_STAT_EN FEC_STAT_EN SYS_CLK DISEQC_RATIO DISEQC_INSTR FR_LIM FR_OFF AGC_CTRL AGC_REF OP_CTRL MON_CTRL CONFIG ADR 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 41 96 103 127 310_EN DSS_B Reserved Reserved Reserved B7 B6 B5 B4 GPP_DIR[2:0] PR_QP FR_VIT DISEQC instruction length SYM_RATE[7:0] in MBaud (low byte) Reserved V_IQ_SP CR 7/8 CR 6/7 Reserved IE_QPSK[23:16] Interrupt enable QPSK (high byte) IE_QPSK[15:8] Interrupt enable QPSK (middle byte) IE_QPSK [7:0] Interrupt enable QPSK (low byte) IE_FEC[7:0] Interrupt enable FEC QPSK_STAT_EN[7:0] Enable various QPSK outputs on STATUS pin FEC_STAT_EN[3:0] Enable various FEC outputs on STATUS pin SYS_CLK[7:0] - System clock frequency x2 in MHz DISEQC_RATIO[7:0] DISEQC Instruction [7:0] FR_LIM[6:0] - Freq. Limit in MHz FR_OFF[7:0] - Freq. Offset in MHz AGC_SD[1:0] BSO AGC_BW[2:0] AGC_SL AGC_REF[7:0] AGC reference level Reserved BKERIV MCLKIV EN_TEI DSS_A BPSK BA_LK[2:0] MON_CTRL[7:0] Monitor control PLL_FACTOR[1:0] CRYS15 ADCEXT CR 5/6 CR 3/4 CR 2/3 CR 1/2 GO B3 B2 B1 GPP_PIN[2:0] PR_VIT PR_BA 22kHz mode PR_DS B0 DEF hex 20 00 00 1B 80 44 00 00 00 00 00 00 04 00 00 00 30 00 26 67 33 00 08
Reserved I2C_PAS Reserved HV
FR_310 PR_310 FR_QP SEARCH Reserved
SYM_RATE[13:8] in MBaud (high byte)
Reserved Q_IQ_SP Reserved Reserved Reserved AFC_M Reserved ROLL_20 00
24
VP310 3.2 Read only register map
Writing to these registers will have no effect.
NAME QPSK_INT H QPSK_INT M QPSK_INT L FEC_INT QPSK_STAT H QPSK_STAT L FEC_STATUS LNB_FREQ H LNB_FREQ L M_SNR H M_SNR L VIT_ERRCNT H VIT_ERRCNT M VIT_ERRCNT L RS_BERCNT H RS_BERCNT M RS_BERCNT L RS_UBC H RS_UBC L SIG_LEVEL AGC H AGC M AGC L FREQ_ERR1 H FREQ_ERR1 M FREQ_ERR1 L FREQ_ERR2 H FREQ_ERR2 L ADR 00 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 108 109 110 111 112 113 114 115 Reserved B7 B6 B5 B4 B3
PRELIMINARY DATA
B2
B1
B0
DEF hex 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00 00
QPSK_INT[23:16] Interrupt QPSK (high byte) QPSK_INT [15:8] Interrupt QPSK (middle byte) QPSK_INT [7:0] Interrupt QPSK (low byte) FEC_INT[7:0] Interrupt FEC QPSK STATUS[15:8] (high byte) QPSK STATUS[7:0] (low byte) FEC STATUS[7:0] LNB_FREQ[15:8] Measured LNB frequency error (high byte) LNB_FREQ [7:0] Measured LNB frequency error (low byte) M_SNR[14:8] Measured SNR (high byte) M_SNR [7:0] Measured SNR (low byte) VIT_ERRCNT[23:16] - Viterbi error count (high byte) VIT_ERRCNT [15:8] - Viterbi error count (middle byte) VIT_ERRCNT [7:0] - Viterbi error count (low byte) RS_BERCNT [23:16] - Reed Solomon bit errors corrected (high byte) RS_BERCNT[15:8] - Reed Solomon bit errors corrected (middle byte) RS_BERCNT[7:0] - Reed Solomon bit errors corrected (low byte) RS_UBC [15:8] - Reed Solomon uncorrected block errors (high byte) RS_UBC[7:0] - Reed Solomon uncorrected block errors (low byte) SIG_LEVEL[11:4] - Signal level at VP310 input AGC[23:16] - Front end AGC (high byte) AGC[15:8] - Front end AGC (middle byte) AGC[7:0] - Front end AGC (low byte) FREQ_ERR1[23:16] Input frequency error course (high byte) FREQ_ERR1[15:8] Input frequency error course (middle byte) FREQ_ERR1[7:0] Input frequency error course (low byte) FREQ_ERR2[15:8] Input frequency error fine (high byte) FREQ_ERR2[7:0] Input frequency error fine (low byte) SYM_RAT_OP[15:8] Symbol Rate Output (high byte) SYM_RAT_OP [7:0] Symbol Rate Output (low byte) MONITOR[15:8] Monitor (high byte) MONITOR[7:0] Monitor (low byte)
SYM_RAT_OP H 116 SYM_RAT_OP L 117 MONITOR H MONITOR L 123 124
25
VP310
PRELIMINARY DATA
4. ELECTRICAL CHARACTERISTICS
4.1 Recommended operating conditions
Parameter Power supply voltage Power supply current Input clock frequency SCL clock frequency Ambient operating temperature Symbol VDD IDD XTI fSCL 0 9.99 Min. 3.0 Typ. 3.3 TBD 16.00 450 70 Max. 3.6 Units V mA MHz kHz C
Table 1. Recommended operating conditions.
Note 1. When not using a crystal, frequency range shown. XTI may be driven from an external source over the
4.2 Absolute maximum ratings
Parameter Power supply Voltage on input pins (5 v rated) Voltage on input pins (3.3v rated) Voltage on output pins (5v rated) Voltage on output pins (3.3v rated) Storage temperature Operating ambient temperature Junction temperature Symbol VDD VI VI VO VO TSTG TOP TJ Min. -0.3 -0.3 -0.3 -0.3 -0.3 -55 0 Max. +3.6 5.5 VDD + 0.3 5.5 VDD + 0.3 150 70 125 Unit V V V V V C C C
Table 2. Maximum operating conditions.
Note: Stresses exceeding these listed under absolute maximum ratings may induce failure. Exposure to absolute maximum ratings for extended periods may reduce reliability. Functionality at or above these conditions is not implied.
26
VP310 4.3 Crystal specification
Parallel resonant fundamental frequency (preferred) Tolerance over operating temperature range Tolerance overall Nominal load capacitance Equivalent series resistance
XTI 33pF GND XTO 33pF
PRELIMINARY DATA
9.99 to 16.00MHz. 25ppm. 50ppm. 30pF. <35
Figure 19. Crystal oscillator circuit.
NOTE: The crystal frequency should be chosen to ensure that the system clock would marginally exceed the maximum symbol rate required.
4.4 DC electrical characteristics
Parameter Operating voltage Average power supply current Average supply current Stand-by Mode Output levels VOH Tri-state push pull 1 mA drive current. IIN, QIN, CLKOUT, MDO, MOVAL, MOSTRT, MCLK, BKERRB, DISECQ, STATUS 1 mA drive current, Pins as VOH. 4 mA drive current. 6 mA drive current. AGC, SDA, IRQB, GPP<2:0> 3.3V input 5.0V input VIN = 0 and VDD VIH VIH VIL 0.8VDD 0.8VDD VOH 0.80VDD 0.92VDD Conditions / Pin Symbol VDD IDD Min. 3.0 Typ. 3.3 TBD TBD Max. 3.6 Unit V mA A V
Output levels VOL Tri-state push pull Output level open drain
VOL
0.2
0.4 0.4 0.6 5.5 3.6 5.5 0.2VDD 10
V V V V V V V A
Open drain output max. voltage Input levels VIH CMOS Input levels VIH CMOS Input levels VIL CMOS Input leakage Current
Table 3. DC electrical characteristics.
27
VP310 4.5 Numerical listing of pin-out
PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 FUNCTION VSS VDD IIN[1] IIN[0] QIN[5] QIN[4] QIN[3] QIN[2] VDD VSS QIN[1] QIN[0] VDD CLKIN VSS CLKOUT VDD XTI XTO VSS PIN 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 FUNCTION PLLVDD PLLGND PLL1 ADCFGND ADCFVDD VRT IREF ISINGP COMP ADCDVDD ADCDGND VRM QSINGP QREF VRB ADCAGND ADCAVDD RREF TEST1 TEST2 PIN 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 FUNCTION VSS VDD AGC GPP[0] (SCL2) GPP[1] (SDA2) GPP[2] DISEQC[1] DISEQC[0] RESET VDD VSS STATUS SCL SDA VDD VSS IRQ MCLK MDO[0] VSS
PRELIMINARY DATA
PIN 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80
FUNCTION MDO[1] VDD MDO[2] MDO[3] MDO[4] MDO[5] VDD MDO[6] MDO[7] VSS MDOEN MOVAL VDD VSS BKERR MOSTRT IIN[5] IIN[4] IIN[3] IIN[2]
Table 4. Numerical listing of pin-out.
28
VP310
PRELIMINARY DATA
5. APPENDIX 1: Application Schematic
Vdd Vdd L4
1u
C33
C14
+ C34 22u
100n
100n
16 14
23 22 21
12 11 8 7 6 5
4 3 80 79 78 77
IC1
VP310
58 59 61 63 64 65 66 68 69 71 72 75 76 MPEG
CLKOUT CLKIN
QIN0 QIN1 QIN2 QIN3 QIN4 QIN5
L2
1u
C25 C16 C23
24 25 26
100n
27 28
ADCFGnd ADCFVdd VRT
PLL1 PLLGnd PLLVdd
IIN0 IIN1 IIN2 IIN3 IIN4 IIN5
100n
IFLT
100n
IREF ISINGP
C18 L1
100n
C19
470n
29 30 31 32 COMP ADCDVdd ADCDGnd VRM
1u
C15
100n
C21 QFLT C22 L3
MCLK MDO0 MDO1 MDO2 MDO3 MDO4 MDO5 MDO6 MDO7 MDOENB MOVAL BKERRB MOSTRT
+5V R10 R11
4k7 4k7
R15 R12 C32 C31
4k7
4k7 1n 100n
100n
C20
470n
33 34 QSINGP QREF 57 54 53 52 49 48 47 STATUS RESETB DISECQ0 DISECQ1
100n
C17
100n
1u
C24 R1
35 36 37 38
IRQB R14 100 SDA1 SCL1 R13 100 C30 C29
VRB ADCAGnd ADCAVdd RREF GPP0/SCL OUT GPP1/SDA OUT GPP2
IRQB SDA SCL STATUS RESETB DISECQ0/22kHz DISECQ1/H/V
100n
1k2
100p
100p
+5V
C26 18 19 39 40 44 45 46 R6
1n
R3
390
XL1
XTIB XTO
43
AGC
TEST1 TEST2 R5
10k
10k
+5V
10MHz
AGC C13 R4
1k5
R2
100
C1 C2
R8
R9
1k0 4k7 33pF 33pF
R7 C28 C27
33n
1k0 1n 100n
SCL2 SDA2 GPP2 Vdd
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
Figure 20. Application Schematic.
29
http://www.mitelsemi.com
World Headquarters - Canada Tel: +1 (613) 592 2122 Fax: +1 (613) 592 6909 North America Tel: +1 (770) 486 0194 Fax: +1 (770) 631 8213 Asia/Pacific Tel: +65 333 6193 Fax: +65 333 6192 Europe, Middle East, and Africa (EMEA) Tel: +44 (0) 1793 518528 Fax: +44 (0) 1793 518581
Information relating to products and services furnished herein by Mitel Corporation or its subsidiaries (collectively "Mitel") is believed to be reliable. However, Mitel assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Mitel or licensed from third parties by Mitel, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Mitel, or non-Mitel furnished goods or services may infringe patents or other intellectual property rights owned by Mitel. This publication is issued to provide information only and (unless agreed by Mitel in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Mitel without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Mitel's conditions of sale which are available on request.
M Mitel (design) and ST-BUS are registered trademarks of MITEL Corporation Mitel Semiconductor is an ISO 9001 Registered Company Copyright 1999 MITEL Corporation All Rights Reserved Printed in CANADA TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of VP310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X