Part Number Hot Search : 
32100 PT150N16 EC3592R 2SD13 1C110D ZMM27HCD SL24T1G 2N6461
Product Description
Full Text Search
 

To Download VP0610L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TP0610L/T, VP0610L/T, BS250
Vishay Siliconix
P-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
Part Number
TP0610L TP0610T VP0610L VP0610T BS250
V(BR)DSS Min (V)
-60 -60 -60 -60 -45
rDS(on) Max (W)
10 @ VGS = -10 V 10 @ VGS = -10 V 10 @ VGS = -10 V 10 @ VGS = -10 V 14 @ VGS = -10 V
VGS(th) (V)
-1 to -2.4 -1 to -2.4 -1 to -3.5 -1 to -3.5 -1 to -3.5
ID (A)
-0.18 -0.12 -0.18 -0.12 -0.18
FEATURES
D D D D D High-Side Switching Low On-Resistance: 8 W Low Threshold: -1.9 V Fast Switching Speed: 16 ns Low Input Capacitance: 15 pF
BENEFITS
D D D D D Ease in Driving Switches Low Offset (Error) Voltage Low-Voltage Operation High-Speed Switching Easily Driven Without Buffer
APPLICATIONS
D Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Memories, Transistors, etc. D Battery Operated Systems D Power Supply, Converter Circuits D Motor Control
TO-226AA (TO-92)
S G 1
Device Marking Front View TP0610L "S" TP 0610L xxll
TO-92-18RM (TO-18 Lead Form)
D G 1 Device Marking Front View BS250 2 "S" BS 250 xxll "S" = Siliconix Logo xxll = Date Code G 1 3 S 2 D
TO-236 (SOT-23)
Marking Code: TP0610T: TOwll VP0610T: VOwll w = Week Code lL = Lot Traceability Top View TP0610T VP0610T
2
D
3 Top View TP0610L VP0610L
VP0610L "S" VP 0610L xxll
S
3 Top View BS250
"S" = Siliconix Logo xxll = Date Code
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C) Pulsed Drain Currenta Power Dissipation Thermal Resistance, Junction-to-Ambient Operating Junction and Storage Temperature Range Notes a. Pulse width limited by maximum junction temperature. For applications information see AN804. Document Number: 70209 S-41260--Rev. H, 05-Jul-04 www.vishay.com TA= 25_C TA= 100_C TA= 25_C TA= 100_C
Symbol
VDS VGS ID IDM PD RthJA TJ, Tstg
TP0610L
-60 "30 -0.18 -0.11 -0.8 0.8 0.32 156
TP0610T
-60 "30 -0.12 -0.07 -0.4 0.36 0.14 350
VP0610L
-60 "30 -0.18 -0.11 -0.8 0.8 0.32 156 -55 to 150
VP0610T
-60 "30 -0.12 -0.07 -0.4 0.36 0.14 350
BS250
-45 "25 -0.18
Unit
V
A 0.83 150
W _C/W _C
1
TP0610L/T, VP0610L/T, BS250
Vishay Siliconix
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
TP0610L/T VP0610L/T BS250
Parameter Static
Drain Source Drain-Source Breakdown Voltage Gate-Threshold Voltage
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
V(BR)DSS VGS(th)
VGS = 0 V, ID = -10 mA VGS = 0 V, ID = -100 mA VDS = VGS, ID = -1 mA VDS = 0 V, VGS = "20 V
-70
-60
-60 -45 V -3.5
-1.9
-1
-2.4 "10 "50
-1
-3.5 "10
-1
Gate-Body Leakage y g
IGSS
VDS = 0 V, VGS = "20 V, TJ = 125_C VDS = 0 V, VGS = "15 V VDS = -48 V, VGS = 0 V
nA "20 -1 -200 -0.5 m mA
-1 -200
Zero G Gate Voltage Drain Current
IDSS
VDS = -48 V, VGS = 0 V, TJ = 125_C VDS = -25 V, VGS = 0 V VDS = -10 V, VGS = -4.5 V -180 L Suffix T Suffix 11 L Suffix L Suffix T Suffix L Suffix T Suffix 8 15 6.5 20 90 -1.1 80 60 -750 -50
On-State Drain OS Currentb
ID(on)
VDS = -10 V VGS = -10 V 10 V, 10 VGS = -4.5 V, ID = -25 mA
-600 -220 25 10 20 10 10 20 10 14
mA
Drain-Source On-Resistanceb
rDS( ) DS(on)
VGS = -10 V, ID = -0.5 A VGS = -10 V, ID = -0.5 A, TJ = 125_C VGS = -10 V, ID = -0.2 A VDS = -10 V, ID = -0.5 A VDS = -10 V, ID = -0.1 A IS = -0.5 A, VGS = 0 V
W
Forward Transconductanceb Diode Forward Voltage
gf fs VSD
70
mS V
Dynamic
Input Capacitance Output Capacitance Reverse Transfer Capacitance Ciss Coss Crss VDS = -25 V, VGS = 0 V f = 1 MHz 15 10 3 60 25 5 60 25 5 pF
Switchingc
Turn-On Time Turn-Off Time tON tOFF VDD = -25 V, RL = 133 W 25 ID ^ -0.18 A, VGEN = -10 V, Rg = 25 W 8 8 10 10 ns
Notes a. For DESIGN AID ONLY, not subject to production testing. b. Pulse test: PW v300 ms duty cycle v2%. c. Switching time is essentially independent of operating temperature.
VPDS06
www.vishay.com
2
Document Number: 70209 S-41260--Rev. H, 05-Jul-04
TP0610L/T, VP0610L/T, BS250
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
1.0 VGS = 10 V 7V 0.8 I D - Drain Current (A) I D - Drain Current (mA) 8V 900 25_C 600 125_C 1200 TJ = -55_C
Transfer Characteristics
0.6
6V
0.4 5V 0.2 4V 0.0 0 1 2 3 4 5 VDS - Drain-to-Source Voltage (V)
300
0 0 2 4 6 8 10 VGS - Gate-to-Source Voltage (V) 40 VGS = 0 V
On-Resistance vs. Drain Current
20
Capacitance
r DS(on) - On-Resistance ( W )
16
VGS = 4.5 V C - Capacitance (pF)
32 Ciss 24
12 VGS = 5 V 8 VGS = 10 V
16 Coss 8 Crss
4
0 0 200 400 600 800 1000 ID - Drain Current (mA)
0 0 5 10 15 20 25
VDS - Drain-to-Source Voltage (V)
15 V GS - Gate-to-Source Voltage (V) ID = 500 mA 12
Gate Charge
1.8 1.5 VDS = 30 V rDS(on) - On-Resiistance (Normalized) VDS = 48 V 1.2 0.9 0.6 0.3 0.0 -50
On-Resistance vs. Junction Temperature
VGS = 10 V @ 500 mA
9
VGS = 4.5 V @ 25 mA
6
3
0 0.0
0.3
0.6
0.9
1.2
1.5
1.8
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Document Number: 70209 S-41260--Rev. H, 05-Jul-04
www.vishay.com
3
TP0610L/T, VP0610L/T, BS250
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
1000 VGS = 0 V r DS(on) - On-Resistance ( W ) 8 ID = 500 mA 10
On-Resistance vs. Gate-Source Voltage
I S - Source Current (A)
100 TJ = 125_C
6
4
10
TJ = 25_C TJ = -55_C
ID = 200 mA
2
1 0.00 0.3 0.6 0.9 1.2 1.5 VSD - Source-to-Drain Voltage (V)
0 0 2 4 6 8 10 VGS - Gate-to-Source Voltage (V)
Threshold Voltage Variance Over Temperature
0.5 0.4 V GS(th) Variance (V) 0.3 Power (W) 0.2 0.1 -0.0 -0.1 -0.2 -0.3 -50 0.5 0 -25 0 25 50 75 100 125 150 0.01 2 1.5 ID = 250 mA 3 2.5
Single Pulse Power, Junction-to-Ambient
1
TA = 25_C
0.1
1 Time (sec)
10
100
600
TJ - Junction Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 Normalized Effective Transient Thermal Impedance 1
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Notes: PDM t1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 350_C/W
t1 t2
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com
4
Document Number: 70209 S-41260--Rev. H, 05-Jul-04


▲Up To Search▲   

 
Price & Availability of VP0610L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X