Part Number Hot Search : 
1100A SR2N7 1N2806 1N2806 ESD24V CDRH74 X1624 MCP607I
Product Description
Full Text Search
 

To Download VP0104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VP0104 VP0106 VP0109 P-Channel Enhancement-Mode Vertical DMOS FETs
Ordering Information
BVDSS / BVDGS -40V -60V -90V RDS(ON) (max) 8.0 8.0 8.0 ID(ON) (min) -0.5A -0.5A -0.5A Order Number / Package TO-92 VP0104N3 VP0106N3 VP0109N3 Die -- -- VP0109ND
Features
Free from secondary breakdown Low power drive requirement Ease of paralleling Low CISS and fast switching speeds Excellent thermal stability Integral Source-Drain diode High input impedance and high gain Complementary N- and P-channel devices
Advanced DMOS Technology
These enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex's well-proven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
Applications
Motor controls Converters Amplifiers Switches Power supply circuits Drivers (relays, hammers, solenoids, lamps, memories, displays, bipolar transistors, etc.)
SGD
Package Option
Absolute Maximum Ratings
Drain-to-Source Voltage Drain-to-Gate Voltage Gate-to-Source Voltage Operating and Storage Temperature Soldering Temperature* * Distance of 1.6 mm from case for 10 seconds.
07/08/02
TO-92
BVDSS BVDGS 20V
-55C to +150C 300C
Note: See Package Outline section for dimensions.
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
1
VP0104/VP0106/VP0109
Thermal Characteristics
Package TO-92 ID (continuous)* -0.25A ID (pulsed) -0.8A Power Dissipation @ TC = 25C 1.0W
jc
ja
IDR* -0.25A
IDRM -0.8A
C/W
125
C/W
170
* ID (continuous) is limited by max rated Tj.
Electrical Characteristics (@ 25C unless otherwise specified)
Symbol BVDSS Drain-to-Source Breakdown Voltage VGS(th) V GS(th) IGSS IDSS Gate Threshold Voltage Change in VGS(th) with Temperature Gate Body Leakage Zero Gate Voltage Drain Current Parameter VP0109 VP0106 VP0104 Min -90 -60 -40 -1.5 5.8 -1.0 -3.5 6.5 -100 -10 -1 ID(ON) RDS(ON) RDS(ON) GFS CISS COSS CRSS td(ON) tr td(OFF) tf VSD trr ON-State Drain Current Static Drain-to-Source ON-State Resistance Change in RDS(ON) with Temperature Forward Transconductance Input Capacitance Common Source Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Drop Reverse Recovery Time 150 -0.15 -0.50 -0.25 -1.2 11 6.0 0.55 190 45 22 3 4 3 8 4 -1.2 400 60 30 8 6 10 12 10 -2.0 V ns ns VDD = -25V ID = -0.5A RGEN = 25 ISD = -1.0A, VGS = 0V ISD = -1.0A, VGS = 0V pF 15 8.0 1.0 %/C m V mV/C nA A mA A VGS = VDS, ID = -1.0mA ID = -1.0mA, VGS = VDS VGS = 20V, VDS = 0V VGS = 0V, VDS = Max Rating VGS = 0V, VDS = 0.8 Max Rating TA = 125C VGS = -5V, VDS = -25V VGS = -10V, VDS = -25V VGS = -5V, ID = -0.1A VGS = -10V, ID = -0.5A VGS = -10V, ID = -0.5A VDS = -25V, ID = -0.5A VGS = 0V, VDS = -25V f = 1 MHz V ID = -1.0mA, VGS = 0V Typ Max Unit Conditions
Notes: 1. All D.C. parameters 100% tested at 25C unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2. All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
0V
10%
INPUT
-10V
PULSE GENERATOR 90%
t(ON) Rgen
t(OFF) tr td(OFF) tF
INPUT
td(ON)
0V
90% OUTPUT
VDD
90% 10%
10%
2
D.U.T. OUTPUT RL
VDD
VP0104/VP0106/VP0109
Typical Performance Curves
Output Characteristics
-2.0 -1.0 VGS = -10V -1.6 VGS = -10V -1.2 -0.8
Saturation Characteristics
ID (amperes)
ID (amperes)
-0.6
-8V
-0.8
-8V
-0.4 -6V
-0.4
-6V
-0.2
-4V 0 0 -10 -20 -30 -40 -50 0 0 -2 -4 -6
-4V -8 -10
VDS (volts) Transconductance vs. Drain Current
250 2.0
VDS (volts) Power Dissipation vs. Case Temperature
VDS = -25V
200
TA= -55C TA = 25C TA = 125C
GFS (millisiemens)
PD (watts)
150
TO-92 1.0
100
50
0 0 -0.2 -0.4 -0.6 -0.8 -1.0
0 0 25 50 75 100 125 150
ID (amperes) Maximum Rated Safe Operating Area
-10 1.0
TC (C) Thermal Response Characteristics
Thermal Resistance (normalized)
0.8
ID (amperes)
-1.0
0.6
TO-92(DC) -0.1
0.4
0.2
TO-92 P D = 1W T C = 25C
0.01 0.1 1 10
T C = 25C -0.01 -0.1 -1.0 -10 -100 0 0.001
VDS (volts)
tp (seconds)
3
VP0104/VP0106/VP0109
Typical Performance Curves
BVDSS Variation with Temperature
1.10 50
On-Resistance vs. Drain Current
1.06
40
VGS = -5V VGS = -10V
BVDSS (normalized)
RDS(ON) (ohms)
1.02
30
0.98
20
0.94
10
0.90 -50 0 50 100 150
0 0 -0.3 -0.6 -0.9 -1.2 -1.5
Tj (C) Transfer Characteristics
-1.0 1.6
ID (amperes) V(th) and RDS Variation with Temperature
1.6
TA = -55C
-0.8
VDS = -25V
TA = 25C
RDS(ON) @ -10V, -0.5A
1.4
VGS(th) (normalized)
RDS(ON) @ -5V, 0.1A
1.2
1.4
-0.6
V(th) @ -1.0mA
1.0
1.2
-0.4
TA = 125C
1.0 0.8 0.8
-0.2
0 0 -2 -4 -6 -8 -10
0.6 -50 0 50 100 150
VGS (volts) Capacitance vs. Drain-to-Source Voltage
100 -10
Tj (C) Gate Drive Dynamic Characteristics
f = 1MHz
-8 75
VDS = -10V
C (picofarads)
70 pF
VGS (volts)
VDS = -40V
70 pF
-6
50
CISS
-4
25
COSS
-2
CRSS
0 0 -10 -20 -30 -40 0 0
45pF
0.2
0.4
0.6
0.8
1.0
VDS (volts)
QG (nanocoulombs)
(c)2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
4
1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 * FAX: (408) 222-4895 www.supertex.com
RDS(ON) (normalized)
07/08/02
ID (amperes)


▲Up To Search▲   

 
Price & Availability of VP0104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X