Part Number Hot Search : 
M40Z111 CONDUCTO D2020 74LV373 MC20A MAX687 UF5404 TA7758P
Product Description
Full Text Search
 

To Download VND830 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
VND830
DOUBLE CHANNEL HIGH SIDE DRIVER
TYPE VND830
(*) Per each channel
RDS(on) 60 m (*)
IOUT 6 A (*)
VCC 36 V
CMOS COMPATIBLE INPUTS OPEN DRAIN STATUS OUTPUTS s ON STATE OPEN LOAD DETECTION s OFF STATE OPEN LOAD DETECTION s SHORTED LOAD PROTECTION s UNDERVOLTAGE AND OVERVOLTAGE SHUTDOWN s LOSS OF GROUND PROTECTION s VERY LOW STAND-BY CURRENT
s s s
SO-16L ORDER CODES
PACKAGE SO-16L TUBE VND830 T&R VND83013TR
REVERSE BATTERY PROTECTION (**)
DESCRIPTION The VND830 is a monolithic device made by using STMicroelectronics VIPower M0-3 Technology, intended for driving any kind of load with one side connected to ground. Active VCC pin voltage clamp protects the devices against low energy spikes (see ISO7637 transient BLOCK DIAGRAM
compatibility table). Active current limitation combined with thermal shutdown and automatic restart protects the device against overload. The device detects open load condition both is on and off state. Output shorted to VCC is detected in the off state. Device automatically turns off in case of ground pin disconnection.
VCC
VCC CLAMP
OVERVOLTAGE UNDERVOLTAGE
GND INPUT1 STATUS1
CLAMP 1 OUTPUT1 DRIVER 1 CLAMP 2 CURRENT LIMITER 1 OVERTEMP. 1 LOGIC OPENLOAD ON 1 CURRENT LIMITER 2 DRIVER 2 OUTPUT2
INPUT2 OPENLOAD OFF 1 STATUS2 OPENLOAD OFF 2 OVERTEMP. 2 OPENLOAD ON 2
(**) See application schematic at page 8
July 2002
1/19
VND830
ABSOLUTE MAXIMUM RATING
Symbol VCC - VCC - IGND IOUT - IOUT IIN ISTAT Parameter DC Supply Voltage Reverse DC Supply Voltage DC Reverse Ground Pin Current DC Output Current Reverse DC Output Current DC Input Current DC Status Current Electrostatic Discharge (Human Body Model: R=1.5K; C=100pF) - INPUT VESD - STATUS - OUTPUT - VCC Maximum Switching Energy (L=1.8mH; RL=0; Vbat=13.5V; Tjstart=150C; IL=9A) Power Dissipation Tlead=25C Junction Operating Temperature Case Operating Temperature Storage Temperature Value 41 - 0.3 - 200 Internally Limited -6 +/- 10 +/- 10 4000 4000 5000 5000 102 8.3 Internally Limited - 40 to 150 - 55 to 150 Unit V V mA A A mA mA V V V V mJ W C C C
EMAX Ptot Tj Tc Tstg
CONNECTION DIAGRAM (TOP VIEW)
VCC N.C. GND INPUT 1 STATUS 1 STATUS 2 INPUT 2 VCC
1
16
VCC OUTPUT 1 OUTPUT 1 OUTPUT 1 OUTPUT 2 OUTPUT 2
8
9
OUTPUT 2 VCC
CURRENT AND VOLTAGE CONVENTIONS
IS IIN1 INPUT 1 VIN1 VSTAT1 ISTAT1 STATUS 1 IIN2 INPUT 2 VIN2 ISTAT2 STATUS 2 VSTAT2 GND OUTPUT 2 VOUT2 IGND OUTPUT 1 IOUT2 VOUT1 IOUT1 VCC
VCC
2/19
VND830
THERMAL DATA
Symbol Rthj-lead Rthj-amb Parameter Thermal Resistance Junction-lead Thermal Resistance Junction-ambient Value 15 65 (*) Unit C/W C/W
(*) When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35m thick) connected to all VCC pins. Horizontal mounting and no artificial air flow.
ELECTRICAL CHARACTERISTICS (8VSymbol VCC (**) VUSD (**) VOV (**) RON Parameter Operating Supply Voltage Undervoltage Shut-down Overvoltage Shut-down On State Resistance Test Conditions Min 5.5 3 36 Typ 13 4 Max 36 5.5 60 12 12 5 0 -75 120 40 25 7 50 0 5 3 Unit V V V m m A A mA A A A A
IOUT =2A; Tj =25 C IOUT =2A; VCC> 8V Off State; VCC=13V; VIN=VOUT=0V Off State; VCC=13V; VIN=VOUT=0V;
IS (**)
Supply Current
Tj=25C
On State; VCC=13V; VIN=5V; IOUT=0A IL(off1) IL(off2) IL(off3) IL(off4)
(**) Per device
Off State Output Current Off State Output Current Off State Output Current Off State Output Current
VIN=VOUT=0V VIN=0V; VOUT=3.5V VIN=VOUT=0V; Vcc=13V; Tj =125C VIN=VOUT=0V; Vcc=13V; Tj =25C
SWITCHING (VCC =13V)
Symbol td(on) td(off) dV/dt(on) Parameter Turn-on Delay Time Turn-off Delay Time Turn-on Voltage Slope Test Conditions RL=6.5 from VIN rising edge to VOUT=1.3V RL=6.5 from VIN falling edge to VOUT=11.7V RL=6.5 from VOUT=1.3V to VOUT=10.4V RL=6.5 from VOUT=11.7V to VOUT=1.3V Min Typ 30 30 See relative diagram See relative diagram Max Unit s s V/s
dV/dt(off)
Turn-off Voltage Slope
V/s
LOGIC INPUT
Symbol VIL IIL VIH IIH Vhyst VICL Parameter Input Low Level Low Level Input Current Input High Level High Level Input Current Input Hysteresis Voltage Input Clamp Voltage Test Conditions VIN = 1.25V VIN = 3.25V IIN = 1mA IIN = -1mA 0.5 6 6.8 -0.7 Min 1 3.25 10 8 Typ Max 1.25 Unit V A V A V V V
3/19
1
VND830
ELECTRICAL CHARACTERISTICS (continued) STATUS PIN
Symbol VSTAT ILSTAT CSTAT VSCL Parameter Test Conditions Status Low Output Voltage ISTAT= 1.6 mA Status Leakage Current Normal Operation; VSTAT= 5V Status Pin Input Normal Operation; VSTAT= 5V Capacitance ISTAT= 1mA Status Clamp Voltage ISTAT= - 1mA Min Typ Max 0.5 10 100 6 6.8 -0.7 8 Unit V A pF V V
PROTECTIONS
Symbol TTSD TR Thyst TSDL Ilim Vdemag Parameter Shut-down Temperature Reset Temperature Thermal Hysteresis Status Delay in Overload Conditions Current limitation Turn-off Output Clamp Voltage Test Conditions Min 150 135 7 Typ 175 15 20 6 9 15 15 VCC-41 VCC-48 VCC-55 Max 200 Unit C C C s A A V
Tj>TTSD
VCC=13V 5.5V < VCC < 36V IOUT=2A; L= 6mH
OPENLOAD DETECTION
Symbol IOL tDOL(on) VOL tDOL(off) Parameter Openload ON State Detection Threshold Openload ON State Detection Delay Openload OFF State Voltage Detection Threshold Openload Detection Delay at Turn Off Test Conditions VIN=5V IOUT=0A VIN=0V 1.5 2.5 Min 50 Typ 100 Max 200 200 3.5 1000 Unit mA s V s
OPEN LOAD STATUS TIMING (with external pull-up) IOUT< IOL VOUT > VOL VINn VINn
OVERTEMP STATUS TIMING Tj > TTSD
VSTATn
VSTATn tSDL tDOL(off) tDOL(on) tSDL
4/19
2
VND830
Switching time Waveforms
VOUTn 90% 80%
dVOUT/dt(on)
dVOUT/dt(off)
10% t VINn
td(on)
td(off)
t
TRUTH TABLE
CONDITIONS Normal Operation Current Limitation Overtemperature Undervoltage Overvoltage Output Voltage > VOL Output Current < IOL INPUT L H L H H L H L H L H L H L H OUTPUT L H L X X L L L L L L H H L H STATUS H H H (Tj < TTSD) H (Tj > TTSD) L H L X X H H L H H L
5/19
VND830
ELECTRICAL TRANSIENT REQUIREMENTS ON VCC PIN
ISO T/R 7637/1 Test Pulse 1 2 3a 3b 4 5 ISO T/R 7637/1 Test Pulse 1 2 3a 3b 4 5 CLASS C E I -25 V +25 V -25 V +25 V -4 V +26.5 V II -50 V +50 V -50 V +50 V -5 V +46.5 V TEST LEVELS III -75 V +75 V -100 V +75 V -6 V +66.5 V TEST LEVELS RESULTS II III C C C C C C C C C C E E IV -100 V +100 V -150 V +100 V -7 V +86.5 V Delays and Impedance 2 ms 10 0.2 ms 10 0.1 s 50 0.1 s 50 100 ms, 0.01 400 ms, 2
I C C C C C C
IV C C C C C E
CONTENTS All functions of the device are performed as designed after exposure to disturbance. One or more functions of the device is not performed as designed after exposure and cannot be returned to proper operation without replacing the device.
6/19
VND830
Figure1: Waveforms
NORMAL OPERATION INPUTn OUTPUT VOLTAGEn STATUSn UNDERVOLTAGE VCC INPUTn OUTPUT VOLTAGEn STATUSn undefined VUSD VUSDhyst
OVERVOLTAGE VCCVOL VOL
OPEN LOAD without external pull-up INPUTn OUTPUT VOLTAGEn STATUSn OVERTEMPERATURE Tj INPUTn OUTPUT CURRENTn STATUSn TTSD TR
7/19
1
VND830
APPLICATION SCHEMATIC
+5V +5V +5V VCC Rprot STATUS1 Dld C Rprot INPUT1 OUTPUT1 Rprot STATUS2
Rprot
INPUT2
GND
OUTPUT2
RGND VGND
DGND
GND PROTECTION REVERSE BATTERY
NETWORK
AGAINST
Solution 1: Resistor in the ground line (RGND only). This can be used with any type of load. The following is an indication on how to dimension the RGND resistor. 1) RGND 600mV / IS(on)max. 2) RGND (-VCC) / (-IGND) where -IGND is the DC reverse ground pin current and can be found in the absolute maximum rating section of the of the device's datasheet. Power Dissipation in RGND (when VCC<0: during reverse battery situations) is: PD= (-VCC)2/RGND This resistor can be shared amongst several different HSD. Please note that the value of this resistor should be calculated with formula (1) where IS(on)max becomes the sum of the maximum on-state currents of the different devices. Please note that if the microprocessor ground is not common with the device ground then the RGND will produce a shift (IS(on)max * RGND) in the input thresholds and the status output values. This shift will vary
depending on many devices are ON in the case of several high side drivers sharing the same RGND. If the calculated power dissipation leads to a large resistor or several devices have to share the same resistor then the ST suggest to utilize Solution 2 (see below). Solution 2: A diode (DGND) in the ground line. A resistor (RGND=1k) should be inserted in parallel to DGND if the device will be driving an inductive load. This small signal diode can be safely shared amongst several different HSD. Also in this case, the presence of the ground network will produce a shift (j600mV) in the input threshold and the status output values if the microprocessor ground is not common with the device ground. This shift will not vary if more than one HSD shares the same diode/resistor network.
LOAD DUMP PROTECTION
Dld is necessary (Voltage Transient Suppressor) if the load dump peak voltage exceeds VCC max DC rating. The same applies if the device will be subject to transients on the VCC line that are greater than the ones shown in the ISO T/R 7637/1 table.
8/19
VND830
C I/Os PROTECTION:
If a ground protection network is used and negative transient are present on the VCC line, the control pins will be pulled negative. ST suggests to insert a resistor (Rprot) in line to prevent the C I/Os pins to latch-up. The value of these resistors is a compromise between the leakage current of C and the current required by the HSD I/Os (Input levels compatibility) with the latch-up limit of C I/Os. -VCCpeak/Ilatchup Rprot (VOHC-VIH-VGND) / IIHmax
Calculation example: For VCCpeak= - 100V and Ilatchup 20mA; VOHC 4.5V 5k Rprot 65k. Recommended Rprot value is 10k.
9/19
VND830
OPEN LOAD DETECTION IN OFF STATE
Off state open load detection requires an external pull-up resistor (RPU) connected between OUTPUT pin and a positive supply voltage (VPU) like the +5V line used to supply the microprocessor. The external resistor has to be selected according to the following requirements: 1) no false open load indication when load is connected: in this case we have to avoid VOUT to be higher than VOlmin; this results in the following condition VOUT=(VPU/(RL+RPU))RLOpen Load detection in off state
V batt.
VPU
VCC RPU INPUT DRIVER + LOGIC OUT + R STATUS VOL RL IL(off2)
GROUND
10/19
1
VND830
Off State Output Current
IL(off1) (uA)
2.5 2.25 2 1.75 1.5 1.25 1 0.75 0.5 0.25 0 -50 -25 0 25 50 75 100 125 150 175
High Level Input Current
Iih (uA)
5 4.5
Off state Vcc=36V Vin=Vout=0V
Vin=3.25V
4 3.5 3 2.5 2 1.5 1 0.5 0 -50 -25 0 25 50 75 100 125 150 175
Tc (C)
Tc (C)
Input Clamp Voltage
Vicl (V)
8 7.8
Status Leakage Current
Ilstat (uA)
0.05
Iin=1mA
7.6 7.4 7.2 7 6.8 6.6 6.4 6.2 6 -50 -25 0 25 50 75 100 125 150 175 0 -50 -25 0 25 50 75 100 125 150 175 0.01 0.02 0.03 0.04
Vstat=5V
Tc (C)
Tc (C)
Status Low Output Voltage
Vstat (V)
0.8 0.7
Status Clamp Voltage
Vscl (V)
8 7.8
Istat=1.6mA
0.6
Istat=1mA
7.6 7.4
0.5 0.4 0.3 0.2
7.2 7 6.8 6.6 6.4
0.1 0 -50 -25 0 25 50 75 100 125 150 175
6.2 6 -50 -25 0 25 50 75 100 125 150 175
Tc (C)
Tc (C)
11/19
VND830
On State Resistance Vs Tcase
Ron (mOhm)
160 140 120 100 70 80 60 40 40 20 10 0 -50 -25 0 25 50 75 100 125 150 175 0 5 10 15 20 25 30 35 40 30 20 60 50
On State Resistance Vs VCC
Ron (mOhm)
120 110
Tc=150C
Iout=2A Vcc=8V; 13V & 36V
100 90 80
Tc=25C
Tc= - 40C
Iout=5A
Tc (C)
Vcc (V)
Openload On State Detection Threshold
Iol (mA)
1250 1200 1150 1100 1050 1000 950 900
Input High Level
Vih (V)
3.6 3.4
Vcc=13V Vin=5V
3.2 3 2.8 2.6 2.4
850 800 750 -50 -25 0 25 50 75 100 125 150 175 2.2 2 -50 -25 0 25 50 75 100 125 150 175
Tc (C)
Tc (C)
Input Low Level
Vil (V)
2.6 2.4 2.2
Input Hysteresis Voltage
Vhyst (V)
1.5 1.4 1.3 1.2
2 1.8 1.6 1.4
1.1 1 0.9 0.8 0.7
1.2 1 -50 -25 0 25 50 75 100 125 150 175
0.6 0.5 -50 -25 0 25 50 75 100 125 150 175
Tc (C)
Tc (C)
12/19
VND830
Overvoltage Shutdown
Vov (V)
50 48 46 44 42 40 38 36 34 32 30 -50 -25 0 25 50 75 100 125 150 175
Openload Off State Voltage Detection Threshold
Vol (V)
5 4.5
Vin=0V
4 3.5 3 2.5 2 1.5 1 0.5 0 -50 -25 0 25 50 75 100 125 150 175
Tc (C)
Tc (C)
Turn-on Voltage Slope
dVout/dt(on) (V/ms)
800 700 600 500 400 300 200 100 0 -50 -25 0 25 50 75 100 125 150 175
Turn-off Voltage Slope
dVout/dt(off) (V/ms)
600 550 500 450 400 350 300 250 200 -50 -25 0 25 50 75 100 125 150 175
Vcc=13V Rl=6.5Ohm
Vcc=13V Rl=6.5Ohm
Tc (C)
Tc (C)
ILIM Vs Tcase
Ilim (A)
20 18
Vcc=13V
16 14 12 10 8 6 4 2 0 -50 -25 0 25 50 75 100 125 150 175
Tc (C)
13/19
VND830
Maximum turn off current versus load inductance
ILMAX (A) 100
10
A B C
1 0.1
A = Single Pulse at TJstart=150C B= Repetitive pulse at TJstart=100C C= Repetitive Pulse at TJstart=125C Conditions: VCC=13.5V Values are generated with RL=0 In case of repetitive pulses, Tjstart (at beginning of each demagnetization) of every pulse must not exceed the temperature specified above for curves B and C. VIN, IL Demagnetization Demagnetization Demagnetization
1 L(mH)
10
100
t
14/19
VND830
SO-16L THERMAL DATA
SO-16L PC Board
Layout condition of Rth and Zth measurements (PCB FR4 area= 41mm x 48mm, PCB thickness=2mm, Cu thickness=35m, Copper areas: 0.5cm2, 6cm2).
Rthj-amb Vs PCB copper area in open box free air condition
70 65 60 55 50 45 40
RTH j-amb (C/W)
0
1
2
3
4
5
6
7
PCB Cu heatsink area (cm^2)
15/19
VND830
SO-16L Thermal Impedance Junction Ambient Single Pulse
ZTH (C/W) 1000
100
0.5 cm2 6 cm2
10
1
0.1 0.0001 0.001 0.01 0.1 1 Time (s) 10 100 1000
Thermal fitting model of a double channel HSD in SO-16L
Pulse calculation formula
Z TH = R TH + Z THtp ( 1 - )
where
= tp T
0.5 0.15 0.8 2.2 12 15 37 0.0006 2.10E-03 1.50E-02 0.14 1 3 6
Thermal Parameter
Tj_1
Pd1 C1 C2
C1
C2
C3
C4
C5
C6
R1
R2
R3
R4
R5
R6
Tj_2
R1 Pd2
R2
T_amb
Area/island (cm2) R1 (C/W) R2 (C/W) R3 ( C/W) R4 (C/W) R5 (C/W) R6 (C/W) C1 (W.s/C) C2 (W.s/C) C3 (W.s/C) C4 (W.s/C) C5 (W.s/C) C6 (W.s/C)
22
5
16/19
VND830
SO-16L MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F L M S 7.4 0.5 10.1 10.0 1.27 8.89 7.6 1.27 0.75 8 (max.) 0.291 0.020 10.5 10.65 0.35 0.23 0.5 45 (typ.) 0.397 0.393 0.050 0.350 0.300 0.050 0.029 0.413 0.419 0.1 mm. MIN. TYP MAX. 2.65 0.2 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.008 0.096 0.019 0.012
17/19
1
VND830
SO-16L TUBE SHIPMENT (no suffix) Base Q.ty Bulk Q.ty Tube length ( 0.5) A B C ( 0.1)
All dimensions are in mm.
A
C B
50 1000 532 3.5 13.8 0.6
TAPE AND REEL SHIPMENT (suffix "13TR") REEL DIMENSIONS
Base Q.ty Bulk Q.ty A (max) B (min) C ( 0.2) F G (+ 2 / -0) N (min) T (max) 1000 1000 330 1.5 13 20.2 16.4 60 22.4
TAPE DIMENSIONS
According to Electronic Industries Association (EIA) Standard 481 rev. A, Feb 1986 Tape width Tape Hole Spacing Component Spacing Hole Diameter Hole Diameter Hole Position Compartment Depth Hole Spacing W P0 ( 0.1) P D ( 0.1/-0) D1 (min) F ( 0.05) K (max) P1 ( 0.1) 16 4 12 1.5 1.5 7.5 6.5 2
End
All dimensions are in mm.
Start Top cover tape 500mm min Empty components pockets saled with cover tape. User direction of feed 500mm min No components Components No components
18/19
1
VND830
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in ITALY- All Rights Reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
19/19


▲Up To Search▲   

 
Price & Availability of VND830

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X