Part Number Hot Search : 
022032 C200M 0LVEL 2SAA1 HMC43 BD788 0B000 NTE7047
Product Description
Full Text Search
 

To Download VN380 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
VN380 VN380SP
SMART SOLENOID DRIVER SOLID STATE RELAY
T YPE VN380 VN380SP
s s s s s s s s
V loa d(cl) 60 V 60 V
In 5A 5A
R on 0.11 0.11
LOAD CURRENT UP TO 7 A CMOS COMPATIBLE THERMAL SHUTDOWN DIGNOSTIC OUTPUT INTEGRATED CLAMPS OVER CURRENT PROTECTION OPEN COIL DETECTION OVER VOLTAGE DECTION
10
DESCRIPTION The VN380 is a monolithic device made using STM VIPower Technology, intended for driving inductive loads. The inputs are CMOS compatible. The diagnostic output provides an indication of open load and demagnetization mode. Built-in thermal shut-down protects the chip from over-temperature. In case or over-current or over-temperature or over-voltage the product will automatically operate in recirculation mode. BLOCK DIAGRAM
1
HEPTAWATT
PowerSO-1O
ORDER CODES: HEPTAWATT VN380 PowerSO-1O VN380SP
June 1998
1/9
VN380
ABSOLUTE MAXIMUM RATING
Symb ol V lo ad I lo ad I rload Ec Ec I in I di ag V esd V pwr1 V pwr2 RV pwr Tj T s tg Vi n V diag C l oad Parameter Maximum DC Load Voltage Maximum DC Load Current o Reverse Load Current, T cas e = 25 C Maximum Clamping Energy, T case = 150 o C, f = 40 Hz, 1000 hours (f : Input A frequency) o Maximum Clamping Energy, T case = - 40 C, f = 75 Hz , 5 minutes (f : Input A frequency) Inputs Current Diagnostic O utput Current Electrostatic Discharge (R = 1.5 k, C = 100 pF, all pins) Power Voltage 1 Power Voltage 2 Reverse Power Voltage Junction Operating Temperature Storage Temperature Input Voltages Diagnostic O utput Voltage Load Capacity Value (Internally clamped) (Internally clamped) -10 100 200 +/- 10 +/- 10 2000 60 60 -0.3 -40 to 150 (h) -55 to 150 8 8 1 Unit V A A mJ mJ mA mA V V V V o C o C V V F
Note (h) : Higher temperature is allowed during a short time before thermal shutdown. Permanent operation above oC 150 is not allowed.
CURRENT AND VOLTAGE CONVENTIONS
CONNECTION DIAGRAM HEPTAWATT PowerSO-10
2/9
VN380
THERMAL DATA
HEPT AW ATT R t hj-ca se R t hj- amb Thermal Resistance Junction-case Thermal Resistance Junction-ambient () Max Max 1.8 60 Po werSO -10 1.67 50
o o
C/W C/W
() When mounted using minimum recommended pad size on FR-4 board.
ELECTRICAL CHARACTERISTICS (10V < VPWR1 < 18 V; - 40 oC < TJ < 150 oC unless otherwise specified) POWER
Symb ol V pwr1 R on1 R on2 V ce( sa t ) Parameter Operating Voltage On State Resistance (excitation path) On State Resistance (recirculation path) Saturation Voltage of Bipolar S2 I lo ad = I n = 5 A V i nA = V in B = 5 V V pwr1 = 13 V V i nA = 5 V I load = I n = 5 A V in B = G ND Test Cond ition s Min. 6 Typ . 13 Max. 24 0.2 0.4 2 2 25 5 50 Un it V V V mA mA A
Iload = I n = 5 A V pwr1 = V pwr2 = 13 V I lo ad = 10 A TJ > 125 o C V pwr1 = V pwr2 = 13 V V pwr1 = 13 V V pwr1 = 18 V V inA = V in B = 5 V V in A = V in B = GND
I sq I lk I of f
Supply Q uiescent Current Output Leakage Current Off State Supply Current
V i nA = V in B = G ND V pwr1 = Not Connected 10V < V pwr2 < 24 V T J = 25 o C
SWITCHING (EXCITATION PATH)
Symb ol t d(on) tr t d(of f) tf Parameter Turn-on Delay Time Rise Time of Output Current Turn-off Delay Time Fall T ime of O utput Current Test Cond ition s R load = 2.5 R load = 2.5 R load = 2.5 R load = 2.5 V in A = 5 V (see fig.1) V in A = 5 V (see fig.1) V in A = 5 V (see fig.1) V i nA = 5 V (see fig.1) 1 1 Min. Typ . Max. 50 20 50 20 Un it s s s s
LOGIC INPUT
Symb ol V il Vi h V i(h ys t) V i(CL) I in Parameter Input Low Level Voltage Input High Level Voltage Input hysteresis Voltage Input Clamp Voltage Input Current Iin = 10 mA VinA = V in B = 2 V V i nA = V in B = 5 V 3.5 0.5 8 20 250 0.8 9.5 2 11 Test Cond ition s Min. Typ . Max. 1.5 Un it V V V V A A 3/9
VN380
ELECTRICAL CHARACTERISTICS (continued) PROTECTIONS AND DIAGNOSTICS
Symb ol T t sd I lim V ov V diag V d iag( CL) Td Parameter Thermal Shut-Down Temperature Current Cut Off Level Over Voltage Threshold VinA = V in B = 5 V Status O utput Voltage Status O utput Clamp Voltage Status Propagation Delay Diagnostic O utput Active (low) Idiag = 2 mA Idiag = 10 mA Demagnetization Mode (F ast turn-off) Vdiag = 1 V (see figure 3) Iload = I n = 5 A Iload = I n = 5 A Demagnetization Mode (F ast turn-off) Vcl = Vc l1 or Vcl2 60 24 Vcl -5 70 28.5 8 9.5 Test Cond ition s Min. 160 15 27 0.5 11 Typ . 180 Max. 200 30 Un it
o
C
A V V V
70 80 33 V cl
s V V V
V cl1 V cl2 Vf b
Switch S1 Detection Clamp Output Inductive Clamp Voltage Flyback Diagnostic Threshold Oper Load Current Level
I ol
5
700
mA
TRUTH TABLE
Co nditi ons Standby Modes Excitation Mode Recirculation Mode Demagnetization Mode (Fast turn off) V pwr2 + V cl2 < V cl1 V pwr2 + V cl2 > V cl1 T hermal Shutdown Current Cut Off O pen Load O vervoltage H IN A L L H H IN B L H H L S1 OF F OF F ON OF F S2 OF F OF F OF F ON
L L H H
L L H H
OF F ON OF F OF F
ON OF F ON ON
See Open Load W aveforms H OF F ON
4/9
VN380
FUNCTIONAL DESCRIPTION
- CURRENT CUT OFF
When the load current rise above the current cut off level, S1 is automatically switched off and the devices operates in recirculation mode (S2 active). S1is latched off until A goes low and high again. This default is not displayed by diagnostic flag.
- OPEN LOAD
If the load current is below the open load current level, the flag of the open load block is activated but this default is displayed by the diagnostic output on the falling edge of input B and the diagnostic output is latched at low level until input A goes low and high again. In case an open load is detected during an active phase of input B, but disappears before a falling edge of input B, this default is not dispayed by the diagnostic flag (see open load waveforms).
- THERMAL SHUTDOWN
The device is internally protected against over temperatures by the thermal circuit protection. When the device junction temperature exceeds the protection limit, S1 is automatically switched off. Therefore the device operates in recirculation mode (S2 active). S1 remain latched off until Vpwr1 goes low and high again. This default is not dispayed by the diagnostic flag. OVERVOLTAGE During the ON state of S1 switch, if Vpwr1 or Vpwr2 is rising above the threshold detection S1 is automatically switched off, therefore the device operates in recirculation mode.
FIGURE 1: SWITCHING PARAMETER TEST CONDITIONS
5/9
VN380
FIGURE 2: Switching Waveforms
FIGURE 3
6/9
VN380
HEPTAWATT (VERTICAL) MECHANICAL DATA
DIM. A C D D1 E F F1 G G1 G2 H2 H3 L L1 L2 L3 L5 L6 L7 M M1 Dia mm TYP. inch TYP.
MIN.
2.4 1.2 0.35 0.6 2.41 4.91 7.49 10.05 16.97 14.92 21.54 22.62 2.6 15.1 6 2.8 5.08 3.65 2.54 5.08 7.62
MAX. 4.8 1.37 2.8 1.35 0.55 0.8 0.9 2.67 5.21 7.8 10.4 10.4
MIN.
0.094 0.047 0.014 0.024 0.095 0.193 0.295 0.396 0.668 0.587 0.848 0.891 0.100 0.200 0.300
MAX. 0.189 0.054 0.110 0.053 0.022 0.031 0.035 0.105 0.205 0.307 0.409 0.409
3 15.8 6.6
0.102 0.594 0.236 0.110 0.200
0.118 0.622 0.260
3.85
0.144
0.152
P023A
7/9
VN380
PowerSO-10 MECHANICAL DATA
DIM. MIN. A A1 B c D D1 E E1 E2 E3 E4 e F H h L q 0
o
mm TYP. MAX. 3.65 0.10 0.60 0.55 9.60 7.60 9.50 7.40 7.60 6.35 6.10 1.27 1.25 13.80 0.50 1.20 1.70 8o 1.80 0.047 1.35 14.40 0.049 0.543 MIN. 0.132 0.000 0.016 0.013 0.370 0.291 0.366 0.283 0.283 0.240 0.232 3.35 0.00 0.40 0.35 9.40 7.40 9.30 7.20 7.20 6.10 5.90
inch TYP. MAX. 0.144 0.004 0.024 0.022 0.378 0.300 0.374 0.291 0.300 0.250 0.240 0.050 0.053 0.567 0.002 0.071 0.067
B
0.10 A B
10 = H = A F A1 =
6
=
=
=
E = 1 5 e
0.25
M
=
E2
E3
E1
E4
=
=
A
=
SEATING PLANE DETAIL "A" Q
B
C
h
D = D1 = = = SEATING PLANE
= A1 L
DETAIL "A"
0068039-C
8/9
VN380
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. .
9/9


▲Up To Search▲   

 
Price & Availability of VN380

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X