Part Number Hot Search : 
KB201 SF20CG ADM696AQ 81KZF BD902 28F01 HZC10 SCNAR05F
Product Description
Full Text Search
 

To Download VN2222LL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by VN2222LL/D
TMOS FET Transistor
N-Channel -- Enhancement
3 DRAIN 2 GATE
VN2222LL
Motorola Preferred Device
1 SOURCE
MAXIMUM RATINGS
Rating Drain - Source Voltage Drain-Gate Voltage (RGS = 1.0 M) Gate-Source Voltage -- Continuous -- Non-repetitive (tp 50 s) Drain Current Continuous Pulsed Total Power Dissipation @ TA = 25C Derate above 25C Operating and Storage Temperature Range Symbol VDSS VDGR VGS VGSM ID IDM PD TJ, Tstg Value 60 60 20 40 150 1000 400 3.2 - 55 to +150 mW mW/C C Unit Vdc Vdc Vdc Vpk mAdc CASE 29-04, STYLE 22 TO-92 (TO-226AA)
1 2 3
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Ambient Maximum Lead Temperature for Soldering Purposes, 1/16 from case for 10 seconds Symbol RJA TL Max 312.5 300 Unit C/W C
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic Symbol Min Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage (VGS = 0, ID = 100 Adc) Zero Gate Voltage Drain Current (VDS = 48 Vdc, VGS = 0) (VDS = 48 Vdc, VGS = 0, TJ = 125C) Gate-Body Leakage Current, Forward (VGSF = 30 Vdc, VDS = 0) V(BR)DSS IDSS -- -- IGSSF -- 10 500 -100 nAdc 60 -- Vdc Adc
ON CHARACTERISTICS(1)
Gate Threshold Voltage (VDS = VGS, ID = 1.0 mAdc) Static Drain-Source On-Resistance (VGS = 10 Vdc, ID = 0.5 Adc) (VGS = 10 Vdc, ID = 0.5 Vdc, TC = 125C) 1. Pulse Test: Pulse Width VGS(th) rDS(on) -- -- 7.5 13.5 0.6 2.5 Vdc
v 300 s, Duty Cycle v 2.0%.
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 1
Motorola Small-Signal Transistors, FETs and Diodes Device Data (c) Motorola, Inc. 1997
1
VN2222LL
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted) (Continued)
Characteristic Symbol Min Max Unit
ON CHARACTERISTICS(1) (Continued)
Drain-Source On-Voltage (VGS = 5.0 Vdc, ID = 200 mAdc) (VGS = 10 Vdc, ID = 500 mAdc) On-State Drain Current (VGS = 10 Vdc, VDS 2.0 VDS(on)) Forward Transconductance (VDS = 10 Vdc, ID = 500 mAdc) VDS(on) -- -- ID(on) gfs 750 100 1.5 3.75 -- -- mA mhos Vdc
DYNAMIC CHARACTERISTICS
Input Capacitance Output Capacitance Reverse Transfer Capacitance (VDS = 25 Vdc, VGS = 0, Vdc 0 f = 1.0 MHz) Ciss Coss Crss -- -- -- 60 25 5.0 pF
SWITCHING CHARACTERISTICS(1)
Turn-On Delay Time Turn-Off Delay Time 1. Pulse Test: Pulse Width ( (VDD = 15 Vdc, ID = 600 mA, , , Rgen = 25 , RL = 23 ) ton toff -- -- 10 10 ns
v 300 s, Duty Cycle v 2.0%.
2
Motorola Small-Signal Transistors, FETs and Diodes Device Data
VN2222LL
2 1.8 I D, DRAIN CURRENT (AMPS) 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 1 2 3 4 5 6 7 8 9 7V 6V 5V 4V 3V 10 0 1 2 3 4 5 6 7 8 9 10 VDS, DRAIN- SOURCE VOLTAGE (VOLTS) VGS, GATE - SOURCE VOLTAGE (VOLTS) TA = 25C I D, DRAIN CURRENT (AMPS) VGS = 10 V 9V 8V 0.8 VDS = 10 V - 55C 125C 1 25C
0.6 0.4
0.2
Figure 1. Ohmic Region
r DS(on) , STATIC DRAIN-SOURCE ON-RESISTANCE (NORMALIZED) VGS(th) , THRESHOLD VOLTAGE (NORMALIZED)
Figure 2. Transfer Characteristics
2.4 2.2 2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 -60 -20 +20 +60 T, TEMPERATURE (C) +100 +140 VGS = 10 V ID = 200 mA
1.2 1.15 1.1 1.05 1 0.95 0.9 0.85 0.8 0.75 0.7 -60 -20 0 +20 +60 T, TEMPERATURE (C) +100 +140 VDS = VGS ID = 1 mA
Figure 3. Temperature versus Static Drain-Source On-Resistance
Figure 4. Temperature versus Gate Threshold Voltage
Motorola Small-Signal Transistors, FETs and Diodes Device Data
3
VN2222LL
PACKAGE DIMENSIONS
A R P
SEATING PLANE
B
F
L K
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. DIMENSION F APPLIES BETWEEN P AND L. DIMENSION D AND J APPLY BETWEEN L AND K MINIMUM. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.022 0.016 0.019 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --- 0.250 --- 0.080 0.105 --- 0.100 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.41 0.55 0.41 0.48 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --- 6.35 --- 2.04 2.66 --- 2.54 2.93 --- 3.43 ---
XX G H V
1
D J C SECTION X-X N N
DIM A B C D F G H J K L N P R V
CASE 029-04 (TO-226AA) ISSUE AD
STYLE 22: PIN 1. SOURCE 2. GATE 3. DRAIN
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
4
VN2222L/D Motorola Small-Signal Transistors, FETs and Diodes Device Data


▲Up To Search▲   

 
Price & Availability of VN2222LL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X