Part Number Hot Search : 
60506 ATA68 SD820S10 SM5818PL TA8233 ATA68 PF100 VS2AUF
Product Description
Full Text Search
 

To Download VN20AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VN20AN
HIGH SIDE SMART POWER SOLID STATE RELAY
TYPE VN20AN
s
V DSS 60 V
R DS( on) 0.05
I OUT 33 A
VC C 36 V
s s s s s
OUTPUT CURRENT (CONTINUOUS): 33A @ Tc=25oC LOGIC LEVEL 5V COMPATIBLE INPUT THERMAL SHUT-DOWN UNDER VOLTAGE PROTECTION OPEN DRAIN DIAGNOSTIC OUTPUT FAST DEMAGNETIZATION OF INDUCTIVE LOAD
PENTAWATT (vertical)
PENTAWATT (horizontal)
DESCRIPTION The VN20AN is a monolithic device made using SGS-THOMSON Vertical Intelligent Power Technology, intended for driving resistive or inductive loads with one side grounded. Built-in thermal shut-down protects the chip from over temperature and short circuit. The diagnostic output indicates an over temperature status. Fast turn-off of inductive load is achieved by negative (-18V) load voltage at turn-off.
PENTAWATT (in-line)
ORDER CODES: PENTAWATT vertical VN20AN PENTAWATT horizontal VN20AN (011Y) PENTAWATT in-line VN20AN (012Y)
BLOCK DIAGRAM
September 1994
1/11
VN20AN
ABSOLUTE MAXIMUM RATING
Symbol V( BR)DSS IO UT IR II N -V CC ISTA T VE SD P tot Tj T stg Parameter Drain-Source Breakdown Voltage Output Current (cont.) Reverse Output current Input Current Reverse Supply Voltage Status Current (sink) Electrostatic discharge (1.5 k, 100 pF) Power Dissipation at T c 25 C Junction Operating Temperature Storage Temperature
o
Value 60 33 -33 10 -4 10 2000 100 -40 to 150 -55 to 150
Unit V A A mA V mA V W
o o
C C
CONNECTION DIAGRAM
CURRENT AND VOLTAGE CONVENTIONS
2/11
VN20AN
THERMAL DATA
R thj-cas e Rthj- amb Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max Max 1.25 60
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (VCC = 9 to 36 V; Tcase = 25 oC unless otherwise specified) POWER
Symbol VC C * R on IS Parameter Supply Voltage On State Resistance Supply Current
o
Test Conditions -40 C < Tj < 125 C I OU T = 14 A I OU T = 2 A V CC = 30 V T j = 125 oC Off State VC C = 30 V On State V CC = 30 V On State V CC = 30 V T j = 125 o C
o
Min. 7
Typ.
Max. 36
Unit V mA mA mA
0.04
0.05 0.09 1 9 7
SWITCHING
Symbol t d(on) tr t d(off ) tf (di/dt) on (di/dt) off VD EMAG Parameter Test Conditions Min. Typ. 30 65 65 25 0.5 1 1.5 4 -24 -18 -14 Max. Unit s s s s A/s A/s A/s A/s V
Turn-on Delay Time Of I OU T = 14 A Resistive Load Output Current Input Rise Time < 0.1 s Rise Time Of Output Current I OU T = 14 A Resistive Load Input Rise Time < 0.1 s
Turn-off Delay Time Of I OU T = 14 A Resistive Load Output Current Input Rise Time < 0.1 s Fall Time Of Output Current Turn-on Current Slope Turn-off Current Slope Inductive Load Clamp Voltage I OU T = 14 A Resistive Load Input Rise Time < 0.1 s I OU T = 14 A I OU T = I OV I OU T = 14 A I OU T = I OV I OU T = 14 A 25 o C < Tj < 125 o C 25 o C < Tj < 125 oC 25 o C < Tj < 125 o C 25 o C < Tj < 125 oC -40 oC < Tj < 125 oC
LOGIC INPUT (-40 oC Tj 125 oC unless otherwise specified)
Symbol V IL V IH V I(hy st.) II N Parameter Input Low Level Voltage Input High Level Voltage Input Hysteresis Voltage Input Current V IN = 5 V V IN = 2 V V IN = 0.8 V I IN = 10 mA I IN = -10 mA 2 0.5 250 25 5.5 6 -0.7 -0.3 600 300 Test Conditions Min. Typ. Max. 0.8 (*) Unit V V V A A A V V
V ICL
Input Clamp Voltage
3/11
VN20AN
ELECTRICAL CHARACTERISTICS (continued) o o PROTECTION AND DIAGNOSTICS (-40 C Tj 125 C unless otherwise specified)
Symbol V STAT ISTA T V US D V SCL I OV I av I DOFF TTS D TR Parameter Status Voltage Output Low Under Voltage Shut Down Status Clamp Voltage Over Current Average Current In Short Circuit Leakage Current Thermal Shut-down Temperature Reset Temperature I STAT = 10 mA I STAT = -10 mA R LOA D < 10 m R LOA D < 10 m V CC = 30 V 140 125 Tc = 85 C
o
Test Conditions I STAT = 1.6 mA
Min.
Typ.
Max. 0.4 10
Unit V A V V V A A
Status Leakage Current V STA T = 5 V 3.5 5.5 6 6 -0.7 80 2.5
7
-0.3
1
mA
o
C C
o
(*) The Vih is internally clamped at about 6V. It is possi ble to connect this pin to a hi gher vol tagevia an external resi stor cal culated to not exceed 10 mA at the i nput pin.
TRUTH TABLE
INPUT Normal Operation Over-temperature Under-voltage L H H X DIAGNOSTIC H H L H OUTPUT L H L L
WAVEFORMS
4/11
VN20AN
FUNCTIONAL DESCRIPTION The device has a diagnistic output which indicates over temperature conditions. The truth table shows input, diagnostic output status and output voltage level in normal operation and fault conditions. The output signals are processed by internal logic. To protect the device against short circuit and over current conditions, the thermal protection turns the integrated Power MOS off at a minimum junction temperature of 140 oC. When the o temperature returns to 125 C the switch is automatically turned on again. To ensure the protection in all VCC conditions and in all the junction temperature range it is necessary to limit the voltage drop across Drain and Source (pin 3 and 5) at 28V accordinf to: Vds = VCC - IOV * (Ri + Rw + Rl) where: Ri = internal resistence of Power Supply Rw = Wires resistance Rl = Short Circuit resistance Driving inductive loads, an internal function of the device ensures the fast demagnetization with typical voltage (Vdemag) of -18V. This function allows the reduction of the power dissipation according to the formula: Pdem = 0.5 * Lload * (Iload)2 * [(VCC + Vdem)/Vdem] * f where f = Switcning Frequency Based on this formula it is possible to know the value of inductance and/or current to avoid a thermal shut-down. PROTECTING THE DEVICE AGAINST REVERSE BATTERY The simpliest way to protect the device against a continuous reverse battery voltage (-36V) is to insert a Schottky diode between pin 1 (GND) and ground, as shown in the typical application circuit (Fig. 3). The consequences of the voltage drop across this diode are as follows: If the input is pulled to power GND, a negative voltage of -Vf is seen by the device. (Vil, Vih thresholds and Vstat are increased by Vf with respect to power GND). The undervoltage shut-down level is increased by Vf. If there is no need for the control unit to handle external analog signals referred to the power GND, the best approach is to connect the reference potential of the control unit to node [1] (see application circuit in fig. 4), which becomes the common signal GND for the whole control board avoiding shift of Vih, Vil and Vstat. This solution allows the use of a standard diode.
Over Current Test Circuit
5/11
VN20AN
Typical Application Circuit With A Schottky Diode For Reverse Supply Protection
Typical Application Circuit With Separate Signal Ground
6/11
VN20AN
RDS(on) vs Junction Temperature
RDS(on) vs Supply Voltage
RDS(on) vs Output Current
Input voltages vs Junction Temperature
Output Current Derating
7/11
VN20AN
Pentawatt (vertical) MECHANICAL DATA
DIM. A C D D1 E F F1 G G1 H2 H3 L L1 L2 L3 L5 L6 L7 M M1 Dia mm TYP. inch TYP.
MIN.
2.4 1.2 0.35 0.8 1 3.2 6.6 10.05
3.4 6.8
MAX. 4.8 1.37 2.8 1.35 0.55 1.05 1.4 3.6 7 10.4 10.4
MIN.
0.094 0.047 0.014 0.031 0.039 0.126 0.260 0.396
0.134 0.268
MAX. 0.189 0.054 0.110 0.053 0.022 0.041 0.055 0.142 0.276 0.409 0.409
17.85 15.75 21.4 22.5 2.6 15.1 6 4.5 4 3.65 3.85 0.144 3 15.8 6.6 0.102 0.594 0.236
0.703 0.620 0.843 0.886 0.118 0.622 0.260 0.177 0.157 0.152
L E L1
A
C
D1
L2 L5 L3
D
H3
Dia. F
H2
L7 L6
F1
G
G1
M
M1
P010E
8/11
VN20AN
Pentawatt (horizontal) MECHANICAL DATA
DIM. A C D D1 E F F1 G G1 H2 H3 L L1 L2 L3 L5 L6 L7 Dia 10.05 14.2 5.7 14.6 3.5 2.6 15.1 6 3.65 2.4 1.2 0.35 0.8 1 3.2 6.6 3.4 6.8 mm MIN. TYP. MAX. 4.8 1.37 2.8 1.35 0.55 1.05 1.4 3.6 7 10.4 10.4 15 6.2 15.2 4.1 3 15.8 6.6 3.85 0.137 0.102 0.594 0.236 0.144 0.396 0.559 0.094 0.047 0.014 0.031 0.039 0.126 0.260 0.134 0.268 MIN. inch TYP. MAX. 0.189 0.054 0.110 0.053 0.022 0.041 0.055 0.142 0.276 0.409 0.409 0.590 0244 0.598 0.161 0.118 0.622 0.260 0.152
P010F
9/11
VN20AN
Pentawatt (In- Line) MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 G G1 H2 H3 L2 L3 L5 L6 L7 Dia 10.05 23.05 25.3 2.6 15.1 6 3.65 23.4 25.65 2.4 1.2 0.35 0.8 1 3.2 6.6 3.4 6.8 mm TYP. MAX. 4.8 1.37 2.8 1.35 0.55 1.05 1.4 3.6 7 10.4 10.4 23.8 26.1 3 15.8 6.6 3.85 0.396 0.907 0.996 0.102 0.594 0.236 0.144 0.921 1.010 0.094 0.047 0.014 0.031 0.039 0.126 0.260 0.134 0.268 MIN. inch TYP. MAX. 0.189 0.054 0.110 0.053 0.022 0.041 0.055 0.142 0.276 0.409 0.409 0.937 1.028 0.118 0.622 0.260 0.152
P010D
10/11
VN20AN
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
11/11


▲Up To Search▲   

 
Price & Availability of VN20AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X