Part Number Hot Search : 
ATA5771 ATA5771 TC0144A 4GBU06 0C102 STW4410 0C102 TDA3651
Product Description
Full Text Search
 

To Download VN02AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
VN02AN
HIGH SIDE SMART POWER SOLID STATE RELAY
T YPE VN02AN
s
V DSS 60 V
R DS(on ) 0.35
I OUT 7A
V CC 36 V
s s s s s
OUTPUT CURRENT (CONTINUOUS): 7A @ Tc=25oC LOGIC LEVEL 5V COMPATIBLE INPUT THERMAL SHUT-DOWN UNDER VOLTAGE PROTECTION OPEN DRAIN DIAGNOSTIC OUTPUT FAST DEMAGNETIZATION OF INDUCTIVE LOAD
PENTAWATT (vertical)
PENTAWATT (horizontal)
DESCRIPTION The VN02AN is a monolithic device made using STMicroelectronics VIPower Technology, intended for driving resistive or inductive loads with one side grounded. Built-in thermal shut-down protects the chip from over temperature and short circuit. The diagnostic output indicates an over temperature status. Fast turn-off of inductive load is achieved by negative (-18 V) load voltage at turn-off. BLOCK DIAGRAM
PENTAWATT (in-line)
ORDER CODES: PENTAWATT vertical VN02AN PENTAWATT horizontal VN02AN(011Y) PENTAWATT in-line VN02AN(012Y)
July 1998
1/11
VN02AN
ABSOLUTE MAXIMUM RATING
Symb ol V (BR)DSS I OUT IR I IN -V CC I STAT V ESD P tot Tj T s tg Parameter Drain-Source Breakdown Voltage Output Current (cont.) Reverse Output Current Input Current Reverse Supply Voltage Status Current (sink) Electrostatic Discharge (1.5 k, 100 pF) Power Dissipation at T c 25 C Junction Operating Temperature Storage Temperature
o
Valu e 60 7 -7 10 -4 10 2000 31 -40 to 150 -55 to 150
Unit V A A mA V mA V W
o o
C C
CONNECTION DIAGRAMS
CURRENT AND VOLTAGE CONVENTIONS
2/11
VN02AN
THERMAL DATA
R t hj-ca se R t hj- amb Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max Max 4 60
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (VCC = 9 to 36 V; Tcase = 25 oC unless otherwise specified) POWER
Symb ol V CC * R on IS Parameter Supply Voltage On State Resistance Supply Current
o
Test Cond ition s -40 C < T j < 125 C I OUT = 3 A I OUT = 1 A VCC = 30 V Tj = 125 o C
o
Min. 7
Typ .
Max. 36 0.35 0.6 1 9 7
Un it V mA mA mA
Off St ate V CC = 30 V On State VCC = 30 V o On State VCC = 30 V Tj = 125 C
SWITCHING
Symb ol t d(on) tr t d(of f) tf (di/dt) on (di/dt) off V DEMAG Parameter Turn-on Delay Time Of Output Current Rise Time O f O utput Current Test Cond ition s I OUT = 3 A Resistive Load Input Rise T ime < 0.1 s I OUT = 3 A Resistive Load Input Rise T ime < 0.1 s Min. Typ . 15 15 14 4.5
o
Max.
Un it s s s s
Turn-off Delay Time O f I OUT = 3 A Resistive Load Output Current Input Rise T ime < 0.1 s Fall T ime Of Output Current Turn-on Current Slope Turn-off Current Slope Inductive Load Clamp Voltage I OUT = 3 A Resistive Load Input Rise T ime < 0.1 s I OUT = 3 A I OUT = I OV I OUT = 3 A I OUT = I OV I OUT = 3 A 25 C < Tj < 125 C 25 o C < T j < 125 o C 25 C < Tj < 125 C 25 o C < T j < 125 o C -40 C < T j < 125 C
o o o o o
0.5 1 1.5 4 -24 -18 -14
A/s A/s A/s A/s V
LOGIC INPUT (-40 oC Tj 125 oC unless otherwise specified)
Symb ol VI L VI H V I(hyst.) I IN Parameter Input Low Level Voltage Input High Level Voltage Input Hysteresis Voltage Input Current VI N = 5 V VI N = 2 V V I N = 0.8 V I IN = 10 mA I IN = -10 mA 2 0.5 250 25 5.5 6 -0.7 -0.3 600 300 Test Cond ition s Min. Typ . Max. 0.8 (*) Un it V V V A A A V V
V ICL
Input Clamp Voltage
3/11
VN02AN
ELECTRICAL CHARACTERISTICS (continued) PROTECTION AND DIAGNOSTICS (-40 oC Tj 125 oC unless otherwise specified)
Symb ol V STAT I STAT V USD V SCL I OV I av I DOFF T TSD TR Parameter Status Voltage Output Low Under Voltage Shut Down Status Clamp Voltage Over Current Average Current In Short Circuit Leakage Current Thermal Shut-down Temperature Reset Temperature I STAT = 10 mA I STAT = -10 mA R LOAD < 10 m R LOAD < 10 m V CC = 30 V 140 125 T c = 85 C
o
Test Cond ition s I STAT = 1.6 mA
Min.
Typ .
Max. 0.4 10
Un it V A V V V A A
Status Leakage Current V STAT = 5 V 3.5 5.5 6 6 -0.7 15 0.6
7
-0.3
1
mA
o
C C
o
(*) The Vih is internally clamped at about 6V. It is possible to connect this pin to a higher voltage via an external resistor calculated to not exceed 10 mA at the input pin.
TRUTH TABLE
INPUT Normal Operation O ver-temperature Under-voltage L H H X DIAGNOST IC H H L H O UTPUT L H L L
Figure 1: Waveforms
4/11
VN02AN
FUNCTIONAL DESCRIPTION The device has a diagnostic output which indicates over temperature conditions. The truth table shows input, diagnostic output status and output voltage level in normal operation and fault conditions. The output signals are processed by internal logic. To protect the device against short circuit and over current conditions, the thermal protection turns the integrated Power MOS off at a minimum junction temperature of 140 oC. When the temperature returns to 125 oC the switch is automatically turned on again. To ensure the protection in all VCC conditions and in all the junction temperature range it is necessary to limit the voltage drop across Drain and Source (pin 3 and 5) at 28V according to: Vds = VCC - IOV * (Ri + Rw + Rl) where: Ri = internal resistence of Power Supply Rw = Wires resistance Rl = Short Circuit resistance Driving inductive loads, an internal function of the device ensures the fast demagnetization with typical voltage (Vdemag) of -18V. This function allows the reduction of the power dissipation according to the formula: Pdem = 0.5 * Lload * (Iload)2 * [(VCC + Vdem)/Vdem] * f Figure 2: Over Current Test Circuit
where f = Switching Frequency Based on this formula it is possible to know the value of inductance and/or current to avoid a thermal shut-down. PROTECTING THE DEVICE AGAINST REVERSE BATTERY The simpliest way to protect the device against a continuous reverse battery voltage (-36V) is to insert a Schottky diode between pin 1 (GND) and ground, as shown in the typical application circuit (Fig. 3). The consequences of the voltage drop across this diode are as follows: If the input is pulled to power GND, a negative voltage of -Vf is seen by the device. (Vil, Vih thresholds and Vstat are increased by Vf with respect to power GND). The undervoltage shut-down level is increased by Vf. If there is no need for the control unit to handle external analog signals referred to the power GND, the best approach is to connect the reference potential of the control unit to node [1] (see application circuit in fig. 4), which becomes the common signal GND for the whole control board avoiding shift of Vih, Vil and Vstat. This solution allows the use of a standard diode.
5/11
VN02AN
Figure 3: Typical Application Circuit With A Schottky Diode For Reverse Supply Protection
Figure 4: Typical Application Circuit With Separate Signal Ground
6/11
VN02AN
RDS(on) vs Junction Temperature RDS(on) vs Supply Voltage
RDS(on) vs Output Current
Input Voltages vs Junction Temperature
Output Current Derating
7/11
VN02AN
PENTAWATT (VERTICAL) MECHANICAL DATA
DIM. A C D D1 E F F1 G G1 H2 H3 L L1 L2 L3 L5 L6 L7 M M1 Dia mm TYP. inch TYP.
MIN.
2.4 1.2 0.35 0.8 1 3.2 6.6 10.05
3.4 6.8
MAX. 4.8 1.37 2.8 1.35 0.55 1.05 1.4 3.6 7 10.4 10.4
MIN.
0.094 0.047 0.014 0.031 0.039 0.126 0.260 0.396
0.134 0.268
MAX. 0.189 0.054 0.110 0.053 0.022 0.041 0.055 0.142 0.276 0.409 0.409
17.85 15.75 21.4 22.5 2.6 15.1 6 4.5 4 3.65 3.85 0.144 3 15.8 6.6 0.102 0.594 0.236
0.703 0.620 0.843 0.886 0.118 0.622 0.260 0.177 0.157 0.152
P010E
8/11
VN02AN
PENTAWATT (HORIZONTAL) MECHANICAL DATA
DIM. A C D D1 E F F1 G G1 H2 H3 L L1 L2 L3 L5 L6 L7 Dia 10.05 14.2 5.7 14.6 3.5 2.6 15.1 6 3.65 2.4 1.2 0.35 0.8 1 3.2 6.6 3.4 6.8 mm MIN. TYP. MAX. 4.8 1.37 2.8 1.35 0.55 1.05 1.4 3.6 7 10.4 10.4 15 6.2 15.2 4.1 3 15.8 6.6 3.85 0.137 0.102 0.594 0.236 0.144 0.396 0.559 0.094 0.047 0.014 0.031 0.039 0.126 0.260 0.134 0.268 MIN. inch TYP. MAX. 0.189 0.054 0.110 0.053 0.022 0.041 0.055 0.142 0.276 0.409 0.409 0.590 0244 0.598 0.161 0.118 0.622 0.260 0.152
P010F
9/11
VN02AN
PENTAWATT (IN-LINE) MECHANICAL DATA
DIM. MIN A C D D1 E F F1 G G1 H2 H3 L2 L3 L5 L6 L7 Diam. 10.05 23.05 25.3 2.6 15.1 6 3.65 23.4 25.65 2.4 1.2 0.35 0.8 1 3.2 6.6 3.4 6.8 mm TYP MAX 4.8 1.37 2.8 1.35 0.55 1.05 1.4 3.6 7 10.4 10.4 23.8 26.1 3 15.8 6.6 3.85 0.396 0.907 0.996 0.102 0.594 0.236 0.144 0.921 1.010 0.094 0.047 0.014 0.031 0.039 0.126 0.260 0.134 0.268 MIN inch TYP MAX 0.189 0.054 0.110 0.053 0.022 0.041 0.055 0.142 0.276 0.409 0.409 0.937 1.028 0.118 0.622 0.260 0.152
P010D
10/11
VN02AN
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical compone nts in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. .
11/11


▲Up To Search▲   

 
Price & Availability of VN02AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X