Part Number Hot Search : 
0SPBF B1100 P6V2B EM92601C DDTC124 HZS2L 2500E D0101
Product Description
Full Text Search
 

To Download VIPER53E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The new VIPER53E includes a PWM driver, an MDmesh MOSFET, a start-up high voltage current source and several on-chip protection circuits. The VIPER53E is an alternative choice to the VIPer53 when only the secondary regulation is required in a power supply. Like the standard VIPer53, the new version is housed in surface mounting DIP-8 and PowerSO-10 packages.
The higher V DD voltage range brings flexibility in designing the transformer. In fact in secondary regulation VIPER53E V DD voltage extends from 9V to 18V, while in the VIPer53 it goes from 9V to 14.5V and this wide voltage range can follow fast load variations. The extended V DD is implemented by eliminating an internal error amplifier.
Thanks to the MDmesh MOSFET with a breakdown voltage of 620V, an R DS(on) of 1 at 25C and a typical handling output power of 40W for a 85 to 265Vac voltage mains. For this level of power the device does not require a heat-sink. The total power consumption of the converter is less than 0.5W for the system when working in stand-by mode. This means power supply designers can easily meet the Blue Angel Eco or Energy Star Program.
Automatic burst mode for very low consumption in stand-by conditions (less than 500mW); Integrated high voltage start-up current source; Overload and short circuit control; Over-voltage protection at 18V; Over-temperature shutdown; Under-voltage protection; Current mode control with adjustable drain current limitation; Externally set switching frequency, up to 300kHz.
OSC DRAIN
ON/OFF oscillator PWM Latch
VIPER53E
blanking time selection 1V 0.5V 150/400ns blanking 8V 4V HCOMP
P/N
VIPER53EDIP VIPER53ESP
Input Mains 195-265Vac 85-265Vac
50W 65W 30W 40W
UVLO comparator VDD 8.4/ 11.5V
overtemp detector
R1 S R2 FF Q R3 R4 R5
standby comparator 0.5V
current amplifier PWM comparator 125k
4.35V overvoltage comparator 18V overload comparator 4.5V
Although the main application of VIPER53E is in AC/DC converters for consumer equipment such as set-top boxes, DVDs, VCRs, it can also be used for stand-by power supplies for servers or in home appliances where a very efficient AC/DC power supply in buck topology is needed. www.st.com/vipower
TOVL
COMP SOURCE
VIPER53E general block diagram


▲Up To Search▲   

 
Price & Availability of VIPER53E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X