Part Number Hot Search : 
MX29L G1426 6713A AK4386ET D22013H 4400B CR302 1N367
Product Description
Full Text Search
 

To Download VIPER100B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
VIPER100B VIPER100BSP
SMPS PRIMARY I.C.
PRELIMINARY DATA
T YPE VIPER100B/BSP
V DSS 400V
In 6A
R DS(on) 1.1
10
PENTAWATT HV FEATURE s ADJUSTABLE SWITCHING FREQUENCY UP TO 200KHZ s CURRENT MODE CONTROL s SOFT START AND SHUT DOWN CONTROL s AUTOMATIC BURST MODE OPERATION IN STAND-BY CONDITION ABLE TO MEET "BLUE ANGEL" NORM (<1W TOTAL POWER CONSUMPTION) s INTERNALLY TRIMMED ZENER REFERENCE s UNDERVOLTAGE LOCK-OUT WITH HYSTERESIS s INTEGRATED START-UP SUPPLY s AVALANCHE RUGGED s OVERTEMPERATURE PROTECTION s LOW STAND-BY CURRENT s ADJUSTABLE CURRENT LIMITATION BLOCK DIAGRAM
OSC
1
PowerSO-10
PENTAWATT HV (022Y)
DESCRIPTION VIPER100B/100BSP, made using VIPower M0 Technology, combines on the same silicon chip a state-of-the-art PWM circuit together with an optimized high voltage avalanche rugged Vertical Power MOSFET (400 V / 6 A). Typical applications cover off line power supplies with a secondary power capability of 100 W in a US mains lines configuration. It is compatible from both primary or secondary regulation loop despite using around 50% less components when compared with a discrete solution. Burst mode operation is an additional feature of this device, offering the possibility to operate in stand-by mode without extra components.
DRAIN
ON/OFF OSCILLATOR SECURITY LATCH
VDD
PWM LATCH S R1 FF Q R2 R3
UVLO LOGIC
R/S
FF S
Q
OVERTEMP. DETECTOR 0.5V _ ++ _
0.5 V
+ _
1.7 s DELAY
25 0 ns BLANKING
0. 5V/A
ERROR _ AMPLIFIER 13 V + 4.5 V
CURRENT AMPLIFIER
COMP
SOURCE
FC00231
January 2000
1/20
VIPER100B/BSP
ABSOLUTE MAXIMUM RATING
Symb ol V DS ID VDD V OSC V COMP I COMP V esd I D(AR) P tot Tj T s tg Parameter o Continuous Drain-Source Voltage (T j = 25 to 125 C) Maximum Current Supply Voltage Voltage Range Input Voltage Range Input Maximum Continuous Current Electrostatic discharge (R = 1.5 K C = 100pF) Avalanche Drain-Source Current, Repetitive or Not-Repetitive (T C = 100 o C, Pulse W idth Limited by T J max, <1%) o Power Dissipation at Tc = 25 C Junction Operating Temperature Storage Temperature Value -0.3 to 400 Internally Limited 0 to 15 0 to V DD 0 to 5 2 4000 3 82 Internally Limited -65 to 150 Unit V A V V V mA V A W C o C
o
THERMAL DATA
PENT AW ATT-HV R t hj-ca se R th j-a mb. Thermal Resistance Junction-case Thermal Resistance Ambient-case Max Max 1.4 60 PowerSO-10(*) 1.4 50
o o
C/W C/W
(*) When mounted using the minimum recommended pad size on FR-4 board.
CONNECTION DIAGRAMS (Top View) PENTAWATT HV PENTAWATT HV (022Y) PowerSO-10
CURRENT AND VOLTAGE CONVENTIONS
IDD ID
VDD
DRAIN
IOSC
OSC
13V
+
COMP SOURCE
VDD
VDS
ICOMP VOSC VCOMP
FC00020
2/20
VIPER100B/BSP
ORDERING NUMBERS
PENT AW ATT HV VIPER100B PENTAWATT HV (022Y) VIPER100B (022Y) Pow erSO -10 VIPER100BSP
PINS FUNCTIONAL DESCRIPTION DRAIN PIN: Integrated power MOSFET drain pin. It provides internal bias current during start-up via an integrated high voltage current source which is switched off during normal operation. The device is able to handle an unclamped current during its normal operation, assuring self protection against voltage surges, PCB stray inductance, and allowing a snubberless operation for low output power. SOURCE PIN: Power MOSFET source pin. Primary side circuit common ground connection. VDD PIN : This pin provides two functions :
current source, and can easily be connected to the output of an optocoupler. Note that any overvoltage due to regulation loop failure is still detected by the error amplifier through the VDD voltage, which cannot overpass 13V. The output voltage will be somewhat higher than the nominal one, but still under control. COMP PIN : This pin provides two functions :
- It is the output of the error transconductance
amplifier, and allows for the connection of a compensation network to provide the desired transfer function of the regulation loop. Its bandwidth can be easily adjusted to the needed value with usual components value. As stated above, secondary regulation configurations are also implemented through the COMP pin.
- It corresponds to the low voltage supply of the
control part of the circuit. If VDD goes below 8V, the start-up current source is activated and the output power MOSFET is switched off until the VDD voltage reaches 11V. During this phase, the internal current consumption is reduced, the VDD pin is sourcing a current of about 2mA and the COMP pin is shorted to ground. After that, the current source is shut down, and the device tries to start up by switching again.
- When the COMP voltage is going below 0.5V,
the shut-down of the circuit occurs, with a zero duty cycle for the power MOSFET. This feature can be used to switch off the converter, and is automatically activated by the regulation loop (whatever is the configuration) to provide a burst mode operation in case of negligible output power or open load condition. OSC PIN : An RT-CT network must be connected on that pin to define the switching frequency. Note that despite the connection of RT to VDD, no significant frequency change occurs for VDD varying from 8V to 15V. It provides also a synchronisation capability, when connected to an external frequency source.
- This pin is also connected to the error amplifier,
in order to allow primary as well as secondary regulation configurations. In case of primary regulation, an internal 13V trimmed reference voltage is used to maintain VDD at 13V. For secondary regulation, a voltage between 8.5V and 12.5V will be put on VDD pin by transformer design, in order to stuck the output of the transconductance amplifier to the high state. The COMP pin behaves as a constant
3/20
VIPER100B/BSP
AVALANCHE CHARACTERISTICS
Symb ol I D(a r) E (ar) Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max, < 1%) Single Pulse Avalanche Energy (starting Tj = 25 o C, I D = ID(ar )) (see fig.12) Max Valu e 3 60 Unit A mJ
ELECTRICAL CHARACTERISTICS (TJ = 25 oC, VDD = 13 V, unless otherwise specified) POWER SECTION
Symb ol BV DSS I DSS R DS( on) tf tr C OSS Parameter Drain-Source Voltage Off-State Drain Current Static Drain Source on Resistance Fall Time Rise Time Output Capacitance Test Con ditio ns I D = 1 mA V COMP = 0 V V DS = 400 V ID = 4 A ID = 4 A VCOMP = 0 V T J = 125 C 1 T J = 100 C 100 50 180
o o
Min. 400
Typ .
Max.
Un it V mA ns ns pF
0.9
1.1 2
I D = 0.2 A V i n = 300 V (1) (see fig.3) ID = 4 A (see fig. 3) V DS = 25 V Vi n = 300 V (1)
(1) On Inductive Load, Clamped.
SUPPLY SECTION
Symb ol I DDch I DD0 I DD1 I DD2 V DDo ff V DDo n VDDhyst Parameter Start-up Charging Current Test Con ditio ns V DD = 5 V V DS = 70 V (see fig. 2 and fig. 15) F SW = 0 KHz F SW = 100 KHz F SW = 200 KHz Min. Typ . -2 12 15.5 19 8 11 2.4 3 12 16 Max. Un it mA mA mA mA V V V
Operating Supply Current V DD = 12 V, (see fig. 2) Operating Supply Current V DD = 12 V, Operating Supply Current V DD = 12 V, Undervoltage Shutdown Undervoltage Reset Hysteresis Start-up (see fig. 2) (see fig. 2) (see fig. 2)
4/20
VIPER100B/BSP
ELECTRICAL CHARACTERISTICS (continued) OSCILLATOR SECTION
Symb ol F SW Parameter Oscillator Frequency Total Variation Test Con ditio ns C T =2.4 nF R T = 8.2 K V DD = 9 to15 V C T 5% with R T 1% (see fig. 6 and fig. 9) Min. 90 Typ . 100 Max. 110 Un it KHz
V OSCih V OSCi l
Oscillator Peak Voltage Oscillator Valley Voltage
7.1 3.7
V V
ERROR AMPLIFIER SECTION
Symb ol V DDr e V DDreg GBW A VOL Gm V COMPL O V COMPHI I COMPLO I COMPHI Parameter Vg Regulation Point Total Variation Unity G ain Bandwidth Open Loop Voltage Gain DC T ransconductance Output Low Level Output High Level Output Low Current Capability Output High Current Capability Test Cond ition s I COMP = 0 mA
o
Min. 12.6
Typ . 13 2 150
Max. 13.4
Un it V % KHz dB
(see fig.1)
T J = 0 to 100 C From Input = VDD to Output = V COMP CO MP pin is open (see fig. 10) CO MP pin is open (see fig. 10) V COMP = 2.5 V I COMP = -400 A I COMP = 400 A V COMP = 2.5 V V COMP = 2.5 V (see fig. 1) V DD = 14 V V DD = 12 V V DD = 14 V V DD = 12 V 45 1.1
52 1.5 0.2 4.5 -600 600 1.9
mA/V V V A A
PWM COMPARATOR SECTION
Symb ol H ID V COMPof f I Dpeak td tb t on( mi n) Parameter V COMP /IDpea k V COMP offset Test Cond ition s V COMP = 1 to 3 V I Dp eak = 10 mA COMP pin open 6 Min. 0.35 Typ . 0.5 0.5 8 250 250 350 360 11 Max. 0.65 Un it V/A V A ns ns ns
Peak Current Limitation V DD = 12 V Current Sense Delay to turn-off Blanking Time Minimum on T ime ID = 1 A
SHUTDOWN AND OVERTEMPERATURE SECTION
Symb ol V COMPth t DI Ssu T t sd T hyst Parameter Restart threshold Disable Set Up T ime Thermal Shutdown Temperature Thermal Shutdown Hysteresis Test Cond ition s (see fig. 4) (see fig. 4) (see fig. 8) (see fig. 8) 140 Min. Typ . 0.5 1.7 170 40 5 Max. Un it V s
o
C C
o
5/20
VIPER100B/BSP
Figure 1: VDD Regulation Point Figure 2: Undervoltage Lockout
ICOMP
ICOMPHI
Slope = Gm in mA/V
IDD
IDD0
VDD
0 ICOMPLO VDDreg
FC00150
VDDhyst VDDoff IDDch
VDS = 70 V Fsw = 0
VDDon
VDD
FC00170
Figure 3: Transition Time
Figure 4: Shut Down Action
VOS C
ID
t
VCOMP
10% Ipeak
tDIS s u
t
VCOMPth t
VDS
90% VD
ID
10% VD t tf tr
FC00160 ENABLE ENABLE DISABLE
FC 00 0 6 0
t
Figure 5: Breakdown Voltage vs Temperature
FC0 0180
Figure 6: Typical Frequency Variation
FC0 019 0
1.15
BVDS S
(Nor malize d)
(%)
1 0
1.1
-1
1.05
-2 -3
1
-4
0.95
-5
0 20 40 60 80 100 120 Temp erature ( C)
0
20
40 60 80 100 120 140 Temperature ( C)
6/20
VIPER100B/BSP
Figure 7: Start-up Waveforms
Figure 8: Overtemperature Protection
Tj
Ttsd Tts d-Thys t
t Vdd
Vddo n Vddoff
t Id
t Vco mp
t
SC1 019 1
7/20
VIPER100B/BSP
Figure 9: Oscillator
Rt OSC
VDD
For RT > 1.2 K: 2.3 FSW = D RT CT MAX
CLK
Ct
~360
DMAX = 1 -
550 RT - 150
Recommended DMAX values: 100KHz: > 80% 200KHz: > 70%
FC00050
Maximum duty cycle vs Rt
1
FC00040
0.9
0.8
Dmax
0.7
0.6
0.5
1
2
3
5
10
20
30
50
Rt (k) Oscillator frequency vs Rt and Ct
1,000
Ct = 1.5 nF
FC00030
500
Ct = 2.7 nF
Frequency (kHz)
300 200
Ct = 4.7 nF
Ct = 10 nF
100
50 30
1
2
3
5
10
20
30
50
Rt (k)
8/20
VIPER100B/BSP
Figure 10: Error Amplifier Frequency Response
FC00200
60
RCOMP = + RCOMP = 270k
Voltage Gain (dB)
40
RCOMP = 82k RCOMP = 27k
20
RCOMP = 12k
0
(20) 0.001
0.01
0.1 1 10 Frequency (kHz)
100
1,000
Figure 11: Error Amplifier Phase Response
FC00210
200
RCOMP = +
150 Phase () 100 50 0 (50) 0.001
RCOMP = 270k RCOMP = 82k RCOMP = 27k RCOMP = 12k
0.01
0.1 1 10 Frequency (kHz)
100
1,000
9/20
VIPER100B/BSP
Figure 12: Avalanche Test Circuit
L1 1mH
2 VDD 1
3 DRAIN Q1 2 x STHV102FI in parallel R1 BT1 0 to 20V COMP SOURCE 5 4 47 GENERATOR INPUT 500us PULSE
OSC 13V
+
BT2 12V
C1 47uF 16V
U1 VIPER100B R2 1k R3 100
FC00195B
10/20
VIPER100B/BSP
Figure 13: Off Line Power Supply With Auxiliary Supply Feedback
F1 C1
AC IN
TR2
BR1 TR1 D1 C2 R1 C3 D3 C10 R7 C4
GND
D2
L2
+Vcc
R9
C7
C9
R2
VDD
DRAIN
OSC
13V
C5
+
COMP SOURCE
C6
C11
VIPER100B
R3
FC00081B
Figure 14: Off Line Power Supply With Optocoupler Feedback
F1 TR2 BR1 TR1 D1 C2 R1 C3 D3 C10 R7 C4 GND C7 C9 D2 L2 +Vcc
C1 AC IN R9
R2
VDD
DRAIN
OSC
13V
C5
+
COMP SOURCE
VIPER100B
C11
C6 R3 ISO1
R6
R4 C8 U2 R5
FC00091B
11/20
VIPER100B/BSP
OPERATION DESCRIPTION : CURRENT MODE TOPOLOGY: The current mode control method, like the one integrated in the VIPER100B/BSPuses two control loops - an inner current control loop and an outer loop for voltage control. When the Power MOSFET output transistor is on, the inductor current (primary side of the transformer) is monitored with a SenseFET technique and converted into a voltage VS proportional to this current. When VS reaches VCOMP (the amplified output voltage error) the power switch is switched off. Thus, the outer voltage control loop defines the level at which the inner loop regulates peak current through the power switch and the primary winding of the transformer. Excellent open loop D.C. and dynamic line regulation is ensured due to the inherent input voltage feedforward characteristic of the current mode control. This results in an improved line regulation, instantaneous correction to line changes and better stability for the voltage regulation loop. Current mode topology also ensures good limitation in the case of short circuit. During a first phase the output current increases slowly following the dynamic of the regulation loop. Then it reaches the maximum limitation current internally set and finally stops because the power supply on VDD is no longer correct. For specific applications the maximum peak current internally set can be overridden by externally limiting the voltage excursion on the COMP pin. An integrated blanking filter inhibits the PWM comparator output for a short time after the integrated Power MOSFET is switched on. This function prevents anomalous or premature termination of the switching pulse in the case of current spikes caused by primary side capacitance or secondary side rectifier reverse recovery time. STAND-BY MODE Stand-by operation in nearly open load condition automatically leads to a burst mode operation allowing voltage regulation on the secondary side. The transition from normal operation to burst mode operation happens for a power PSTBY given by : 1 2 PSTBY = LP ISTBY FSW 2
12/20
Where: LP is the primary inductance of the transformer. FSW is the normal switching frequency. ISTBY is the minimum controllable current, corresponding to the minimum on time that the device is able to provide in normal operation. This current can be computed as : (tb + td) VIN ISTBY =
LP
tb + td is the sum of the blanking time and of the propagation time of the internal current sense and comparator, and represents roughly the minimum on time of the device. Note that PSTBY may be affected by the efficiency of the converter at low load, and must include the power drawn on the primary auxiliary voltage. As soon as the power goes below this limit, the auxiliary secondary voltage starts to increase above the 13V regulation level forcing the output voltage of the transconductance amplifier to low state (VCOMP < VCOMPth). This situation leads to the shutdown mode where the power switch is maintained in the off state, resulting in missing cycles and zero duty cycle. As soon as VDD gets back to the regulation level and the VCOMPth threshold is reached, the device operates again. The above cycle repeats indefinitely, providing a burst mode of which the effective duty cycle is much lower than the minimum one when in normal operation. The equivalent switching frequency is also lower than the normal one, leading to a reduced consumption on the input mains lines. This mode of operation allows the VIPER100B/BSP to meet the new German "Blue Angel" Norm with less than 1W total power consumption for the system when working in stand-by. The output voltage remains regulated around the normal level, with a low frequency ripple corresponding to the burst mode. The amplitude of this ripple is low, because of the output capacitors and of the low output current drawn in such conditions.The normal operation resumes automatically when the power get back to higher levels than PSTBY. HIGH VOLTAGE START-UP CURRENT SOURCE An integrated high voltage current source provides a bias current from the DRAIN pin during the start-up phase. This current is partially absorbed by internal control circuits which are
VIPER100B/BSP
placed into a standby mode with reduced consumption and also provided to the external capacitor connected to the VDD pin. As soon as the voltage on this pin reaches the high voltage threshold VDDon of the UVLO logic, the device turns into active mode and starts switching. The start up current generator is switched off, and the converter should normally provide the needed current on the VDD pin through the auxiliary winding of the transformer, as shown on figure 15. In case of abnormal condition where the auxiliary winding is unable to provide the low voltage supply current to the VDD pin (i.e. short circuit on the output of the converter), the external capacitor discharges itself down to the low threshold voltage VDDoff of the UVLO logic, and the device get back to the inactive state where the internal circuits are in standby mode and the start up current source is activated. The converter enters a endless start up cycle, with a start-up duty cycle defined by the ratio of charging current towards discharging when the VIPER100B/BSP tries to start. This ratio is fixed by design to 2 to 15, which gives a 12% start up duty cycle while the power dissipation at start up is approximately 0.6 W, for a 230 Vrms input voltage. This low value of start-up duty cycle prevents the stress of the output rectifiers and of the transformer when in short circuit. The external capacitor CVDD on the VDD pin must be sized according to the time needed by the converter to start up, when the device starts switching. This time tSS depends on many parameters, among which transformer design, output capacitors, soft start feature and compensation network implemented on the COMP pin. The following formula can be used for defining the minimum capacitor needed: IDD tSS CVDD >
VDDhyst
where: IDD is the consumption current on the VDD pin when switching. Refer to specified IDD1 and IDD2 values. tSS is the start up time of the converter when the device begins to switch. Worst case is generally at full load. VDDhyst is the voltage hysteresis of the UVLO logic. Refer to the minimum specified value. Soft start feature can be implemented on the COMP pin through a simple capacitor which will be also used as the compensation network. In this case, the regulation loop bandwidth is rather low, because of the large value of this capacitor. In case a large regulation loop bandwidth is mandatory, the schematics of figure 16 can be
Figure 15: Behaviour of the high voltage current source at start-up
VDD VDDon VDDoff
2 mA 15 mA
CVDD
VDD
1 mA 15 mA
3 mA
DRAIN
Ref. t Auxiliary primary winding UNDERVOLTAGE LOCK OUT LOGIC
VIP er100B
SOURCE
Sta rt up duty cycle ~ 10%
FC00100B
13/20
VIPER100B/BSP
used. It mixes a high performance compensation network together with a separate high value soft start capacitor. Both soft start time and regulation loop bandwidth can be adjusted separately. If the device is intentionally shut down by putting the COMP pin to ground, the device is also performing start-up cycles, and the VDD voltage is oscillating between VDDon and VDDoff. This voltage can be used for supplying external functions, provided that their consumption doesn't exceed 0.5mA. Figure 17 shows a typical application of this function, with a latched shut down. Once the "Shutdown" signal has been activated, the device remains in the off state until the input voltage is removed. TRANSCONDUCTANCE ERROR AMPLIFIER The VIPER100B/BSP includes a transconductance error amplifier. Transconductance Gm is the change in output current (ICOMP) versus change in input voltage (VDD). Thus: ICOMP Gm = VDD The output impedance ZCOMP at the output of this amplifier (COMP pin) can be defined as: VCOMP VCOMP 1 ZCOMP = = x ICOMP Gm VDD This last equation shows that the open loop gain AVOL can be related to Gm and Z COMP: AVOL = Gm x ZCOMP where Gm value for VIPER100B/BSP is 1.5 mA/V typically. Gm is well defined by specification, but ZCOMP and therefore AVOL are subject to large tolerances. An impedance Z can be connected between the COMP pin and ground in order to define more accurately the transfer function F of the error amplifier, according to the following equation, very similar to the one above: F(S) = Gm x Z(S) The error amplifier frequency response is reported in figure 10 for different values of a simple resistance connected on the COMP pin. The unloaded transconductance error amplifier shows an internal ZCOMP of about 330 K. More complex impedance can be connected on the COMP pin to achieve different compensation laws. A capacitor will provide an integrator function, thus eliminating the DC static error, and a resistance in series leads to a flat gain at higher frequency, insuring a correct phase margin. This configuration is illustrated on figure 18. As shown in figure 18 an additional noise filtering capacitor of 2.2 nF is generally needed to avoid any high frequency interference. It can be also interesting to implement a slope compensation when working in continuous mode with duty cycle higher than 50%. Figure 19 shows such a configuration. Note that R1 and C2 build the classical compensation network, and Q1 is injecting the slope compensation with the correct polarity from the oscillator sawtooth. EXTERNAL CLOCK SYNCHRONIZATION: The OSC pin provides a synchronisation capability, when connected to an external Figure 17: Latched Shut Down
Figure 16: Mixed Soft Start and Compensation
D2
VIPER100B
VDD DRAIN
D3
R1
VDD
VIPER100B
DRAIN
OSC 13V
+
COMP SOURCE
R3 D1
Q2
OSC 13V
+
COMP SOURCE
AUXILIARY WINDING
R3
R2
C4
R1 R2
R4
Shutdo wn
+ C3
C1
+ C2
Q1
D1
FC0 0131B
FC00110B
14/20
VIPER100B/BSP
frequency source. Figure 20 shows one possible schematic to be adapted depending the specific needs. If the proposed schematic is used, the pulse duration must be kept at a low value (500ns is sufficient) for minimizing consumption. The optocoupler must be able to provide 20mA through the optotransistor. PRIMARY PEAK CURRENT LIMITATION The primary IDPEAK current and, as resulting effect, the output power can be limited using the simple circuit shown in figure 21. The circuit based on Q1, R1 and R2 clamps the voltage on the COMP pin in order to limit the primary peak current of the device to a value:
IDPEAK = where:
VCOMP - 0.5
HID R1 + R2
VCOMP = 0.6 x
R2
The suggested value for R1+R2 is in the range of 220K. OVER-TEMPERATURE PROTECTION: Over-temperature protection is based on chip temperature sensing. The minimum junction temperature at which over-temperature cut-out occurs is 140oC while the typical value is 170oC. The device is automatically restarted when the junction temperature decreases to the restart temperature threshold that is typically 40oC below Figure 19: Slope Compensation
Figure 18: Typical Compensation Network
VIPER100B
VDD OSC 13V DRAIN
+
COMP SOURCE
R2
R1 VIPER100B
VDD OSC 13V DRAIN
+
COMP SOURCE
C2
R1 C1
C2
Q1
C3
C1
R3
F C00121B
FC0 0141B
Figure 20:External Clock Synchronization
Figure 21:Current Limitation Circuit Example
VIPer10 0B
VDD OSC 13V DRAIN
+
COMP SOURCE
VIPER100B
VDD OSC DRAIN
13V
+
COMP SOURCE
R1 Q1 R2
10 k
FC00220B
FC0 0240B
15/20
VIPER100B/BSP
Figure 22: Recommended layout
T1
D1
D2
C7
To secon a d ry filte ringa ndloa d
R1
2
VDD DRAIN
3
C1
-
1 OSC
13V
Frominp ut diod b g es rid e
+ COMP SOURCE
C5
U1 VIPER100B R2 C2 C3 ISO1 C4
5
4
C6
FC00500B
LAYOUT CONSIDERATIONS Some simple rules insure a correct running of switching power supplies. They may be classified into two categories:
- To minimise power loops: the way the switched
power current must be carefully analysed and the corresponding paths must present the smallest inner loop area as possible. This avoids radiated EMC noises, conducted EMC noises by magnetic coupling, and provides a better efficiency by eliminating parasitic inductances, especially on secondary side.
power ones. The interferences due to a mixing of signal and power may result in instabilities and/or anomalous behaviour of the device in case of violent power surge (Input overvoltages, output short circuits...). In case of VIPer, these rules apply as shown on figure 22. The loops C1-T1-U1, C5-D2-T1, C7-D1-T1 must be minimised. C6 must be as close as possible from T1. The signal components C2, ISO1, C3 and C4 are using a dedicated track to be connected directly to the source of the device.
- To use different tracks for low level signals and
16/20
VIPER100B/BSP
PENTAWATT HV (VERTICAL) MECHANICAL DATA
DIM. A C D E F G1 G2 H1 H2 H3 L L1 L2 L3 L5 L6 L7 M M1 R V4 Diam. mm TYP. inch TYP.
MIN. 4.30 1.17 2.40 0.35 0.60 4.90 7.42 9.30 10.05 16.60 14.60 21.20 22.20 2.60 15.10 6.00 2.50 7.56
MAX. 4.80 1.37 2.80 0.55 0.80 5.28 7.82 9.70 10.40 10.40 17.30 15.22 21.85 22.82 3.00 15.80 6.60 3.10 8.16
MIN. 0.169 0.046 0.094 0.014 0.024 0.193 0.292 0.366 0.396 0.653 0.575 0.835 0.874 0.102 0.594 0.236 0.098 0.298
MAX. 0.189 0.054 0.110 0.022 0.031 0.208 0.308 0.382 0.409 0.409 0.681 0.599 0.860 0.898 0.118 0.622 0.260 0.122 0.321
0.50 90o 3.70 3.90 0.146
0.020 90 0.154
L E L1
M1 M R
Resin between leads
A
D
C
L6 L7 V4
G2
G1 F L2 L3 L5
H1
H3 Diam
H2
P023H3
17/20
VIPER100B/BSP
PENTAWATT HV 022Y(VERTICAL HIGH PITCH) MECHANICAL DATA
DIM. A C D E F G1 G2 H1 H2 H3 L L1 L3 L5 L6 L7 M M1 R V4 Diam. mm TYP. inch TYP.
MIN. 4.30 1.17 2.40 0.35 0.60 4.90 7.42 9.30 10.05 16.42 14.60 20.52 2.60 15.10 6.00 2.50 5.00
MAX. 4.80 1.37 2.80 0.55 0.80 5.28 7.82 9.70 10.40 10.40 17.42 15.22 21.52 3.00 15.80 6.60 3.10 5.70
MIN. 0.169 0.046 0.094 0.014 0.024 0.193 0.292 0.366 0.396 0.646 0.575 0.808 0.102 0.594 0.236 0.098 0.197
MAX. 0.189 0.054 0.110 0.022 0.031 0.208 0.308 0.382 0.409 0.409 0.686 0.599 0.847 0.118 0.622 0.260 0.122 0.224
0.50 o 90 3.70 3.90 0.146
0.020 90o 0.154
L L1 E
M1
M R
Resin between leads
A D C
L6 L7 V4
G2
G1 F L3 L5
H1
H3 Diam
H2
P023H2
18/20
VIPER100B/BSP
PowerSO-10 MECHANICAL DATA
DIM. A A1 B C D D1 e E E1 E2 E3 E4 F h H L q 0o 13.80 1.20 1.70 8o 9.30 7.20 7.20 6.10 5.90 1.25 0.50 14.40 1.80 0.543 0.047 0.067 mm MIN. 3.35 0.00 0.40 0.35 9.40 7.40 1.27 9.50 7.40 7.60 6.35 6.10 1.35 0.366 0.283 0.283 0.240 0.232 0.049 0.002 0.567 0.071 TYP. MAX. 3.65 0.10 0.60 0.55 9.60 7.60 MIN. 0.132 0.000 0.016 0.013 0.370 0.291 0.050 0.374 0.291 0.300 0.250 0.240 0.053 inch TYP. MAX. 0.144 0.004 0.024 0.022 0.378 0.300
B
0.10 A B
10 = H = A F A1 =
6
=
=
=
E = 1 5
=
E2
E3
E1
E4
=
=
A
=
SEATING PLANE DETAIL "A"
e
0.25
M
B
C Q
h
D = D1 = = = SEATING PLANE
= A1 L
DETAIL "A"
0068039-C
19/20
VIPER100B/BSP
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
20/20


▲Up To Search▲   

 
Price & Availability of VIPER100B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X