Part Number Hot Search : 
15KP110 PR2001G1 2SB1116 LMR61W L9205A S6310MG LVCU0 L9205A
Product Description
Full Text Search
 

To Download VCR7N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VCR2N/4N/7N
Vishay Siliconix
JFET Voltage-Controlled Resistors
PRODUCT SUMMARY
Part Number
VCR2N VCR4N VCR7N
VGS(off) Max (V)
-7 -7 -5
V(BR)GSS Min (V)
-25 -25 -25
rDS(on) Max (W)
60 600 8000
FEATURES
D Continuous Voltage-Controlled Resistance D High Off-Isolation D High Input Impedance
BENEFITS
D Gain Ranging Capability/Wide Range Signal Attenuation D No Circuit Interaction D Simplified Drive
APPLICATIONS
D Variable Gain Amplifiers D Voltage Controlled Oscillator D AGC
DESCRIPTION
The VCR2N/4N/7N JFET voltage controlled resistors have an ac drain-source resistance that is controlled by a dc bias voltage (VGS) applied to their high impedance gate terminal. Minimum rDS occurs when VGS = 0 V. As VGS approaches the pinch-off voltage, rDS rapidly increases. This series of junction FETs is intended for applications where the drain-source voltage is a low-level ac signal with no dc component. Key to device performance is the predictable rDS change versus VGS bias where:
r DS(@ V GS + 0) r DSbias [ V GS 1- V GS(off)
These n-channel devices feature rDS(on) ranging from 20 to 8000 W . All packages are hermetically sealed and may be processed per MIL-S-19500 (see Military Information).
TO-206AA (TO-18)
TO-206AF (TO-72)
S
S
C
1
1
4
2
D Top View
3
G and Case D
2
3
G Top View VCR7N
VCR2N, VCR4N
For applications information see AN105. Document Number: 70293 S-41225--Rev. F, 28-Jun-04 www.vishay.com
1
VCR2N/4N/7N
Vishay Siliconix
ABSOLUTE MAXIMUM RATINGSa
Gate-Source, Gate-Drain Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25 V Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mA Power Dissipationb . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 mW Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . -55 to 175_C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 200_C Lead Temperature (1/16" from case for 10 sec.) . . . . . . . . . . . . . . . . . . . 300_C Notes: a. TA = 25_C unless otherwise noted. b. Derate 2 mW/_C above 25_C.
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
VCR2N VCR4N VCR7N
Parameter Static
Gate-Source Breakdown Voltage Gate-Source Cutoff Voltage Gate Reverse Current
Symbol
V(BR)GSS VGS(off) IGSS
Test Conditions
IG = -1 mA, VDS = 0 V VDS = 10 V, ID = 1 mA VGS = -15 V, VDS = 0 V VGS = 0 V, ID = 10 mA
Typa
-55
Min
-25 -3.5 20
Max
Min
-25
Max
Min
-25
Max
Unit
-7 -5 60
-3.5
-7 -0.2
-2.5
-5 -0.1
V nA
Drain-Source On-Resistance Gate-Source Forward Voltage
rDS(on) VGS(F)
VGS = 0 V, ID = 1 mA VGS = 0 V, ID = 0.1 mA VDS = 0 V, IG = 1 mA 0.7
200
600 4000 8000
W V
Dynamic
Drain-Source On-Resistance Drain-Gate Capacitance Source-Gate Capacitance rds(on) Cdg Csg VGS = 0 V, ID = 0 mA f = 1 kHz VGD = -10 V, IS = 0 mA f = 1 MHz VGS = -10 V, ID = 0 mA f = 1 kHz 20 60 7.5 7.5 200 600 3 3 4000 8000 1.5 pF 1.5 W
Notes: a. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NCB/NPA/NT
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Output Characteristics (VCR2N)
30 VGS(off) = -4 V 25 ID - Drain Current (mA) 20 15 10 5 VGS = 0 V 0.8 -0.5 V -1.0 V -1.5 V -2.0 V -2.5 V -3.0 V 0 0 0.2 0.4 0.6 0.8 1 VDS - Drain-Source Voltage (V) www.vishay.com 0 0 0.1 0.2 0.3 0.4 0.5 VDS - Drain-Source Voltage (V) Document Number: 70293 S-41225--Rev. F, 28-Jun-04 ID - Drain Current (mA) 1.0 -1.5 V -2.0 V -2.5 V 0.6 -3.0 V -4.0 V -3.5 V
Output Characteristics (VCR4N)
VGS = 0 V
0.4
0.2 VGS(off) = -4.2 V
2
VCR2N/4N/7N
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Output Characteristics (VCR7N)
200 VGS(off) = -2.5 V VGS = 0 V 120 -0.5 V -1.0 V 80 -1.5 V 40 -2.0 V 0 0 0.2 0.4 0.6 0.8 1 VDS - Drain-Source Voltage (V)
160 ID - Drain Current (mA)
APPLICATIONS
A simple application of a FET VCR is shown in Figure 1, the circuit for a voltage divider attenuator. The output voltage is:
VOUT = R VIN rDS
R + rDS
It is assumed that the output voltage is not so large as to push the VCR out of the linear resistance region, and that the rDS is not shunted by the load.
VOUT
VIN
The lowest value which VOUT can assume is:
VOUT(min) = VIN rDS(on)
R + rDS(on)
-
VGS VCR
+
Since rDS can be extremely large, the highest value is:
FIGURE 1. Simple Attenuator Circuit
VOUT(max) = VIN
Document Number: 70293 S-41225--Rev. F, 28-Jun-04
www.vishay.com
3


▲Up To Search▲   

 
Price & Availability of VCR7N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X