Part Number Hot Search : 
AK2572 QS5U12TR 411KFE0 RE0208DA 32S64A MSK4222 12B24D 4073B
Product Description
Full Text Search
 

To Download V29LC51000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSEL VITELIC
V29LC51000 512 KILOBIT (65,536 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
Description
PRELIMINARY
Features
s s s s s 64Kx8-bit Organization Address Access Time: 90 ns Single 5V 10% Power Supply Sector Erase Mode Operation 512 bytes per Sector, 128 Sectors - Sector-Erase Cycle Time: 10ms (Max) - Byte-Program Cycle Time: 30s (Max) Minimum 1,000 Erase-Program Cycles Low power dissipation - Active Read Current: 20mA (Typ) - Active Program Current: 30mA (Typ) - Standby Current: 100A (Max) Low VCC Program Inhibit Below 3.2V Self-timed program/erase operations CMOS and TTL Interface Packages: - 32-pin Plastic DIP - 32-pin PLCC
s s
The V29LC51000 is a high speed 65,536 x 8 bit CMOS flash memory. Programming or erasing the device is done with a single 5 Volt power supply. The device has separate chip enable CE, program enable WE, and output enable OE controls to eliminate bus contention. The V29LC51000 features a sector erase operation which allows each sector to be erased and reprogrammed without affecting data stored in other sectors. The device also supports full chip erase.
s s s s
Device Usage Chart
Operating Temperature Range 0C to 70C Package Outline P * J * Access Time (ns) 90 * Temperature Mark Blank
V29LC51000 Rev. 0.4 October 2000
1
MOSEL VITELIC
V 29 LC 51 000 -
V29LC51000
OPERATING VOLTAGE 51: 5V
DEVICE 90: 90ns
SPEED
PKG.
TEMP. BLANK (0C TO 70C)
P = PDIP J = PLCC
L51000-01
Pin Configurations
VCC WE A12 A15 NC NC
N/C N/C A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 32-Pin PDIP 26 Top View 25 24 23 22 21 20 19 18 17
51000-02
I/O1
I/O2
I/O3
I/O4
I/O5
GND
I/O6
VCC WE NC A14 A13 A8 A9 A11 OE A10 CE I/O7 I/O6 I/O5 I/O4 I/O3
4
3
2
1 32 31 30 29 28 27 26 25 24 23 22 21
NC
A7 A6 A5 A4 A3 A2 A1 A0 I/O0
5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
A14 A13 A8 A9 A11 OE A10 CE I/O7
32 Pin PLCC Top View
51000-03
Pin Names
A0-A15 I/O0-I/O7 CE OE WE VCC GND NC Address Inputs Data Input/Output Chip Enable Output Enable Program Enable 5V 10% Power Supply Ground No Connect
V29LC51000 Rev. 0.4 October 2000
2
MOSEL VITELIC
Functional Block Diagram
1,048,576 Bit Memory Cell Array
V29LC51000
X-Decoder
A0-A15
Address buffer & latches
Y-Decoder
CE OE WE
Control Logic
I/O Buffer & Data Latches
I/O0-I/O7
51000-05
Capacitance (1,2)
Symbol
CIN COUT CIN2
Parameter
Input Capacitance Output Capacitance Control Pin Capacitance
Test mSetup
VIN = 0 VOUT = 0 VIN = 0
Typ.
6 8 8
Max.
8 12 10
Units
pF pF pF
NOTE: 1. Capacitance is sampled and not 100% tested. 2. TA = 25C, VCC = 5V 10%, f = 1 MHz.
Latch Up Characteristics(1)
Parameter
Input Voltage with Respect to GND on A9, OE Input Voltage with Respect to GND on I/O, address or control pins VCC Current NOTE: 1. Includes all pins except VCC. Test conditions: VCC = 5V, one pin at a time.
Min.
-1 -1 -100
Max.
+13 VCC + 1 +100
Unit
V V mA
AC Test Load
+5.0 V IN3064 or Equivalent Device Under Test IN3064 or Equivalent CL = 100 pF 6.2 k IN3064 or Equivalent IN3064 or Equivalent
51001-06
2.7 k
V29LC51000 Rev. 0.4 October 2000
3
MOSEL VITELIC
Absolute Maximum Ratings(1)
Symbol
VIN VIN VCC TSTG TOPR IOUT
V29LC51000
Parameter
Input Voltage (input or I/O pins) Input Voltage (A9 pin, OE) Power Supply Voltage Storage Temerpature (Plastic) Operating Temperature Short Circuit Current(2)
Commercial
-2 to +7 -2 to +13 -0.5 to +5.5 -65 to +125 0 to +70 200 (Max.)
Unit
V V V C C mA
NOTE: 1. Stress greater than those listed unders "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. No more than one output maybe shorted at a time and not exceeding one second long.
DC Electrical Characteristics
(over the commercial operating range)
Parameter Name
VIL VIH IIL IOL VOL VOH ICC1
Parameter
Input LOW Voltage Input HIGH Voltage Input Leakage Current Output Leakage Current Output LOW Voltage Output HIGH Voltage Read Current
Test Conditions
VCC = VCC Min. VCC = VCC Max. VIN = GND to VCC, VCC = VCC Max. VOUT = GND to VCC, VCC = VCC Max. VCC = VCC Min., IOL = 2.1mA VCC = VCC Min, IOH = -400A CE = OE = VIL, WE = VIH, all I/Os open, Address input = VIL/VIH, at f = 1/tRC Min., VCC = VCC Max. CE = WE = VIL, OE = VIH, VCC = VCC Max. CE = OE = WE = VIH, VCC = VCC Max. CE = OE = WE = VCC - 0.3V, VCC = VCC Max. CE = OE = VIL, WE = VIH CE = OE = VIL, WE = VIH, A9 = VH Max.
Min.
-- 2 -- -- -- 2.4 --
Max.
0.8 -- 1 10 0.4 -- 40
Unit
V V A A V V mA
ICC2 ISB ISB1 VH IH
Program Current TTL Standby Current CMOS Standby Current Device ID Voltage for A9 Device ID Current for A9
-- -- -- 11.5 --
50 2 100 12.5 50
mA mA A V A
V29LC51000 Rev. 0.4 October 2000
4
MOSEL VITELIC
AC Electrical Characteristics
(over all temperature ranges) Read Cycle
Parameter Name
tRC tAA tACS tOE tCLZ tOLZ tDF tOH
V29LC51000
-90 Parameter
Read Cycle Time Address Access Time Chip Enable Access Time Output Enable Access Time CE Low to Output Active OE Low to Output Active Output Enable or Chip Disable to Output in High Z Output Hold from Address Change
Min.
90 -- -- -- 0 0 0 0
Max.
-- 90 90 40 -- -- 20 --
Unit
ns ns ns ns ns ns ns ns
Program (Erase/Program) Cycle
Parameter Name
tWC tAS tAH tCS tCH tOES tOEH tWP tWPH tDS tDH tWHWH1 tWHWH2 tWHWH3
-90 Parameter
Program Cycle Time Address Setup Time Address Hold Time CE Setup Time CE Hold Time OE Setup Time OE High Hold Time WE Pulse Width WE Pulse Width High Data Setup Time Data Hold Time Programming Cycle Sector Erase Cycle Chip Erase Cycle
Min.
90 0 45 0 0 0 0 45 35 30 0 -- -- --
Typ.
-- -- -- -- -- -- -- -- -- -- -- -- -- 2
Max.
-- -- -- -- -- -- -- -- -- -- -- 30 10 --
Unit
ns ns ns ns ns ns ns ns ns ns ns s ms sec
V29LC51000 Rev. 0.4 October 2000
5
MOSEL VITELIC
Waveforms of Read Cycle
tRC ADDRESS tAA CE tCE tOE OE tOLZ WE tCLZ I/O HIGH-Z tOH VALID DATA OUT tAA VALID DATA OUT tDF
V29LC51000
HIGH-Z
51001-07
Waveforms of WE Controlled-Program Cycle
3rd bus cycle tWC tAS ADDRESS 5555H tCH CE PA tAH tRC
OE tOES WE tCS tWPH tDS tDH I/O A0H PD(3) Valid Data
51001-08
tWP
tWHWH1
tDF tOE tOH
NOTES: 1. PA: The address of the memory location to be programmed. 2. PD: The data at the byte address to be programmed.
V29LC51000 Rev. 0.4 October 2000
6
MOSEL VITELIC
Waveforms of Erase Cycle(1)
tWC ADDRESS 5555H tAS 2AAAH 5555H tAH CE 5555H 2AAAH SA
V29LC51000
OE tWP WE tCS tDS tDH I/O AAH 55H 80H AAH 55H tWPH 10H for Chip Erase 30H
51001-10
NOTES: 1. PA: The address of the memory location to be programmed. 2. PD: The data at the byte address to be programmed. 3. SA: The sector address for Sector Erase. Address = don't care for Chip Erase.
V29LC51000 Rev. 0.4 October 2000
7
MOSEL VITELIC
FUNCTIONAL DESCRIPTION Read Cycle
A read cycle is performed by holding both CE and OE signals LOW. Data Out becomes valid only when these conditions are met. During a read cycle WE must be HIGH prior to CE and OE going LOW. WE must remain HIGH during the read operation for the read to complete (see Table 1).
V29LC51001 512 512 * * * 512
V29LC51000
Output Disable
Returning OE or CE HIGH, whichever occurs first will terminate the read operation and place the l/O pins in the HIGH-Z state.
512 00000H
L51001-13
Standby
The device will enter standby mode when the CE signal is HIGH. The l/O pins are placed in the HIGH-Z, independent of the OE signal.
During the byte program cycle, addresses are latched on the falling edge of either CE or WE, whichever is last. Data is latched on the rising edge of CE or WE, whichever is first. The byte program cycle can be CE controlled or WE controlled.
Command Sequence
The V29LC51000 does not provide the "reset" feature to return the chip to its normal state when an incomplete command sequence or an interruption has happened. In this case, normal operation (Read Mode) can be restored by issuing a "non-existent" command sequence, for example Address: 5555H, Data FFH.
Sector Erase Cycle
The V29LC51000 features a sector erase operation which allows each sector to be erased and reprogrammed without affecting data stored in other sectors. Sector erase operation is initiated by using a specific six-bus-cycle sequence: Two unlock program cycles, a setup command, two additional unlock program cycles, and the sector erase command (see Table 2). A sector must be first erased before it can be reprogrammed. While in the internal erase mode, the device ignores any program attempt into the device. Sector erase is completed in 10ms max. The V29LC51000 is shipped with pre-erased sectors (all bits = 1).
Byte Program Cycle
The V29LC51000 is programmed on a byte-bybyte basis. The byte program operation is initiated by using a specific four-bus-cycle sequence: two unlock program cycles, a program setup command and program data program cycles (see Table 2).
Table 1. Operation Modes Decoding
Decoding Mode
Read Byte Write Standby Output Disable
CE
VIL VIL VIH VIL
OE
VIL VIH X VIH
WE
VIH VIL X VIH
A0
A0 A0 X X
A1
A1 A1 X X
A9
A9 A9 X X
I/O
READ PD HIGH-Z HIGH-Z
NOTES: 1. X = Don't Care, VIH = HIGH, VIL = LOW. VH = 12.5V Max. 2. PD: The data at the byte address to be programmed.
V29LC51000 Rev. 0.4 October 2000
8
MOSEL VITELIC
Table 2. Command Codes
First Bus Program Cycle Command Sequence Read Read Autoselect Address XXXXH 5555H 5555H Data F0H AAH AAH 2AAAH 2AAAH 55H 55H 5555H 5555H F0H 90H RA 00H 01H Byte Program Chip Erase 5555H AAH 2AAAH 55H 5555H A0H PA RD 40H(3) 20H(4) PD(2) Second Bus Program Cycle Address Data Third Bus Program Cycle Address Data Fourth Bus Program Cycle Address Data Fifth Bus Program Cycle Address Data
V29LC51000
Six Bus Program Cycle Address Data
5555H
AAH AAH
2AAAH 2AAAH
55H 55H
5555H 5555H
80H 80H
5555H 5555H
AAH AAH
2AAAH 2AAAH
55H 55H
5555H PA(1)
10H 30H
Sector Erase 5555H
NOTES: 1. PA: The address of the memory location to be programmed. 2. PD: The data at the byte address to be programmed. 3. 40H: Manufacturing ID 4. 20H: Device ID
Chip Erase Cycle
The V29LC51000 features a chip-erase operation. The chip erase operation is initiated by using a specific six-bus-cycle sequence: two unlock program cycles, a setup command, two additional unlock program cycles, and the chip erase command (see Table 2). The chip erase operation is performed sequentially, one sector at a time. When the automated on chip erase algorithm is requested with the chip erase command sequence, the device automatically programs and verifies the entire memory array for an all zero pattern prior to erasure
The automatic erase begins on the rising edge of the last WE or CE pulse in the command sequence and terminates 500ms later.
Hardware Data Protection
VCC Sense Protection: the program operation is inhibited when VCC is less than 2.5V. Noise Protection: a CE or WE pulse of less than 5ns will not initiate a program cycle. Program Inhibit Protection: holding any one of OE LOW, CE HIGH or WE HIGH inhibits a program cycle.
V29LC51000 Rev. 0.4 October 2000
9
MOSEL VITELIC
Byte Program Algorithm
Write Program Command Sequence
V29LC51000
Chip/Sector Erase Algorithm
Write Erase Command Sequence
Add/Data 5555H/AAH
Add/Data 5555H/AAH
2AAAH/55H Four Bus Cycle Sequence 5555H/A0H
2AAAH/55H
5555H/80H Six Bus Cycle Sequence
PA/PD
5555H/AAH
Time Out 30S
2AAAH/55H
Byte Programming Complete
5555H/10H (Chip Erase) PA/30H (Sector Erase
Time Out for Sector or Chip Erase
Erase Complete
L51000-14
V29LC51000 Rev. 0.4 October 2000
10
MOSEL VITELIC
Package Diagrams
32-pin Plastic DIP
1.660 MAX. 15 MAX
V29LC51000
INDEX-1 EJECTOR MARK 0.545/0.555 INDEX-2 .600 TYP
+.004 .010 - .0004
.050 MAX
0.210 MAX 0.120 MIN .100 TYP +.012 .047 - 0 +.006 .018 - .002 0.010 MIN .032 +.012 -0
32-pin PLCC
20 19 18 21 22 23 24 25 26 27 28 29 30 31 32 1 2 3 4 17 16 15 14 13 12 11 10 9 8 7 6 5 .550 .003 .590 .005
.045X45 .450 .003 .490 .005 .050 TYP .110 .136 .003 .046 .003 .025 30
.017
3 - 6
.420 .003
3 - 6
3 - 6
V29LC51000 Rev. 0.4 October 2000
11
MOSEL VITELIC
U.S.A.
3910 NORTH FIRST STREET SAN JOSE, CA 95134 PHONE: 408-433-6000 FAX: 408-433-0952
WORLDWIDE OFFICES
TAIWAN
7F, NO. 102 MIN-CHUAN E. ROAD, SEC. 3 TAIPEI PHONE: 886-2-2545-1213 FAX: 886-2-2545-1209 NO 19 LI HSIN ROAD SCIENCE BASED IND. PARK HSIN CHU, TAIWAN, R.O.C. PHONE: 886-3-579-5888 FAX: 886-3-566-5888
V29LC51000
UK & IRELAND
SUITE 50, GROVEWOOD BUSINESS CENTRE STRATHCLYDE BUSINESS PARK BELLSHILL, LANARKSHIRE, SCOTLAND, ML4 3NQ PHONE: 44-1698-748515 FAX: 44-1698-748516
SINGAPORE
10 ANSON ROAD #23-13 INTERNATIONAL PLAZA SINGAPORE 079903 PHONE: 65-3231801 FAX: 65-3237013
HONG KONG
19 DAI FU STREET TAIPO INDUSTRIAL ESTATE TAIPO, NT, HONG KONG PHONE: 852-2666-3307 FAX: 852-2770-8011
JAPAN
ONZE 1852 BUILDING 6F 2-14-6 SHINTOMI, CHUO-KU TOKYO 104-0041 PHONE: 03-3537-1400 FAX: 03-3537-1402
GERMANY (CONTINENTAL EUROPE & ISRAEL)
BENZSTRASSE 32 71083 HERRENBERG GERMANY PHONE: +49 7032 2796-0 FAX: +49 7032 2796 22
U.S. SALES OFFICES
NORTHWESTERN
3910 NORTH FIRST STREET SAN JOSE, CA 95134 PHONE: 408-433-6000 FAX: 408-433-0952
SOUTHWESTERN
302 N. EL CAMINO REAL #200 SAN CLEMENTE, CA 92672 PHONE: 949-361-7873 FAX: 949-361-7807
CENTRAL, NORTHEASTERN & SOUTHEASTERN
604 FIELDWOOD CIRCLE RICHARDSON, TX 75081 PHONE: 972-690-1402 FAX: 972-690-0341
(c) Copyright 2000, MOSEL VITELIC Inc.
10/0 10/00 Printed in U.S.A.
The information in this document is subject to change without notice. MOSEL VITELIC makes no commitment to update or keep current the information contained in this document. No part of this document may be copied or reproduced in any form or by any means without the prior written consent of MOSEL-VITELIC.
MOSEL VITELIC subjects its products to normal quality control sampling techniques which are intended to provide an assurance of high quality products suitable for usual commercial applications. MOSEL VITELIC does not do testing appropriate to provide 100% product quality assurance and does not assume any liability for consequential or incidental arising from any use of its products. If such products are to be used in applications in which personal injury might occur from failure, purchaser must do its own quality assurance testing appropriate to such applications.
MOSEL VITELIC
3910 N. First Street, San Jose, CA 95134-1501 Ph: (408) 433-6000 Fax: (408) 433-0952 Tlx: 371-9461


▲Up To Search▲   

 
Price & Availability of V29LC51000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X