Part Number Hot Search : 
CEU4531 LPBA50L LC040 KBPC1001 SD1402 AS2D15 1000S PS200
Product Description
Full Text Search
 

To Download US1205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 US1205
300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PRELIMINARY DATASHEET
FEATURES
SOT23 package Stable with 2.2uF ceramic capacitor 1% Voltage Reference Accuracy Only 270mV Dropout at 300 mA 170mV Dropout at 150mA 10nA Quiescent Current in Shutdown Current Limit and Thermal Shutdown Logic input Enable pin
DESCRIPTION
The US1205 device is an efficient linear voltage regulator with better than 1% initial voltage accuracy, very low dropout voltage and very low ground current designed especially for hand held, battery powered applications. Other features of the device are; TTL compatible enable/ shutdown control input, current limiting and thermal shutdown. The US1205 is available in fixed and adjustable output voltage versions in a small SOT23-5 package.
APPLICATIONS
Laptop, Notebook & Palmtop computers Battery powered Equipments PCMCIA Vcc & Vpp regulator Concumer Electronics High Efficiency Linear Power Supplies
TYPICAL APPLICATION
Vin
C1 2.2uF
1 2 3
Vin
Vout
5
R1 C2 2.2uF
Vout
Gnd R2
Vo=1.242 X (1+R1/R2)
S.D.
Enable
En
Adj
4
1205app1-1.1
Typical application of the US1205 ajustable.
3.3V
C1 2.2uF
1 2 3
Vin
Vout
5
C2 2.2uF
2.5V
Gnd
S.D.
Enable
En
Byp
4
C3 1000pF
1205app2-1.2
Typical application of the US1205 Fixed voltage.
PACKAGE ORDER INFORMATION
Tj (C) 0 TO 125 0 TO 125 0 TO 125 0 TO 125 0 TO 125
Rev. 1.4 9/25/00
5 LEAD SOT 23 US1205CL US1205-25CL US1205-30CL US1205-33CL US1205-36CL
SOT23 Marking AT00 AT25 AT30 AT33 AT36
Output Voltage Adj 2.5 V 3.0 V 3.3 V 3.6 V
2-1
US1205
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Vin) ............................................................. 10V Enable Input Voltage ........................................................... 10V Storage Temperature Range ................................ -65C TO 150C Operating Junction Temperature Range ...................... 0C TO 150C
PACKAGE INFORMATION
5 PIN SOT23 ( L ) Adjustable En Gnd Vin
3 2 1
5 PIN SOT23 ( L ) Fixed
En Gnd Vin
3 2 1
AT00
4 5
JA=220C/W
4
ATxx
5
JA=220C/W
Adj
Vout
Byp
Vout
ELECTRICAL SPECIFICATIONS
Unless otherwise specified ,these specifications apply over ,Cin=Co=22uF, Io=100uA, Vinmin=2.5V(Adjustable devices) Vin=Vo+1V(for fixed voltage devices), Vout=Vfb (for adjustable version only), Cbyp=470pF(for fixed output versions only), Venb=2V and Ta=25C. Typical values refer to Ta=25 C.Low duty cycle pulse testing are used which keeps junction and case temperatures equal to the ambient temperature. PARAMETER SYM TEST CONDITION MIN TYP MAX UNITS Reference Voltage Vo -1 1 % See Table 1 for typical values (Note 4) -2 2 Line Regulation dVi Vo+1V2-2
Rev. 1.4 9/25/00
US1205
Note 1 : Low duty cycle pulse testing with Kelvin connections are required in order to maintain accurate data. Note 2 : Drop-out voltage is defined as the minimum differential voltage between Vin and Vout required to maintain regulation at Vout. It is measured when the output voltage drops 1% below its nominal value. Note 3 : Ground current is the the regulator quiescent current plus the pass transistor current. The total current from the supply is the sum of the load current plus the ground pin current. Note 4 : The specification applies for the junction temperature of 0 to +125C.
Pin DescRIPTIONS
PIN # 4 4 5 PIN SYMBOL Adj (Adjustable only) Byp (Fixed output only) Vout PIN DESCRIPTION A resistor divider from this pin to the Vout pin and ground sets the output voltage. A 470 to 1000pF bypass capacitor connected to this pin reduces the output noise. The output of the regulator .A minimum of 2.2uF with max ESR of 1 ohm capacitor must be connected from this pin to ground to insure stability. Ground pin. This pin must be connected to the lowest potential in the system & all other pins must be at higher potential with respect to this pin. Enable pin. A low signal or left open on this pin shuts down the output.This pin must be tied HI or to Vin for normal operation. The input pin of the regulator. Typically a large storage capacitor is connected from this pin to ground to insure that the input voltage does not sag below the minimumdrop out voltage during the load transient response. This pin must always be higher than Vout by at least the amount of the dropout voltage and some margin in order for the device to regulate properly.
2
GND
3 1
En Vin
5 LEAD SOT 23 US1205 US1205-25 US1205-30 US1205-33 US1205-36
Output Voltage 1.242V 2.5 V 3.0 V 3.3 V 3.6 V
The output voltage of the adjustable device can be set using: Vo=1.242 X (1+R1/R2) Where; R1=Resistor connected from output to the Adj pin R2=Resistor connected from Adj pin to GND
Table 1- Nominal output voltage v.s. part number
BLOCK DIAGRAM
Vin Vout Vin Vout
Adj
THERMAL SHUTDOWN
Byp
1.242V
+
1.242V
+
THERMAL SHUTDOWN
Gnd
1205blk1-1.1
En
Gnd
1205blk2-1.0
En
Figure 1- US1205 Adjustable block diagram
Rev. 1.4 9/25/00
Figure 2- US1205 Fixed output block diagram
2-3


▲Up To Search▲   

 
Price & Availability of US1205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X