Part Number Hot Search : 
EN2537A MSMA152 N4006 MT140 THL42A SF81S THL42A THL42A
Product Description
Full Text Search
 

To Download US1150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 US1150
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PRELIMINARY DATASHEET
FEATURES
0.7V Dropout at 4A Fast Transient Response 1% Voltage Reference Initial Accuracy Built-in Thermal Shutdown
DESCRIPTION
The US1150 product is a 4A regulator with extremely low dropout voltage using a proprietary Bipolar process that achieves comparable equivalent on resistance to that of discrete MOSFETs. This product is specifically designed to provide well regulated supply for applications requiring 2.8V or lower voltages from 3.3V ATX power supplies where high efficiency of a switcher can be achieved without the cost and complexity associated with switching regulators. One such application is the new graphic chip sets that require anywhere from 2.4V to 2.7V supply such as the Intel I740 chip set.
APPLICATIONS
3.3V to 2.7V Intel I740 chip set.
TYPICAL APPLICATION
3.3V
C1
Vin Vctrl
5 4 3
R1
US1150
Vout Adj Vsense
2.7V
C3 R2
2 1
1150app1-1.0
5V
C2
Typical application of US1150 in a 3.3V to 2.7V for I740 chip.
PACKAGE ORDER INFORMATION
Tj (C) 0 TO 125 5 PIN PLASTIC 5 PIN PLASTIC TO263 (M) POWER FLEX (P) US1150CM US1150CP 8 PIN PLASTIC SOIC (S) US1150CS
Rev. 1.2 10/28/99
2-1
US1150
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Vin) ........................................................... 7V Control Input Voltage (Vctrl) .................................................. 14V Power Dissipation............................................. Internally Limited Storage Temperature Range ................................... -65C TO 150C Operating Junction Temperature Range ..................... 0C TO 150C
PACKAGE INFORMATION
8 PIN PLASTIC SOIC ( S )
TOP VIEW
5 PIN PLASTIC TO263 ( M )
FRONT VIEW 5 4 3 2 1
5 PIN PLASTIC POWER FLEX (P)
FRONT VIEW 5 4 3 2 1
Vctrl Vin Adj Vsense
1 2 3 4
8 7 6 5
Vout Vout Vout Vout
Vin Vctrl Vout Adj Vsense
Vin Vctrl Vout Adj Vsense
JA=55C/W for 1" Sq pad area
JA=35C/W for 0.5" square pad
JA=35C/W for 0.5" square pad
ELECTRICAL SPECIFICATIONS
Unless otherwise specified ,these specifications apply over ,Cin=1uF,Cout=10uF, and Tj=0 to 125C.Typical values refer to Tj=25C. Vout=Vsense. PARAMETER Reference Voltage SYM Vref TEST CONDITION MIN Vctrl=2.75V,Vin=2V,Io=10mA 1.243 Tj=25,Vadj=0V Vctrl=2.7to12V,Vin=2.05V to 5.5V, 1.237 Io=10mA to 4A,Vadj=0V Vctrl=2.5Vto7V,Vin=1.75Vto5.5V ,Io=10mA ,Vadj=0V Vctrl=2.75V,Vin=2.1V,Io=10mA to 4A,Vadj=0V Vadj=0V for all conditions below. Vin=2.05V,Io=1.5A Vin=2.05V,Io=3A Vin=2.05V,Io=4A Vadj=0V for all conditions below. Vctrl=2.75V,Io=1.5A Vctrl=2.75V,Io=3A Vctrl=2.75V,Io=4A Vctrl=2.75V,Vin=2.05V, dVo=100mV Vadj=0V Vctrl=5V,Vin=3.3V,Vadj=0V, 30 mS Pulse Vctrl=5V,Vin=5V,Io=4A,Vadj=0V Tj=25,Vripple=1Vpp at 120Hz TYP 1.250 1.250 MAX 1.257 1.263 UNITS V
Line Regulation Load Regulation (note 1) Dropout Voltage (note 2) (Vctrl - Vout)
3 5 1.15 1.18 1.25
mV mV V
1.10
Dropout Voltage (note 2) (Vin - Vout)
0.26 0.50 0.70
0.38 0.60 0.85
V
Current Limit Minimum Load Current (note 3) Thermal Regulation Ripple Rejection
4.2 5 0.01 70 10 0.02
60
A mA %/W dB
2-2
Rev. 1.2 10/28/99
US1150
ELECTRICAL SPECIFICATIONS
PARAMETER
Control Pin Current
SYM
TEST CONDITION
Vadj=0V for all below conditions. Vctrl=2.75V,Vin=2.05V,Io=1.5A Vctrl=2.75V,Vin=2.05V,Io=3A Vctrl=2.75V,Vin=2.05V,Io=4A
MIN
TYP
6 30 33 50
MAX
10 60 70 120
UNITS
mA
Adjust Pin Current
Iadj
Vctrl=2.75V,Vin=2.05V,Vadj=0V,
uA
Note 1 : Low duty cycle pulse testing with Kelvin connections are required in order to maintain accurate data. Note 2 : Drop-out voltage is defined as the minimum differential between Vin and Vout required to maintain regulation at Vout. It is measured when the output voltage drops 1% below its nominal value.
Note 3 : Minimum load current is defined as the minimum current required at the output in order for the output voltage to maintain regulation. Typically the resistor dividers are selected such that it automatically maintains this current.
PIN DESCRIPTIONS
PIN # 1 2 3 4 PIN SYMBOL Vsense Adj Vout Vctrl PIN DESCRIPTION This pin is the positive side of the reference which allows remote load sensing to achieve excellent load regulation. A resistor divider from this pin to the Vout pin and ground sets the output voltage. The output of the regulator. A minimum of 10uF capacitor must be connected from this pin to ground to insure stability. This pin is the supply pin for the internal control circuitry as well as the base drive for the pass transistor.This pin must always be higher than the Vout pin in order for the device to regulate.(see specifications) The input pin of the regulator.Typically a large storage capacitor is connected from this pin to ground to insure that the input voltage does not sag below the minimum drop out voltage during the load transient response.This pin must always be higher than Vout in order for the device to regulate.(see specifications)
5
Vin
Rev. 1.2 10/28/99
2-3
US1150
BLOCK DIAGRAM
Vin Vctrl Vout Vsense
1.25V CURRENT LIMIT
+
+
THERMAL SHUTDOWN
Adj
1150blk1-1.1
Figure 1 - Simplified block diagram of the US1150
APPLICATION INFORMATION
Introduction The US1150 adjustable regulator is a 5 terminal device designed specificaly to provide extremely low dropout voltages comparable to the PNP type without the disadvantage of the extra power dissipation due to the base current associated with PNP regulators.This is done by bringinging out the control pin of the regulator that provides the base current to the power NPN and connecting it to a voltage that is grater than the voltage present at the Vin pin.This flexebility makes the US1150 ideal for applications where dual inputs are available such as a computer motherboard with an ATX style power supply that provides 5V and 3.3V to the board.One such application is the new graphic chip sets that require anywhere from 2.4V to 2.7V supply such as the Intel I740 chip set. The US1150 can easily be programmed with the addition of two external resistors to any voltages within the range of 1.25 to 5.5 V. Another major requirement of these graphic chips such as the Intel I740 is the need to switch the load current from zero to several amps in tens of nanoseconds at the processor pins ,which translates to an approximately 300 to 500 nS of current step at the regulator . In addition, the output voltage tolerances are also extremely tight and they include the transient response as part of the specification.
The US1150 is specifically designed to meet the fast current transient needs as well as providing an accurate initial voltage , reducing the overall system cost with the need for fewer number of output capacitors.Another feature of the device is its true remote sensing capability which allows accurate voltage setting at the load rather than at the device. Output Voltage Setting The US1150 can be programmed to any voltages in the range of 1.25V to 5.5V with the addition of R1 and R2 external resistors according to the following formula: R2 VOUT = VREF 1+ + IADJ x R2 R1 Wehre : VREF=125 V Typically . IADJ=50 uA Typically R1 & R2 as shown in figure 2
Vin
Vin Vout
Vout
US1150 Vctrl
Vctrl Adj Vsense Vref IAdj = 50uA R1
R2
1150app2-1.1
Figure 2 - Typical application of the US1150 for programming the output voltage.
2-4
Rev. 1.2 10/28/99
US1150
The US1150 keeps a constant 1.25V between the Vsense pin and the Vadj pin. By placing a resistor R1 across these two pins and connecting the Vsense and Vout pin together , a constant current flows through R1, adding to the Iadj current and into the R2 resistor producing a voltage equal to the (1.25/R1)*R2 + Iadj*R2 .This voltage is then added to the 1.25V to set the output voltage. This is summarized in the above equation. Since the minimum load current requirement of the US1150 is 10 mA , R1 is typically selected to be a 121 resistor so that it automatically satisfies this condition. Notice that since the Iadj is typically in the range of 50uA it only adds a small error to the output voltage and should be considered when very precise output voltage setting is required. Load Regulation Since the US1150 has separate pins for the output (Vout) and the sense (Vsense), it is ideal for providing true remote sensing of the output voltage at the load.This means that the voltage drops due to parasitic resistance such as PCB traces between the regulator and the load are compensated for using remote sensing. Figure 3 shows a typical application of the US1150 with remote sensing.
Vin
Vin Vout
For most applications a minimum of 100uF aluminum electrolytic capacitor such as Sanyo, MVGX series ,Panasonic FA series as well as the Nichicon PL series insures both stability and good transient response. Thermal Design The US1150 incorporates an internal thermal shutdown that protects the device when the junction temperature exceeds the allowable maximum junction temperature. Although this device can operate with junction temperatures in the range of 150C ,it is recommended that the selected heat sink be chosen such that during maximum continuos load operation the junction temperature is kept below this number. The example below shows the steps in selecting the proper surface mount package. Assuming, the following conditions: Vout=2.7V Vin=3.3V Vctrl=5V Iout=2A DC Avg Calculate the maximum power dissipation using the following equation: Pd=Iout*(Vin-Vout) + (Iout/60)*(Vctrl - Vout) Pd=2*(3.3-2.7) + (2/60)*(5-2.7)=1.28 W Using table below select the proper package and the amount of copper board needed. Pkg Copper JA(C/W) Area 1.4"X1.4" 25 1.0"X1.0" 30 0.7"X0.7" 35 Pad Size 45 1.0"X1.0" 55 Max Pd (Ta=25C) 4.4W 3.7W 3.1W 2.4W 2.0W Max Pd (Ta=45C) 3.6W 3.0W 2.6W 2.0W 1.63W
US1150 Vctrl
Vctrl Adj Vsense R1 RL
R2
1150app3-1.0
TO263 TO263 TO263 TO263 SO8
Figure 3 - Schematic showing connection for best load regulation Stability The US1150 requires the use of an output capacitor as part of the frequency compensation in order to make the regulator stable. Typical designs for the microprocessor applications use standard electrolytic capacitors with typical ESR in the range of 50 to 100 m and an output capacitance of 500 to 1000uF. Fortunately as the capacitance increases, the ESR decreases resulting in a fixed RC time constant. The US1150 takes advantage of this phenomena in making the overall regulator loop stable.
Note: Above table is based on the maximum junction temperature of 135C. As shown in the above table, any of the two packages will do the job. For low cost applications the SO8 package is recommended.
Rev. 1.2 10/28/99
2-5


▲Up To Search▲   

 
Price & Availability of US1150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X