Part Number Hot Search : 
GM669A UGFZ10G MC1307 946908 DA78L08A ENA0342A LBS14059 4A15H
Product Description
Full Text Search
 

To Download UPS5817 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
UPS5817 THRU UPS5819
1 Amp Schottky Rectifier 20 to 40 Volts
DO-216AA ( POWERMITE )
A G E
High Power Surface Mount Package Guard Ring Protection Low Forward Voltage Integral Heat Sink/Locking Tabs Compatible with Automatic Insertion Equipment
Maximum Ratings
* * * * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Maximum Thermal Resistance; 30C/W Junction To Tab Maximum Thermal Resistance; 10C/W Junction To Bottom MCC Device Maximum Maximum Maximum Catalog Marking Recurrent RMS DC Number Peak Reverse Voltage Blocking Voltage Voltage UPS5817 UPS5817 20V 14V 20V UPS5818 UPS5818 30V 21V 30V UPS5819 UPS5819 40V 28V 40V
TAB 1 CATHODE
TAB 2 ANODE
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage UPS5817 UPS5818-5819 Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance IF(AV) IFSM 1.0A 50A TJ = 100C 8.3ms, half sine
D
J C F K L B
H
DIMENSIONS
VF
.45 V .55 V 1.0mA 5 mA 150pF
IFM = 1.0A; TJ = 25C* TJ = 25C TJ = 125C Measured at 1.0MHz, VR=4.0V
INCHES DIM A B C D E F G H J K L MIN .143 .070 .070 .087 .029 .051 ----.035 .021 --------MAX .153 .080 .080 .097 .039 .061 .026 .045 .031 .025 .006 MIN 3.63 1.78 1.78 2.21 0.74 1.30 ----0.89 0.53 ---------
MM MAX 3.89 2.03 2.03 2.46 0.99 1.55 0.66 1.14 0.79 0.64 0.15 NOTE
IR
CJ
*Pulse test: Pulse width 200 sec, Duty cycle 2%
NOTE: POWERMITE package is patental by microsemi corp.
www.mccsemi.com
UPS5817 thru UPS5819
Figure 1 Typical Forward Characteristics 20 10 6 4 2 25C Amps 1 .6 .4 .4 .2 .2 .1 .06 .04 .02 .01 .2 .4 .6 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts .8 1.0 1.2 0 .6 Amps 1.0 1.2 Figure 2 Forward Derating Curve
MCC
.8
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 25 50 75 100 125 150
C Average Forward Rectified Current - Amperes versus Ambient Temperature - C
Figure 3 Junction Capacitance
100 60 40 20 pF TJ=25C 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
UPS5817 thru UPS5819
Figure 4 Peak Forward Surge Current 50 40 30 20 Amps 10 5 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100
MCC
2
Figure 6 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 trr +0.5A
0 25Vdc Pulse Generator Note 2 1 Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of UPS5817

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X