Part Number Hot Search : 
STB30 10PBF SN8P27 MS21042 VSKT152 5N50N 1N5237B TPS0402
Product Description
Full Text Search
 

To Download UPR05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
UPR05 THRU UPR20
2.5 Amp Super Fast Recovery Silicon Rectifier 50 to 200 Volts
DO-216AA ( POWERMITE )
A G E
High Power Surface Mount Package Super-Fast Recovery Time Low Forward Voltage Drop Integral Heat Sink/Locking Tabs Compatible with Automatic Insertion Equipment
Maximum Ratings
* * * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Maximum Thermal Resistance; 30C/W Junction To Tab Maximum Thermal Resistance; 10C/W Junction To Bottom MCC Device Maximum Maximum Maximum Catalog Marking Recurrent RMS DC Number Peak Reverse Voltage Blocking Voltage Voltage UPR05 M/2UA 50 V 35V 50V UPR10 M/2UB 100V 70V 100V UPR15 M/2UC 150V 105V 150V UPR20 M/2UD 200V 140V 200V *
TAB 1 CATHODE
TAB 2 ANODE
Remark: M= Date Code
J C D F K L B H
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage IF(AV) IFSM 2.5A 25A TJ = 75C 8.3ms, half sine
DIMENSIONS
VF Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time
.975V
IFM = 2.0A; TJ = 25C* TJ = 25C TJ = 125C
INCHES DIM A B C D E F G H J K L MIN .143 .070 .070 .087 .029 .051 ----.035 .021 --------MAX .153 .080 .080 .097 .039 .061 .026 .045 .031 .025 .006 MIN 3.63 1.78 1.78 2.21 0.74 1.30 ----0.89 0.53 ---------
MM MAX 3.89 2.03 2.03 2.46 0.99 1.55 0.66 1.14 0.79 0.64 0.15 NOTE
IR
2.0A 50 A
Trr
25 ns
IF=0.5A, IR =6.0A, Irr =0.25A
*Pulse test: Pulse width 200 sec, Duty cycle 2% NOTE: POWERMITE package is patental by microsemi corp.
www.mccsemi.com
UPR05 thru UPR20
Figure 1 Typical Forward Characteristics 20 10 6 4 2.5 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 1.0 12 1.4 0 .5 Amps 1.0 2.0 3.0 Figure 2 Forward Derating Curve
MCC
1.5
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Figure 3 Maximum Non-Repetitive Forward Surge Current 30 25 20 15 Amps 10 5 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100
2
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of UPR05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X