|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
5 GHz DIVIDE-BY-4 STATIC PRESCALER UPG501B FEATURES * * * * * WIDE OPERATING FREQUENCY RANGE: fIN = 1.5 GHz to 5 GHz (TA = 25C) SINGLE SUPPLY VOLTAGE: VDD = +10 V Input Power, PIN (dBm) INPUT POWER vs. INPUT FREQUENCY +20 +15 +10 +5 0 -5 -10 -15 -20 VDD = +10 V TA = -25C TA = +25C TA = +75C 0 1 2 3 4 5 6 7 Recommended Operating Region DIVISION RATIO OF 4 HIGH RELIABILITY HERMETICALLY SEALED PACKAGE GUARANTEED PERFORMANCE OVER AN AMBIENT TEMPERATURE RANGE: -25C to +75C DESCRIPTION The UPG501B is a GaAs divide-by-4 prescaler that is capable of operating up to 5 GHz. It is intended to be used in frequency synthesizers of microwave communications systems and measurement equipment. The UPG501B is a static divider with two (2) master-slave D-type flip-flops using SourceCoupled-FET-Logic (SCFL). It operates from a single supply voltage. The UPG501B is housed in a hermetically sealed 8lead ceramic flat package that is easy to use and provides high reliability. Input Frequency, f (GHz) ELECTRICAL CHARACTERISTICS (TA = -25C to +75C, VDD = 10 V, VGG = Open) UPG501B BF08 UNITS mA GHz GHz dBm dBm dBm C/W 10.0 6.0 -1.0 2.0 16 MIN 50 5.0 TYP 70 5.3 0.7 1.5 13.0 13.0 MAX 90 PART NUMBER PACKAGE OUTLINE SYMBOLS IDD fIN(U) fIN(L) PIN PARAMETERS AND CONDITIONS Supply Current Upper Limit of Input Frequency Lower Limit of Input Frequency Input Power, fIN = 4.5 to 5 GHz fIN = 1.5 to 4.5 GHz Output Power at fIN = 5 GHz Thermal Resistance (Channel to Case) POUT RTH(CH-C) California Eastern Laboratories UPG501B ABSOLUTE MAXIMUM RATINGS1 SYMBOLS VDD IDD PT PIN TOP TSTG PARAMETERS Supply Voltage Supply Current Total Power Dissipation2 Input Power Operating Temperature Storage Temperature UNITS V mA W dBm C C (TA = 25C) RATINGS 1000 pF TEST CIRCUIT 1 2 3 4 VDD (+10 V) 1000 pF 1000 pF See Note 8 7 6 5 1000 pF VGG (Normally Open) OUT +12 150 1.5 +20 -65 to +125 -65 to +175 Notes: 1. Operation in excess of any one of these conditions may result in permanent damage. 2. TC 125C IN TYPICAL PERFORMANCE CURVES (TA = 25C) SSB PHASE NOISE vs. OFFSET FROM CARRIER fIN = 3.41 GHz, TA = 25C -70 Note: Because of the high internal gain and gain compression of the UPG501B, the device is subject to self-oscillation in the absence of an RF input signal. This self-oscillation can be suppressed by either of the following means: * Add a shunt resistor to the RF input line. Typically a resistor value between 50 and 1000 ohms will suppress the selfoscillation (see the test circuit). * Apply a negative voltage through a 1000 ohm resistor to the normally open VGG connection. Typically voltages between 0 and -9 volts will suppress the self-oscillation. Both of these approaches will reduce the input sensitivity of the device (by as much as 3 dB for a 50 ohm shunt resistor), but otherwise have no effect on the reliability or other electrical characteristics of the device. OUTPUT POWER vs. INPUT FREQUENCY +20 +15 +10 +5 0 -5 -10 -15 -20 VDD = +10V SSB Phase Noise (dBc/Hz) -90 -100 -110 -120 -130 -140 -150 -160 10 100 1K 10K 100K 1M Output Power, POUT (dBm) -80 TA = -25C TA = +25C TA = +75C 0 1 2 3 4 5 6 7 Offset from Carrier (Hz) POWER DERATING CURVE 2.5 Input Frequency, fIN (GHz) OUTLINE DIMENSIONS (Units in mm) UPG501B PACKAGE OUTLINE BF08 7.00.5 1.27 1.27 1.27 0.1 0.1 0.1 Total Power Dissipation, PT (W) 2.0 1.7 MAX LEAD 5 1.5 8 7 6 1.0 Tcase MAX = 125C 0.5 10.40.5 2.6 4.40.2 0 0 50 100 110 150 200 250 1 2 0.4 5.00.2 3 4 +0.05 0.2 -0.02 Case Temperature, TC (C) CONNECTIONS: 1. OUTPUT 2. NC* 3. NC* 4. VDD 5. INPUT 6. VGG 7. NC* 8. GND FLANGE, GND * No connection EXCLUSIVE NORTH AMERICAN AGENT FOR RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS CALIFORNIA EASTERN LABORATORIES * Headquarters * 4590 Patrick Henry Drive * Santa Clara, CA 95054-1817 * (408) 988-3500 * Telex 34-6393 * FAX (408) 988-0279 24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) * Internet: http://WWW.CEL.COM PRINTED IN USA ON RECYCLED PAPER -4/97 DATA SUBJECT TO CHANGE WITHOUT NOTICE |
Price & Availability of UPG501 |