Part Number Hot Search : 
9926A SMD200 MCD452 M3062 2N7002 MBR30 100MR LM334
Product Description
Full Text Search
 

To Download UPG139GV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
GaAs INTEGRATED CIRCUIT
PG139GV
L-BAND DPDT MMIC SWITCH
DESCRIPTION
The PG139GV is L-Band Double Pole, Double Throw (DPDT) switch developed for digital cellular or cordless telephone and PCS applications. This device feature low insertion loss, high handling power with low voltage operation. It is housed in a very small 8-pin plastic SSOP package available on tape-and-reel and easy to install and contributes to miniaturizing the systems.
FEATURES
{ High-Power Switching : Pin(1 dB) = +34 dBm typ. @ANT1, 2-TX, VDD = 3.0 V, VCONT = 3.6 V, f = 100 M to 2 GHz Pin(0.5 dB) = +36 dBm typ. @ANT1, 2-TX, VDD = 5.0 V, VCONT = 5.0 V, f = 100 M to 2 GHz { Low Insertion Loss : Lins1 = 0.70 dB typ. @ANT1, 2-TX, VDD = 3.0 V, VCONT = 3.6 V, f = 1 GHz Lins4 = 0.85 dB typ. @ANT1, 2-RX, VDD = 3.0 V, VCONT = 3.6 V, f = 1 GHz { Small 8-pin SSOP (175 mil) Package
APPLICATION
{ Digital Cellular: PDC, GSM, IS-95, IS-136 etc. { PCS, PHS Base station etc.
ORDERING INFORMATION
Part Number Package 8-pin SSOP (175 mil) Packing Form Carrier tape width is 12 mm, Quantity is 2 kpcs per reel.
PG139GV-E1
Remark Caution
For sample order, please contact your local NEC sales office. (Part number for sample order: PG139GV) The IC must be handled with care to prevent static discharge because its circuit composed of GaAs MESFET.
The information in this document is subject to change without notice.
Document No. P13144EJ2V0DS00 (2nd edition) Date Published July 1998 N CP(K) Printed in Japan
The mark
shows major revised points.
(c)
1998
PG139GV
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Parameters Supply Voltage Control Voltage 1, 2 Input Power (ANT1, 2-TX) Input Power (ANT1, 2-RX) Input Power (ANT1, 2-TX) Input Power (ANT1, 2-RX) Total Power Dissipation Operating Temperature Storage Temperature Symbol VDD VCONT1, 2 Pin Pin Pin Pin Ptot TA Tstg VCONT = +5 V/0 V VCONT = +5 V/0 V VCONT = +3 V/0 V VCONT = +3 V/0 V Conditions Ratings VCONT (H) -6.0 to +6.0 +36 +34 +34 +32 0.7
Note 2 Note1
Unit V V dBm dBm dBm dBm W C C
-50 to +80 -65 to +150
Notes 1. 2.7 V | VCONT1 - VCONT2 | 6.0 2. Mounted on a 50 x 50 x 1.6 mm double copper clad epoxy glass PWB, TA = +85 C
PIN CONNECTION (Top View)
Pin No. 1
2 3 4 7 6 5
1
8
Connection TX VDD VCONT2 ANT2
Pin No. 5 6 7 8
Connection RX VCONT1 GND ANT1
SWITCH IC SERIES PRODUCTS
Pin (1 dB) (dBm) +34 +30 +30 +25 +34 +34 +37 +34
G139
2 3 4
Part Number
LINS (dB) 0.5@1G 0.6@2G 0.6@2G 0.6@2G 0.55@1G 0.55@1G
ISL (dB) 32@1G 23@2G 22@2G 20@2G 25@2G 30@1G
VCONT (V) -5/0 -4/0 +3/0 -3/0 +3/0 -3/0 -5/0 +3.6/0
Package 8-pin SSOP (175 mil)
Application PDC, IS-136, PHS PHS, PCS, WLAN PHS, PCS, WLAN DIVERSITY, VCO PDC, GSM, IS-136 PDC, GSM, IS-136
PG130G PG131G PG132G PG133G PG137GV PG138GV PG139GV (ANT1, 2-TX) PG139GV (ANT1, 2-RX)
1.20@2G
12.5@2G
PDC, IS-95, IS-136
+30
1.00@2G
14@2G
+3.6/0
PDC, IS-95, IS-136
Remark
As for detail information of series products, please refer to each data sheet.
2
PG139GV
RECOMMENDED OPERATING CONDITIONS (TA = 25C)
Parameters Control Voltage (High) Control Voltage (Low) Supply Voltage Input Power (ANT1, 2-TX, VCONT = +5 V) Input Power (ANT1, 2-RX, VCONT = +5 V) Input Power (ANT1, 2-TX, VCONT = +3 V) Input Power (ANT1, 2-RX, VCONT = +3 V) Symbol VCONT(H) VCONT(L) VDD Pin Pin Pin Pin MIN. +2.7 -0.2 VCONT(H) - 0.7 TYP. +3.6 0 VCONT(H) - 0.6 MAX. +5.3 +0.2 VCONT(H) - 0.5 +36 +33 +33 +31 Unit V V V dBm dBm dBm dBm
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, TA = 25C, VCONT = +3.6 V/0 V, VDD = +3.0 V, ZS = ZL = 50 )
Parameters Insertion Loss 1 Insertion Loss 2 Insertion Loss 3 Insertion Loss 4 Insertion Loss 5 Insertion Loss 6 Isolation 1 Isolation 2 Isolation 3 Isolation 4 Input Return Loss Output Return Loss 1 dB Compression PointNote 1 dB Compression Point Input Power at 0.5 dB Compression PointNote Input Power at 0.5 dB Compression PointNote Control Current Switching Speed
Note
Symbol LINS1 LINS2 LINS3 LINS4 LINS5 LINS6 ISL1 ISL2 ISL3 ISL4 RLin RLout Pin(1 dB)1 Pin(1 dB)2 Pin(0.5 dB)3
Test Conditions ANT1, 2-TX, f = 100 M to 1 GHz ANT1, 2-TX, f = 1.5 GHz ANT1, 2-TX, f = 2 GHz ANT1, 2-RX, f = 100 M to 1 GHz ANT1, 2-RX, f = 1.5 GHz ANT1, 2-RX, f = 2 GHz ANT1, 2-TX, f = 100 M to 1.5 GHz ANT1, 2-TX, f = 2 GHz ANT1, 2-RX, f = 100 M to 1.5 GHz ANT1, 2-RX, f = 2 GHz f = 100 M to 2 GHz f = 100 M to 2 GHz ANT1, 2-TX, f = 100 M to 2 GHz ANT1, 2-RX, f = 100 M to 2 GHz ANT1, 2-TX, f = 100 M to 2 GHz VCONT = +5 V/0 V VDD = +5.0 V ANT1, 2-RX, f = 100 M to 2 GHz VCONT = +5 V/0 V VDD = +5.0 V RF OFF
MIN.
TYP. 0.70 0.90 1.20 0.85 1.05 1.30
MAX. 0.85 1.00 1.30 0.95 1.15 1.40
Unit dB dB dB dB dB dB dB dB dB dB dB dB dBm dBm dBm
13.5 10.5 13.5 10.5 11 11 +32 +27
15.5 12.5 15.5 12.5 15 15 +34 +30 +36
Pin(0.5 dB)4
+33
dBm
ICONT tsw
15 60
50
A
nS
Note Pin (1 dB) and Pin (0.5 dB) are measured the input power level when the insertion loss increase more 1 dB or 0.5 dB than that of linear range. All other characteristics are measured in linear range.
3
PG139GV
EVALUATION CIRCUIT
51 PF TX VDD = 3.0 V VCONT2 = +3.6 V/0 V ANT2 Z0 = 50 51 PF Z0 = 50 1 2 3 4 8 7 6 5 51 PF Z0 = 50 Z0 = 50 GND 51 PF ANT1
VCONT1 = 0 V/+3.6 V RX
SWITCH LOGIC TABLES
VCONT1 Low VCONT2 High Switching Portes ANT1-RX ON, ANT2-TX ON ANT1-TX OFF, ANT2-RX OFF ANT1-TX ON, ANT2-RX ON ANT1-RX OFF, ANT2-TX OFF
High
Low
4
PG139GV
PACKAGE DIMENSIONS
8 PIN PLASTIC SHRINK SOP (175 mil) (Unit: mm)
8 5
Detail of lead end
1
4 4.94 0.2 3.0 MAX. 3.2 0.1
3 -3
+7
0.87 0.2
1.8 MAX.
1.5 0.1
0.65
0.1 0.1
0.15-0.05
+0.10
0.5 0.2 0.3 -0.05
+0.10
0.575 MAX. 0.10 M 0.15
5
PG139GV
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered in the following recommended conditions. Other soldering methods and conditions than the recommended conditions are to be consulted with our sales representatives.
Soldering process Infrared Ray Reflow Soldering Conditions Peak package's surface temperature: 235C or below Reflow time: 30 seconds or less (at 210C) Number of reflow process: 3, Exposure limitNote: None Peak package's surface temperature: 215C or below Reflow time: 40 seconds or less (at 200C) Number of reflow process: 3, Exposure limitNote: None Solder temperature: 260C or below Flow time: 10 seconds or less Number of flow process: 1, Exposure limitNote: None Terminal temperature: 300C Flow time: 3 seconds or less (per one pin), Exposure limitNote: None Symbol IR35-00-3
VPS
VP15-00-3
Wave Soldering
WS60-00-1
Partial Heating Method
Note Exposure limit before soldering after dry-pack package is opened. Storage conditions: 25C and relative humidity at 65% or less. Caution Do not apply more than a single process at once, except for "partial heating method".
6
PG139GV
[MEMO]
7
PG139GV
Caution
The Great Care must be taken in dealing with the devices in this guide. The reason is that the material of the devices is GaAs (Gallium Arsenide), which is designated as harmful substance according to the law concerned. Keep the law concerned and so on, especially in case of removal.
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96. 5


▲Up To Search▲   

 
Price & Availability of UPG139GV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X