Part Number Hot Search : 
SG3843G R3B60 PSP480S PV1C12 29F40 13007A 665401 AZ2844
Product Description
Full Text Search
 

To Download UPC574 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
PC574
MONOLITHIC BIPOLAR INTEGRATED CIRCUIT VOLTAGE STABILIZER FOR ELECTRONIC TUNER
The PC574 is a monolithic integrated voltage stabilizer especially designed as voltage supplier for electronic tuners.
FEATURES
* Low temperature coefficient * Low dynamic resistance * Typical reference voltage of 33 V
EQUIVALENT CIRCUIT
2 R4
PIN CONFIGURATION (Marking Side)
PC574J: 2-pin plastic SIP (TO-92)
D1 D2 D3 D4 D5 Q3 R3 Q2 Q1 R2 R1 1
1 1. Anode 2. Cathode
2
ORDERING INFORMATION
Part Number Package 2-pin plastic SIP (TO-92)
PC574J
The information in this document is subject to change without notice. Document No. S13200EJ4V0DS00 (4th edition) (Previous No. IC-1006) Date Published January 1998 N CP(K) Printed in Japan
The mark
shows major revised points.
(c)
1998
PC574
ABSOLUTE MAXIMUM RATINGS (TA = 25C, unless otherwise specified.)
Parameter Zener Current Power Dissipation Operating Ambient Temperature Range Storage Temperature Range Symbol IZ PD TA Tstg Ratings 10 200 (TA = 75C) -20 to +75 -40 to +125 Unit mA mW C C
Caution Exposure to Absolute Maximum Ratings for extended periods may affect device reliability; exceeding the ratings could cause permanent damage. The parameters apply independently. The device should be operated within the limits specified under DC and AC Characteristics.
ELECTRICAL CHARACTERISTICS (TA = 25C, unless otherwise specified.)
Parameter Stabilized Voltage Stabilized Voltage Temperature Drift Dynamic Resistance Symbol VZ IZ = 5 mA IZ = 5 mA, TA = -20 to +75C Conditions MIN. 31 -1.0 0 TYP. MAX. 35 +1.0 Unit V mV/C
VZ/T
rZ
IZ = 5 mA, f = 1 kHz, IAC = 0.5 mA
10
25
2
PC574
TYPICAL CHARACTERISTIC (TA = 25C, unless otherwise specified.)
Power Dissipation vs. Ambient Temperature 80 60 Dynamic Resistance vs. Zener Current
Free Air
PD - Power Dissipation - mW
400
rZ - Dynamic Resistance -
40 IAC = IZ 10 f = 1 kHz
300
20
200
10 8 6 4
100
2 -20 0 25 50 75 TA - Operating Ambient Temperature - C 0 2 4 6 8 IZ - Zener Current - mA 10
VZ/ T - Stabilized Voltage Temperature Drift - mV/C
Stabilized Voltage Temperature Drift vs. Zener Current
Stabilized Voltage Variation vs. Time
+4 +3 +2 +1 0 -1 -2 -3 -4 0 2 4 6 8 IZ - Zener Current - mA 10
VZ - Stabilized Voltage Variation - mV
+80 +60 +40 +20 0 -20 -40 -60 -80 0 5 10 15 20304050 1 s. t - Time 5 10 20 30 min.
IZ = 5 mA XY - Recoder Free Air IZ = 5 mA +- VZ = 33.11 V VREF
( VZ/VZ) x 100 - Stabilized Voltage Variation - %
Stabilized Voltage Variation & Supply Voltage Variation vs. Zener Current +1.0
+0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 2
=
1
10
+0.4
VB
V
574J
VZ
k
2
RS
+0.6
=2
RS
A
IZ
+30 +20 +10 0
-10 VZ = VZ (IZ) - VZ (5) -20 TA = -20 C TA = +25 C -30 TA = +75 C
4 6 8 IZ - Zener Current - mA
10
VB - Supply Voltage Variation - V
+0.8
R
S
0k
Reference IZ = 5 mA
3
PC574
MEASURING CIRCUITS
(i) Measuring Circuit for Stabilized Voltage VZ
IZ = 5 mA A 2
RB
PC574
EB 1
V
Digital Volt Meter
(ii) Measuring Circuit for Dynamic Resistance rZ
IZ 10
IZ A 2 C 0.1 F EB 1 + 50 F RB
IAC =
100
VV2 VV1
PC574
f = 1 kHz
VZ
IZ 0.5 mA 5 mA rZ = VV1 0.5 mA
VV1
4
PC574
TYPICAL APPLICATION
Ri Ach Bch Ych Zch
2 Vi
PC574
1
C 15 k 15 k 15 k 15 k Channel setting Variable resistor
to tuning diodes (VARACTOR)
in case of Ych ON
5
PC574
PACKAGE DRAWING
2 PIN PLASTIC SIP (TO-92)
A N
M Q 1 2
K
Y
H F G
J
M
V
U
NOTE Each lead centerline is located within 0.25 mm (0.01 inch) of its true position (T.P.) at maximum material condition.
ITEM A F G H J K M N Q U V Y
MILLIMETERS 5.2 MAX. 0.50.1 0.25 2.54 1.33 MAX. 1.8 MIN. 5.5 MAX. 4.2 MAX. 8.0 MAX. 2.8 MAX. 0.50.1 15.00.7
INCHES 0.205 MAX. 0.02 +0.004 -0.005 0.01 0.1 0.053 MAX. 0.07 MIN. 0.217 MAX. 0.166 MAX. 0.315 MAX. 0.111 MAX. 0.02 +0.004 -0.005 0.591 +0.028 -0.029 P2J-254B-1
6
PC574
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below. If other soldering processes are used, or if the soldering is performed under different conditions, please make sure to consult with our sales offices. For more details, refer to our document "SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL" (C10535E). Through-hole device
PC574J: 2-pin plastic SIP (TO-92)
Process Wave soldering (only to leads) Partial heating method Solder temperature: 260C or below, Flow time: 10 seconds or less. Pin temperature: 300C or below, Heat time: 3 seconds or less (per each lead.) Conditions
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure that the package body does not get jet soldered.
7
PC574
[MEMO]
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96.5


▲Up To Search▲   

 
Price & Availability of UPC574

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X