Part Number Hot Search : 
NTE5246A SOD1F2 HZ4C3 LN251RPP C1200 70030 MBR1090 02100
Product Description
Full Text Search
 

To Download UN4221 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors with built-in Resistor
UN4221/4222/4223/4224
Silicon NPN epitaxial planer transistor
For digital circuits
Unit: mm
4.00.2
3.00.2 0.70.1
q
q
Costs can be reduced through downsizing of the equipment and reduction of the number of parts. New S type package, allowing supply with the radial taping.
marking
+0.2 0.45-0.1
q q q q
UN4221 UN4222 UN4223 UN4224
(R1) 2.2k 4.7k 10k 2.2k
(R2) 2.2k 4.7k 10k 10k (Ta=25C)
Ratings 50 50 500 300 150 -55 to +150 Unit V V mA mW C C
1
2
3
1.27 1.27 2.540.15
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Collector current Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO IC PT Tj Tstg
1 : Emitter 2 : Collector 3 : Base New S Type Package
Internal Connection
R1
2.00.2
s Resistance by Part Number
15.60.5
s Features
C
B
R2
E
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current UN4221 UN4222 UN4223/4224
(Ta=25C)
Symbol ICBO ICEO IEBO VCBO VCEO hFE VCE(sat) VOH VOL R1 Conditions VCB = 50V, IE = 0 VCE = 50V, IB = 0 VEB = 6V, IC = 0 IC = 10A, IE = 0 IC = 2mA, IB = 0 VCE = 10V, IC = 100mA IC = 100mA, IB = 5mA VCC = 5V, VB = 0.5V, RL = 500 VCC = 5V, VB = 3.5V, RL = 500 2.2 (-30%) 4.7 10 R1/R2 0.8 0.17 1.0 0.22 1.2 0.27 (+30%) k 4.9 0.2 50 50 40 50 60 0.25 V V V min typ max 1 1 5 2 1 V V mA Unit A A
Collector to base voltage Collector to emitter voltage Forward current transfer ratio UN4221 UN4222 UN4223/4224
Collector to emitter saturation voltage Output voltage high level Output voltage low level Input resistance UN4221/4224 UN4222 UN4223
Resistance ratio UN4224
1
Transistors with built-in Resistor
Common characteristics chart PT -- Ta
400
UN4221/4222/4223/4224
Total power dissipation PT (mW)
350 300 250 200 150 100 50 0 0 20 40 60 80 100 120 140 160
Ambient temperature Ta (C)
Characteristics charts of UN4221 IC -- VCE
300 100
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
Ta=25C IC/IB=10 400
hFE -- IC
VCE=10V
IB=1.0mA 250
30 10 3 1 Ta=75C 0.3 25C 0.1 0.03 0.01 1 3 10 30 100 300 1000
Collector current IC (mA)
0.9mA 200 0.8mA 0.7mA 150 0.6mA 0.5mA 100 0.4mA 0.3mA 50 0.2mA 0 0 2 4 6 8 0.1mA 10 12
Forward current transfer ratio hFE
300
Ta=75C
200
25C 100
-25C
-25C 0 1 3 10 30 100 300 1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
24 10000 f=1MHz IE=0 Ta=25C 3000
IO -- VIN
VO=5V Ta=25C
VIN -- IO
100 30 VO=0.2V Ta=25C
Collector output capacitance Cob (pF)
20
Output current IO (A)
16
300 100 30 10 3
Input voltage VIN (V)
0.6 0.8 1.0 1.2 1.4
1000
10 3 1 0.3 0.1 0.03 0.01 0.1
12
8
4
0 0.1
0.3
1
3
10
30
100
1 0.4
0.3
1
3
10
30
100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
2
Transistors with built-in Resistor
Characteristics charts of UN4222 IC -- VCE
300 100
UN4221/4222/4223/4224
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
Ta=25C IC/IB=10
200 VCE=10V
hFE -- IC
Forward current transfer ratio hFE
30 10 3 1 0.3 0.1 0.03 0.01 -25C Ta=75C
250
Ta=75C 150 25C
Collector current IC (mA)
IB=1.0mA 200 0.9mA 0.8mA 150 0.7mA 0.6mA 0.5mA 100 0.4mA 0.3mA 50 0.2mA 0.1mA 0 0 2 4 6 8 10 12
100
-25C
25C
50
0
1
3
10
30
100
300
1000
1
3
10
30
100
300
1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
12
IO -- VIN
f=1MHz IE=0 Ta=25C 10000 3000 VO=5V Ta=25C
VIN -- IO
100 30 VO=0.2V Ta=25C
Collector output capacitance Cob (pF)
10
Output current IO (A)
8
300 100 30 10 3
Input voltage VIN (V)
0.6 0.8 1.0 1.2 1.4
1000
10 3 1 0.3 0.1 0.03 0.01 0.1
6
4
2
0 0.1
0.3
1
3
10
30
100
1 0.4
0.3
1
3
10
30
100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
Characteristics charts of UN4223 IC -- VCE
240
100
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
Ta=25C
IC/IB=10
hFE -- IC
200 VCE=10V Ta=75C 25C 150
30 10 3 1 0.3 0.1 -25C 0.03 0.01 25C
200
160
IB=1.0mA 0.9mA 0.8mA
Forward current transfer ratio hFE
Collector current IC (mA)
120 0.7mA 0.6mA 80 0.5mA 0.4mA 40 0.3mA 0.2mA 0.1mA 0 0 2 4 6 8 10 12
Ta=75C
100 -25C 50
0
1 3 10 30 100 300 1000
1
3
10
30
100
300
1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
3
Transistors with built-in Resistor
Cob -- VCB
12
UN4221/4222/4223/4224
IO -- VIN VIN -- IO
VO=5V Ta=25C
100 30 VO=0.2V Ta=25C
Collector output capacitance Cob (pF)
10
f=1MHz IE=0 Ta=25C
10000 3000
Output current IO (A)
8
300 100 30 10 3
Input voltage VIN (V)
0.6 0.8 1.0 1.2 1.4
1000
10 3 1 0.3 0.1 0.03 0.01 0.1
6
4
2
0 0.1
0.3
1
3
10
30
100
1 0.4
0.3
1
3
10
30
100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
Characteristics charts of UN4224 IC -- VCE
300
100
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
Ta=25C
IC/IB=10 200 VCE=10V
hFE -- IC
250
30 10 3 1 Ta=75C 0.3 25C 0.1 0.03 0.01
Forward current transfer ratio hFE
Ta=75C 150
Collector current IC (mA)
25C
200
IB=1.0mA 0.9mA 0.8mA
-25C 100
150
0.7mA 0.6mA 0.5mA 0.4mA
100
50
50
0.3mA 0.2mA 0.1mA
-25C
0 0 2 4 6 8 10 12
0 1 3 10 30 100 300 1000 1 3 10 30 100 300 1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
12
IO -- VIN
f=1MHz IE=0 Ta=25C 10000 3000 VO=5V Ta=25C 1000 300
VIN -- IO
VO=0.2V Ta=25C
Collector output capacitance Cob (pF)
10
Output current IO (A)
8
300 100 30 10 3
Input voltage VIN (V)
0.6 0.8 1.0 1.2 1.4
1000
100 30 10 3 1 0.3 0.1 0.1
6
4
2
0 0.1
0.3
1
3
10
30
100
1 0.4
0.3
1
3
10
30
100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
4


▲Up To Search▲   

 
Price & Availability of UN4221

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X