Part Number Hot Search : 
ML33111 13N50 MM74HC UGB5JT KSP06 DF202S 440FS 76650
Product Description
Full Text Search
 

To Download UN225 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small Signal Transistor Arrays
UN225
Transistor array to drive the small motor s Features
q q q q
Small and lightweight Low power consumption (low VCE(sat) transistor used) Low-voltage drive With 8 elements incorporated (SO-16)
1
Unit: mm
7.70.3 5.50.3 16 0.8
1.50.1
6.50.3
s Applications
q q q q
16-0.30.1
Video cameras Cameras Portable CD players Small motor drive circuits in general for electronic equipment.
0 to 0.1 0.5
8
9
14-0.750.1
12
6
12
0.50.2
s
6
Absolute Maximum Ratings (Ta=252C)
Parameter Symbol VCBO VCEO VEBO IC PT* Tj Tstg Ratings 10 10 7 0.5 0.5 150 -55 to +150 Unit V V V A W C C
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9
0.2-0.05
+0.1
45
SO-16 Package
Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Total power dissipation Junction temperature Storage temperature
Internal Connection
Note: marks used above: +: NPN part, -: PNP part * TC = 25C only when the elements are active
1
Small Signal Transistor Arrays
UN225
s Electrical Characteristics
Parameter Collector cutoff current
(Ta=252C)
Symbol ICBO VCBO VCEO VEBO hFE VCE(sat)1 fT Cob VF Conditions (NPN) VCB = 7V (PNP) VCB = -7V (NPN) IC = 10A (PNP) IC = -10A (NPN) IC = 1mA (PNP) IC = -1mA (NPN) IE = 10A (PNP) IE = -10A (NPN) VCE = 2V, IC = 0.2A* (PNP) VCE = -2V, IC = - 0.2A* (NPN) IC = 0.2A, IB = 2mA (PNP) IC = - 0.2A, IB = -2mA (NPN) VCB = 6V, IE = -50mA, f = 200MHz (PNP) VCB = -6V, IE = 50mA, f = 200MHz (NPN) VCB = 6V, IE = 0, f = 1MHz (PNP) VCB = -6V, IE = 0, f = 1MHz (NPN) IF = 0.5A (PNP) IF = - 0.5A 120 120 25 35 1.3 -1.3 10 -10 10 -10 7 -7 200 200 800 800 0.2 - 0.2 V min typ max 1 -1 Unit A
Collector to base voltage
V
Collector to emitter voltage
V
Emitter to base voltage
V
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
MHz
Collector output capacitance
pF
Forward voltage (DC) *Pulse measurement
V
Characteristics charts of PNP transistor block PT -- Ta
0.6
IC -- VCE
-1.2 Ta=25C
-1.2
IC -- VBE
VCE=-2V -1.0 25C
Total power dissipation PT (W)
0.5
-1.0
IB=-6mA
-5mA
-4mA -3mA
Collector current IC (A)
Collector current IC (A)
Ta=75C -0.8
-25C
0.4
-0.8
0.3
-0.6
-2mA
-0.6
0.2
-0.4 -1mA -0.2
-0.4
0.1
-0.2
0 0 20 40 60 80 100 120 140 160
0 0 -2 -4 -6 -8 -10 -12
0 0 -0.4 -0.8 -1.2 -1.6 -2.0 -2.4
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
2
Small Signal Transistor Arrays
VCE(sat) -- IC
-10
UN225
hFE -- IC Cob -- VCB
120
Collector to emitter saturation voltage VCE(sat) (V)
IC/IB=100
600
-3 -1 -0.3 25C -0.1 -0.03 -0.01 -0.003 -0.001 -0.01 -0.03 -0.1 -0.3 -25C Ta=75C
Collector output capacitance Cob (pF)
VCE=-2V
Forward current transfer ratio hFE
500
100
f=1MHz IE=0 Ta=25C
400
Ta=75C 25C
80
300 -25C 200
60
40
100
20
-1
-3
-10
0 -0.01 -0.03 -0.1 -0.3
-1
-3
-10
0 -1
-3
-10
-30
-100
Collector current IC (A)
Collector current IC (A)
Collector to base voltage VCB (V)
Characteristics charts of NPN transistor block PT -- Ta
0.6
1.2 Ta=25C IB=3.0mA
IC -- VCE
1.2
IC -- VBE
VCE=2V 1.0 2.0mA 25C
Total power dissipation PT (W)
0.5
1.0
2.5mA
Collector current IC (A)
Collector current IC (A)
Ta=75C 0.8
-25C
0.4
0.8 1.5mA 0.6
0.3
1.0mA
0.6
0.2
0.4 0.5mA 0.2
0.4
0.1
0.2
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0 0 0.4 0.8 1.2 1.6 2.0 2.4
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
10
hFE -- IC
600
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=2V
Collector to emitter saturation voltage VCE(sat) (V)
IC/IB=100
60
3 1 0.3 0.1 0.03 0.01 0.003 0.001 0.01 0.03 Ta=75C 25C -25C
Forward current transfer ratio hFE
500
Ta=75C 25C
50
f=1MHz IE=0 Ta=25C
400
40
300
-25C
30
200
20
100
10
0.1
0.3
1
3
10
0 0.01 0.03
0.1
0.3
1
3
10
0 1 3 10 30 100
Collector current IC (A)
Collector current IC (A)
Collector to base voltage VCB (V)
3


▲Up To Search▲   

 
Price & Availability of UN225

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X