Part Number Hot Search : 
1602C ZXMS600 C1100 MMBZ4709 0430452 MA46H072 1S111 BC140
Product Description
Full Text Search
 

To Download UN222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small Signal Transistor Arrays
UN222
Transistor array to drive the small motor s Features
q q q q
Small and lightweight Low power consumption (low VCE(sat) transistor used) Low-voltage drive Transistors with built-in resistor with 6 elements (SO-14)
1
6.50.3 14-0.40.1
Unit: mm
5.50.3 14
1.50.1 0.8
s Applications
q q q q
0 to 0.1 0.5
6 7.70.3
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Collector current Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO IC PT* Tj Tstg
(Ta=252C)
Ratings 10 10 3 0.5 150 -55 to +150 Unit V V A W C C
1 2 3 4 5 6 7 14 13 12 11 10 9 8
+0.1
45
0.50.2
0.2 -0.05
Video cameras Cameras Portable CD players Small motor drive circuits in general for electronic equipment.
7
8 12 6
12
12-0.90.1
SO-14 Package
Internal Connection
Note: marks used above: +: NPN part, -: PNP part * TC = 25C only when the elements are active
1
Small Signal Transistor Arrays
UN222
s Electrical Characteristics
Parameter Collector cutoff current
(Ta=252C)
Symbol ICBO VCBO VCEO hFE VCE(sat) fT Cob VF REB Conditions (NPN) VCB = 6V (PNP) VCB = -6V (NPN) IC = 10A (PNP) IC = -10A (NPN) IC = 1mA (PNP) IC = -1mA (NPN) VCE = 1V, IC = 0.5A* (PNP) VCE = -1V, IC = - 0.5A* (NPN) IC = 2A, IB = 50mA* (PNP) IC = -2A, IB = -50mA* (NPN) VCB = 6V, IE = -50mA, f = 200MHz (PNP) VCB = -6V, IE = 50mA, f = 200MHz (NPN) VCB = 6V, IE = 0, f = 1MHz (PNP) VCB = -6V, IE = 0, f = 1MHz (NPN) IF = 1A (PNP) IF = -1A -30% 10 150 150 50 70 1.5 1.5 +30% 10 -10 10 -10 200 200 700 700 0.25 - 0.45 V min typ max 1 -1 Unit A
Collector to base voltage
V
Collector to emitter voltage
V
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
MHz
Collector output capacitance
pF
Forward voltage (DC) Bias resistance *Pulse measurement
V k
Characteristics charts of PNP transistor block PT -- Ta
0.6
-6
IC -- VCE
-10
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
Ta=25C
IC/IB=40
Total power dissipation PT (W)
-3 -1 -0.3 -0.1 -0.03 -0.01 -0.003 -0.001 -0.01 -0.03 -0.1 -0.3
0.5
-5
0.4
Collector current IC (A)
-4
Ta=75C 25C -25C
0.3
-3
IB=-12mA
-10mA
-8mA -6mA
0.2
-2
-4mA -2mA
0.1
-1
0 0 20 40 60 80 100 120 140 160
0 0 -2 -4 -6 -8 -10 -12
-1
-3
-10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
2
Small Signal Transistor Arrays
hFE -- IC
600
UN222
Cob -- VCB
240
Collector output capacitance Cob (pF)
VCE=1V
Forward current transfer ratio hFE
500 Ta=75C 400 25C -25C 300
200
f=1MHz IE=0 Ta=25C
160
120
200
80
100
40
0 -0.01 -0.03 -0.1 -0.3
-1
-3
-10
0 -1
-3
-10
-30
-100
Collector current IC (A)
Collector to base voltage VCB (V)
Characteristics charts of NPN transistor block PT -- Ta
0.6
IC -- VCE
6
10
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
Ta=25C
IC/IB=40
Total power dissipation PT (W)
0.5
5
3 1 0.3 0.1 0.03 0.01 0.003 0.001 0.01 0.03
0.4
Collector current IC (A)
4
0.3
3
IB=12mA 10mA 8mA
Ta=75C 25C -25C
0.2
2
6mA 4mA
0.1
1
2mA
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
hFE -- IC
600
Cob -- VCB
240
500 Ta=75C 400 25C -25C
Collector output capacitance Cob (pF)
VCE=1V
Forward current transfer ratio hFE
200
f=1MHz IE=0 Ta=25C
160
300
120
200
80
100
40
0 0.01 0.03
0.1
0.3
1
3
10
0 1 3 10 30 100
Collector current IC (A)
Collector to base voltage VCB (V)
3


▲Up To Search▲   

 
Price & Availability of UN222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X