Part Number Hot Search : 
152M50 BR8D5 MOC3041X 5KP28A ST19SF04 76M00 TA8186 A1360
Product Description
Full Text Search
 

To Download UML1SL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UML1SL
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI UML1SL is Designed for
PACKAGE STYLE .280 4L PILL
A
FEATURES:
* * * OmnigoldTM Metalization System
OB
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC 2.0 A 45 V 25 V
DIM MINIMUM
inches / mm
OC
D E F
MAXIMUM
inches / mm
3.5 V 31.8 W @ TC = 25 OC -65 OC to +200 OC -65 C to +150 C 20 OC/W
O O
A B C D E F
.220 / 5.59
.230 / 5.84 1.055 / 26.80
.275 / 6.99 .004 / 0.10 .050 / 1.27 .118 / 3.00
.285 / 7.24 .006 / 0.15 .060 . 1.52 .130 / 3.30
ORDER CODE: ASI10689
CHARACTERISTICS
SYMBOL
BVCBO BVCEO BVEBO ICBO hFE Cob PG D
TC = 25 C
O
NONETEST CONDITIONS
IC = 1.0 mA IC = 20 mA IE = 0.25 mA VCB = 28 V VCE = 5.0 V VCB = 28 V VCC = 28 V POUT = 1.0 W IC = 100 mA f = 1.0 MHz f = 400 MHz
MINIMUM TYPICAL MAXIMUM
45 24 3.5 0.45 15 120 5.0 13 60
UNITS
V V V mA --pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of UML1SL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X