Part Number Hot Search : 
SR10K DDTA144G 2SD2098Q SZ5227 CXT6176 ICX074AL 4223A 1N4148
Product Description
Full Text Search
 

To Download UML1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UML1
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI UML1 is Designed for
PACKAGE STYLE .280 4L STUD
A 45
FEATURES:
* * * OmnigoldTM Metalization System
B
D
C J
E
I
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC
O
F G H K DIM A B C D E F G H I J .175 / 4.45 .275 / 6.99 K .245 / 6.22 .640 / 16.26 .217 / 5.51 .285 / 7.24 MINIMUM
inches / mm
2.0 A 45 V 25 V 3.5 V 31.8 W @ TC = 25 OC -65 C to +200 C -65 C to +150 C 20 OC/W
O O O
1.010 / 25.65 .220 / 5.59 .270 / 6.86 .003 / 0.08 .117 / 2.97
#8-32 UNC MAXIMUM
inches / mm
1.055 / 26.80 .230 /5.84 .285 / 7.24 .007 / 0.18 .137 / 3.48 .572 / 14.53 .130 / 3.30 .255 / 6.48
ORDER CODE: ASI10688
CHARACTERISTICS
SYMBOL
BVCBO BVCEO BVEBO ICBO hFE Cob PG D
TC = 25 C
O
NONETEST CONDITIONS
IC = 1.0 mA IC = 20 mA IE = 0.25 mA VCB = 28 V VCE = 5.0 V VCB = 28 V VCC = 28 V POUT = 1.0 W IC = 100 mA f = 1.0 MHz f = 400 MHz
MINIMUM TYPICAL MAXIMUM
45 24 3.5 0.45 15 120 5.0 13 60
UNITS
V V V mA --pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of UML1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X