Part Number Hot Search : 
1SS400G AQV21 5925B TDA46052 DL5242 LC75010 2199531 3FJ10
Product Description
Full Text Search
 

To Download UG10ACT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
UG10ACT THRU UG10DCT
ULTRAFAST SOFT RECOVERY RECTIFIER
Reverse Voltage - 200 Volts
TO-220AB
0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) 0.185 (4.70) 0.175 (4.44) DIA. 0.148 (3.74) 0.055 (1.39) 0.045 (1.14)
Forward Current - 10.0 Amperes
FEATURES
Plastic package has Underwriters Laboratories Flammability Classification 94V-0 Ideally suited for free wheeling diode power factor correction applications Soft recovery characteristics Excellent high temperature switching Optimized to reduce switching losses High temperature soldering guaranteed: 250C/10 seconds at terminals Glass passivated chip junction
0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.560 (14.22) 0.530 (13.46) 0.410 (10.41) 0.390 (9.91) PIN 2 0.635 (16.13) 0.625 (15.87) 1 0.160 (4.06) 0.140 (3.56) 0.560 (14.22) 0.530 (13.46) 3 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54)
MECHANICAL DATA
Case: JEDEC TO-220AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 5 in. - lbs. max. Weight: 0.08 ounce, 2.24 grams
0.105 (2.67) 0.095 (2.41)
0.037 (0.94) 0.027 (0.68) 0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95)
0.022 (0.56) 0.014 (0.35)
PIN 1 PIN 3
PIN 2 CASE
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
UG10ACT UG10BCT UG10CCT UG10DCT
UNITS
Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=100C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) per leg Maximum instantaneous forward voltage per leg at IF=10A, IF=5A, IF=5A, Maximum reverse leakage current per leg at working peak reverse voltage Maximum reverse recovery time per leg at IF=1.0A, di/dt=100A/s, VR=30V, Irr=0.1 IRM Maximum reverse recovery time per leg at IF=0.5A, IR=1.0A, Irr=0.25A Maximum reverse recovery current per leg at IF=5A, di/dt=50A/s,VR=30V Maximum stored charge per leg IF=2A, di/dt=20A/s, VR=30V Irr=0.1 IRM Typical thermal resistance from junction to case per leg Operating junction and storage temperature range
NOTICE: Advanced product information is subject to change without notice
VRRM VRWM VRMS VDC I(AV) IFSM TJ=25C TJ=25C TJ=150C TJ=25C TJ=100C
50 50 35 50
100 100 70 100 10 60 1.25 1.10 0.895 10 200 25 25 15 0.7 5.5 4.5 4.5
150 150 105 150
200 200 140 200
Volts Volts Volts Volts Amps Amps
VF
Volts A ns ns Amps nC C/W C
IR trr
Maximum Typical
trr IRM
Maximum Typical
Qrr RJC TJ, TSTG
-40 to +150
4/98
RATINGS AND CHARACTERISTIC CURVES UG10ACT THRU UG10DCT
FIG. 1 -FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
15
RESISTIVE OR INDUCTIVE LOAD
100
PEAK FORWARD SURGE CURRENT, AMPERES
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) TC=105C
10
10
5
0
1 0 25 50 75 100 125 150
CASE TEMPERATURE, C
1
10
NUMBER OF CYCLES AT 60 HZ
100
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
100
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS PER LEG
1,000
INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
TJ=125C
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
TJ=125C TJ=100C
TJ=100C
100
1
10
TJ=25C
1
TJ=25C
0.1
0.1 0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG. 5 - REVERSE SWITCHING CHARACTERISTICS PER LEG FIG. 6 - TYPICAL JUNCTION CAPACITANCE PER LEG
STORED CHARGE/REVERSE RECOVERY TIME, nC/ns
50
@2A, 20A/s
100
TJ=125C f=1.0 MHz Vsig=50MVp-p
40
CAPACITANCE, pF
@5A, 50A/s
30
@1A, 100A/s
10
20
@5A, 50A/s
10
@2A, 20A/s
@1A, 100A/s trr Qrr
0 25
50 75 100 JUNCTION TEMPERATURE, C
125
1 0.1
1
10
100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of UG10ACT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X