Part Number Hot Search : 
H0055NL ADP3422 B0515 BZ5258 2SD10 FSS130R4 PDT608 8S31TDJ
Product Description
Full Text Search
 

To Download UG1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LITE-ON SEMICONDUCTOR
UG1001 thru UG1007
REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.0 Ampere
ULTRA FAST GLASS PASSIVATED RECTIFIERS
FEATURES
Glass passivated chip Ultra fast switching for high efficiency Low reverse leakage current Low forward voltage drop High current capability Easily cleaned with Freon, Alcohol, Chlorothene and similar solvents Plastic material has UL flammabitily classification 94V-0
A
DO-41
B A
C D
DO-41
MECHANICAL DATA
Case : JEDEC DO-41 molded plastic Polarity : Color band denotes cathode Weight : 0.012 ounces, 0.34 grams Mounting position : Any
Dim. A B C
Min. 25.4 4.10 0.71
Max. 5.20 0.86
2.00 2.70 D All Dimensions in millimeter
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current
SYMBOL UG1001 UG1002 UG1003 UG1004 UG1005 UG1006 UG1007 UNIT
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
200 140 200
400 280 400 1.0
600 420 600
800 560 800
1000 700 1000
V V V A
@TA=55 C
Peak Forward Surge Current 8.3ms single half sine-wave super imposed on rated load (JEDEC Method) Maximum forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage
IFSM VF IR TRR CJ
R0JA
30 1.0 1.3 5 100 50 20 40 -55 to +150 75 10 1.7
A V uA ns pF C/W
@TJ=25 C @TJ=100 C
Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Storage / Operating Temperature Range
TSTG ,TJ
C
REV. 2, 01-Dec-2000, KDFC01
NOTES : 1.Test condition of TRR:IF=0.5A,IR=1.0A,IRR=0.25A. 2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3.Thermal Resistance Junction to Ambient.
RATING AND CHARACTERISTIC CURVES UG1001 thru UG1007
AVERAGE FORWARD CURRENT AMPERES
1.0
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
40
0.8
30
0.6 0.4
20
0.2
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
10
Pulse width 8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0.1
25
0 1 2 5 10 20 50 100
50
75
100
125
150
175
AMBIENT TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE
100
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
CAPACITANCE , (pF)
UG1001 to UG1004
10
UG1001 to UG1004 UG1004
10
UG1005 to UG1007
1.0
UG1005 to UG1007
TJ = 25 C, f = 1MHz
TJ = 25 C PULSE WIDTH 300us
1.0 1 4 10 100
0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
REVERSE VOLTAGE , VOLTS
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
REV. 2, 01-Dec-2000, KDFC01


▲Up To Search▲   

 
Price & Availability of UG1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X