Part Number Hot Search : 
KAD1512D DP90S18 17BZC HYS64 AT216 A986A 10K3DCB0 IDTQS3
Product Description
Full Text Search
 

To Download UFT14005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
UFT14005 THRU UFT14060
140 Amp Supre Fast Recovery Rectifier 50 to 600 Volts POWERMOD
A N
Supre Fast switching for high efficiency High Surge Capability Low Leakage Low Forward Voltage Drop High Current Capability
* *
Maximum Ratings
Operating Temperature: -55C to +175C Storage Temperature: -55C to +175C Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V
MCC Part Number UFT14005 UFT14010 UFT14020 UFT14040 UFT14060
Maximum RMS Voltage 35V 70V 40V 280V 420V
C
E B M Q R P F G J K D
L
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current 14040 14060 Maximum Instantaneous Forward Voltage 14005-14020 14040 14060 Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time 14005-14020 14040 14060 Typical Junction Capacitance 14005-14020 14040 14060 IF(AV) IFSM 140 A 1000A 800 A 700 A TC = 115C 8.3ms, half sine
H
DIMENSIONS INCH ES MM MIN 50.67 7.62 12.57 4.62 25.12 60.71 38.10 3.05 -----6.10 12.45 8.38 4.45 0.89 11.30 22.61
VF
0.975V 1.25V 1.35V
50A 6mA
IFM = 70.0A; TJ = 25C TJ = 25C T J = 125C
IR
DIM A B C D E F G H J K L M N P Q R
MIN 1.995 .330 .495 .182 .990 2.. 90 3 1.500 .120 -----.240 .490 .330 .175 .035 .445 .890
MAX 2.005 .325 .505 .192 1.010 2.410 1.525 .130 .400 .260 .510 .350 .195 .045 .455 .910
MAX 50.93 8.26 12.83 4.88 25.65 61.21 38.70 3.30 10.16 6.60 12.95 8.90 4.95 1.14 11.56 23.11
NOTE
Trr
60ns 75ns 90ns
IF=0.5A, IR=1.0A, Irr=0.25A
CJ
575pF Measured at 300pF 1.0MHz, VR=10V 275pF
*Pulse Test: Pulse Width 300sec, Duty Cycle 2%
www.mccsemi.com
UFT14005 thru UFT14060
MCC
Figure 2 Forward Derating Curve 80
Figure 1 Typical Forward Characteristics 200 14005-14020 100 60 40 70 20 25C Amps 10 6 4 2 1 .6 .4 .2 .1 0.6 0.8 1.0 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 1.2 1.4 1.6 0 30 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Case Temperature - C 125 150 175 Amps 40 60 14040 14060
50
Figure 3 Junction Capacitance 140005-14020
1000 600 400
14040 200 pF TJ=25C 100 60 40 20 10 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 14060
Junction Capacitance - pF versus Reverse Voltage - Volts
www.mccsemi.com
UFT14005 thru UFT14060
Figure 4 Typical Reverse Characteristics 5000 4000 2000 800 1000 100 60 40 20 Amps 10 6 4 2 1 .6 .4 .2 .1 20 40 TJ =25C 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TJ =125C 0 1 2 4 Amps 700 600 300 100
MCC
Figure 5 Peak Forward Surge Current 1000
14005-14020
14060
6
8 10 20 Cycles
40
60 80 100
Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of UFT14005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X