Part Number Hot Search : 
0J1US L4148 SSU1N50B 4C20BD 1EBF111 C100E1 T3801N L4100
Product Description
Full Text Search
 

To Download UFT10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
UFT10005 THRU UFT10060
100 Amp Supre Fast Recovery Rectifier 50 to 600 Volts POWERMOD
A N
Supre Fast switching for high efficiency High Surge Capability Low Leakage Low Forward Voltage Drop High Current Capability
* *
Maximum Ratings
Operating Temperature: -55C to +175C Storage Temperature: -55C to +175C Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V
MCC Part Number UFT10005 UFT10010 UFT10020 UFT10040 UFT10060
Maximum RMS Voltage 35V 70V 40V 280V 420V
C
E B M Q R P F G J K D
L
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 100 A TC = 125C Current Peak Forward Surge IFSM 1000A 8.3ms, half sine Current 10005-10020 800 A 10040 10060 700 A Maximum Instantaneous Forward Voltage VF 10005-10020 1.13V IFM = 50.0A; 10040 1.25V TJ = 25C 10060 1.35V Maximum DC Reverse Current At IR 50A TJ = 25C Rated DC Blocking 6mA T J = 125C Voltage Maximum Reverse Recovery Time 60ns 10005-10020 IF=0.5A, IR=1.0A, Trr 75ns Irr=0.25A 10040 90ns 10060 Typical Junction Capacitance CJ 575pF Measured at 10005-10020 300pF 1.0MHz, VR=10V 10040 275pF 10060 *Pulse Test: Pulse Width 300sec, Duty Cycle 2%
H
DIMENSIONS INCH ES MIN 1.995 .300 .495 .182 .990 2.390 1.490 .120 -----.240 .490 .330 .175 .035 .445 .890 MM MIN 50.67 7.62 12.57 4.62 25.15 60.71 37.85 3.05 -----6.10 12.45 8.38 4.45 0.89 11.30 22.61
DIM A B C D E F G H J K L M N P Q R
MAX 2.005 .325 .505 .192 1.010 2.410 1.510 .130 .400 .260 .510 .350 .195 .045 .455 .910
MAX 50.93 8.26 12.83 4.88 25.65 61.21 38.35 3.30 10.16 6.60 12.95 8.90 4.95 1.14 11.56 23.11
NOTE
www.mccsemi.com
UFT10005 thrn UFT10060
MCC
10060 120 Figure 2 Forward Derating Curve
Figure 1 Typical Forward Characteristics 200 10005-10020 100 60 40 100 20 25C Amps 10 6 4 2 1 .6 .4 .2 .1 0.6 0.8 1.0 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 1.2 1.4 1.6 0 20 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Case Temperature - C 125 150 175 Amps 40 80 10040
60
Figure 3 Junction Capacitance
1000 800 400 200 pF TJ=25C 100 60 40 20 10 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 20005-20020 20040 20060
Junction Capacitance - pF versus Reverse Voltage - Volts
www.mccsemi.com
UFT10005 thru UFT10060
Figure 4 Typical Reverse Characteristics 5000 4000 2000 800 1000 100 60 40 20 Amps 10 6 4 2 1 .6 .4 .2 .1 20 40 TJ=25C 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TJ=125C 0 1 2 4 Amps 700 600 300
MCC
Figure 5 Peak Forward Surge Current 1000
10005-10020
10040
100
10060
6
8 10 20 Cycles
40
60 80 100
Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of UFT10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X