![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC Features * * * * omponents 21201 Itasca Street Chatsworth !"# $ % !"# UF5400GP THRU UF5408GP 3 Amp Ultra Fast Glass Passivated Recovery Rectifier 50 to 1000 Volts DO-201AD High Surge Capability Glass Passivated Junction Low Forward Voltage Drop Ultra Fast Switching Speed For High Efficiency * * * Maximum Ratings Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Typical Thermal Resistance 20C/W MCC Device Maximum Maximum Catalog Marking Recurrent RMS Number Peak Reverse Voltage Voltage UF5400GP --50V 35V UF5401GP --100V 70V UF5402GP --200V 140V UF5404GP --400V 280V UF5406GP --600V 420V UF5407GP --800V 560V UF5408GP --1000V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 400V 800V 1000V D A Cathode Mark B Electrical Characteristics @ 25C Unless Otherwise Specified Average Forward IF(AV) 3A TA = 55C Current Peak Forward Surge IFSM 150A 8.3ms, half sine Current Maximum Instantaneous Forward Voltage 1.0V IFM = 3.0A; UF5400GP-5402GP VF 1.3V UF5404GP TA = 25C 1.7V UF5406GP-5408GP Maximum DC Reverse Current At IR 10A TA = 25C Rated DC Blocking 50A TA = 100C Voltage Maximum Reverse Recovery Time 50ns IF=0.5A, IR=1.0A, UF5400GP-5404GP Trr 75ns Irr=0.25A UF5406GP-5408GP Typical Junction Capacitance 75pF Measured at UF5400GP-5404GP CJ 50pF 1.0MHz, VR=4.0V UF5406GP-5408GP *Pulse Test: Pulse Width 300sec, Duty Cycle 1% D C DIMENSIONS INCHES MIN ----.048 1.000 MM MIN ----1.20 25.40 DIM A B C D MAX .370 .250 .052 --- MAX 9.50 6.40 1.30 --- NOTE www.mccsemi.com UF5400GP thru UF5408GP Figure 1 Typical Forward Characteristics 20 10 6 4 2.5 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 UF5406GP - UF5408GP .5 Amps 1.0 UF5400GP - UF5404GP 25C 2.0 3.0 MCC Figure 2 Forward Derating Curve 1.5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175 Figure 3 Junction Capacitance UF5400GP - UF5404GP 100 60 40 20 pF TJ=25C 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 UF5406GP - UF5408GP Junction Capacitance - pFversus Reverse Voltage - Volts www.mccsemi.com UF5400GP thru UF5408GP Figure 4 Typical Reverse Characteristics 100 60 40 20 10 6 4 TJ=100C 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Figure 6 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 trr +0.5A 100 120 140 TJ=25C Amps TJ=150C 150 125 100 75 50 25 0 1 4 6 MCC Figure 5 Peak Forward Surge Current 2 8 10 Cycles 20 40 60 80 100 Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 0 25Vdc Pulse Generator Note 2 1 Oscilloscope Note 1 -0.25 -1.0 1cm Set Time Base for 20/100ns/cm Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive www.mccsemi.com |
Price & Availability of UF5400GP
![]() |