Part Number Hot Search : 
F2003 L1025 LTC1864 BYW29E 0Q201 1R1001 CXR47K50 AN8807
Product Description
Full Text Search
 

To Download UF4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
UF4001- UF4007
SUPER FAST DIODES
TYPE
Maximum Peak Reverse Voltage PRV VPK
Maximum Average Rectified Current @ Half-Wave Resistive Load 60Hz IO@ TL AAV C
Maximum Forward Peak Surge Current @ 8.3ms Superimposed I FM (Surge) A PK
Maximum Reverse Current @ PRV @ TA=25C I
R
Maximum Forward Voltage @ TA=25C I FM A PK V FM V PK
Maximum Reverse Recovery Time T rr ns
Package Dimensions
Adc
UF4001 UF4002 UF4003 UF4004 UF4005 UF4006 UF4007
50 100 200 400 600 800 1000
1.0
55
30
5.0
1.0
1.00 1.00 1.00 1.00 1.70 1.70 1.70
50 50 50 50 75 75 75
DO - 41
Trr I F=0.5A, I R=1.0A, I RR=0.25A Trr Test Conditions: I F=0.5A, I R=1.0A, I RR=0.25A
1.0(25.4) MIN
.205(5.2) .166(4.2)
1.0(25.4) MIN
.034(0.9) .028(0.7)
DIA .107(2.7) DIA .080(2.0)
DO - 41
10A-1/2
LESHAN RADIO COMPANY, LTD.
UF4001 - UF4007 RATING AND CHARACTERISTIC CURVES OF SUPER FAST DIODES
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
AVERAGE FORWARD CURRENT,(A)
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
1.0 Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375"(9.5mm) Lead Length
50 NONINDUCTIVE
10 NONINDUCTIVE D.U.T. (-) PULSE G E N E R AT O R (NOTE 2) (+)
+0.5A
Trr
(+) 25Vdc (APPROX) (-)
0 -0.25A
0.5
OSCILLOSCOPE NON. (NOTE 1) INDUCTIVE
1
NOTES:1.Rise Time=7ns max. Input Impedance=1megohm.22pF. 2.Rise Time=10ns max. Source Impedance=50 ohms.
-1.0A 1cm SET TIME BASE FOR 10 ns/cm
0 20 40 60 80 100 120 140 160
AMBIENT TEMPER ATURE, (C)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
10 100
INSTANTANEOUS REVERSE CURRENT (A) INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
UF4001-UF4004 1 UF4005-UF4007 .1
TJ = 150C 10 TJ = 100C
1
TJ = 25C
.1
.01 TJ=25C Pulse Width=300s 1% Duty Cycle .001 .4 .6 .8 1.0 1.2 1.4 1.6 1.8
.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG. 5 - MAXINUM NON-REPETITIVE FOWARD SURGE CURRENT
30
PEAK FORWARD SURGE CURRENT,(A)
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
100
25
20
JUNCTION CAPACITANCE,(pF)
8.3ms Single Half Sine-Wave (JEDEC Method) TA=55C
UF4001-UF4007
10 UF4005-UF4007
15
10
5
1 .1
TJ =25C f =1MHz V sig =50mV p-p 1 2 10 20 100
1
2
4
6
8 10
20
40
60 80100
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,(V)
10A-2/2


▲Up To Search▲   

 
Price & Availability of UF4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X