Part Number Hot Search : 
MN101EF BD242 TE28F ST72F32 P4435 BS5H5 BSS138P UW5805S
Product Description
Full Text Search
 

To Download UF4001GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
UF4001GP THRU UF4007GP
1 Amp Glass Passivated Ultra Fast Recovery Rectifier 50 to 1000 Volts
DO-41
High Surge Capability Low Leakage Low Forward Voltage Drop Ultra Fast Switching Speed For High Efficiency
* * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Typical Thermal Resistance 40C/W MCC Device Maximum Maximum Catalog Marking Recurrent RMS Number Peak Reverse Voltage Voltage UF4001GP --50V 35V UF4002GP --100V 70V UF4003GP --200V 140V UF4004GP --400V 280V UF4005GP --600V 420V UF4006GP --800V 560V UF4007GP --1000V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 400V 800V 1000V
D
A Cathode Mark B
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage
UF4001GP-4003GP UF4004GP UF4005GP-4007GP
D
IF(AV) IFSM
1A 30A
TA = 55C 8.3ms, half sine
C
VF
IR
1. 0 V 1. 3 V 1. 7 V
IFM = 1.0A; TA = 25C
TA = 25C TA = 100C
DIM A B C D DIMENSIONS INCHES MIN .166 .080 .028 1.000 MM MIN 4.10 2.00 .70 25.40
Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time
5 uA 100uA
UF4001GP-4004GP
Trr
50ns 75ns
UF4005GP-4007GP
IF=0.5A, IR=1.0A, Irr=0.25A
MAX .205 .107 .034 ---
MAX 5.20 2.70 .90 ---
NOTE
Typical Junction Capacitance 20pF Measured at UF4001GP-4004GP CJ 10pF 1.0MHz, VR=4.0V UF4005GP-4007GP *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
www.mccsemi.com
UF4001GP thru UF4007GP
MCC
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
1.0
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
40
0.8
30
0.6 0.4
20
0.2
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
10
Pulse width 8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0.1
25
0 1 2 5 10 20 50 100
50
75
100
125
150
175
AMBIENT TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE
100
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
CAPACITANCE , (pF)
UF4001GP-4004GP
10
UF4001GP-4004GP UF4004GP
10
UF4005GP- 4007GP
1.0
UF4005GP- 4007GP
TJ = 25 C, f = 1MHz
TJ = 25 C PULSE WIDTH 300us
1.0 1 4 10 100
0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
REVERSE VOLTAGE , VOLTS
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of UF4001GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X