Part Number Hot Search : 
ST7063C 62000 ACTS10K Q6511 KP2210S 35X016 DA15P 2SC23
Product Description
Full Text Search
 

To Download UF4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF 4001 ... UF 4007 Ultrafast Switching Si-Rectifiers Ultraschnelle Si-Gleichrichter
Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
1A 50...1000 V DO-41 DO-204AL 0.4 g
Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
see page 16 siehe Seite 16
Maximum ratings Type Typ UF 4001 UF 4002 UF 4003 UF 4004 UF 4005 UF 4006 UF 4007 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, half sine-wave, TA = 25/C Stostrom fur eine Sinus-Halbwelle, TA = 25/C Rating for fusing - Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
1
TA = 50/C f > 15 Hz f = 50 Hz f = 60 Hz TA = 25/C
IFAV IFRM IFSM IFSM i2t Tj TS
1 A 1) 10 A 3) 30 A 33 A 4,5 A2s - 50...+150/C - 50...+175/C
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden 148 28.02.2002
UF 4001 ... UF 4007 Characteristics Type Typ UF 4001 ... UF 4004 UF 4005 ... UF 4007 Reverse recovery time Sperrverzugszeit trr [ns] 1) < 50 < 75 Kennwerte Forward voltage Durchlaspannung VF [V] at / bei IF [A] < 1.0 < 1.7 1 1 < 10 :A < 50 :A < 45 K/W 2) < 15 K/W
Leakage current Sperrstrom
Tj = 25/C Tj = 100/C
VR = VRRM VR = VRRM
IR IR RthA RthL
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to lead Warmewiderstand Sperrschicht - Anschludraht
1 2
) IF = 0.5 A through/uber IR = 1 A to/auf IR = 0.25 A ) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden 28.02.2002
149


▲Up To Search▲   

 
Price & Availability of UF4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X