Part Number Hot Search : 
2SJ0164 SSH4N70 IRFP460P B2000 LA7015N EM78862 G676I 48801
Product Description
Full Text Search
 

To Download UF2001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF2001 - UF2007
2.0A ULTRA-FAST RECTIFIER Features
* * * * * * Diffused Junction Ultra-Fast Switching for High Efficiency High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 60A Peak Low Reverse Leakage Current Plastic Material: UL Flammability Classification Rating 94V-0
A
B
A
D
C
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking: Type Number Weight: 0.4 grams (approx.) Mounting Position: Any
Dim A B C D
DO-15 Min 25.40 5.50 0.686 2.60 Max 3/4 7.62 0.889 3.60
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 50C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Reverse Recovery Time (Note 3) Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range @ IF = 2.0A @ TA = 25C @ TA = 100C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr Cj RqJA Tj, TSTG UF 2001 50 35
@ TA = 25C unless otherwise specified
UF 2002 100 70
UF 2003 200 140
UF 2004 400 280 2.0 60
UF 2005 600 420
UF 2006 800 560
UF 2007 1000 700
Unit V V A A
1.0
1.3 5.0 100 50 50 50 -65 to +150
1.7
V mA
75 30
ns pF K/W C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. Measured at IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
DS25007 Rev. A1-2
1 of 2
UF2001 - UF2007
I(AV), AVERAGE FWD RECTIFIED CURRENT (A)
IF, INSTANTANEOUS FORWARD CURRENT (A)
2.0
10
1.6
UF2001 - UF2003
UF2004 UF2005 - UF2007
1.0
1.2
0.8
0.1
0.4
Single phase half-wave 60 Hz resistive or inductive load
0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.01 0.6 0.8 1.0
Tj = 25C Pulse width = 300s
1.2
1.4
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
60
100
Tj = 25C f = 1.0MHz
40
Cj, CAPACITANCE (pF)
10
20
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Peak Forward Surge Current 100
1
1
10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
trr
100
50 NI (Non-inductive) Device Under Test 50V DC Approx
10 NI
+0.5A
(-)
Pulse Generator (Note 2)
(+) (-)
0A -0.25A
1.0 NI
Oscilloscope (Note 1)
(+)
Notes: 1. Rise Time = 7.0ns max. Input Impedance = 1.0M, 22pF. 2. Rise Time = 10ns max. Input Impedance = 50.
-1.0A Set time base for 50/100 ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
DS25007 Rev. A1-2
2 of 2
UF2001 - UF2007


▲Up To Search▲   

 
Price & Availability of UF2001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X