Part Number Hot Search : 
ICL8013 MN3113 T24C0 4620K KBPC2510 355704 TA1634A MN3113
Product Description
Full Text Search
 

To Download UF1601FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Approve Sheet Part Number: UF1600FCT~UF1608FCT
DATA SHEET
UF1600FCT~UF1608FCT
ISOLATION ULTRAFST SWITCHING RECTIFIER VOLTAGE- 50 to 800 Volts CURRENT - 16.0 Amperes FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O . Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228. * Low power loss,high efficiency. * Low forward voltage, high current capability. * High surge capacity. * Ultra fast recovery times, high voltage.
.112(2.85) .100(2.55)
Unit: inch ( mm )
ITO-220AB
.406(10.3) MAX .134(3.4) .118(3.0) .189(4.8)MAX
.272(6.9) .248(6.3)
.123(3.1)MAX
MECHANICAL DATA
Case:ITO-220AB molded plastic Terminals:Solder plated, solderable per MIL-STD-202, Method 208 Polarity: As marked. Standard packaging: Any Weight: 0.08 ounce, 2.24 grams.
.071(1.8) MAX .114(2.9) .098(2.5)
.161(4.1) MAX
.055(1.4) MAX .035(.9) MAX
.543(13.8) .512(13.0)
.606(15.4) .583(14.8)
.032(.8) MAX
.1 (2.55)
.1 (2.55) AC Positive CT AC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase , half wave ,60Hz, resistive or inductive load. For capacitive load , derate current by 20%.
+
UF1600FCT UF1601FCT UF1602FCT UF1603FCT UF1604FCT UF1606FCT UF1608FCT
UNITS
V V V A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at T C =100C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 8.0A per element Maximum DC Reverse Current (Note 1) Ta= 25C at Rated DC Blocking Voltage Ta=100C
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400
600 420 600
800 560 800
16.0
125 1.00 10 500 50 170 30.0 -65 to +150 100 130 1.30 1.70
A V A ns pF C/W C
Maximnm Reverse Recovery Time (Note 1) Typical Junction Capacitance(Note 2) Typical thermal Resistance (Note 3) RJA Operating and Storage Temperature Range T J, T STG
NOTES:1. Reverse Recovery Test Conditions: I F =.5A, I R =1A, I rr =.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
PAGE . 1
Approve Sheet Part Number: UF1600FCT~UF1608FCT
RATING AND CHARACTERISTIC CURVES
+0.5A
t rr
50 Noninductive
10 Noninductive
0 -0.25
(-)
(+) 25Vdc (approx) (-)
PULSE GENERATOR NOTE 2
1 Non inductive (+) OSCILLOSCCOPE NOTE 1
NOTES: 1.Rise Time=7ns max
Input Impedance=1 megohm. 22pF 2. Rise Time=10ns max. Source Impedance = 50 Ohms
-1.0 SET TIME BASE FOR10ns/cm
1cm
Fig.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
20.0
UF1603FCT~UF1604FCT UF1600FCT~UF1602FCT
AVERAGE FORWARD CURRENT
100
16.0 12.0 8.0 4.0 0 0 50 100 150
INSTANEOUS FORWARD CURRENT,(A)
10
UF1606FCT~UF1608FCT
1
CASE TEMPERATURE, OC
0.1
TJ=25 C
O
Fig.3- FORWARD CURRENT DERATING CURVE
FORWARD SURGE CURRENT, AMPERES
175 150 125 100 75 50 25
0.01
.4 .6 .8 1.0 1.2 1.4 1.6 1.8 2.0
FORWARD VOLTAGE , VOLTS
Fig. 2- FORWARD CHARACTERISTICS
1000
IR-REVERSE LEAKAGE CURRENT. MICROAMPERES
100
T J =125 C
O
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig.4- PEAK FORWARD SURGE CURRENT
300
10
250
CAPACITANCE, pF
200
UF1600CT~UF1604CT
150 TJ = 25OC 100 50
UF1606CT~UF1608CT
1.0
T J =25 C
O
0
0.1 20 40 60 80 100 120 140
1
2
5
10
20
50 100 200
500
REVERSE VOLTAGE, VOLTS
%of PIV. VOLTS
Fig.5- TYPICAL REVERSE CHARACTERISTICS
Fig.6- TYPICAL JUNCTION CAPACITANCE
PAGE . 2


▲Up To Search▲   

 
Price & Availability of UF1601FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X