Part Number Hot Search : 
RUS1H21R 1N3527 RHL50KE YM72V804 200AB NNCD68PL PBL403 CEP5175
Product Description
Full Text Search
 

To Download UCN5815A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5815
UCN5815A
ENABLE STROBE IN 1 IN 2 IN 3 IN 4 IN 5 IN 6 IN 7 IN 8 GROUND 1 2 3 4 5 6 7 8 9 10 11
LATCHES
BiMOS II 8-BIT LATCHED SOURCE DRIVERS
Designed primarily for use with high-voltage vacuum-fluorescent displays, the UCN5815A and UCN5815EP BiMOS II integrated circuits consist of eight npn Darlington source drivers with output pulldown resistors, a CMOS latch for each driver, and common STROBE, BLANKING, and ENABLE functions. BiMOS II devices have considerably better data-input rates than the original BiMOS circuits. With a 5 V logic supply, they will operate to at least 4.4 MHz. With a 12 V supply, significantly higher speeds are obtained. The CMOS inputs cause minimum loading and are compatible with standard CMOS and NMOS logic commonly found in microprocessor designs. TTL circuits may require the use of appropriate pull-up resistors. The bipolar outputs may be used as segment, dot (matrix), bar, or digit drivers in vacuum-fluorescent displays. All eight outputs can be activated simultaneously at ambient temperatures in excess of 75C. To simplify printed wiring board layout, output connections are opposite the inputs. A minimum component display subsystem, requiring few or no discrete components, can be assembled using the UCN5815A/EP with the UCN5810AF/EPF/LWF, UCN5812AF/EPF, or UCN5818AF/EPF serial-to-parallel latched drivers. Suffix `A' devices are furnished in a standard 22-pin plastic DIP; suffix `EP' indicates a 28-lead PLCC.
Data Sheet 26183.10A*
22 VDD 21 20 19 18 17 16 15 14 13 VBB 12
BLANKING LOGIC SUPPLY OUT 1 OUT 2 OUT 3 OUT 4 OUT 5 OUT 6 OUT 7 OUT 8 LOAD SUPPLY
Dwg. PP-015-3
ABSOLUTE MAXIMUM RATINGS
at +25C Free-Air Temperature
Output Voltage, VOUT . . . . . . . . . . . . . . 60 V Logic Supply Voltage Range, VDD . . . . . . . . . . . . . . . . . . 4.5 V to 15 V Load Supply Voltage Range, VBB . . . . . . . . . . . . . . . . . . 5.0 V to 60 V Input Voltage Range, VIN . . . . . . . . . . . -0.3 V to VDD + 0.3 V Continuous Output Current, IOUT . . . . . . . . . . . . . . . . . . . . . . -40 mA Package Power Dissipation, PD (UCN5815A) . . . . . . . . . . . . . . . 2.5 W* (UCN5815EP) . . . . . . . . . . . . . 2.27 W* Operating Temperature Range, TA . . . . . . . . . . . . . . . . . -20C to +85C Storage Temperature Range, TS . . . . . . . . . . . . . . . . -55C to +150C * Derate linearly to 0 W at +150C. Caution: CMOS devices have input static protection but are susceptible to damage when exposed to extremely high static electrical charges.
FEATURES
I I I I I I To 4.4 MHz Date-lnput Rate High-Voltage Source Outputs CMOS, NMOS, TTL Compatible Inputs Low-Power CMOS Latches Internal Pull-Down Resistors Wide Supply-Voltage Range
Always order by complete part number: Part Number UCN5815A UCN5815EP Package 22-Pin DIP 28-Lead PLCC
5815 BiMOS II 8-BIT LATCHED SOURCE DRIVERS
ELECTRICAL CHARACTERISTICS at TA = +25C, VBB = 60 V, VDD = 5 V and 12 V (unless otherwise noted).
Characteristic Output Off Voltage Output On Voltage Output Pull-Down Current Output Leakage Current Input Voltage Symbol VOUT VOUT IOUT IOUT VIN(1) IOUT = -25 mA, VBB = 60 V VOUT = VBB TA = 70C VDD = 5.0 V VDD = 12 V VIN(0) Input Current IIN(1) VDD = VIN = 5.0 V VDD = VIN = 12 V Input lmpedance Supply Current ZIN lBB VDD = 5.0 V All outputs on, All outputs open All outputs off, All outputs open lDD VDD = 5.0 V, All outputs off, All inputs = 0 V VDD = 12 V, All outputs off, All inputs = 0 V VDD = 5.0 V, One output on, All inputs = 0 V VDD = 12 V, One output on, All inputs = 0 V NOTE: Positive (negative) current is defined as going into (coming out of) the specified device pin. Test Conditions Min. -- 57.5 400 -- 3.5 10.5 -0.3 -- -- 50 -- -- -- -- -- -- Limits Max. 1.0 -- 850 -15 5.3 12.3 +0.8 100 240 -- 10.5 100 100 200 1.0 3.0 Units V V A A V V V A A k mA A A A mA mA
TYPICAL INPUT CIRCUIT
VDD
TYPICAL OUTPUT DRIVER
V BB
IN
100 K
OUT
Dwg. No. EP-010-4A
Dwg. No. EP-021-3
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1984, 2000 Allegro MicroSystems, Inc.
5815 BiMOS II 8-BIT LATCHED SOURCE DRIVERS
UCN5815EP
Dwg. No. A-10,991
TIMING CONDITIONS
(VDD = 5 V, TA = +25C, Logic Levels are VDD and Ground)
A. Minimum Data Active Time Before Strobe Enabled (Data Set-Up Time) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 ns B. Minimum Data Active Time After Strobe Disabled (Data Hold Time) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 ns C. Minimum Strobe Pulse Width . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125 ns D. Typical Time Between Strobe Activation and Output ON to OFF Transition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0 s E. Typical Time Between Strobe Activation and Output OFF to ON Transition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 ns F. Minimum Data Pulse Width . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225 ns Timing is representative of a 4.4 MHz data input rate. Higher speeds may be attainable with increased supply voltage; operation at high temperatures will reduce the specified maximum clock frequency.
Dwg. No. A-14,357
Information present at an input is transferred to its latch when the STROBE and ENABLE are high. The latches will continue to accept new data as long as both STROBE and ENABLE are held high. With either STROBE or ENABLE in the low state, no information can be loaded into the latches. When the BLANKING input is high, all of the output buffers are disabled (off) without affecting the information stored in the latches. With the BLANKING input low, the outputs are controlled by the state of the latches.
TRUTH TABLE
INPUTS INN 0 1 X X X X X STROBE 1 1 X 0 0 X X ENABLE 1 1 X X X 0 0 BLANK 0 0 1 0 0 0 0 OUTN T-1 X X X 1 0 1 0 T 0 1 0 1 0 1 0
X = irrelevant T-1 = previous output state T = present output state
5815 BiMOS II 8-BIT LATCHED SOURCE DRIVERS
UCN5815A
Dimensions in Inches (cvontrolling dimensions)
22 12 0.015 0.008
0.500 0.380 0.330
MAX
0.400
BSC
1
2 0.070 0.030
3 1.120 1.050
11 0.100
BSC
0.005
MIN
0.210
MAX
0.015
MIN
0.160 0.115 0.022 0.014
Dwg. MA-002-22 in
Dimensions in Millimeters (for reference only)
22 12 0.381 0.204
12.70 9.65 8.39
MAX
10.16
BSC
1
2 0.070 0.030
3 28.44 26.67
2.54
BSC
11
0.13
MIN
5.33
MAX
0.39
MIN
4.06 2.93 0.558 0.356
Dwg. MA-002-22 mm
NOTES: 1. 2. 3. 4.
Exact body and lead configuration at vendor's option within limits shown. Lead spacing tolerance is non-cumulative. Lead thickness is measured at seating plane or below. Supplied in standard sticks/tubes of 17 devices.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
5815 BiMOS II 8-BIT LATCHED SOURCE DRIVERS
UCN5815EP
Dimensions in Inches (controlling dimensions
18 12
0.013 0.021 0.219 0.191
19
11
0.026 0.032 0.456 0.450
BSC
INDEX AREA
0.050 0.219 0.191
0.495 0.485 25 5
26 0.020
MIN
28
1
4
0.165 0.180
0.456 0.450 0.495 0.485
Dwg. MA-005-28A in
Dimensions in Millimeters (for reference only)
18 12
0.331 0.533 5.56 4.85
19
11
1.27
BSC
0.812 0.661 11.58 11.43 12.57 12.32
INDEX AREA
5.56 4.85
25
5
26 0.51
MIN
28
1
4
4.57 4.20
11.582 11.430 12.57 12.32
Dwg. MA-005-28A mm
NOTES: 1. Exact body and lead configuration at vendor's option within limits shown. 2. Lead spacing tolerance is non-cumulative. 3. Supplied in standard sticks/tubes of 38 devices or add "TR" to part number for tape and reel.
5815 BiMOS II 8-BIT LATCHED SOURCE DRIVERS
POWER INTERFACE DRIVERS
Function 8-Bit (saturated drivers) 8-Bit 8-Bit 8-Bit 8-Bit 8-Bit (constant-current LED driver) 8-Bit (DMOS drivers) 8-Bit (DMOS drivers) 8-Bit (DMOS drivers) 10-Bit (active pull-downs) 12-Bit (active pull-downs) 16-Bit (constant-current LED driver) 20-Bit (active pull-downs) 32-Bit (active pull-downs) 32-Bit 32-Bit (saturated drivers) 4-Bit 8-Bit 8-Bit 8-Bit (DMOS drivers) 8-Bit (DMOS drivers) Unipolar Stepper Motor Translator/Driver Addressable 8-Bit Decoder/DMOS Driver Addressable 8-Bit Decoder/DMOS Driver Addressable 8-Bit Decoder/DMOS Driver Addressable 28-Line Decoder/Driver * Output Ratings* SERIAL-INPUT LATCHED DRIVERS -120 mA 350 mA 350 mA 350 mA 350 mA 75 mA 250 mA 350 mA 100 mA -25 mA -25 mA 75 mA -25 mA -25 mA 100 mA 100 mA 350 mA -25 mA 350 mA 100 mA 250 mA 1.25 A 250 mA 350 mA 100 mA 450 mA 50 V 50 V 80 V 50 V 80 V 17 V 50 V 50 V 50 V 60 V 60 V 17 V 60 V 60 V 30 V 40 V 50 V 60 V 50 V 50 V 50 V 50 V 50 V 50 V 50 V 30 V 5895 5821 5822 5841 5842 6275 6595 6A595 6B595 5810-F and 6809/10 5811 and 6811 6276 5812-F and 6812 5818-F and 6818 5833 5832 5800 5815 5801 6B273 6273 5804 6259 6A259 6B259 6817 Part Number
PARALLEL-INPUT LATCHED DRIVERS
SPECIAL-PURPOSE DEVICES
Current is maximum specified test condition, voltage is maximum rating. See specification for sustaining voltage limits. Negative current is defined as coming out of (sourcing) the output. Complete part number includes additional characters to indicate operating temperature range and package style. Internal transient-suppression diodes included for inductive-load protection.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000


▲Up To Search▲   

 
Price & Availability of UCN5815A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X