Part Number Hot Search : 
PC1508 IC16F1 K3595 1600B 10040 SG6518 QXX08RH4 TMEGA1
Product Description
Full Text Search
 

To Download UCN5804 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5804
BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
OUTPUT B 1 2 3 4 LOGIC GROUND OUTPUT 5 6 7 8 12 11 10 9 GROUND STEP INPUT HALF-STEP ONE-PHASE
VDD
OE
16 15 14 13
SUPPLY OUTPUT ENABLE DIRECTION GROUND
KBD
OUTPUT D GROUND
Combining low-power CMOS logic with high-current and high-voltage bipolar outputs, the UCN5804B and UCN5804LB BiMOS II translator/ drivers provide complete control and drive for a four-phase unipolar steppermotor with continuous output current ratings to 1.25 A per phase (1.5 A startup) and 35 V. The CMOS logic section provides the sequencing logic, DIRECTION and OUTPUT ENABLE control, and a power-on reset function. Three stepper-motor drive formats, wave-drive (one-phase), two-phase, and halfstep are externally selectable. The inputs are compatible with standard CMOS, PMOS, and NMOS circuits. TTL or LSTTL may require the use of appropriate pull-up resistors to ensure a proper input-logic high. The wave-drive format consists of energizing one motor phase at a time in an A-B-C-D (or D-C-B-A) sequence. This excitation mode consumes the least power and assures positional accuracy regardless of any winding inbalance in the motor. Two-phase drive energizes two adjacent phases in each detent position (AB-BC-CD-DA). This sequence mode offers an improved torque-speed product, greater detent torque, and is less susceptible to motor resonance. Half-step excitation alternates between the one-phase and two-phase modes (A-AB-B-BC-C-CD-D-DA), providing an eight-step sequence. The bipolar outputs are capable of sinking up to 1.5 A and withstanding 50 V in the off state (sustaining voltages up to 35 V). Ground-clamp and flyback diodes provide protection against inductive transients. Thermal protection circuitry disables the outputs when the chip temperature is excessive. Both devices are rated for operation over the temperature range of -20C to +85C. The UCN5804B is supplied in a 16-pin dual in-line plastic batwing package with a copper lead frame and heat-sinkable tabs for improved power dissipation capabilities; the UCN5804LB is supplied in a 16-lead plastic SOIC batwing package with a copper lead frame and heat-sinkable tabs.
Data Sheet 26184.12C*
C
KAC
OUTPUT A
Dwg. W-194
Note that the UCN5804B (dual in-line package) and UCN5804LB (small outline IC package) are electrically identical and share a common terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
Output Voltage, VCE ............................... 50 V Output Sustaining Voltage, VCE (sus) ............................................ 35 V Output Sink Current, IOUT .................... 1.5 A Logic Supply Voltage, VDD .................... 7.0 V Input Voltage, VIN .................................. 7.0 V Package Power Dissipation, PD ......................................... See Graph Operating Temperature Range, TA .................................. -20C to +85C Storage Temperature Range, TS ................................ -55C to +150C
FEATURES
I I I I I I I 1.5 A Maximum Output Current 35 V Output Sustaining Voltage Wave-Drive, Two-Phase, and Half-Step Drive Formats Internal Clamp Diodes Output Enable and Direction Control Power-On Reset Internal Thermal Shutdown Circuitry
Always order by complete part number, e.g., UCN5804B .
5804 BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
TYPICAL INPUT CIRCUIT
VDD
ALLOWABLE PACKAGE POWER DISSIPATION IN WATTS
5
RJT = 6.0C/W
4
IN
3
SUFFIX 'B', R JA = 43C/W
2
Dwg. EP-010-5
1
SUFFIX 'LB', R JA = 63C/W
TYPICAL OUTPUT DRIVER
0 25 50 75 100 TEMPERATURE IN C 125 150
K
Dwg. GP-049-2A
OUT
TRUTH TABLE
Dwg. EP-021-4
Drive Format Two-Phase One-Phase Half-Step Step-Inhibit
Pin 9 L H L H
Pin 10 L L H H
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1987, 2000 Allegro MicroSystems, Inc.
5804 BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
ELECTRICAL CHARACTERISTICS at TA = 25C, TJ 150C, VDD = 4.5 V to 5.5 V (unless otherwise noted).
Characteristic Output Leakage Current Output Sustaining Voltage Output Saturation Voltage Symbol ICEX VCE(sus) VCE(SAT) Test Conditions VOUT = 50 V IOUT = 1.25 A, L = 3 mH IOUT = 700 mA IOUT = 1 A IOUT = 1.25 A Clamp Diode Leakage Current Clamp Diode Forward Voltage Input Current IR VF IIN(1) IIN(0) Input Voltage VIN(1) VIN(0) Supply Current Turn-Off Delay Turn-On Delay Thermal Shutdown Temperature IDD tON tOFF TJ 2 Outputs ON 50% Step Inputs to 50% Output 50% Step Inputs to 50% Output VR = 50 V IF = 1.25 A VIN = VDD VIN = 0.8 V VDD = 5 V Min. -- 35 -- -- -- -- -- -- -- 3.5 -0.3 -- -- -- -- Limits Typ. Max. 10 -- 1.0 1.1 1.2 10 1.5 0.5 -0.5 -- -- 20 -- -- 165 50 -- 1.2 1.4 1.5 50 3.0 5.0 -5.0 5.3 0.8 30 10 10 -- Units A V V V V A V A A V V mA s s C
TIMING CONDITIONS
CLOCK ONE PHASE HALF STEP OOUTPUT ENABLE OUTPUT A OUTPUT B OUTPUT C OUTPUT D TWO -PHASE HALF-STEP OUTPUT WAVE DRIVE DISABLED
Dwg. W-110A
C
A
B
A. Minimum Data Set Up Time . . . . . . . . . . . . . . . . . . . . . . . . 100 ns B. Minimum Data Hold Time . . . . . . . . . . . . . . . . . . . . . . . . . . 100 ns C. Minimum Step Input Pulse Width . . . . . . . . . . . . . . . . . . . . . 3.0 s
www.allegromicro.com
5804 BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
APPLICATIONS INFORMATION
Internal power-on reset (POR) circuitry resets OUTPUTA (and OUTPUTD in the two-phase drive format) to the on state with initial application of the logic supply voltage. After reset, the circuit then steps according to the tables. The outputs will advance one sequence position on the high-to-low transition of the STEP INPUT pulse. Logic levels on the HALF-STEP and ONE-PHASE inputs will determine the drive format (one-phase, two-phase, or half-step). The DIRECTION pin determines the rotation sequence of the outputs. Note that the STEP INPUT must be in the low state when changing the state of ONE-PHASE, HALF-STEP, or DIRECTION to prevent erroneous stepping. All outputs are disabled (off) when OUTPUT ENABLE is at a logic high. If the function is not required, OUTPUT ENABLE should be tied low. In that condition, all outputs depend only on the state of the step logic. During normal commutation of a unipolar stepper motor, mutual coupling between the motor windings can force the outputs of the UCN5804B below ground. This condition will cause forward biasing of the collector-to-substrate junction and source current from the output. For many L/R applications, this substrate current is high enough to adversely affect the logic circuitry and cause misstepping. External series diodes (Schottky are recommended for increased efficiency at low-voltage operation) will prevent substrate current from being sourced through the outputs. Alternatively, external ground clamp diodes will provide a preferred current path from ground when the outputs are pulled below ground. Internal thermal protection circuitry disables all outputs when the junction temperature reaches approximately 165C. The outputs are enabled again when the junction cools down to approximately 145C.
Step POR 1 2 3 4
WAVE-DRIVE SEQUENCE
Half Step = L, One Phase = H A ON ON OFF OFF OFF B OFF OFF ON OFF OFF C OFF OFF OFF ON OFF D OFF OFF OFF OFF ON
TWO-PHASE DRIVE SEQUENCE
Half Step = L, One Phase = L Step POR 1 2 3 4 A ON ON ON OFF OFF B OFF OFF ON ON OFF C OFF OFF OFF ON ON D ON ON OFF OFF ON
HALF-STEP DRIVE SEQUENCE
Half Step = H, One Phase = L Step POR 1 2 3 4 5 6 7 8 A ON ON ON OFF OFF OFF OFF OFF ON B OFF OFF ON ON ON OFF OFF OFF OFF C OFF OFF OFF OFF ON ON ON OFF OFF D OFF OFF OFF OFF OFF OFF ON ON ON
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
5804 BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
TYPICAL APPLICATION L/R Stepper-Motor Drive
The products described here are manufactured under one or more U.S. patents or U.S. patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro products are not authorized for use as critical components in life-support devices or systems without express written approval. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringement of patents or other rights of third parties which may result from its use.
www.allegromicro.com
5804 BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
UCN5804B
Dimensions in Inches (controlling dimensions)
16
NOTE 4
9
0.020 0.008
0.430 0.280 0.240
MAX
0.300
BSC
1 0.070 0.045
0.100 0.775 0.735
BSC
8 0.005
MIN
0.210
MAX
0.015
MIN
0.150 0.115 0.022 0.014
Dwg. MA-001-17A in
Dimensions in Millimeters (for reference only)
16
NOTE 4
9
0.508 0.204
10.92 7.11 6.10
MAX
7.62
BSC
1 1.77 1.15
2.54 19.68 18.67
BSC
8 0.13
MIN
5.33
MAX
0.39
MIN
3.81 2.93 0.558 0.356
Dwg. MA-001-17A mm
NOTES: 1. 2. 3. 4. 5.
Exact body and lead configuration at vendor's option within limits shown. Lead spacing tolerance is non-cumulative. Lead thickness is measured at seating plane or below. Webbed lead frame. Leads 4, 5, 12, and 13 are internally one piece. Supplied in standard sticks/tubes of 25 devices.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
5804 BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
UCN5804LB
(add "TR" to part number for tape and reel)
Dimensions in Inches (for reference only)
16 9 0.0125 0.0091
0.2992 0.2914
0.419 0.394
0.050 0.016 0.020 0.013
1
2
3 0.4133 0.3977
0.050
BSC
0 TO 8
0.0926 0.1043 0.0040 MIN.
Dwg. MA-008-17A in
Dimensions in Millimeters (controlling dimensions)
16 9 0.32 0.23
7.60 7.40
10.65 10.00
1.27 0.40 0.51 0.33
1
2
3 10.50 10.10
1.27
BSC
0 TO 8
2.65 2.35 0.10 MIN.
Dwg. MA-008-17A mm
NOTES: 1. 2. 3. 4. 5.
Exact body and lead configuration at vendor's option within limits shown. Lead spacing tolerance is non-cumulative. Lead thickness is measured at seating plane or below. Webbed lead frame. Leads 4, 5, 12, and 13 are internally one piece. Supplied in standard sticks/tubes of 47 devices or add "TR" to part number for tape and reel.
www.allegromicro.com
5804 BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
MOTOR DRIVERS
Output Ratings* Part Number INTEGRATED CIRCUITS FOR BRUSHLESS DC MOTORS 3-Phase Power MOSFET Controller -- 28 V 3933 3-Phase Power MOSFET Controller -- 50 V 3932 3-Phase Power MOSFET Controller -- 50 V 7600 2-Phase Hall-Effect Sensor/Driver 400 mA 26 V 3626 Bidirectional 3-Phase Back-EMF Controller/Driver 600 mA 14 V 8906 2-Phase Hall-Effect Sensor/Driver 900 mA 14 V 3625 3-Phase Back-EMF Controller/Driver 900 mA 14 V 8902-A 3-Phase Controller/Drivers 2.0 A 45 V 2936 & 2936-120 INTEGRATED BRIDGE DRIVERS FOR DC AND BIPOLAR STEPPER MOTORS Dual Full Bridge with Protection & Diagnostics 500 mA 30 V 3976 PWM Current-Controlled Dual Full Bridge 650 mA 30 V 3966 PWM Current-Controlled Dual Full Bridge 650 mA 30 V 3968 PWM Current-Controlled Dual Full Bridge 750 mA 45 V 2916 PWM Current-Controlled Dual Full Bridge 750 mA 45 V 2919 PWM Current-Controlled Dual Full Bridge 750 mA 45 V 6219 PWM Current-Controlled Dual Full Bridge 800 mA 33 V 3964 PWM Current-Controlled Full Bridge 1.3 A 50 V 3953 PWM Current-Controlled Dual Full Bridge 1.5 A 45 V 2917 PWM Current-Controlled Microstepping Full Bridge 1.5 A 50 V 3955 PWM Current-Controlled Microstepping Full Bridge 1.5 A 50 V 3957 PWM Current-Controlled Dual DMOS Full Bridge 1.5 A 50 V 3972 Dual Full-Bridge Driver 2.0 A 50 V 2998 PWM Current-Controlled Full Bridge 2.0 A 50 V 3952 DMOS Full Bridge PWM Driver 2.0 A 50 V 3958 Dual DMOS Full Bridge 2.5 A 50 V 3971 UNIPOLAR STEPPER MOTOR & OTHER DRIVERS Voice-Coil Motor Driver 500 mA 6V 8932-A Voice-Coil Motor Driver 800 mA 16 V 8958 Unipolar Stepper-Motor Quad Drivers 1A 46 V 7024 & 7029 Unipolar Microstepper-Motor Quad Driver 1.2 A 46 V 7042 Unipolar Stepper-Motor Translator/Driver 1.25 A 50 V 5804 Unipolar Stepper-Motor Quad Driver 1.8 A 50 V 2540 Unipolar Stepper-Motor Quad Driver 1.8 A 50 V 2544 Unipolar Stepper-Motor Quad Driver 3A 46 V 7026 Unipolar Microstepper-Motor Quad Driver 3A 46 V 7044 * Current is maximum specified test condition, voltage is maximum rating. See specification for sustaining voltage limits or over-current protection voltage limits. Negative current is defined as coming out of (sourcing) the output. Complete part number includes additional characters to indicate operating temperature range and package style. Also, see 3175, 3177, 3235, and 3275 Hall-effect sensors for use with brushless dc motors. Function
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000


▲Up To Search▲   

 
Price & Availability of UCN5804

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X