Part Number Hot Search : 
AD7896BN LT4275 SA532 B9034 1106FC 2SD1906 DJ33A SG6520DZ
Product Description
Full Text Search
 

To Download U631H16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 U631H16
SoftStore 2K x 8 nvSRAM
Features
F Packages:
F High-performance CMOS nonvolatile static RAM 2048 x 8 bits F 25, 35 and 45 ns Access Times F 12, 20 and 25 ns Output Enable Access Times F Software STORE Initiation (STORE Cycle Time < 10 ms) F Automatic STORE Timing F 10 STORE cycles to EEPROM F 10 years data retention in EEPROM F Automatic RECALL on Power Up F Software RECALL Initiation (RECALL Cycle Time < 20 s) F Unlimited RECALL cycles from EEPROM F Unlimited Read and Write to SRAM F Single 5 V 10 % Operation F Operating temperature ranges:
5
PDIP28 (300 mil) PDIP28 (600 mil) SOP28 (300 mil) SOP24 (300 mil)
Description
The U631H16 has two separate modes of operation: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as an ordinary static RAM. In nonvolatile operation, data is transferred in parallel from SRAM to EEPROM or from EEPROM to SRAM. In this mode SRAM functions are disabled. The U631H16 is a fast static RAM (25, 35, 45 ns), with a nonvolatile electrically erasable PROM (EEPROM) element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent nonvolatile data resides in EEPROM.
F F F
0 to 70 C -40 to 85 C CECC 90000 Quality Standard ESD characterization according MIL STD 883C M3015.7-HBM (classification see IC Code Numbers)
Data transfers from the SRAM to the EEPROM (the STORE operation), or from the EEPROM to the SRAM (the RECALL ) operation) are initiated through software sequences. The U631H16 combines the high performance and ease of use of a fast SRAM with nonvolatile data integrity. Once a STORE cycle is initiated, further input or output are disabled until the cycle is completed. Because a sequence of addresses is used for STORE initiation, it is important that no other read or write accesses intervene in the sequence or the sequence will be aborted. Internally, RECALL is a two step procedure. First, the SRAM data is cleared and second, the nonvolatile information is transferred into the SRAM cells. The RECALL operation in no way alters the data in the EEPROM cells. The nonvolatile data can be recalled an unlimited number of times.
Pin Configuration
Pin Description
n.c. n.c. A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 VSS
1 2 3 4 5 6
28 27 26 25 24 23
VCC W n.c. A8 A9 n.c. G A10 E DQ7 DQ6 DQ5 DQ4 DQ3
A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 VSS
22 7 SOP 21 8 28 9 20 10 19 11 18 12 17 13 14 16 15
PDIP
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 SOP 19 24 18 17 16 15 14 13
VCC A8 A9 W G A10 E DQ7 DQ6 DQ5 DQ4 DQ3
Signal Name
A0 - A10 DQ0 - DQ7 E G W VCC VSS
Signal Description
Address Inputs Data In/Out Chip Enable Output Enable Write Enable Power Supply Voltage Ground
Top View
Top View 1
December 12, 1997
U631H16
Block Diagram
EEPROM Array 32 x (64 x 8) STORE Row Decoder A5 A6 A7 A8 A9 SRAM Array 32 Rows x 64 x 8 Columns
Store/ Recall Control
VCC VSS
RECALL
VCC
DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 Input Buffers
Column I/O Column Decoder
Software Detect
A0 - A10
A0 A1 A2 A3 A4 A10
G
E W
Truth Table for SRAM Operations Operating Mode Standby/not selected Internal Read Read Write *H
or L
E H L L L
W * H H L
G * H L *
DQ0 - DQ7 High-Z High-Z Data Outputs Low-Z Data Inputs High-Z
Characteristics
All voltages are referenced to VSS = 0 V (ground). All characteristics are valid in the power supply voltage range and in the operating temperature range specified. Dynamic measurements are based on a rise and fall time of 5 ns, measured between 10 % and 90 % of VI, as well as input levels of VIL = 0 V and VIH = 3 V. The timing reference level of all input and output signals is 1.5 V, with the exception of the t dis-times and t en-times, in which cases transition is measured 200 mV from steady-state voltage.
Absolute Maximum Ratingsa Power Supply Voltage Input Voltage Output Voltage Power Dissipation Operating Temperature Storage Temperature C-Type K-Type
Symbol VCC VI VO PD Ta Tstg
Min. -0.5 -0.3 -0.3
Max. 7 VCC+0.5 VCC+0.5 1
Unit V V V W C C C
0 -40 -65
70 85 150
a: Stresses greater than those listed under Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only, and functional operation of the device at condition above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2
December 12, 1997
U631H16
Recommended Operation Conditions Power Supply Voltage Input Low Voltage Input High Voltage Symbol VCC V IL V IH -2 V at Pulse Width 10 ns permitted Conditions Min. 4.5 -0.3 2.2 Max. 5.5 0.8 VCC+0.3 Unit V V V
C-Type DC Characteristics Operating Supply Currentb Symbol ICC1 VCC VIL VIH tc tc tc Average Supply Current during STOREc ICC2 VCC E W VIL VIH VCC E tc tc tc Average Supply Current at tcR = 200 nsb (Cycling CMOS Input Levels) Standby Supply Currentd (Stable CMOS Input Levels) ICC3 VCC W VIL VIH VCC E VIL VIH Conditions Min. = 5.5 V = 0.8 V = 2.2 V = 25 ns = 35 ns = 45 ns = 5.5 V VCC-0.2 V VCC-0.2 V 0.2 V VCC-0.2 V = 5.5 V VIH = 25 ns = 35 ns = 45 ns = 5.5 V VCC-0.2 V 0.2 V VCC-0.2 V = 5.5 V VCC-0.2 V 0.2 V VCC-0.2 V 30 23 20 15 90 80 75 6 Max.
K-Type Unit Min. Max.
95 85 80 7
mA mA mA mA
Standby Supply Currentd (Cycling TTL Input Levels)
ICC(SB)1
34 27 23 15
mA mA mA mA
ICC(SB)
1
1
mA
b: ICC1 and ICC3 are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded. The current ICC1 is measured for WRITE/READ - ratio of 1/2. c: I CC2 is the average current required for the duration of the STORE cycle (STORE Cycle Time). d: Bringing E VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out. See MODE SELECTION table. The current ICC(SB)1 is measured for WRITE/READ - ratio of 1/2.
December 12, 1997
3
U631H16
C-Type DC Characteristics Symbol VCC IOH IOL VCC VOH VOL VCC High Low Output Leakage Current High at Three-State- Output Low at Three-State- Output IOHZ IOLZ IIH IIL VIH VIL VCC VOH VOL Conditions Min. Output High Voltage Output Low Voltage Output High Current Output Low Current Input Leakage Current VOH VOL IOH IOL = 4.5 V =-4 mA = 8 mA = 4.5 V = 2.4 V = 0.4 V = 5.5 V = 5.5 V = 0V = 5.5 V = 5.5 V = 0V 1 -1 -1 1 A A 1 -1 -1 1 A A 2.4 0.4 -4 8 8 Max. Min. 2.4 0.4 -4 Max. V V mA mA K-Type Unit
SRAM MEMORY OPERATIONS Symbol Alt. tAVAV Validg tAVQV tELQV tGLQV tEHQZ tGHQZ tELQX tGLQX Changeg tAXQX tELICCH tEHICCL IEC tcR ta(A) ta(E) ta(G) tdis(E) tdis(G) ten(E) ten(G) tv(A) 5 0 3 0 25 Min. 25 25 25 12 13 13 5 0 3 0 35 25 Max. Min. 35 35 35 20 17 17 5 0 3 0 45 35 Max. 45 Unit Min. 45 45 45 25 20 20 Max. ns ns ns ns ns ns ns ns ns ns ns
No. 1 2 3 4 5 6 7 8 9
Switching Characteristics Read Cycle Read Cycle Timef Address Access Time to Data
Chip Enable Access Time to Data Valid Output Enable Access Time to Data Valid E HIGH to Output in High-Z h
h
G HIGH to Output in High-Z E LOW to Output in Low-Z G LOW to Output in Low-Z
Output Hold Time after Addr.
19 Chip Enable to Power 11 Chip Disable to Power
Activee Standbyd, e
e: f: g: h:
Parameter guaranteed but not tested. Device is continuously selected with E and G both LOW. Address valid prior to or at the same time with E transition LOW. Measured 200 mV from steady state output voltage.
4
December 12, 1997
U631H16
Read Cycle 1: Ai-controlled (during Read cycle: E = G = VIL, W = VIH)f
1 tcR
Ai
Address Valid 2 ta(A )
DQi
Output
Previous Data Valid 9 tv(A)
AAAAAAAAAAA AAAAAAAAAAA AAAAAAAAAAA AAAAAAAAAAA
Output Data Valid
Read Cycle 2: G-, E-controlled (during Read cycle: W = VIH)g
1 tcR
Ai
Address Valid 2 ta(A ) 11 tPD 5 tdis(E)
3
E
7
ta(E)
G DQi
Output High Impedance 10 tPU
ten(E)
4 ta(G)
8 ten(G)
6 tdis(G)
AAAAAAAAAAA Output Data AAAAAAAAAAA AAAAAAAAAAA Valid AAAAAAAAAAA
ICC
ACTIVE STANDBY
No. Switching Characteristics Write Cycle 12 Write Cycle Time 13 Write Pulse Width 14 Write Pulse Width Setup Time 15 Address Setup Time 16 Address Valid to End of Write 17 Chip Enable Setup Time 18 Chip Enable to End of Write 19 Data Setup Time to End of Write 20 Data Hold Time after End of Write 21 Address Hold after End of Write 22 W LOW to Output in High-Zh, i 23 W HIGH to Output in Low-Z
Symbol Alt. #1 Alt. #2 IEC
25
Min. Max.
35
Min. Max.
45
Unit Min. Max.
t AVAV tWLWH
tAVAV
tcW tw(W)
25 20 20 0 20 20 20 12 0 0 10 5
35 30 30 0 30 30 30 18 0 0 13 5
45 35 35 0 35 35 35 20 0 0 15 5
ns ns ns ns ns ns ns ns ns ns ns ns
tWLEH tAVWL tAVWH tELWH tELEH tDVWH tWHDX tWHAX tWLQZ tWHQX tDVEH tEHDX tEHAX tAVEL tAVEH
tsu(W) tsu(A) tsu(A-WH) tsu(E) tw(E) tsu(D) th(D) th(A) tdis(W) ten(W)
December 12, 1997
5
U631H16
Write Cycle #1: W-controlledj
12 tcW
Ai
Address Valid 21 th(A )
E
AAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAA AAAAAAA AAAAAAA AAAAAAA AAAAAAA 15
tsu(A )
17 tsu(E) 16 tsu(A -WH)
AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA
W
13 tw(W) 19 tsu(D) Input Data Valid 20 th(D)
DQi
Input
DQi
Output Previous Data
22 tdis(W)
23 ten(W) High Impedance
AAAAAAAAAAA AAAAAAAAAAA AAAAAAAAAAA AAAAAAAAAAA
Write Cycle #2: E-controlledj
12 tcW
Ai
tsu(A ) 15
Address Valid 21 th(A)
18 tw(E)
E W
AAAAAAAAAAAAAAA AAAAAAAAAAAAAAA AAAAAAAAAAAAAAA AAAAAAAAAAAAAAA
14 tsu(W) 19 tsu(D)
AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA
20 th(D) Input Data Valid
DQi
Input
DQi
Output
High Impedance
AAAAAAAAAAAAA AAAAAAAAAAAAA undefined AAAAAAAAAAAAA AAAAAAAAAAAAA AAAAAAAAAAAAA
AAAAAAAAAAAA AAAAAAAAAAAA L- to H-level AAAAAAAAAAAA AAAAAAAAAAAA AAAAAAAAAAAA
AAAAAAAAAAAAA AAAAAAAAAAAAA H- to L-level AAAAAAAAAAAAA AAAAAAAAAAAAA AAAAAAAAAAAAA
i: j:
If W is LOW and when E goes LOW, the outputs remain in the high impedance state. E or W must be > VIH during address transitions.
6
December 12, 1997
U631H16
NONVOLATILE MEMORY OPERATIONS Symbol Min. Alt. tRESTORE VSWITCH 4.0 IEC 650 4.5 s V Max. Unit
No.
STORE CYCLE INHIBIT and AUTOMATIC POWER UP RECALL
24 Power Up RECALL Durationk, e Low Voltage Trigger Level
k: tRESTORE starts from the time V CC rises above VSWITCH.
STORE CYCLE INHIBIT and AUTOMATIC POWER UP RECALL VCC 5.0 V AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAA A VSWITCH A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA
t STORE inhibit Power Up RECALL 24 tRESTORE
SOFTWARE MODE SELECTION A10 - A0 (hex) 000 555 2AA 7FF 0F0 70F 000 555 2AA 7FF 0F0 70E
E L
W H
Mode Read SRAM Read SRAM Read SRAM Read SRAM Read SRAM Nonvolatile STORE Read SRAM Read SRAM Read SRAM Read SRAM Read SRAM Nonvolatile RECALL
I/O Output Data Output Data Output Data Output Data Output Data Output High Z Output Data Output Data Output Data Output Data Output Data Output High Z
Power Active
Notes l, l, l, l, l, l, l, l, l, l, m m m m m l m m m m m l
ICC2 Active
L
H
l:
The six consecutive addresses must be in order listed (000, 555, 2AA, 7FF, 0F0, 70F) for a Store cycle or (000, 555, 2AA, 7FF, 0F0, 70E) for a RECALL cycle. W must be high during all six consecutive cycles. See STORE cycle and RECALL cycle tables and diagrams for further details. The following six-address sequence is used for testing purposes and should not be used: 000, 555, 2AA, 7FF, 0F0, 39C. m: I/O state assumes that G VIL. Activation of nonvolatile cycles does not depend on the state of G.
December 12, 1997
7
U631H16
Symbol
25
Min. Max. Min.
35
Max. Min.
45
Unit Max.
No. Software Controlled STORE/RECALL Cyclel, n 25 STORE/RECALL Initiation Time 26 Chip Enable to Output Inactiveo 27 STORE Cycle Timep
Alt.
IEC
tAVAV tELQZ tELQXS tELQXR tAVELN tELEHN tEHAXN
tcR tdis(E)SR td(E)S td(E)R tsu(A)SR tw(E)SR th(A)SR
25 600 10 20 0 20 0
35 600 10 20 0 25 0
45 600 10 20 0 35 0
ns ns ms s ns ns ns
28 RECALL Cycle Timeq 29 Address Setup to Chip Enabler 30 Chip Enable Pulse Widthr, s 31 Chip Disable to Address Changer
n: o: p: q: r: s:
The software sequence is clocked with E controlled READs. Once the software controlled STORE or RECALL cycle is initiated, it completes automatically, ignoring all inputs. Note that STORE cycles (but not RECALL) are aborted by V CC < VSWITCH (STORE inhibit). An automatic RECALL also takes place at power up, starting when V CC exceeds VSWITCH and takes tRESTORE . VCC must not drop below VSWI TCH once it has been exceeded for the RECALL to function properly. Noise on the E pin may trigger multiple READ cycles from the same address and abort the address sequence. If the Chip Enable Pulse Width is less than t a(E) (see Read Cycle) but greater than or equal tw(E)SR, than the data may not be valid at the end of the low pulse, however the STORE or RECALL will still be initiated.
SOFTWARE CONTROLLED STORE/RECALL CYCLEr, s, t, u (E = HIGH after STORE initiation)
AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA AAAAAAAA
25 tcR ADDRESS 1 25 tcR ADDRESS 6
Ai
30
30 31 th(A)SR 29 tsu(A)SR tw(E)SR
31 th(A)SR 5
AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAA
27 / 28 td(E)S / td(E)R
E
29 tsu(A)SR High Impedance
tw(E)SR
t dis(E)
DQi
Output
VALID
VALID 26 tdis(E)SR
AAAAAAAAAAA AAAAAAAAAAA AAAAAAAAAAA AAAAAAAAAAA
SOFTWARE CONTROLLED STORE/RECALL CYCLEr, s, t, u (E = LOW after STORE initiation)
25 tcR ADDRESS 1 30 tw(E)SR ADDRESS 6 31 th(A)SR 27 / 28 td(E)S / td(E)R
Ai AAAAAAAAAAAA AAAAAAAAAAAA AAAAAAAAAAAA AAAAAAAAAAAA E
29
AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAA AAAAAAAAAAA AAAAAAAAAAA AAAAAAAAAAA
31 th(A )SR
29 tsu(A )SR
t su(A)SR
DQi
Output
High Impedance
VALID
VALID 26 tdis(E)SR
W must be HIGH when E is LOW during the address sequence in order to initiate a nonvolatile cycle. G may be either HIGH or LOW throughout. Addresses 1 through 6 are found in the mode selection table. Address 6 determines whether the U631H16 performs a STORE or RECALL. u: E must be used to clock in the address sequence for the Software controlled STORE and RECALL cycles.
t:
8
December 12, 1997
U631H16
Test Configuration for Functional Check
5V VCCw
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10
relevant test measurement
Input level according to the
Simultaneous measure-
ment of all 8 output pins
DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7
480
VIH
VIL
VO
30 pF v 255
E W G
VSS
v:
In measurement of tdis-times and ten-times the capacitance is 5 pF.
w: Between VCC and VSS must be connected a high frequency bypass capacitor 0.1 F to avoid disturbances.
Capacitancee Input Capacitance Output Capacitance
Conditions VCC VI f Ta = 5.0 V = VSS = 1MHz = 25 C
Symbol CI CO
Min.
Max. 8 7
Unit pF pF
All pins not under test must be connected with ground by capacitors.
IC Code Numbers Example U631H16 Type ESD Class blank > 2000 Vx B > 1000 V Package D = PDIP28 (300 mil) D1= PDIP28 (600 mil) S = SOP28 (300 mil) S1= SOP24 (300 mil) Operating Temperature Range C = 0 to 70 C K = -40 to 85 C The date of manufacture is given by the last 4 digits of the mark, the first 2 digits indicating the year, and the last 2 digits the calendar week.
x: ESD protection > 2000 V under development
B
D
C
25
Access Time 25 = 25 ns 35 = 35 ns (on special request) 45 = 45 ns (on special request)
December 12, 1997
9
U631H16
Device Operation The U631H16 has two separate modes of operation: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as a standard fast static RAM. In nonvolatile mode, data is transferred from SRAM to EEPROM (the STORE operation) or from EEPROM to SRAM (the RECALL operation). In this mode SRAM functions are disabled. SRAM READ The U631H16 performs a READ cycle whenever E and G are LOW while W is HIGH. The address specified on pins A0 - A10 determines which of the 2048 data bytes will be accessed. When the READ is initiated by an address transition, the outputs will be valid after a delay of tcR. If the READ is initiated by E or G, the outputs will be valid at ta(E) or at ta(G), whichever is later. The data outputs will repeatedly respond to address changes within the tcR access time without the need for transition on any control input pins, and will remain valid until another address change or until E or G is brought HIGH or W is brought LOW. SRAM WRITE A WRITE cycle is performed whenever E and W are LOW. The address inputs must be stable prior to entering the WRITE cycle and must remain stable until ei-ther E or W goes HIGH at the end of the cycle. The data on pins DQ0 - 7 will be written into the memory if it is valid tsu(D) before the end of a W controlled WRITE or tsu(D) before the end of an E controlled WRITE. It is recommended that G is kept HIGH during the entire WRITE cycle to avoid data bus contention on the common I/O lines. If G is left LOW, internal circuitry will turn off the output buffers tdis(W) after W goes LOW. NOISE CONSIDERATION The U631H16 is a high speed memory and therefore it must have a high frequency bypass capacitor of approximately 0.1 F connected between VCC and VSS using leads and traces that are as short as possible. As with all high speed CMOS ICs, normal carefull routing of power, ground and signals will help prevent noise problems. SOFTWARE NONVOLATILE STORE The U631H16 software controlled STORE cycle is initiated by executing sequential READ cycles from six specific address locations. By relying on READ cycles only, the U631H16 implements nonvolatile operation while remaining compatible with standard 2K x 8 SRAMs. During the STORE cycle, an erase of the previous nonvolatile data is first performed, followed by 1. 2. 3. 4. 5. 6. Read address Read address Read address Read address Read address Read address 000 555 2AA 7FF 0F0 70F (hex) (hex) (hex) (hex) (hex) (hex) Valid READ Valid READ Valid READ Valid READ Valid READ Initiate STORE parallel programming of all nonvolatile elements. Once a STORE cycle is initiated, further inputs and outputs are disabled until the cycle is completed. Because a sequence of addresses is used for STORE initiation, it is important that no other READ or WRITE accesses intervene in the sequence or the sequence will be aborted and no STORE or RECALL will take place. To initiate the STORE cycle the following READ sequence must be performed:
Once the sixth address in the sequence has been entered, the STORE cycle will commence and the chip will be disabled. It is important that READ cycles and not WRITE cycles are used in the sequence. It is not necessary that G is LOW for the sequence to be valid. After the tSTORE cycle time has been fulfilled, the SRAM will again be activated for READ and WRITE operation. SOFTWARE NONVOLATILE RECALL A RECALL cycle of the EEPROM data into the SRAM is initiated with a sequence of READ operations in a manner similar to the STORE initiation. To initiate the RECALL cycle the following sequence of READ operations must be performed: 1. 2. 3. 4. 5. 6. Read address Read address Read address Read address Read address Read address 000 555 2AA 7FF 0F0 70E (hex) (hex) (hex) (hex) (hex) (hex) Valid READ Valid READ Valid READ Valid READ Valid READ Initiate RECALL
Internally, RECALL is a two step procedure. First, the SRAM data is cleared and second, the nonvolatile information is transferred into the SRAM cells. The RECALL operation in no way alters the data in the EEPROM cells. The nonvolatile data can be recalled an unlimited number of times. AUTOMATIC POWER UP RECALL On power up, once VCC exceeds the sense voltage of V SWITCH, a RECALL cycle is automatically initiated. The voltage on the VCC pin must not frop belwo VSWITCH once it has risen above it in order for the RECALL to operate properly. Due to this automatic RECALL, SRAM operation cannot commence until tRESTORE after VCC exceeds VSWITCH. 10 December 12, 1997
U631H16
If the U631H16 is in a WRITE state at the end of power up RECALL, the SRAM data will be corrupted. To help avoid this situation, a 10 K resistor should be connected between W and VCC. HARDWARE PROTECTION The U631H16 offers hardware protection against inadvertent STORE operation through VCC sense. For VCC < V SWITCH the software initiated STORE operation will be inhibited. LOW AVERAGE ACTIVE POWER The U631H16 has been designed to draw significantly less power when E is LOW (chip enabled) but the access cycle time is longer than 55 ns. When E is HIGH the chip consumes only standby current. The overall average current drawn by the part depends on the following items: 1. CMOS or TTL input levels 2. the time during which the chip is disabled (E HIGH) 3. the cycle time for accesses (E LOW) 4. the ratio of READs to WRITEs 5. the operating temperature 6. the VCC level
December 12, 1997
11
Memory Products 1998 SoftStore 2K x 8 nvSRAM U631H16
LIFE SUPPORT POLICY ZMD products are not designed, intended, or authorized for use as components in systems intend for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the ZMD product could create a situation where personal injury or death may occur. Components used in life-support devices or systems must be expressly authorized by ZMD for such purpose.
The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved.
Zentrum Mikroelektronik Dresden GmbH Grenzstrae 28 * D-01109 Dresden * P. O. B. 80 01 34 * D-01101 Dresden * Germany Phone: +49 351 88 22-3 06 * Fax: +49 351 88 22-3 37 * Email: sales@zmd.de Internet Web Site: http://www.zmd.de


▲Up To Search▲   

 
Price & Availability of U631H16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X