Part Number Hot Search : 
AM7905A N87C169 SK121 56NN1 LTBETE1 0M000000 TM161 00201
Product Description
Full Text Search
 

To Download U6032B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * *
Debounce Time: 0.3 ms to 6 s RC Oscillator Determines Switching Characteristics Relay Driver with Z-diode Debounced Input for Toggle Switch Three Debounced Inputs: ON, OFF and TOGGLE Load-dump Protection RF Interference Protection Protection According to ISO/TR7637-1 (VDE 0839)
Description
The bipolar integrated circuit U6032B is designed as a toggle switch. The device, which has a defined power-on status, can be used to control electrical loads, for example, fog lamps, high/low beam or heated windows for automotive applications. Figure 1. Block Diagram with External Circuit
C2 R2 Vstab 7 47 F C1
Automotive Toggle Switch IC U6032B
R1
OSC
6
VS 8
510
VBatt
Oscillator
Stabilization Power-on reset Load-dump detection
1 GND
Frequency divider 3 ON 4 OFF 5 TOGGLE Debouncing Relay-control output 2
Rev. 4771A-AUTO-11/03
Pin Configuration
Figure 2. Pinning DIP8/SO8
GND 1 8 VS
RELAY
2
7
VSTAB
ON
3
6
OSC
OFF
4
5
TOGGLE
Pin Description
Pin 1 2 3 4 5 6 7 8 Symbol GND RELAY ON OFF TOGGLE OSC VSTAB VS Function Reference point, ground Relay control output Switch-on input Switch-off input Toggle input RC oscillator input Stabilized voltage Supply voltage
2
U6032B
4771A-AUTO-11/03
U6032B
Functional Description
Power Supply, Pin 8
To achieve interference protection and surge immunity, the supply voltage (pin 8) must be provided with an RC circuit as shown in Figure 3. The dropping resistor, R1, limits the current in case of overvoltage, whereas C1 smoothes the supply voltage at pin 8. Recommended values are: R1 = 510 W, C1 = 47 F. An integrated Z-diode (14 V) protects the supply voltage, VS, thus enabling stable operation in a supply-voltage range of 6 V to 16 V, supplied by VBatt. It is possible to operate the integrated circuit with a 5 V supply, but it should be assured that there are no interference voltages. In this case, pin 7 is connected to pin 8 as shown in Figure 4 on page 4, and the R1C1 circuit is omitted. Figure 3. Basic Circuit for 12-V Supply and Oscillator
VBatt C1
R1
510 R2
C2
47 F/ 16 V
8
7
6
5
U6032B
1
2
3
4
3
4771A-AUTO-11/03
Figure 4. Basic Circuit for VS = 5 V
VS = 5 V
R2
C2
8 VBatt
7
6
5
U6032B
1
2
3
4
Oscillator, Pin 6
The oscillator frequency, f, is determined mainly by the R2C2 circuit. The resistance, R2, determines the charge time, and the integrated resistance (2 kW) is responsible for the discharge time. To ensure the stability of the oscillator frequency, it is recommended that the selected R2 value is remarkably greater than the internal resistance (2 kW), as the temperature response and the tolerances of the integrated resistance are considerably greater than the external resistance value. The oscillator frequency, f, is calculated as follows:
1 f = -------------t1 + t2
where t1 = charge time = a1 R2 C2 t2 = discharge time = a2 2 kW C2
a1 and a2 are constants, e.g.: a1 = 0.833 and a2 = 1.551 when C2 = 470 pF to 10 nF a1 = 0.746 and a2 = 1.284 when C2 = 10 nF to 4700 nF
The debounce time, t3, depends on the oscillator frequency, f, as follows:
1 t 3 = 6 -t
Table 1 shows the relationship between t3, C2, R2 and frequencies from 1 Hz to 20 kHz.
4
U6032B
4771A-AUTO-11/03
U6032B
Relay-control Output
The relay-control output is an open-collector Darlington circuit with an integrated 23-V Z-diode for limiting the inductive cut-off pulse of the relay coil. The maximum static collector current must not exceed 300 mA and the saturation voltage is typically 1.1 V at 200 mA. The lC supply is protected by R1, C1, and an integrated Z-diode, while the inputs are protected by a series resistor, integrated Z-diode and RF capacitor (refer to Figure 6 on page 6). The relay-control output is protected by the integrated 23 V Z-diode in case of short interference peaks. It is switched to conductive condition for a battery voltage greater than 40 V in case of load dump. The output transistor is dimensioned so that it can withstand the generated current.
Interference Voltages and Load Dump
Power-on Reset
When the operating voltage is switched on, an internal power-on reset pulse (POR) is generated which sets the logic of the circuits to a defined initial condition. The relay output is disabled. The time functions (relay output) can be started or interrupted by the three inputs ON, OFF or TOGGLE (pins 3, 4 and 5, input circuit of these pins see Figure 6 on page 6). The relay becomes active if the time function is triggered, and the relay contact is interrupted after the elapse of the delay time, td. There are two input possibilities.
Relay-control Output Behavior, Pin 2
Toggle Input, Pin 5
When the push-button (TOGGLE) switch, S1 , is pressed for the first time, the relay becomes active after the debounce time, t3, i.e., the relay output, pin 2, is active. Repeated operation of S1 causes the interruption of the relay contact, thus disabling the relay. Each operation of the toggle switch, S1, changes (alters) the condition of the relay output when the debounce time, td, is exceeded, i.e., the TOGGLE function. If the relay output is not disabled by pressing the switch S1, the output stays active. Figure 5. TOGGLE Function
VBatt R1 C1 47 F/ 16 V 8 510 C2 R2 S1 20 k 6 5
7
U6032B
1
2
3
4
5
4771A-AUTO-11/03
ON, OFF Inputs, Pins 3 and 4
To avoid simultaneous operation of both inputs, pin 3 (ON) and pin 4 (OFF), the use of a two-way contact with centre-off position with spring returns (also known as rocker-actuated switch) is recommended. Pressing the push-button switch (pin 3 ON) leads to an activation of the relay after the debounce time, t3, has ellapsed whereas the switching of pin 4 switch correspondingly leads to the de-energization of the relay. If the relay is not de-energized by the push-button switch, the output remains active. Combined operation "TOGGLE" and "ON/OFF" is not possible due to the fact that there is only one debouncing circuit. Debouncing is possible in both modes, i.e., whenever S1 is ON or OFF. Figure 6 shows the input circuit of U6032B. It has an integrated pull-down resistor (20 kW), RF capacitor (15 pF) and Z-diode (7 V). It reacts to voltages greater than 2 V. The external protective resistor has a value of 20 kW and the push-button switch, S, is connected to the battery as shown in the diagram. The contact current, I, is calculated as follows:
V Batt - VZ I = ----------------------------- where VBatt = 12 V, VZ = 7 V R(= 20 kW ) (12 - 7) V I = ------------------------ 0.25 mA 20 kW
It can be increased by connecting a 5.6 kW resistor from the push-button switch to ground as shown in Figure 8 on page 7. Figure 6. Input Circuit
2V VBatt S R 20 k 7V 15 pF 20 k Pin 3, 4, 5 +
Figure 7. ON/OFF Function
VBatt S3 R1 C1 47 F/ 16 V 8 510 R2 C2 20 k 20 k
7
6
5
U6032B
1
2
3
4
6
U6032B
4771A-AUTO-11/03
U6032B
Figure 8. Increasing the Contact Current by Parallel Resistors
VBatt 2 mA 5.6 k 5.6 k
8
7
6
5 20 k 20 k
U 6032 B
1
2
3
4
Absolute Maximum Ratings
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters Symbol Value Unit
Operating voltage, static, 5 minutes Ambient temperature range Storage temperature range Junction temperature
VBatt Tamb Tstg Tj
24 -40 to +125 -55 to +125 150
V
C C C
Thermal Resistance
Parameters Symbol Value Unit
Junction ambient
DIP8 SO8
TthJA TthJA
110 160
K/W K/W
7
4771A-AUTO-11/03
Electrical Characteristics
VBatt = 13.5 V, Tamb = 25C, reference point ground, Figure 1 on page 1, unless otherwise specified
Parameters Test Conditions Pin Symbol Min. Typ. Max. Unit
Operating voltage 5 V supply Stabilized voltage Undervoltage threshold Supply current Internal Z-diode
Relay Control Output
R1 510 W t < 5 min t < 60 min Without R1, C1 VBatt = 12 V Power-on reset All push buttons open I8 = 10 mA I2 = 200 mA I2 = 300 mA V2 = 14 V 8 8 2 7, 8 7
VBatt V8, V7 V7 VS IS VZ
6 4.3 5.0 3.0 1.3 13.5 14 1.2 5.2
16 24 18 6.0 5.4 4.2 2.0 16
V V V V mA V
Saturation voltage Leakage current Output current
Output Pulse Current
V2 Ilkg I2
1.5 2 100 300 1.5 20 1.6 0.9 2.8 22 2.0 1.1 3.1 24 2.4 1.4 3.5 1 5 1.6 6.5 13 2.0 7.1 20 7 2.4 8.0 50
V A mA A V kW V A Cycles V V kW
Load-dump pulse Internal Z-diode
Oscillator Input
t 300 ms I2 = 10 mA f = 0.001 to 40 kHz, see Table 1 V6 = 5 V Lower Upper V6 = 0 V 6
I2 VZ R6 V6L V6H -I6 t3 3, 4, 5 V3,4,5
Internal discharge resistance Switching thresholds Input current
Switching Times
Debounce time
Inputs ON, OFF, TOGGLE
Switching threshold voltage Internal Z-diode Pull-down resistance I3,4,5 = 10 mA V3,4,5 = 5 V
V3,4,5 R3,4,5
Table 1. Values for C2 and R2 for a Given Oscillator Frequency and Debounce Time
Frequency f (Hz) Debounce Time t3 (ms) C2 (nF) R2 (kW)
1 2 3 4 5 6 7 8
6000 3000 2000 1500 1200 1000 857 750
4700 1000 1000 1000 1000 1000 1000 1000
280 650 440 330 260 220 190 160
8
U6032B
4771A-AUTO-11/03
U6032B
Table 1. Values for C2 and R2 for a Given Oscillator Frequency and Debounce Time (Continued)
Frequency f (Hz) Debounce Time t3 (ms) C2 (nF) R2 (kW)
9 10 20 30 40 50 60 70 80 90 100 200 300 400 500 600 700 800 900 1000 2000 3000 4000 5000 6000 7000 8000 9000 10000 11000 12000 13000 14000 15000 16000 17000 18000 19000 20000
667 600 300 200 150 120 100 86 75 67 60 30 20 15 12 10 9.00 8.00 7.00 6.00 3.00 2.00 1.50 1.20 1.00 0.86 0.75 0.67 0.60 0.55 0.50 0.46 0.43 0.40 0.38 0.35 0.33 0.32 0.30
1000 1000 100 100 100 100 100 100 100 100 100 10 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
140 130 650 440 330 260 220 190 160 140 130 600 400 300 240 200 170 150 130 120 600 400 300 240 200 170 150 130 120 110 99 91 85 79 74 70 66 62 59
9
4771A-AUTO-11/03
Ordering Information
Extended Type Number Package Remarks
U6032B U6032B-FP
DIP8 SO8
- -
Package Information
Package DIP8
Dimensions in mm
9.8 9.5 1.64 1.44 7.77 7.47
4.8 max 6.4 max 0.5 min 3.3 0.58 0.48 7.62 8 5 2.54 0.36 max 9.8 8.2
technical drawings according to DIN specifications
1
4
10
U6032B
4771A-AUTO-11/03
U6032B
Package SO8
Dimensions in mm
5.00 4.85 1.4 0.4 1.27 3.81 8 5 0.25 0.10
5.2 4.8 3.7
0.2 3.8 6.15 5.85
technical drawings according to DIN specifications
1
4
11
4771A-AUTO-11/03
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
(c) Atmel Corporation 2003. All rights reserved. Atmel (R) and combinations thereof are the registered trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be the trademarks of others. Printed on recycled paper.
4771A-AUTO-11/03


▲Up To Search▲   

 
Price & Availability of U6032B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X