Part Number Hot Search : 
NE5532DG PTGT5 M7403 M54826 2SK1443 D78002 MTZJ15 LT326
Product Description
Full Text Search
 

To Download SMV1135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hyperabrupt Junction Tuning Varactor
SMV1135 Series Features
s High Tuning Ratio s Low Series Resistance s SOD-323 Package s Designed for High Volume, Low Cost Applications s Available in Tape and Reel Packaging
Description
The SMV1135-011 is a surface mount varactor diode in the SOD-323 plastic package. It is designed for very high capacitance tuning ratio while having low series resistance, which makes this device especially attractive for wideband VCO applications.
Absolute Maximum Ratings
Characteristic Forward Current (IF) Power Dissipation (PD) Storage Temperature (TST) Operating Temperature (TOP) Value 20 mA 250 mW -55C to +150C -55C to +125C
Single SOD-323 SMV1135-011
Common Cathode SOT-23 SMV1135-004
Electrical Specifications at 25C
Parameter Reverse Current (IR) Capacitance (CT) Capacitance Ratio (CTR) Capacitance Ratio (CTR) Series Resistance (RS) Breakdown Voltage (VBR) VR = 21 V CT @ 1 V, VR = 1 V, F = 1 MHz CT (1 V)/CT (3 V) CT (1 V)/CT (9 V) VR = 1 V, F = 500 MHz IR = 10 A 28.00 8.20 1.47 3.70 Condition Min. Typ. Max. 20.00 10.00 1.76 4.50 1.20 V Unit nA pF
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 6/01A
1
Hyperabrupt Junction Tuning Varactor
SMV1135 Series
Typical Performance Data
12 10 8 6 4 2 0 0 5 10 15 20
Capacitance vs. Voltage
VR (V) 0.5 1.0 2.5 3.0 6.0 10.0 20.0 CT (pF) 10.34 8.69 5.98 5.38 3.11 1.92 1.17
Capacitance (pF)
1.4 1.3 1.2
Varactor Voltage (V)
Capacitance vs. Voltage
RS ()
1.1 1.0 0.9 0.8
Percentage Change (%)
10
5
0.7 0.6 0 3V 5 10 15 20
0
Voltage (V)
-5 20 V -10 -40 -20 0 20 40 60 80
Series Resistance vs. Voltage
Temperature (C)
Relative Capacitance Change vs. Temperature
Percentage Change (%)
10
5
0
-5
-10 -40
-20
0
20
40
60
80
Temperature (C)
Relative Series Resistance Change vs. Temperature
2
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 6/01A
Hyperabrupt Junction Tuning Varactor
SMV1135 Series
SOD-323
0.090 (2.30 mm) MIN. 0.108 (2.74 mm) MAX. 0.010 (0.25 mm) MIN. 0.016 (0.40 mm) MAX. 0.063 (1.60 mm) MIN. 0.071 (1.80 mm) MAX.
SPICE Model
PORT P_anode port = 1 IND LS L = LS DIODEM Diode_Model IS = 1.00e-14 RS = 0 N=1 TT = 0 CJO = CJO M=M VJ = VJ EG = 1.11 XTI = 3 KF =0 AF =1 FC = 0.5 BV = 0 IBV = 1e-3 ISR = 0 NR = 2 IKF = 0 NBV = 1 IBVL = 0 NBVL = 1 TBV1 = 0 TNOM = 27 FFE = 1
0.045 (1.15 mm) MIN. 0.053 (1.35 mm) MAX. 1
2
CATHODE INDICATOR
0.008 (0.20 mm) NOM. 0.006 (0.15 mm) TYP. 0.050 (1.25 mm) MAX.
RES RS R = RS DIODE Varactor_Diode AREA = 1 MODEL = Diode_Model MODE = nonlinear
CAP CP C = CP
0.004 (0.10 mm) MAX. 0.010 (0.25 mm) MIN.
SOT-23
0.110 (2.80 mm) MIN. 0.120 (3.04 mm) MAX.
3
PORT P_Cathode port = 2 0.012 (0.30 mm) MIN. 0.020 (0.50 mm) MAX. 0.047 (1.20 mm) MIN. 0.055 (1.40 mm) MAX.
1 2
Part Number SMV1135-011
CJ0 (pF) 10.3
VJ (V) 8.6
M 2.9
CP (pF) 0.8
RS () 1.2
LS (nH) 1.5
0.083 (2.10 mm) MIN. 0.104 (2.64 mm) MAX.
0.037 (0.95 mm) REF. 0.020 (0.51 mm) REF. 0.076 (1.92 mm) REF. 0.003 (0.080 mm) MIN. 0.008 (0.20 mm) MAX. 8 MAX. 0.035 (0.89 mm) MIN. 0.044 (1.12 mm) MAX.
0.022 (0.55 mm) REF.
0.0005 (0.01 mm) MIN. 0.004 (0.10 mm) MAX.
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 6/01A
3


▲Up To Search▲   

 
Price & Availability of SMV1135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X