Part Number Hot Search : 
GA600G 133AI FWM986 477M00 CY14B101 CY14B101 REF19 477M00
Product Description
Full Text Search
 

To Download S-AV10H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S-AV10L,S-AV10H
TOSHIBA RF Power Amplifier Module
S-AV10L,S-AV10H
VHF RF Power Amplifier Module
* * * High gain: Po 14 W, Gp 1.85dB, T 40% S-AV10L 135~155 MHz S-AV10H 150~175 MHz Unit: mm
Maximum Ratings (Tc = 25C)
Characteristics DC supply voltage DC supply voltage Input power Operating case temperature range Storage temperature range Symbol VCC VCON Pi Tc (opr) Tstg Rating 16 16 300 -30~100 -40~110 Unit V V mW C C
JEDEC JEITA TOSHIBA
5-53P
Electrical Characteristics (Tc = 25C)
Characteristics Frequency range Output power Power gain Total efficiency Input VSWR Harmonics Symbol frange Po GP hT VSWRin HRM VCC = 15 V, VCON = 12.5 V Load mismatch 3/4 Po = 15 W (Pi = adjust) VSWR load 20: 1 all phase Tc = -30~80C Power slump 3/4 VCC = 12.5 V, Pi = 200 mW Po = 14 W (@Tc = 25C) VCC = 12.5 V, Pi = 200 mW Stability 3/4 VCON = 0~12.5 V VSWR Load 3: 1 all phase Pi = 200 mW VCC = 12.5 V, VCON = 12.5 V ZG = ZL = 50 W Test Condition 3/4
Weight: 35 g (typ.)
Min 135 14 18.5 40 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 3/4 3/4 Max 175 3/4 3/4 3/4 2 -25 Unit MHz W dB % 3/4 dB
No degradation
3/4
3/4
0.8
3/4
dB
All spurious output than 60dB below desired signal
3/4
1
2003-03-27
S-AV10L,S-AV10H
Caution
This product has intersetting cap. Please pay attention for exceeding stress and foreign matter in your application. And not to take away the cap. Beryllia Ceramics is used in this product. The dust or vapor can be dangerous to humans. Do not break, cut, crush or dissolve chemically. Dispose of this product properly according to law. Do not intermingle with normal industrial or domestic waste.
Schematic
Test Fixture
C1, C3: 15000 pF C2, C4: 10 mF L1, L2: f0.8 enamel wire, 8 T, 5ID
2
2003-03-27
S-AV10L,S-AV10H
Caution
These are only typical curves and devices are not necessarily guaranteed at these curves.
3
2003-03-27
S-AV10L,S-AV10H
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
4
2003-03-27


▲Up To Search▲   

 
Price & Availability of S-AV10H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X