Part Number Hot Search : 
10406 UDZS27 TSM104A MIC842 10406 ST19SF04 52M16V1 AT17C010
Product Description
Full Text Search
 

To Download RBV600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RBV600 - RBV610
PRV : 50 - 1000 Volts Io : 6.0 Amperes
FEATURES :
* * * * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop High case dielectric strength of 2000 VDC Ideal for printed circuit board Very good heat dissipation
SILICON BRIDGE RECTIFIERS
RBV25
3.9 0.2 C3 30 0.3 4.9 0.2 3.2 0.1 20 0.3
+
13.5 0.3
~~
11 0.2
1.0 0.1
MECHANICAL DATA :
* Case : Reliable low cost construction utilizing molded plastic technique * Epoxy : UL94V-O rate flame retardant * Terminals : Plated lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 7.7 grams
10 7.5 7.5 2.0 0.2 0.7 0.1 0.2 0.2 0.2
Dimensions in millimeters
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 55C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage per Diode at IF = 3.0 Amps. Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 100 C
SYMBOL
RBV 600 50 35 50
RBV 601 100 70 100
RBV 602 200 140 200
RBV 604 400 280 400 6.0
RBV 606 600 420 600
17.5 0.5
RBV 608 800 560 800
RBV 610 1000 700 1000
UNIT Volts Volts Volts Amps. Amps. A2S Volts A A C/W C C
VRRM VRMS VDC IF(AV) IFSM It VF IR IR(H) RJC TJ TSTG
2
200 64 1.0 10 200 8.0 - 40 to + 150 - 40 to + 150
Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range
Notes : 1. Thermal Resistance from junction to case w ith units mounted on a 2.6"x1.4"x0.06" THK (6.5cm.x3.5cm.x0.15cm.) Al. Plate. Heatsink.
UPDATE : MARCH 6, 2000
RATING AND CHARACTERISTIC CURVES ( RBV600 - RBV610 )
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
6.0
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
240
5.0
200
4.0
160
TJ = 50 C
3.0
120
2.0
80
1.0
HEAT-SINK MOUNTING, Tc 2.6" x 1.4" x 0.06" THK. (6.5cm x 3.5cm x 0.15cm) Al.-PLATE 0 25 50 75 100 125 150 175
40
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD
0
0 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER DIODE
10
FORWARD CURRENT, AMPERES
REVERSE CURRENT, MICROAMPERES
TJ = 100 C
10
1.0
1.0
Pulse Width = 300 s 1 % Duty Cycle
0.1
TJ = 25 C
TJ = 25 C
0.1 0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of RBV600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X