Part Number Hot Search : 
AMIS30 SSW524 AN6480 TEVAL S78L18 RM4190 HD29412 LS120
Product Description
Full Text Search
 

To Download RBV1510D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RBV1500D - RBV1510D
PRV : 50 - 1000 Volts Io : 15 Amperes
FEATURES :
* * * * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop High case dielectric strength of 2000 VDC Ideal for printed circuit board Very good heat dissipation
SILICON BRIDGE RECTIFIERS
RBV25
3.9 0.2 C3 30 0.3 4.9 0.2 3.2 0.1 20 0.3
+
13.5 0.3
~~
11 0.2
1.0 0.1
MECHANICAL DATA :
* Case : Reliable low cost construction utilizing molded plastic technique * Epoxy : UL94V-O rate flame retardant * Terminals : Plated lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 7.7 grams
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
10 0.2 7.5 7.5 0.2 0.2 2.0 0.2 0.7 0.1
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 55C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage per Diode at IF = 15 Amps. Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 100 C
SYMBOL
RBV RBV RBV RBV RBV RBV RBV 1500D 1501D 1502D 1504D 1506D 1508D 1510D 50 35 50 100 70 100 200 140 200 400 280 400 15 600 420 600 800 560 800 1000 700 1000
17.5 0.5
UNIT Volts Volts Volts Amps.
VRRM VRMS
VDC
IF(AV)
IFSM It VF IR IR(H) RJC TJ TSTG
2
300 375 1.0 10 200 1.5 - 40 to + 150 - 40 to + 150
Amps. A2S Volts A A C/W C C
Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range
Notes : 1. Thermal Resistance from junction to case with units mounted on a 5" x 4" x 3" (12.7cm.x 10.2cm.x 7.3cm.) Al.-Finned Plate.
UPDATE : NOVEMBER 1,1998
RATING AND CHARACTERISTIC CURVES ( RBV1500D - RBV1510D )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT AMPERES
18 HEAT-SINK MOUNTING, Tc 5" x 4" x 3" THK. (12.7cm x 12.7cm x 7.3cm) Al.-Finned plate
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
300
15
PEAK FORWARD SURGE CURRENT, AMPERES
250
12
200
TJ = 50 C
9
150
6
100
3
50
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD
0
0
25
50
75
100
125
150
175
0 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER DIODE
10
TJ = 100 C
FORWARD CURRENT, AMPERES
REVERSE CURRENT, MICROAMPERES
10
1.0
Pulse Width = 300 s 1 % Duty Cycle 1.0
0.1
TJ = 25 C
TJ = 25 C
0.1 0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of RBV1510D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X