Part Number Hot Search : 
C5706 BH6113FV BR1500 1N5046 PQ60018 EGA16 UDA1384 UPC2910T
Product Description
Full Text Search
 

To Download QVE00832 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00832
PACKAGE DIMENSIONS
0.551 (14.00)
+ D
0.236 (6.00)
E +
C L
0.020 (.50) C L
0.197 (5.00)
0.394 (10.00) 0.295 (7.50) (2X)
C (OPTICAL) L 0.100 (2.50)
0.027 (.70) (2X)
0.197 (5.00) MIN (4X)
FEATURES
* No contact switching * 5mm wide slot
SCHEMATIC
1 4
0.400 (10.16) (2X) (NOM) 0.260 (6.60) C L
2 3
0.092 (2.35)
* 0.5 mm aperture width * Opaque black plastic housing * Locating knobs on housing base for accurate mounting
2 3
PINS 0.020 (.51) (4X) SQ. (TYP)
KNOB O0.026 (.66)
C L 0.100 (2.54) (2X) (TYP)
0.205 (5.20)
* Transistor Output
1
4
PIN 1 ANODE PIN 2 CATHODE
PIN 3 COLLECTOR PIN 4 EMITTER
NOTES
1. Derate power dissipation linearly 1.67 mW/C above 25C. 2. RMA flux is recommended. 3. Methanol or isopropyl alcohols are recommended as cleaning agents. 4. Soldering iron tip 1/16" (1.6mm) from housing.
NOTES: 1. Dimensions for all drawings are in inches (millimeters). 2. Tolerance of .010 (.25) on all non-nominal dimensions unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
Parameter Operating Temperature Storage Temperature Soldering Temperature (Iron)(2,3,4) Soldering Temperature (Flow)(2,3) EMITTER Continuous Forward Current Reverse Voltage Power Dissipation(1) SENSOR Collector-Emitter Voltage Emitter-Collector Voltage Collector Current Power Dissipation(1)
(TA = 25C unless otherwise specified) Symbol TOPR TSTG TSOL-I TSOL-F IF VR PD VCEO VECO IC PD Rating -55 to +100 -55 to +100 240 for 5 sec 260 for 10 sec 60 6 150 30 4.5 20 150 Units C C C C mA V mW V V mA mW
2001 Fairchild Semiconductor Corporation DS300257 1/3/02
1 OF 4
www.fairchildsemi.com
PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00832
ELECTRICAL / OPTICAL CHARACTERISTICS
PARAMETER TEST CONDITIONS
(TA = 25C )
SYMBOL MIN TYP MAX UNITS
EMITTER Forward Voltage Reverse Current Peak Emission Wavelength SENSOR Dark Current COUPLED Collector Current Collector Emitter Saturation Voltage Rise Time Fall Time VCC = 5 V, RL = 100 IC = 5 mA tr tf -- -- 4 4 -- -- IF = 20 mA, VCE = 10 V IF = 20 mA, IC = 0.1 mA IC(ON) VCE (SAT) 0.5 -- -- -- 14 0.4 mA V VCE = 10 V, IF = 0 mA ID -- -- 200 nA IF = 20 mA VR = 4 V IF = 20 mA VF IR
PE
-- -- --
1.2 -- 940
1.5 10 --
V
A
nm
s s
TYPICAL PERFORMANCE CURVES
110 100 90 80 ICE Normalized(%) ICE Normalized(%) 70 60 50 40 30 20 10 0 0 0.1 0.2 0.3 Distance (mm) 0.4 0.5 0.6 Distance (mm)
0
110 TA = 25C IF = 20 mA VCE = 10 V 100 90
0
80 70 60 50 40 30 20 10 0 0 0.25
TA = 25C IF = 20 mA VCE = 10 V
0.5
0.75
1
1.25
1.5
1.75
2
Fig. 1 Collector Current vs. Shield distance
Fig. 2 Collector Current vs. Shield distance
5 4.5 4 VCE Normalized 3.5 ICE (mA) 3 2.5 2 1.5 1 0.5 0 0 1 2 3 4 5 6 7 8 9 10 11 12 IF = 10 mA IF = 20 mA IF = 30 mA TA = 25C IF = 40 mA
1.9 IF = 20 mA, IC = 0.1 mA 1.4 IF = 10 mA, IC = 0.05 mA 1.2
1
0.8 IF = 30 mA, IC = 0.15 mA 0.6 0.4 0.2 0 -50 -25 0 25 Temp(C) 50 75 100 Normalized to IF = 20 mA, IC = 0.1 mA, TA = 25C
VCE (V)
Fig. 3 Collector-Emitter Voltage vs. Collector Current
Fig. 4 Collector-Emitter Voltage vs. Temperature
www.fairchildsemi.com
2 OF 4
1/3/02
DS300257
PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00832
5 4.5 Normalized to IF = 20 mA, VCE = 5 V, TA = 25C 4 3.5 Ice Normalized 3 2.5 2 1.5 1 IF = 10 mA 0.5 0 -55 -40 -20 0 20 Temp(C) 40 60 80 100 IF (mA) IF = 5 mA 0 0 5 10 15 20 25 30 35 40 45 50 55 IF = 30 mA IF = 20 mA 0.5 IF = 100 mA 2.5 IF = 60 mA 3
ICE Normalized
2
1.5 TA = 25C VCE = 10 V Normalized to IF = 20 mA
1
Fig. 5 Collector Current vs. Temperature
Fig. 6 Collector Current vs. Forward Current
1.1 1.05 1 0.95 T(off) Normalized 0.9 0.85 0.8 0.75 0.7 0.65 0.6 0.55 0.5 1 2 3 4 5 RL(k ) 6 7 8 9 10 T(on) TA = 25C PW = 300 s PRR = 100 s VCC = 5 V Normalized to RL = 2k
4.5 4.25 4 3.75 3.5 3.25 3 2.75 2.5 2.25 2 1.75 1.5 1.25 1 0.75 0.5 0.25 0 1 2 3
T(off) Normalized
T(off)
TA = 25C PW = 300 s PRR = 100 s VCC = 5 V Normalized to RL = 2k
4
5 RL(k )
6
7
8
9
10
Fig. 7 Rise Time vs. Load Resistance
Fig. 8 Fall Time vs. Load Resistance
55 50 45 40 35 IF (mA) 30 25 20 15 10 5 0 0 0.2 0.4 0.6 0.8 VF(V) 1 1.2 1.4 1.6 1.8 TA = 25C TA = 70C TA = 30C
Fig. 9 Forward Voltage vs. Forward Current
DS300257
1/3/02
3 OF 4
www.fairchildsemi.com
PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00832
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
4 OF 4
1/3/02
DS300257


▲Up To Search▲   

 
Price & Availability of QVE00832

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X