Part Number Hot Search : 
2D161C 12N60 CTUP3B BR2020 BCW65 2SD907 CMD11505 V585M
Product Description
Full Text Search
 

To Download QVE00118 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHOTOTRANSITOR OPTICAL INTERRUPTER SWITCH QVE00118
PACKAGE DIMENSIONS
0.551 (14.00)
0.236 (6.00)
C L
0.020 (.50) C L 0.197 (5.00)
0.394 (10.00) (2X) 0.295 (7.50)
C OPTICAL L 0.100 (2.50)
0.027 (.70) (2X) 0.354 (9.00) (2X) NOM 0.092 (2.35) 0.204 (5.20) 2 C L 3 0.260 (6.60)
0.197 (5.00) MIN (4X)
0.020 (.51) SQ. (4X) PIN 1 ANODE C OPTICAL PIN 2 CATHODE L PIN 3 COLLECTOR PIN 4 EMITTER
SCHEMATIC
1 4
0.100 (2.54) (2X) (TYP)
1
4 O.026 (.66) (2X)
NOTES: 1. Dimensions for all drawings are in inches (millimeters). 2. Tolerance of .010 (.25) on all non-nominal dimensions unless otherwise specified.
2
3
FEATURES
* No contact switching * 5mm wide slot * 0.5 mm aperture width * Opaque black plastic housing * Locating knobs on housing base for accurate mounting * Transistor Output
(c) 2003 Fairchild Semiconductor Corporation
Page 1 of 5
5/30/03
PHOTOTRANSITOR OPTICAL INTERRUPTER SWITCH QVE00118
ABSOLUTE MAXIMUM RATINGS (TA = 25C unless otherwise specified)
Parameter Operating Temperature Storage Temperature Soldering Temperature Soldering Temperature EMITTER Continuous Forward Current Reverse Voltage Power Dissipation(1) IF VR PD 60 6 150 mA V mW (Iron)(2,3) (Flow)(2,3) Symbol TOPR TSTG TSOL-I TSOL-F Rating -55 to +100 -55 to +100 240 for 5 sec 260 for 10 sec Units C C C C
SENSOR Collector-Emitter Voltage Emitter-Collector Voltage Collector Current Power Dissipation(1) NOTES: 1. Derate power dissipation linearly 1.67 mW/C above 25C. 2. RMA flux is recommended. 3. Methanol or isopropyl alcohols are recommended as cleaning agents. 4. Soldering iron tip 1/16" (1.6mm) from housing. VCEO VECO IC PD 30 4.5 20 100 V V mA mW
ELECTRICAL / OPTICAL CHARACTERISTICS (TA = 25C )
Parameter EMITTER Forward Voltage Reverse Current Peak Emission Wavelength SENSOR Dark Current COUPLED Collector Current Collector Emitter Saturation Voltage Rise Time Fall Time IF = 20mA, VCE = 10V IF = 20mA, IC = 0.1mA VCC = 5V, RL = 100V IC = 5mA IC(ON) VCE (SAT) tr tf 0.5 -- -- -- -- -- 4 4 14 0.4 -- -- mA V s s VCE = 10V, IF = 0mA ID -- -- 200 nA IF = 20mA VR = 4V IF = 20mA VF IR lPE -- -- -- 1.2 -- 940 1.5 10 -- V A nm Test Conditions Symbol Min Typ Max Units
(c) 2003 Fairchild Semiconductor Corporation
Page 2 of 5
5/30/03
PHOTOTRANSITOR OPTICAL INTERRUPTER SWITCH QVE00118
TYPICAL PERFORMANCE CURVES
110 100 90 80 ICE Normalized(%) ICE Normalized(%) 70 60 50 40 30 20 10 0 0 0.1 0.2 0.3 Distance (mm) 0.4 0.5 0.6 Distance (mm)
0
110 TA = 25C IF = 20 mA VCE = 10 V 100 90
0
80 70 60 50 40 30 20 10 0 0 0.25
TA = 25C IF = 20 mA VCE = 10 V
0.5
0.75
1
1.25
1.5
1.75
2
Fig. 1 Collector Current vs. Shield distance
Fig. 2 Collector Current vs. Shield distance
5 4.5 4 VCE Normalized 3.5 ICE (mA) 3 2.5 2 1.5 1 0.5 0 0 1 2 3 4 5 6 7 8 9 10 11 12 IF = 10 mA IF = 20 mA IF = 30 mA TA = 25C IF = 40 mA
1.9 IF = 20 mA, IC = 0.1 mA 1.4 IF = 10 mA, IC = 0.05 mA 1.2
1
0.8 IF = 30 mA, IC = 0.15 mA 0.6 0.4 0.2 0 -50 -25 0 25 Temp(C) 50 75 100 Normalized to IF = 20 mA, IC = 0.1 mA, TA = 25C
VCE (V)
Fig. 3 Collector-Emitter Voltage vs. Collector Current
Fig. 4 Collector-Emitter Voltage vs. Temperature
(c) 2003 Fairchild Semiconductor Corporation
Page 3 of 5
5/30/03
PHOTOTRANSITOR OPTICAL INTERRUPTER SWITCH QVE00118
TYPICAL PERFORMANCE CURVES
5 4.5 Normalized to IF = 20 mA, VCE = 5 V, TA = 25C 4 3.5 Ice Normalized 3 2.5 2 1.5 1 IF = 10 mA 0.5 0 -55 -40 -20 0 20 Temp(C) 40 60 80 100 IF (mA) IF = 5 mA 0 0 5 10 15 20 25 30 35 40 45 50 55 IF = 30 mA IF = 20 mA 0.5 IF = 100 mA 2.5 IF = 60 mA 3
ICE Normalized
2
1.5 TA = 25C VCE = 10 V Normalized to IF = 20 mA
1
Fig. 5 Collector Current vs. Temperature
Fig. 6 Collector Current vs. Forward Current
1.1 1.05 1 0.95 T(off) Normalized 0.9 0.85 0.8 0.75 0.7 0.65 0.6 0.55 0.5 1 2 3 4 5 RL(k) 6 7 8 9 10 T(on) TA = 25C PW = 300 s PRR = 100 s VCC = 5 V Normalized to RL = 2k
4.5 4.25 4 3.75 3.5 3.25 3 2.75 2.5 2.25 2 1.75 1.5 1.25 1 0.75 0.5 0.25 0 1 2 3
T(off) Normalized
T(off)
TA = 25C PW = 300 s PRR = 100 s VCC = 5 V Normalized to RL = 2k
4
5 RL(k)
6
7
8
9
10
Fig. 7 Rise Time vs. Load Resistance
Fig. 8 Fall Time vs. Load Resistance
55 50 45 40 35 IF (mA) 30 25 20 15 10 5 0 0 0.2 0.4 0.6 0.8 VF(V) 1 1.2 1.4 1.6 1.8 TA = 25C TA = 70C TA = 30C
Fig. 9 Forward Voltage vs. Forward Current
(c) 2003 Fairchild Semiconductor Corporation
Page 4 of 5
5/30/03
PHOTOTRANSITOR OPTICAL INTERRUPTER SWITCH QVE00118
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
(c) 2003 Fairchild Semiconductor Corporation
Page 5 of 5
5/30/03


▲Up To Search▲   

 
Price & Availability of QVE00118

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X