Part Number Hot Search : 
74LVC11 SMCJ60 RT8259 E82CA SM110 HV9910 W25X10BV C5404
Product Description
Full Text Search
 

To Download PVI5013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
Data Sheet No. 1.1041
Series PVI5013R
PHOTOVOLTAIC ISOLATOR
Solid-State Opto-Isolated MOSFET Gate Driver Dual-Channel 5V, 1.0A
General Description
The PVI5013R Photovoltaic Isolator is a dualchannel, opto-isolated driver capable of directly driving gates of power MOSFETs or IGBTs. It utilizes a monolithic integrated circuit photovoltaic generator of novel construction as its output. The output is controlled by radiation from a GaAlAs light emitting diode (LED) which is optically isolated from the photovoltaic generator. The PVI5013R is ideally suited for applications requiring high-current and/or high voltage switching with optical isolation between the lowlevel driving circuitry and high-energy or highvoltage load circuits. It can be used for directly driving gates of power MOSFETs. The dualchannel configuration allows its outputs to drive independent discrete power MOSFETs, or be connected in parallel or in series to provide higher-current drive for power MOSFETs or higher-voltage drive for IGBTs. PVI5013R employs a fast turn-off circuitry. PVI5013R Photovoltaic Isolators are packaged in an 8-pin, molded DIP package with either thruhole or "gull-wing" terminals. It is available in standard plastic shipping tubes or on tape-andreel. Refer to Part Identification information.
PVI5013R Features
Monolithic construction s 3,750 VRMS I/O isolation s 1,200 VDC output-to-output isolation s Dual-Channel application flexibility s Solid-State reliability s UL and CSA certifications pending s
Part Identification
PVI5013R PVI5013RS PVI5013RS-T thru-hole SMT SMT, T&R
Applications
Telecommunications Load Distribution Industrial Controls Instrumentation and Measurement
s s s s
To Order
Previous Datasheet
Index
Next Data Sheet
PVI5013R
Electrical Specifications (-40C TA +85C unless otherwise specified) INPUT CHARACTERISTICS
Min. Input Current (See Fig.1) Input Current Range (See Fig. 1) Max. Continuous Input Current @ TA =+25C LED Forward Voltage Drop @ 5mA, TA=+25C (See Fig. 3) Max. Reverse Voltage Max. Reverse Current @ -7VDC , TA=+25C
Limits
5.0 3.0 to 25 40 1.4 7.0 10
Units
mA mA mA V V A
OUTPUT CHARACTERISTICS
Min. Forward Voltage Max. Reverse Current
Limits
8.0 10
Units
VDC ADC
COUPLED CHARACTERISTICS
Min. Output Voltage @ ILED = 5mA, RL = 10M @ TA=0C to +70C (See Fig. 1 & 2) Max. Output Voltage @ ILED = 5mA, RL = 10M @ TA=0C to +70C (See Fig. 1 & 2) Max. Voltage Differential Between Outputs @ ILED = 5mA, RL = 10M Typical Output Short-Circuit Current @ ILED = 5mA, @ T A=+25C (See Fig. 1 & 2) Max. Turn-On Time @ ILED = 5mA, CLOAD = 200pF (See Fig. 4) Max. Turn-Off Time @ ILED = 5mA, CLOAD = 200pF (See Fig. 4) Off-State Clamping Resistance: minimum maximum
Limits
3 8 1.0 1.0 5 0.25 100 3300
Units
V V V A ms ms
GENERAL CHARACTERISTICS
Min. Dielectric Strength, Input-Output Min. Dielectric Strength, Output-to-Output Min. Insulation Resistance, Input-to-Output @TA=+25C, 50%RH, 100VDC Max. Capacitance, Input-Output Max. Pin Soldering Temperature (10 seconds max.) Ambient Temperature Range: Operating Storage
Limits
3750 1200 1012 5.0 +260 -40 to +85 -40 to +125
Units
VRMS VDC pF C C C
Connection Diagram
1 8 (+)
2
7 (-)
3
6 (+)
4
5 (-)
To Order
Previous Datasheet
Index
Next Data Sheet
PVI5013R
9.0 Open Circuit Voltage
12
1.2 ILED=5mA
Output Short-Circuit Current (uA)
7.5 Rl=10MOhm
10
1.1
Output Voltage (VDC)
Normalized Output
1.0
6.0
8
4.5
3.0
Sh
or
t-C
irc
ui
tC
ur
re
nt
6
0.9 Output Voltage 0.8
4
0.7 Short-Circuit Current 0.6 0.5 -40
1.5
2
0 0 10 20 30
0 40
-20
0
20
40
60
80
100
Input Current (mA) Figure 1. Typical Output Characteristics
Ambient Temperature (deg. C) Figure 2. Typical Variation of Output
20
Response Time (microseconds)
CAUTION: provide current limiting so that 25 mA maximum steadystate control current rating is not exceeded
5000 ILED=5mA Ton
16
Input Current (mA)
limit
Min. device and +85 deg. C
C limit
1000
and -40 deg.
TYPICAL
12
500
8
4
Max. device
100 Toff 50 100
0
0
0.5
1.0
1.5
2.0
200
300
400
500
LED Forward Voltage Drop (Volts DC) Figure 3. Input Characteristics (Current Controlled)
Load Capacitance (pF) Figure 4. Typical Response Time
To Order
Previous Datasheet
Index
Next Data Sheet
PVI5013R
Mechanical Specifications
(Dimensions in millimeters (inches))
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982 2. CONTROLLING DIMENSION: INCH 4 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS. MOLD PROTRUSIONS SHALL NOT EXCEED 0.25 (.010).
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: (44) 0883 713215 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 3L1, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: 6172 37066 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: (39) 1145 10111 IR FAR EAST: K&H Bldg., 2F, 3-30-4 Nishi-Ikeburo 3-Chome, Toshima-Ki, Tokyo 171 Tel: (03)3983 0641 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 http://www/irf.com/ Data and specifications subject to change without notice. 6/96
To Order


▲Up To Search▲   

 
Price & Availability of PVI5013

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X