Part Number Hot Search : 
4744A 1N6299A 2SD780 MICONDUC 58010 B1517 C911805 C74HC40
Product Description
Full Text Search
 

To Download POWERPLUG24W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER PLUG 24W
AC/DC POWER SUPPLY
REV. 01
FEATURES
s s s s s s s s s s
PRIMARY SWITCHED WALL PLUG-IN power supply WIDE RANGE INPUT VOLTAGE 90/264Vac 24W SINGLE OUTPUT EMC COMPLIANCE ACCORDING TO EU DIRECTIVES SAFETY APPROVAL ACCORDING TO EN60950 / EN60065 CE MARKED OUTPUT VOLTAGE PRECISION: 5% OUTPUT RIPPLE VOLTAGE <0.15% OUTPUT SHORT CIRCUIT PROTECTION 2 WIRES DC CORD TERMINATED WITH 5.5 mm (ext. diam.) / 2.1 mm (int. diam.) JACK CONNECTOR AVAILABLE WITH EU, UK and USA PLUGS COMPLIANT with ETSI STAND BY POWER LOSSES REQUIREMENTS
EURO PLUG
s s
Plug Type EURO UK USA
Ordering Number GASC-2410STM/1 GASC-2410STM/2 GASC-2410STM/3
UK PLUG
February 2003
1/5
POWER PLUG 24W
DESCRIPTION The Power Plug is a high efficiency AC/DC switch mode constant voltage generator. Designed for a variety of residential user applications, this wall plug-in power supply performs up to 24W output power. The output voltage and current levels can be set up by design in accordance with customer requirements. Typical reference values for the off the shelf solution are 24V and 1A with the input Vac 230 Vrms. Coming into a compact housing, the power plug can be assembled with EU, UK and USA plugs identified by specific ordering numbers. Output DC power is ensured via a 2 wires cord with strain relief, terminated with a barrel connector. Typical weight is 100 grams only, without cable.
US PLUG
ELECTRICAL CHARACTERISTICS (Tamb=25)C, unless otherwise specified.)
Symbol Vi Io Parameter Input Voltage Output Current Output Current Output Voltage Output Ripple Output short circuit current Efficiency Power losses in no load condition Isolation voltage Operating Ambient Temperature Storage Temperature Range Test Condition Io = 0 to 1.05 A Tambient = 40C, Vac 90-132 Tambient = 40C, Vac 184-264 Io = 0 to 1.05 A Io = 1.05 A Hiccup Mode PO = 24W Vi = 230 VRMS Io = 0 mA Input to output 3000 0 -20 40 70 84 1.0 22.8 24 Min. 90 Typ. Max. 264 Unit VRMS
0.8 1.05
25.2 200 1.3 86
A A
V mVpp A % W
Io Vo
Vor Iosc n P stand
by
Vis Top Tstg
VRMS
C C
AGENCY APPROVALS The Power Plug is certified by competent agencies to comply with most popular safety and EMC requirements, including but not limited to: EN60950 ETS300-342-1 EN60065
2/5
POWER PLUG 24W
MECHANICAL DATA EURO plug version (dimensions in mm)
MECHANICAL DATA UK plug version (dimensions in mm)
3/5
POWER PLUG 24W
MECHANICAL DATA USA plug version (dimensions in mm)
4/5
POWER PLUG 24W
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (R) 2003 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of POWERPLUG24W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X