Part Number Hot Search : 
15KP280 LB8648T AD711CQ PM200 2N5446 00105 MBR2540 74404
Product Description
Full Text Search
 

To Download NMV4812D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NMV 24V & 48V SERIES
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
SELECTION GUIDE
Order Code
NMV2405DA NMV2409DA NMV2412DA NMV2415DA NMV2405SA NMV2409SA NMV2412SA NMV2415SA NMV4805DA NMV4809DA NMV4812DA NMV4815DA NMV4805SA NMV4809SA NMV4812SA NMV4815SA NMV2405D NMV2409D NMV2412D NMV2415D NMV2405S NMV2409S NMV2412S NMV2415S NMV4805D NMV4809D NMV4812D NMV4815D NMV4805S NMV4809S NMV4812S NMV4815S
FEATURES s 3kVDC Isolation (1 minute) s Single or Dual Output s Industry Standard Pinout s Power Sharing on Dual Output s Efficiency to 80% s Power Density up to 0.90W/cm3 s 24V & 48V Input s 5V, 9V, 12V and 15V Output s Footprint from 1.17cm 2 s UL 94V-0 Package Material s No Heatsink Required s Internal SMD Construction s Toroidal Magnetics s Fully Encapsulated s No External Components Required s Custom Solutions Available s No Electrolytic or Tantalum Capacitors DESCRIPTION
The NMV Series offers single or dual output versions in the same size package as the popular NMA series. The higher isolation is particularly useful in control type applications where the standard 1kV is not sufficient.
(V) 24 24 24 24 24 24 24 24 48 48 48 48 48 48 48 48 24 24 24 24 24 24 24 24 48 48 48 48 48 48 48 48
(V) 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15
(mA) 200 111 84 67 200 111 84 67 200 111 84 67 200 111 84 67 100 55 42 33 100 55 42 33 100 55 42 33 100 55 42 33
% 15 10 10 10 15 10 10 10 15 10 10 10 15 10 10 10 15 10 10 10 15 10 10 10 15 10 10 10 15 10 10 10
mV p-p 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150
(%) 70 80 80 80 70 80 80 80 70 70 70 70 70 70 70 70 80 70 70 70 80 70 70 70 70 70 70 70 70 70 70 70
(pF) 33 40 55 70 33 40 55 70 48 59 70 81 48 59 70 81 45 52 65 70 45 52 65 70 45 58 68 75 45 58 68 75
kHrs 201 185 163 136 201 185 163 136 213 194 169 140 213 194 169 140 194 166 134 101 194 166 134 101 205 175 137 102 205 175 137 102
DIP
SIP
DIP
SIP
DIP
SIP
DIP
SIP
When operated with additional external load capacitance the rise time of the input voltage will determine the maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the greater the maximum value of the additional external capacitance for reliable start up.
INPUT CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Voltage Range
Continuous operation, 24V input types Continuous operation, 48V input types
21.6 43.2
24 48
26.4 52.8
V
OUTPUT CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Rated Power2 Voltage Set Point Accuracy Line Regulation
TA= 0C to 70C See tolerance envelope High VIN to low VIN
1
W
1.2
%/%
ABSOLUTE MAXIMUM RATINGS
Short-circuit duration 3 Lead temperature 1.5mm from case for 10 seconds Input voltage V IN , NMV24 types Input voltage V IN , NMV48 types 1 second 300C 28V 54V
www.dc-dc.com
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load. 2 See derating curve 3 Supply voltage must be discontinued at the end of the short circuit duration. All specifications typical at TA=25C, nominal input voltage and rated output current unless otherwise specified.
NMV 24V & 48V SERIES
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
ISOLATION CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
PIN CONNECTIONS
3000 1 VDC G Single Output Variants 14 Pin DIP PIN 1 GND 7 NC 8 +V 10 0V 14 VIN 14 Pin DIP PIN 1 GND 7 NC 8 +V 9 0V 10 -V 14 VIN 7 Pin SIP PIN 1 VIN 2 GND 5 0V 7 +V 7 Pin SIP PIN 1 VIN 2 GND 5 -V 6 0V 7 +V
Isolation Test Voltage Resistance
For 1 minute Viso=1000VDC
GENERAL CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Switching Frequency
All input types
100
kHz
Dual Output Variants
TEMPERATURE CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Specification Storage Cooling
All output types Free air convection
0 -55
70 150
C C
PERFORMANCE CHARACTERISTICS
tolerance envelope +10%
+5% V nominal
2.0 +2.5% -2.5% -7.5% 1.0 0.5 0 1.5
temperature derating graph
Safe Operating Area
10
50 Output Load Current (%)
100
-50
0 50 70 100 125 150 Ambient Temperature (C)
MECHANICAL DIMENSIONS
14 Pin DIP
Weight: 2.11g
19.50
2.13
15.24
1.09
NMV2405D
9.80
1
6.80 7.62
7
0.30 0.20
XYYWW
4.60 3.60 0.55 0.45 2.54
14
1 9* 8 0
7 Pin SIP
Weight: 2.11g
19.50
1.880.50
6.00 10.0
NMV2415S
XYYWW
1 .25
0.30 0.20 15.24
7.70 for 48V variants 7.50 for 48V variants * Pin not fitted on single output variants
4.60 3.60
12
2.54
5 6*
7
0.55 0.45
All dimensions in mm XX.XX 0.25mm. All pins on a 2.54mm pitch and within 0.25mm of true position.
0.55 0.45
C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing process at any time, without notice. Please check with your supplier or visit our web site to ensure that you have the current and complete specification for your product before use. (c) C&D Technologies (NCL) Limited 2001 NDC NMV2.3 No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including, but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D Technologies (NCL) Limited. Instructions for use are available from www.dc-dc.com
C&D Technologies (NCL) Ltd Tanners Drive, Blakelands North Milton Keynes MK14 5BU, England Tel: +44 (0)1908 615232 Fax:+44 (0)1908 617545 email: info@cdtechno-ncl.com www: http://www.dc-dc.com
C&D Technologies (NCL), Inc. 5816 Creedmoor Road, Raleigh NC 27612, USA Tel: +1 (919) 571-9405 Fax: +1 (919) 571-9262 email: info@us.cdtechno-ncl.com


▲Up To Search▲   

 
Price & Availability of NMV4812D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X