Part Number Hot Search : 
55T10 XMG16 AOH3110 FN2899 TPS54332 2A103J PD0250 HCF4014B
Product Description
Full Text Search
 

To Download NJU6624C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJU6624C
PRELIMINARY
14-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER with SMOOTH SCROLL FUNCTION
gGENERAL DESCRIPTION The NJU6624C is a Dot Matrix LCD controller driver for 14-character 1line with icon display in single chip. It contains bleeder resistance, general output port, keyscan circuit, CR oscillator, microprocessor interface circuit, instruction decoder controller, character generator ROM/RAM, high voltage operation common and segment drivers, and others. The character generator ROM consisting of 7,840 bits stores 224 kinds of character Font. Each 1,120 bits CG RAM and Icon display RAM can store 32 kinds of special character displayed on the dot matrix display area or 70 kinds of Icon on the Icon display area. The 8-common (7 for character, 1 for icon) and 70-segment drivers operate 14-character 1-line with 70 Icon LCD display and LED driver drives 4 LED which can use like as indicator. The 16th display contrast control function is incorporated. Therefore, the contrast adjustment is operated easily by only simple power supply circuit on-chip. The complete CR oscillator requires no external components. The serial interface which operates by 1MHz, communicates with external MCU. gPACKAGE OUTLINE
NJU6624CFG1
gFEATURES n 14-character 1-line Dot Matrix LCD Controller Driver n Maximum 70 Icon Display n Serial Direct Interface with Microprocessor - 14 x 8 bits : Maximum 14-character 1-line Display n Display Data RAM - 7,840 bits : 224 Characters for 5 x 7 Dots n Character Generator ROM - 1,120 bits : 32 Patterns( 5 x 7 Dots ) n Character Generator RAM - Maximum 70 Icons n Icon Display RAM High Voltage LCD Driver : 8-common / 70-segment n Duty and Bias Ratio : 1/8 duty, 1/4 bias n : Clear Display, Address Home, Display ON/OFF Cont., Display Blink, n Useful Instruction Set Address Shift, Character Shift, Keyscan ON/OFF Cont. e.t.c. n 32Key Input (4x8 keyscan) General n General output port (4 ports) n Power On Initialization / Hardware Reset n Bleeder Resistance on-chip n Software contrast control(16 step) n Oscillation Circuit on-chip n Low Power Consumption n Operating Voltage --- 2.4 to 5.5 V --- QFP 100 n Package Outline n C-MOS Technology Mar.2000 Ver.1
NJU6624C
gPIN CONFIGURATION
V4 C OM MK VLCD 2 SEG70 SEG69 SEG68 SEG67 SEG66 SEG65 SEG64 SEG63 SEG62 SEG61 SEG60 SEG59 C OM 7 C OM 6 C OM 5 C OM 4 C OM 3 C OM 2 C OM 1 NC V1 V2
VLCD1 VDD OSC1 P0 P1 P2 P3 REQ DATA SCL CS RESET VSS K0 K1 K2 K3 SEG1/S0 SEG2/S1 SEG3/S2 SEG4/S3 SEG5/S4 SEG6/S5 SEG7/S6 SEG8/S7
1
SEG58 SEG57 SEG56 SEG55 SEG54 SEG53 SEG52 SEG51 SEG50 SEG49 SEG48 SEG47
NJU6624CFG1
SEG46 SEG45 SEG44 SEG43 SEG42 SEG41 SEG40 SEG39 SEG38 SEG37 SEG36 SEG35 SEG34
SEG9
SEG10 SEG11
SEG12
SEG13 SEG14
SEG15
SEG16 SEG17
SEG18 SEG19
SEG20
SEG21 SEG22
SEG23
SEG24 SEG25
SEG26 SEG27
SEG28
SEG29 SEG30
SEG31
SEG32
gBLOCK DIAGRAM
VLCD1 VLCD2 R B R B R B R B
SEG33
Key scan Circuit
K to K3 0
LED port VLCD V1 V2 (V3) V4 VSS Register
Output Buffer
P to P3 0
0C S1
CR OSC Circuit R egi ster(IR)
P w r O R se oe net
In stru ctio n D co r(ID e de )
Ad re s ds C u te on r
Timing
Gen.
R SE E T
Reset
Ins tr uc ti on
Dspla Data RAM i y 1 x8b 4 its
(DD RAM)
C omm o n Dri v er
8 bi t Shift R eg.
CM O1 to C M7 O /C OM MK
RQ E
Seri al to Parall el C o nv er tor
I/ O B u ff e r
SC L
R egi s ter( IR )
D ata
CS
DA AT
71bi t
Icon Display RAM (MK RAM)
12x5bits
Character Generator RAM (CG RAM)
5x7x32bits
Character Generator ROM (CG ROM) 7,840bits
Se gm ent D riv er
Latc h
S G1 E to S EG70
VSS
NJU6624C
gTERMINAL DESCRIPTION No. 2,13 1 100 99 98 97 3 11 10 9 12 SYMBOL VDD,VSS VLCD1 VLCD2 V1 V2 V4 OSC1 CS SCL DATA RESET I/O I FUNCTION Power Source:VDD=+5V,GND:VSS=0V LCD driving voltage input terminal LCD driving voltage stabilization capacitor terminals. Connect the capacitor between VLCD2 and VSS, V1 and VSS, V2 and VSS, V4 and VSS. typ. : 0.1uF System clock input terminal This terminal should be open for internal clock operation. Chip select signal input of serial I/F. Sift clock input of serial I/F. Serial Data Input of serial I/F. Reset Terminal. When the "L" level is input over than 1.2ms to this terminal, the system will be reset ( at fOSC 145KHz ). General output port LED driver drives LED as indicator on athers. Key request signal output terminal. Key scanning input terminals. LCD segment driving signal output / Key scanning output terminals. LCD segment driving signal output terminals Non connection terminal O O LCD common driving signal output terminals Icon common driving signal output terminals
I
I I I I I
4-7 8 14-17 18-25 26-87 88 89-95 96
P0-P3 REQ K0-K3 SEG1/S0
-
O O I O O
SEG8/S7 SEG9-SEG70 NC COM1-COM7 COMMK
NJU6624C
gFUNCTIONAL DESCRIPTION (1-1)Register The NJU6624C incorporates two 8-bit registers, an Instruction Register(IR) and a Data Register(DR). The Register (IR) stores instruction codes such as "Clear Display" and "Cursor Shift" or address data for Display Data RAM(DD RAM), Character Generator RAM(CG RAM) and Icon Display RAM (MK RAM). The Register(DR) is a temporary register, the data in the Register(DR) is written into the DD RAM, CG RAM or MK RAM. The data in the Register(DR) written by the MPU is transferred automatically to the DD RAM, CG RAM or MK RAM by internal operation. These two registers are selected by the selection signal RS as shown below.
(1-2)Address Counter (AC) The address counter(AC) addresses the DD RAM, CG RAM or MK RAM. When the address setting instruction is written into the Register(IR), the address information is transferred from Register(IR) to the Counter(AC). The selection of either the DD RAM, CG RAM or MK RAM is also determined by this instruction. After writing (or reading) the display data to (or from) the DD RAM, CG RAM or MK RAM, the Counter(AC) increments (or decrements) automatically.
(1-3)Display Data RAM (DD RAM) The display data RAM (DD RAM) consist of 14x 8 bits stores up to 14-character display data represented in 8-bit code. (2 out of the 14characters are used for scroll RAM.) The DD RAM address data set in the address counter(AC) is represented in Hexadecimal.
Higher AC A C4 A C3 AC2 AC1 Lower AC0
(Example) DD RAM address " 08 "
0 1 0 0 0
HEX.
0
8
The relation between DD RAM address and display position on the LCD is shown below.
1 00 2 01 3 02 4 03 5 04 6 05 7 06 8 07 9 08 10 09 11 0A 12 0B 13 0C 14 -Display Position 0D -DD RAM Address (Hex.)
When the display shift is performed,the DD RAM address changes as follows: ( Left Shift Display ) (00)<= 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 00
( Right Shift Display ) 0D 00 01 02 03 04 05 06 07 08 09 0A 0B 0C =>(0D)
(1-4)Character Generator ROM (CG ROM) The Character Generator ROM (CG ROM) generates 5 x 7 dots character pattern represented in 8-bit character code. The storage capacity is up to 224 kinds of 5 x 7 dots character pattern(available address is (20)H through (FF)H). (20)H (FF)H The correspondence between character code and standard character pattern of NJU6624C is shown in Table 2. User-defined character patterns (Custom Font) are also available by mask option.
NJU6624C
Table 2. CG ROM Character Pattern ( ROM version -02 )
NJU6624C
(1-5)Character Generator RAM ( CG RAM ) The character generator RAM ( CG RAM ) can store any kind of character pattern in 5 x 7 dots written by the user program to display user's original character pattern. The CG RAM can store 32 kind of character in 5 x 7 dots mode. To display user's original character pattern stored in the CG RAM, the address data (00)H-(1F)H should be written (00)H-(1F)H to the DD RAM as shown in Table 2. Table 3. shows the correspondence among the character pattern, CG RAM address and Data. Table 3. Correspondence of CG RAM address, DD RAM character code and CG RAM character pattern( 5 x 7 dots ) Character Code (DD RAM Data) 76543210
Upperbit Lower bit
CG RAM Address 76543210
Upperbit Lower bit
Character Pattern (CG RAM Data) 43210
Upper bit Lower bi t
00000000
00000
000 001 010 011 100 101 110 111 000 001 010 011 100 101 110 111 000 001
11110 10001 10001 11110 10100 10010 10001
Character Pattern Example(1) <= Cursor Position
*****
10001 01010 11111 00100 11111 00100 00100
00000001
00001
Character Pattern Example(2) <= Cursor Position
*****
. . . . . 00011111
. . . . . 11111
. . . . .
. . . . . *=Don't care
100 101 110 111 Notes : 1. Character code bit 0 to 4 correspond to the CG RAM address bit 3 to 7(5bits:32 patterns). 2. CG RAM address 0 to 2 designate character pattern line position. The 8th line is Don't care line. In case of input CG RAM data continuously, invalid address are Cursor position automatically. 3. Character pattern row position correspond to the CG RAM data bits 0 to 4 are shown above. 4. CG RAM character patterns are selected when character code of DD RAM bits 5 to 7 are all "0" and these are addressed by character code bits 0 and 1. 5. "1" for CG RAM data corresponds to display On and "0" to display Off.
NJU6624C
(1-6)Icon Display RAM (MK RAM) The NJU6624C can display maximum 70 Icons. The Icon Display can be controlled by writing the Data in MK RAM corresponds to the Icon. The relation between MK RAM address and Icon Display position is shown below: COM1 COM2 COM3 COM4 COM5 COM6 COM7 COMMK SEG 1 12345 6 7 8 9 10 70
66676 66676 86970
----
----
Table 4. Correspondence among Icon Position, MK RAM Address and Data
MK RAM Address (10H-1DH) 1 0000 1 0001 1 0010 1 0011 : 1 1101 1 0H 11 H 1 2H 1 3H : 1 DH 0 0 0 "66" Bits for Icon Display Position D7 0 0 0 0 D6 0 0 0 0 D5 0 0 0 0 D4 "1" "5" "11" "16" D3 "2" "7" "12" "17" D2 "3" "8" "13" "18" D1 "4" "9" "14" "19" D0 "5" "10" "15" "20"
:
"67" "68" "69" "70"
(1-7)Timing Generator The timing generator generates a timing signals for the DD RAM, CG RAM and MK RAM and other internal circuits. RAM read timing for the display and internal operation timing for MPU access are separately generated, so that they may not interfere with each other. Therefore, when the data write to the DD RAM for example, there will be no undesirable influence, such as flickering, in areas other than the display area.
(1-8)LCD Driver LCD Driver consists of 8-common driver and 70-segment driver. The character pattern data are latched to the addressed Segment-register respectively. This latched data controls display driver to output LCD driving waveform.
NJU6624C
(1-9)Keyscan circuit The Keyscan circuit consists of a detector block of key pressing and a fetching block of key status. It scans 4x8 key matrix and fetches conditions of 32 keys. Furthermore, it operates correctly against the key roll over input.
-Request signal output When the NJU6624C detect the key pressing by the key scan circuit, it outputs "H" signal as the request signal from the "REQ" terminal to notice the key pressing information to an application system.
-Contents of key register renewal Contents of key register are "0000 0000" in case of no key operation. Contents of key register are not changed in busy of key data reading operation. Key data is fetched into the key register after 2 clock of the end of a keyscan cycle and kept by the start of next cycle.
-Key data input terminal and segment terminal Keyscan signal output terminals operate as segment terminals (SEG1 to SEG8) also and keyscan signals are output in interval period of segment signals. Key data input terminals (K0 to K3) are pulled up to VDD in busy of keyscan operation (tKS). In this period, terminals of SEG9 to SEG70 output the voltage of V2 or VLCD2. VLCD2.
-Keyscan OFF mode Keyscan operation is turned ON or OFF by the instruction. In case of keyscan OFF, the detector of key pressing is not operating and key data input terminals (K0 to K3) are not pulled up during the period of keyscan (tKS). In the period of keyscan (tKS), all of segment terminals (SEG1 to SEG70) output the voltage of V2 or VLCD2. VLCD2. -Example Keyscan
S 0 S 1 S 2 S 3 S 4 S 5 S 6 S 7 S 0 S 1 S 2 S 3 S 4 S 5 S 6 S 7 S 0 S 1 S 2 S 3 S 4 S 5 S 6 S 7
REQ SEG1/S0 SEG2/S1 SEG3/S2 SEG4/S3 SEG5/S4 SEG6/S5 SEG7/S6 SEG8/S7 tKS
NJU6624C
-Key status fetching timing Key status is fetched at third quarter of "L" period (tKP) of scan signals (S0 to S7) as shown below; S0 S1 3/4tKP tKP tKP
VLCD2 VSS
3/4tKP Fetching timing
-Keyscan data format Scaned 8-bit data of key are read out through the srial I/F.
D15 D14 D13 D12 D11 D10
MS1 MS0
D9 1
D8 1
D7
D6
D5
D4
D3 0
D2
D1
D0
1
0
0
1
KL3 KL2 KL1 KL0
KH2 KH1 KH0
|
Keyscan output data S7 S6 S5 S4 S3 S2 S1 S0 KH2 1 1 1 1 0 0 0 0 KH1 1 1 0 0 1 1 0 0
K3 to K0
KH0 1 0 1 0 1 0 1 0
|
|
S7 to S0
|
When a key on the key matrix is pressed, the bit corresponding to terminals (K3 to K0, S7 to S0) connected the switch goes to "1" and another bits go to "0". In case of Example 1, when the switch connecting to K2 and S2 is pressed, bit(D6) corresponding to K2 and bit(D1) corresponding to S2 go to "1" but another bits go to "0". Example 1. One key is pressed
NJU6624
K3 K2 K1 K0 S7 S6 S5 S4 S3 S2 S1 S0
ON OFF
D15 D14 D13 D12 D11 D10
D9 1
D8 1
D7 0
D6 1
D5 0
D4 0
D3 0
D2 0
D1 1
D0 0
Read out data
MS1
MS0
1
0
0
1
|
K3 to K0
|
|
S7 to S0
|
NJU6624C
The key roll over input is the vertical line as shown below (Example 2) can be accepted with the keyscan circuit. But in case of Example 3, the key roll over input in the horizontal line can not be accepted. The key roll over input must be taken care for key data judgement. Example 2. The key roll over input (1)
NJU6624
K3 K2 K1 K0 S7 S6 S5 S4 S3 S2 S1 S0
ON OFF
D15 D14 D13 D12 D11 D10
D9 1
D8 1
D7 1
D6 1
D5 0
D4 0
D3 0
D2 0
D1 1
D0 0
Read out data
MS1
MS0
1
0
0
1
|
K3 to K0
|
|
S7 to S0
|
Example 3. The key roll over input (2)
NJU6624
K3 K2 K1 K0 S7 S6 S5 S4 S3 S2 S1 S0
ON OFF
Note : In case of can not read out correct.
NJU6624C
(2)Power on Initialization by internal circuits (2-1)Initialization By Internal Reset Circuits The NJU6624C is automatically initialized by internal power on initialization circuits when the power is turned on. In the internal power on initialization, following instructions are executed. During the Internal power on initialization, the busy flag (BF) is "1" and this status is kept 1.5ms (fosc=145kHz) after VDD VDD rises to 2.4V. Initialization flow is shown below: D=0 :Display Off M=0 :Icon Off B=0 :Cursor Blink Off I/D=1 S=0 :Increment by 1 :No Shift
Display ON/OFF control
Entry mode set
Set static port
P3-P0=0000 :All static port output signal is "L".
Contrast control
E.V.R. Value=0000 : VLCD Low
Set Display mode
K=1 DF=0 AC=00H
Keyscan ON Release the power down mode
Clear Display
End Note : If the condition of power supply rise time described in the Electrical Characteristics is not satisfied, the internal Power On Initialization Circuits will not operated and initialization will not performed. In this case the initialization by MPU software is required.
(2-2)Initialization By Hardware The NJU6624C incorporates RESET terminal to initialize the all system. When the "L" level input over 1.2ms to the RESET terminal, reset sequence is executed. In this time, busy signal output during 250us (fosc=145kHz) after RESET terminal goes to "H". During this 250us period, any other instruction must not be input to the NJU6624C. -Timing Chart External RESET Signal Over 1.2ms
250us Busy
NJU6624C
(4)Instructions The NJU6624C incorporates two registers, an Instruction Register (IR) and a Data Register(DR). These two registers store control information temporarily to allow interface between NJU6624C and MPU or peripheral ICs operating different cycles. Table 4. Table of Instructions
INSTRUCTION
D15 D14 D13 D12 D11 D10
CODE D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 0 0 1 1 1 0 1 1 0 0 0 0 1 1 1 1 0 1 0 0 1 0 0 1 0 0 0 0 1 * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * Test data * * * * * * * * * * * * * * * * * * * D * * * * I/D M * * * * S B
ARL
Execute Time 234.48uS 0uS 0uS 0uS 0uS 0uS 0uS 0uS 0uS 0uS 0uS 41.38uS 41.38uS 41.38uS 0uS
(a) Maker Testing (b) Clear Display (c) Return Home (d) Entry Mode Set (e) Display ON/OFF Control (f) Address Shift (g) Display Shift (h) Set Static Port (i) Contrast Control (j) Set Display Mode
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
1 1 1 0 0 1 0 0 0 0 1 1 1 1 1 0
1 1 0 1 1 0 1 1 1 1 0 0 1 1 1 0
1 0 0 0 0 0 0 0 1 1 0 0 0 0 0 1
DRL
P3 P2 P1 P0 E.V.R. Value * K PD
(k) Set DD/MK RAM Address (l) Set CG RAM Address Write DD RAM Data (m) Write MK RAM Data Write CG RAM Data (n) Read Keyscan Data
DD RAM(00 to 0D)H MK RAM(10 to 1D)H
CG RAM(00 to FE)H Write data(DD RAM) * * Write data(MK RAM) Write data(CGRAM) Key Data
Note : fOSC=145KHz. If the oscillation frequency is changed, the execution time is also changed. fOSC =145KHz.
NJU6624C
(4-1)Description of each instructions (a)Maker Testing
D15 D14 D13 D12 D11 D10 Code 1 0 0 1 1 1 D9 1 D8 1 D7 * D6 * D5 * D4 * D3 * D2 * D1 * D0 *
This code is using for device testing mode ( only for maker ). Therefore, please avoid all "0" input or no meaning Enable signal input at data "0". (Especially please check the output condition of Enable signal when the power turns on.)
(b)Clear Display
D15 D14 D13 D12 D11 D10 Code 1 0 0 1 1 0 D9 0 D8 1 D7 * D6 * D5 * D4 * D3 * D2 * D1 * D0 *
When this instruction is executed, the space code (20)H is written into every DD RAM address, the DD RAM (20)H address (00)H is set into the address counter and entry mode is set to increment.The S of entry mode does not (00)H change. Note: The character pattern for character code (20)H must be blank code in the user-defined character pattern (20)H (Custom font).
(c)Return Home
D15 D14 D13 D12 D11 D10 Code 1 0 0 1 0 0 D9 0 D8 1 D7 * D6 * D5 * D4 * D3 * D2 * D1 * D0 *
Return home instruction is executed, the DD RAM address (00)H is set into the address counter. Display is (00)H returned its original position if shifted. The DD RAM contents do not change.
(d)Entry Mode Set
D15 D14 D13 D12 D11 D10 Code 1 0 0 0 1 0 D9 0 D8 0 D7 * D6 * D5 * D4 * D3 * D2 * D1 I/D D0 S
Entry mode set instruction which sets the address moving direction and display shift On/Off, is executed when the codes of (I/D) and (S) are written into DB 1(I/D) and DB 0(S), as shown below. DB1 DB0 (I/D) sets the address increment or decrement, and the (S) sets the whole display shift in the DD RAM writing.
I/D 1
Function Address increment: The address of the DD RAM or MK RAM or CG RAM increment ( +1) when the write. Address decrement: The address of the DD RAM or MK RAM or CG RAM decrement:( -1) when the write.
0
S Whole display shift. 1
F u n c\ t i o n
The shift direction is determined by I/D.: shift to the left at I/D=1 and shift to the right at the I/D=0. The display does not shift when writing into CG, MK RAM.
0
The display does not shift.
NJU6624C
(e)Display ON/OFF Control
D15 D14 D13 D12 D11 D10 Code 1 0 0 0 1 0 D9 0 D8 1 D7 * D6 * D5 * D4 * D3 * D2 D D1 M D0 B
Display On/Off control instruction which controls the whole display On/Off and the addressed position character blink, is executed when the codes of (D) and (B) are written into DB 2(D) and DB 0(B), as shown below. DB2 DB0
D 1 0 Display On. Display Off.I n this mode, the display data remains in the DD RAM so that it is retrieved immediately on the display when the D change to 1. Function
M 1 0 Icon display ON. Icon display OFF.
Function
B 1 0
Function The addressed position character is blinking. Blinking rate is 500ms at fosc=145kHz. The cursor and the blink can be displayed simultaneously. The character does not blink.
Character Font 5 x 7 dots (1)Cursor display example
Alternating display (2)Blink display example
When the number of dot-shift is not set "0" in (j)Dot shift instruction, the blink operation will be appeared at the irregular position.
(f)Address Shift
D15 D14 D13 D12 D11 D10 Code 1 0 0 1 0 0 D9 1 D8 0 D7 * D6 * D5 * D4 * D3 * D2 * D1 * D0 ARL
The Address shift instruction shifts the Address to the right or left without writing or reading display data. ARL 0 1 Function Shifts the address position to the left ((AC) is decremented by 1) Shifts the address position to the right ((AC) is incremented by 1)
NJU6624C
(g)Display Shift
D15 D14 D13 D12 D11 D10 Code 1 0 0 0 1 0 D9 1 D8 0 D7 * D6 * D5 * D4 * D3 * D2 * D1 * D0 DRL
The Display shift instruction shifts the Display to the right or left without writing or reading display data. The contents of address counter(AC) does not change by operation of the display shift only. DRL 0 1 Function Shifts the whole display to the left and the cursor follows it. Shifts the whole display to the right and the cursor follows it.
(h)Set Static Port
D15 D14 D13 D12 D11 D10 Code 1 0 0 0 1 0 D9 1 D8 1 D7 * D6 * D5 * D4 * D3 P3 D2 P2 D1 P1 D0 P0
It sets Static Output Port signal which can drive LED directly like as indicator. Initial status is "L".
(i)Contrast Control
D15 D14 D13 D12 D11 D10 Code 1 0 0 0 1 1 D9 0 D8 0 D7 * D6 * D5 * D4 * D3 C3 D2 C2 D1 C1 D0 C0
Contrast Control instruction which adjusts the contrast of the LCD,is executed when the code "1" is written into DB6 DB 6 and the codes of C3 to C0 are written into DB 3 to DB 0 as shown below. C3 C0 DB3 DB0 The contrast of LCD can be adjusted one of 16 voltage-stages by setting this 4-bit register. See (5-1) "how to adjust the Contrast of LCD". Set the binary code "0000" when contrast adjustment is unused. VLCD = VLCD2 - VSS VLCD2 VSS
C3 0
C2 0 : :
C1 0
C0 0
VLCD low
1
1
1
1
high
NJU6624C
(j)Set Display Mode
D15 D14 D13 D12 D11 D10 Code 1 0 0 0 1 1 D9 1 D8 0 D7 * D6 * D5 * D4 * D3 * D2 * D1 K D0 PD
The Set Display Mode instruction control the function of key scan and power down mode. K 1 0 Key scan ON Key scan OFF In busy of keyscan (tKS), all of segment terminal (S0 to S7) output the voltage of V2.or VLCD2 Function Power down mode. All of common and segment terminal set the voltage level of VLCD2 Release the power down mode. Function
PD 1 0
In busy of Power down mode, do not input any instructions except for release the power down mode. The power down mode should be set before power off because any irregular display appearance at power off is prevented. The key scan operation when switching to the power down mode during key scan. When switching to the power down mode during key scan operation, it stops key scan operation in the period and after power down mode cancellation too. After power down mode cancellation, the REQ signal maintains "H" when detects key-in signal before switches to power down mode and REQ signal rises to"H". However, the key scan operation becomes invalid data even if it reads key-in data because it stoppd.The key data becomes to valid with the key scan by the next key scan of frame.
(k)Set DD/MK RAM Address
D15 D14 D13 D12 D11 D10 Code 1 0 0 1 0 0 D9 1 D8 1 D7 * D6 * D5 * D4 D3 D2 D1 D0
AD4 AD3 AD2 AD1 AD0
The address data (DB 4 to DB 0) is written into the address counter (AC) by this instruction. (DB4 DB0 After this instruction execution, the data writing is performed into the addressed DD/MK RAM. The RAM includes DD RAM and MK RAM, and these RAMs are shared by address as shown below. RAM address (00)H (0D)H (00)H - (0D)H (10)H (1D)H (10)H - (1D)H
DD RAM MK RAM (l)Set CG RAM Address
: :
D15 D14 D13 D12 D11 D10 Code 1 0 0 1 0 0
D9 0
D8 0
D7
D6
D5
D4
D3
D2
D1
D0
AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0
The CG RAM address set instruction is executed when the "H" level input to the AC terminal and the address is written into DB 7 to DB 0 as shown above. DB7 DB0 The address data (DB 7 to DB 0) is written into the address counter (AC) by this instruction. (DB7 DB0 After this instruction execution, the data writing is performed into the addressed RAM. The RAM includes CG RAM address as shown below. CG RAM : RAM address (00)H (FE)H (00)H - (FE)H
NJU6624C
(m)Write Data to CG, DD or MK RAM By the execution of this instruction, the binary 8-bit data (A 7 to A0) are written into the DD RAM, and the binary 5(A7 A0 bit data (A 4 to A0) are written into the CG or MK RAM. The selection of RAM is determined by the previous in(A4 A0 struction. After this instruction execution, the address increment (+1) or decrement(-1) is performed automatically according to the entry mode set. And the display shift is also executed according to the previous entry mode set. However, the data in MK RAM (1C)H and (1D)H are not displayed, bat the automatic address increment is performed. And the display is not changed by the data written into MK RAM (1C)H and (1D)H -Write Data to DD RAM
D15 D14 D13 D12 D11 D10 Code 1 0 0 1 1 0 D9 0 D8 0 D7 D6 D5 D4 D3 D2 D1 D0
DD7 DD6 DD5 DD4
DD3 DD2 DD1 DD0
-Write Data to MK RAM
D15 D14 D13 D12 D11 D10 Code 1 0 0 1 0 0 D9 0 D8 0 D7 * D6 * D5 * D4 D3 D2 D1 D0
DM4 DM3 DM2 DM1 DM0
-Write Data to CG RAM
D15 D14 D13 D12 D11 D10 Code 1 0 0 1 0 0 D9 0 D8 0 D7 * D6 * D5 * D4
DC4
D3
D2
D1
D0
DC3 DC2 DC1 DC0
(n)Read Data Key
D15 D14 D13 D12 D11 D10 Code 1 0 1 0 0 1 D9 1 D8 1 D7 D6 D5 D4 D3 0 D2 D1 D0 KL3 KL2 KL1 KL0 KH2 KH1 KH0
Read data key is a instruction for data reading out of keyscan. However, the bit 8 to 15 are input data. After this 8bit data were input, the operation change to output from input at the falling edge of 8th SCK clock.
NJU6624C
(4-2)Initialization by instruction If the power supply conditions for the correct operation of the internal reset circuits are not satisfied, the NJU6624C must be initialized by the instruction.
Power On
Initialized. No display appears.
Wait more than 1.5ms after V DD rises to 2.4V
D15
D14
MS0
D13 D12
D11 D10
D9 D8
D7
D6
D5 D4
D3
D2
D1 D0
Display OFF
MS1
0
0
1
0
0
1
*
*
*
*
*
0
0
0
Entry Mode Set
MS1
MS0
0
0
1
0
0
0
*
*
*
*
*
*
I/D
S
Set Static Port
MS1
MS0
0
0
1
0
1
1
*
*
*
*
P3 P2 P1 P0
Contrast Control
MS1
MS0
0
0
1
1
0
0
*
*
*
*
C3 C2 C1 C0
Set Display Mode
1
0
0
0
1
1
1
0
0
0
0
0
0
0
K
PD
Clear Display
1
0
0
1
1
0
0
1
0
0
0
0
0
0
0
0
Write data to the DD, CG or MK RAM and set the Instruction
Note : When the Icon display function using, the system should be initialized by software initialization.
NJU6624C
(5)LCD display (5-1)Bleeder Resistance Each LCD driving voltage ( V1, V2, V3, V4 ) is LCD driving high voltage input to the VLCD1 terminal, generated by V1 V2 V3 V4 the E.V.R. and high impedance bleeder resistance. The bleeder resistance is set 1/4 bias suitable for 1/8 duty ratio. The capacitor connected between VLCD2 and VSS is needed for stabilizing VLCD. The determination of the each VSS capacitance requires to operate with the LCD panel actually. LCD Driving Voltage vs Duty Ratio
Power supply V LCD Duty Ratio Bias 1/8 1/4 VLCD2- VSS
VLCD is the maximum amplitude for LCD driving voltage. Internal NJU6624 VLCD1 E.V.R.(16Step) 5K VLCD2 VLCD
+
4K V1
V1
+
4K V2 (V3)
V2
+
4K V4
VLCD
V4
+
4K VSS
VSS
(5-2)Relation between oscillation frequency and LCD frame frequency As the NJU6624C incorporate oscillation capacitor and resistor for CR oscillation, 145kHz oscillation is available without any external components. The LCD frame frequency example mentioned below is based on 145kHz oscillation.(1clock =6.90us)
224clocks Icon 1 2 3 ..............
7 Key
Icon
1
2
3
..............
7
Key
Icon
1
2
VLCD V1 V2 COM1 V4 VSS
1 frame 1 frame
1 frame = 6.90(us) x 224 x 8 = 12.36(ms) Frame frequency = 1 / 12.36(ms) = 79.50(Hz) Key scan time = 220.70(uS)
NJU6624C
(6)Interface with MPU The instructions and data are communicated with the serial port which is a clock synchronization type based on 16-bit per word. The NJU6624C can be controlled by the serial data as shown below.
CS
SCL
DATA
The serial interface circuit operates in CS=L. A communication unit consists of 16-bit data. The communication period is from the falling edge of CS terminal to the rising edge. The inputs data and latched at rising edge of shift clock (SCL) and the first 16-bit data are fetched into the NJU6624C at the rising edge of chip select (CS). The data over than 16 bits are ignored. If the input data are less than 16 bits,they are ignored at the rising edge of "CS". Therefore,just 16 bits data should be input for the correct communication. In case of RAM data input, the RAM address is changed automatically as increment or decrement. The data to input is MSB first. Although the output data is just only key scan, data bits D8 to D15 in the key data read out instruction are input. After these 8-bit instruction is input, this serial data input terminal is changed to the output terminal at the 8th falling edge of SCL clock. The electrical short between the NJU6624C and external circuit must be prevented in the application.
NJU6624C
gABSOLUTE MAXIMUM RATINGS
PARAMETER Supply Voltage(1) Supply Voltage(2) Input Voltage Operating Temperature Storage Temperature Power Dissipation
SYMBOL
(Ta=25oC)
RATINGS -0.3 to +7.0 VSS+10.5 to VSS+0.3 -0.3 to VDD+0.3 -40 to +85 -55 to +125 500 UNIT V V V
o o
NOTE
VDD VLCD1 V IN Topr Tstg PD
VLCD1 Terminal
C C
mW
Note 1 : If the LSI are used on condition above the absolute maximum ratings, the LSI may be destroyed. Using the LSI within electrical characteristics is strongly recommended for normal operation. Use beyond the electric characteristics conditions will cause mal function and poor reliability. Note 2 : Decoupling capacitor should be connected between VDD and VSS due to the stabilized operation for the VDD VSS Voltage converter. Note 3 : All voltage values are specified as VSS = 0V VSS The relation : VLCD1 VLCD2 > VDD> VSS , VSS=0V must be maintained. VLCD1 VLCD2 VDD> VSS VSS=0V
gELECTRICAL CHARACTERISTICS PARAMETER Input Voltage Input Voltage Output Voltage Driver On-resist.(COM) Driver On-resist.(SEG) Pull-up MOS Current 1 Pull-up MOS Current 2 Input Leakage Current
SYMBOL
(VDD=4.5V to 5.5V,Ta=-40 to +80oC) CONDITIONS MIN. 0.8VDD VSS 0.8VDD VSS TYP. 25 25 7 6.0 4.0 2.0 16.0 145 MAX. VDD 0.2VDD VLCD1 0.2VDD 0.5 40 40 50 50 1.0 500 10 6.2 4.2 2.2 20.8 218 10.0 1 UNIT V V V V V V K K uA uA uA uA uA V V V K KHz V mA 9
NOTE
VIH1 VIL1 VIH2 VIL2 VOH VOL RCOM RSEG -Ip1 -Ip2 ILI -IOH=2mA,VDD=5V IOL=2mA,VDD=5V +Id=1uA(COM Terminal) Vo=VLCD,VSS,V1,V4 +Id=1uA(SEG Terminal) Vo=VLCD,VSS,V2 VDD=5V VDD=5V VIN=0 to VDD
4 4 5 5 6 6 8 8 5 5 10 7 7
4.0 5 10 -1.0 5.8 3.8 1.8 11.2 72 VDD
Operating Current
VDD=5V fosc=145KHz IDD1 Ta=25oC, Display, keyscanON IDD2 V1 VDD=5V, Ta=25oC stand-by mode VLCD1-VSS=8V,Ta=25 oC E.V.R. value "1111" COM/SEG terminal VLCD1-VSS=8V,Ta=25 C E.V.R. value "1111" VDD=5V,Ta=25o C
o
Bleeder LCD Driving resistan- Voltage ce circuit Bleeder resistance Oscillation Frequency LCD Display Voltage VCD1 Current
V2 V4 RB fosc
VLCD1 VLCD1 Terminal,VSS=0V ILCD1 VLCD1-VSS=8V
NJU6624C
Note 4 : Apply to the OSC1, SCL, DATA, CS, RESET Terminals. Note 5 : "Pull-up MOS Current 1" : Apply to the DATA Terminals. "Pull-up MOS Current 2" and "Input Voltage 2" : Apply to the K0 to K3 Terminals. Note 6 : Apply to the P0 to P3, REQ, DATA Terminals. Note 7 : If the input level is medium, current consumption will increase due to the penetration current. Therefore, the input level must be fixed to "H" or "L". -Operating Current Measurement Circuit 5V NJU6624 VDD VSS
A
Note 8 : RCOM and RCOM are the resistance values between power supply terminals (V SS, VLCD2 or V1,V2,V4) and RCOM RCOM (VSS, V1,V2,V4 each common terminal (COM1 to COM7/COMMK) and supply voltage (V SS, VLCD2 or V1,V2,V4) and each (COM1 COM7 (VSS, V1,V2,V4 segment terminal (SEG1 to SEG70) respectively, and measured when the current Id is flown on every (SEG1 SEG70) Id common and segment terminals at a same time. Note 9 : Apply to the output voltage from each COM and SEG are less than + 0.15V against the LCD driving constant voltage (V DD, VLCD1) at no load condition. (VDD, VLCD1) Note 10: Apply to the SCL,CS,RESET Terminals.
NJU6624C
gBus timing characteristics -Serial Interface Sequence PARAMETER Serial clock cycle time Serial clock width Chip select pulse width Chip select set up time Chip select hold time 1 Serial input data set up time Serial input data hold time Key data output delay time Data port direction change time from input to output Data port direction change time from output to input Chip select hold time 2
tCSU CS P WCS
(VDD=4.5V (V DD=4.5V to 5.5V, VLCD1=VSS+8.0V, Ta=25oC) VLCD1=VSS+8.0V, SYMBOL tCYCE tSC PWCS tCSU tCH1 tSISU tSIH tKDD tSRWD tCRWD tCH2 MIN. 1 300 100 300 300 300 300 1 MAX. 300 300 fig.2 300 ns us fig.1
CONDITION
UNIT us ns us ns ns ns ns ns ns
tCYCE S CL tSISU
tSC
tSIH
tSC
tCH
DA TA
Input data sequence
tCH2 CS
8 SCL
9
10
15
16
tKDD
DATA
Input
Output
Output
Output
Output
Input
tSRWD
DATA I/O change timing
tCRWD
Input data sequence
NJU6624C
-The Input Condition when using the Hardware Reset Circuit
tRSL
RESET
VIL
PARAMETER Reset input "0" level width
SYMBOL
CONDITION
fOSC=145kHz
MIN 1.2
TYP -
MAX -
UNIT ms
tRSL
-Power Supply Condition when using the internal initialization circuit (Ta=25oC) PARAMETER Power supply rise time Power supply OFF time
SYMBOL
CONDITION
MIN 0.1 1
TYP -
MAX 5 -
UNIT ms ms
trDD tOFF
-
Since the internal initialization circuits will not operate normally unless the above conditions are met, in such a case initialize by instruction. (Refer to initialization by the instruction)
trDD tOFF 2.4V 0.2V 0.1ms < trDD < 5ms = = 0.2V tOFF > 1ms = 0.2V
VDD
-Keyscan timing PARAMETER Keyscan time Keyscan palse width
SYMBOL
(fOSC=145kHz) (fOSC=145kHz)
CONDITION
MIN -
TYP 221 27.6
MAX -
UNIT us us
trDD tOFF
-
S0
VLCD2/2
S1
VLCD2/2
tKP
S7
tKS
VLCD2/2
NJU6624C
gLCD DRIVING WAVE FORM COM1 COM2 COM3 COM4 COM5 COM6 COM7 COMMK SEG 12345
Mark
1
2
3
...........
7
Key Mark Scan
1
2
3
.........
7
Key Mark Scan
1
2
VLCD V1 COMMK V2 V4 VSS VLCD V1 V2 V4 VSS VLCD V1 V2 V4 VSS
. . . . . . .
COM1
COM2
COM8
VLCD V1 V2 V4 VSS VLCD V1 V2 V4 VSS VLCD V1 V2 V4 VSS
SEG1
SEG2
is Keyscan wave form
NJU6624C
APPLICATION CIRCUITS 14-character 1-line Display Example
MCU
REQ DATA SCL CS RESET
COMMK COM1
COM7
VDD VLCD1
+
+ + + +
VDD VLCD1 VLCD2 V1 V2 V4 VSS P3 P0
NJU6624C
SEG1
LCD Panel (14-character 1-line+Icon)
SEG70
K3 K2 K1 K0 S7 S6 S5 S4 S3 S2 S1
MEMO
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.


▲Up To Search▲   

 
Price & Availability of NJU6624C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X