Part Number Hot Search : 
1N6268 1CGKW LA2340 EMC1152 A472M 2SC34 R0207 DD304
Product Description
Full Text Search
 

To Download MV8314 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUPER BRIGHT T-1 3/4 (5 mm)
LED LAMP - Water Clear
PACKAGE DIMENSIONS
0.200 (5.08) 0.180 (4.57) 5
SUPER YELLOW MV8313 MV8314 MV8315 MV8316 MV8317
MV831X
0.350 (8.89) 0.330 (8.38)
0.040 (1.02)
FEATURES
* Popular T-1 3/4 package
1.00 (25.4) MIN
* Super high brightness suitable for outdoor applications * Solid state reliability
0.023 (0.58) 0.017 (0.43) SQ. (2X) 0.100 (2.54) NOM
* Water clear optics
0.050 (1.27) NOM
* Standard 100 mil. lead spacing
FLAT DENOTES CATHODE
O0.230 (5.84)
NOTES: 1. Dimensions for all drawings are in inches (mm). 2. Lead spacing is measured where the leads emerge from the package. 3. Protruded resin under the flange is 1.5 mm (0.059") max.
DESCRIPTION
This T-1 3/4 super bright LED has a narrow viewing angle of 12 for concentrated light output. The MV831X series is made with an AllnGaP LED that emits yellow light at 590 nm. It is encapsulated in a water clear epoxy lens package.
ABSOLUTE MAXIMUM RATINGS
Parameter Operating Temperature Storage Temperature Lead Soldering Time Continuous Forward Current Peak Forward Current (f = 1.0 KHz, Duty Factor = 1/10) Reverse Voltage Power Dissipation
(TA = 25C unless otherwise specified) Symbol TOPR TSTG TSOL IF IF VR PD Rating -40 to +100 -40 to +100 260 for 5 sec 30 160 5 85 Unit C C C mA mA V mW
1 of 3
11/10/99
300000A
SUPER BRIGHT T-1 3/4 (5 mm)
LED LAMP - Water Clear
SUPER YELLOW MV8313 MV8314 MV8315 MV8316 MV8317
ELECTRICAL / OPTICAL CHARACTERISTICS
Part Number Luminous Intensity (mcd) Minimum Typical Forward Voltage (V) Maximum Typical Peak Wavelength (nm) Spectral Line Half Width (nm) Viewing Angle () 2.8 2.1 590 15 12 2.8 2.1 590 15 12 2.8 2.1 590 15 12 2.8 2.1 590 15 12 2.8 2.1 590 15 12 IF = 20 mA IF = 20 mA IF = 20 mA 630 940 1000 1500 1600 2400 2500 3500 4500 5500 IF = 20 mA MV8313
MV831X
(TA =25C) MV8315 MV8316 MV8317 Condition IF = 20 mA
MV8314
TYPICAL PERFORMANCE CURVES
100 90 RELATIVE LUMNOUS INTENSITY (NORMALIZED AT 20 mA) 1.5 2.0 2.5 3.0 IF - FORWARD CURRENT (mA) 80 70 60 50 40 30 20 10 0 1.0 0.0 0 10 20 30 40 50 2.0 2.5
1.5
1.0
0.5
VF - FORWARD VOLTAGE (V)
IF - DC FORWARD CURRENT (mA)
Fig. 1 Forward Current vs. Forward Voltage
Fig. 2 Relative Luminous Intensity vs. DC Forward Current
2 of 3
11/10/99
300000A
SUPER BRIGHT T-1 3/4 (5 mm)
LED LAMP - Water Clear
SUPER YELLOW MV8313 MV8314 MV8315 MV8316 MV8317 MV831X
1.0 -20 RELATIVE INTENSITY -30 -40 -50 0.5 -60 -70 -80 -90 100 550 600 WAVELENGTH - nm 650 700 REL. LUMINOUS INTENSITY (%) 80 60 40 20 0 20 40 60 80 -10 0 10 20 30 40 50 60 70 80 90 100
0
Fig. 3 Relative Intensity vs Peak Wavelength
Fig. 4 Radiation Diagram
35 30 IF - FORWARD CURRENT (mA) 25 20 15 10 5 0 0 20 40 60 80 100
TA - AMBIENT TEMPERATURE (C)
Fig. 5 Current Derating Curve
3 of 3
11/10/99
300000A


▲Up To Search▲   

 
Price & Availability of MV8314

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X